Part Number Hot Search : 
TPS54 S9013 2SA16 3129X000 2SC2922 XM1001 KA2822D 77E532A
Product Description
Full Text Search
 

To Download HER103 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HER101 THRU HER108
HIGH EFFICIENCY RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 1.0 Ampere
DO-204AL
FEATURES
* The plastic package carries Underwriters Laboratory Flammability Classification 94V-0 * Low power loss, high efficiency * Low leakage * Low forward voltage * High current capability * High speed switching * High surge capability * High reliability
0.107(2.7) 0.080(2.0) DIA.
0.205(5.2) 0.160(4.1)
1.0(25.4) MIN.
1.0(25.4) MIN.
MECHANICAL DATA
Case : JEDEC DO-204AL molded plastic Terminals : Plated axial leads , solderable per MIL-STD-750, Method 2026 Polarity : Color band denotes cathode end Mounting Position : Any Weight : 0.012 ounes , 0.3 gram
0.034(0.86) 0.028(0.71) DIA.
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS HER101 HER102 HER103 HER104 HER105 HER106 HER107 HER108 UNITS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=50 C Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0 A Maximum Full Load Reverse Current Full Cycle average, 0.375" (9.5mm) lead length at TL=55 C Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Typical junction capacitance (NOTE 2) Operating junction and storage temperature range
o o o
VRRM VRMS VDC I(AV)
50 35 50
100 70 100
200 140 200
300 210 300
400 280 400
600 420 600
800 560 800
1000 700 1000
Volts Volts Volts Amps
1.0
IFSM VF IR(AV) 1.0
30 1.3 100 1.7
Amps Volts uA
TA=25 C
o
IR trr CJ TJ,TSTG 50 16
5.0 75 13 -65 to +150
uA nS pF
o
C
NOTES : (1) Reverse recovery test condition : IF 0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES HER101 THRU HER108
FIG.1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTICS 1.50 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES
50 NONINDUCTIVE 10 NONINDUCTIVE trr
FIG.2 - FORWARD CURRENT DERATING CURVE
1.25 1.00 0.75 0.50 0.25
0.375" (9.5mm) LEAD LENGTH
+0.5A (-)
PULSE GENERATOR ( NOTE 2 )
Single Phase Half Wave 60Hz Resistive or Inductive Load
(+) 25 Vdc ( approx ) (-)
D.U.T.
0 -0.25A
1 NONINDUCTIVE
OSCILLOSCOPE ( NOTE 1 )
(+) -1.0A
NOTES : 1. Rise Time = 7ns max. Input Impedance= 1 megohm. 22pF. 2. Rise Time = 10ns max. Source Impedance= 50 ohms.
SET TIME BASE FOR 10/20 ns/cm
0 0 25 50 75 100 125
o
150
175
AMBIENT TEMPERATURE, C FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES
03
FIG.4 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 50
8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
1~ HE R1
5
4~ HE R1 0
HE R1 0
HE R1 0
HE R1 0
6~
HE R1 0
8
40
1.00
30
20
0.10
10
0 1
PULSE WIDTH=300uS 1% DUTY CYCLE
10 NUMBER OF CYCLES AT 60Hz
100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS 100 INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES JUNCTION CAPACITANCE, pF
FIG.6 - TYPICAL JUNCTION CAPACITANCE
200 100 60 40
20 10 6 4 2 1 .1 .2 .4 1.0 2 4 10
TJ = 25 C
o
10
TJ = 150 C TJ = 100 C
o
o
1.0
TJ = 25 C
o
HER101~HER105 HER106~HER108
0.1
20
40
100
REVERSE VOLTAGE, VOLTS
0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of HER103

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X