Part Number Hot Search : 
82M20 3266X503 N5212 M68AW512 N5212 3N206 SC1602D TA115
Product Description
Full Text Search
 

To Download HDM12864F1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HDG12864F-1
Dimensional Drawing
33.24 (A/A)
38.8 (V/A)
6.5
w
w
a D . w
51.3 44.8
ta
he S
et
4U
.c
m Chip On Glass technology o
2.8 MAX
128 X 64 Dots Graphic
77.50.2 70.7 (V/A)
66.52 (A/A)
0.52 0.48
PITCH 0.5 1 20
Dimension tolerance: +/-0.3mm
Features Back light ............................................................................None Connection ..........................................................Flat Flex Cable Options.............STN/FSTN, Transflective or Reflective Polarizer Built-in Controller..................................Epson/S-MOS SED1565
Physical Data Module Size........................................77.5W x 51.3H x 2.8T mm Viewing Area Size.........................................70.7W x 38.8H mm Dot Pitch........................................................0.52W x 0.52H mm Dot Size.........................................................0.48W x 0.48H mm Weight..................................................................................23 g
Absolute Maximum Ratings
PARAMETER SUPPLY VOLTAGE INPUT VOLTAGE OPERATING TEMPERATURE STORAGE TEMPERATURE VDD -VSS VIN TOP
SYMBOL
w
SYM VIH VIL VOH VOL -
TSTG
w
.D w
MIN -0.3 0 5.5 VSS-0.3 -20 50 70 MIN VSS VSS 8.8 1/64 Duty TYP 0.7 8.2 0.8VDD 0.8VDD -
t a
V V
S a
e h
PIN NO. 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
t e
V5 V4 V3 V2 V1 VR
U 4
VDD V1 V5
L C M CAP2+ CAP2CAP1+ CAP1VOUT
.c
m o
5.0V +
50.0
Power Supply
1.0uF x 5
4.7uF x 3
Pin Connections
SYMBOL Output 0V +5V H/L LH L L H/L L L Voltage for contrast control Power supply Inverter capacitors Voltage regulator Intermediate voltages LEVEL FUNCTION
MAX
UNIT
VDD
C C
CAP2+ CAP2CAP1CAP1+ VOUT # VSS VDD SI SCL RD WR A0 RES CS1
0.52
0.48
Electrical Characteristics (VDD=5.00.25V 25C)
PARAMETER INPUT HIGH VOLTAGE INPUT LOW VOLTAGE OUTPUT HIGH VOLTAGE OUTPUT LOW VOLTAGE CONDITION MAX VDD VDD 1.1 9.6 UNIT V V mA V
0.2VDD V 0.2VDD V
Serial data input Shift clock
IOH=0.2mA IOL=1.2mA VDD=5V TA=25C
Read serial data Write serial data
POWER SUPPLY CURRENT IDD POWER SUPPLY FOR LCD VDD -VL DRIVE METHOD
H = Data, L = Command
#Has built-in inverter for negative power supply
Page 87
w
w
w
.D
Reset
Chip select
a
aS t
ee h
4U t
om .c


▲Up To Search▲   

 
Price & Availability of HDM12864F1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X