Part Number Hot Search : 
K176TM2 2SK3554 74LVC126 VICES EL7556BC KF284 D7528AC 0EP16
Product Description
Full Text Search
 

To Download H1084E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : Preliminary Data Issued Date : 1998.07.01 Revised Date : 1999.08.01 Page No. : 1/5
H1084E Series
5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Features
* Low Dropout Voltage 1.2V at 5A * Adjustable or Fixed Voltage. * Line Regulation Typically 0.015%. * Load Regulation Typically 0.05%. * Adjust Pin Current Less Than 90 uA. * Over Current Protection. * Thermal Protection.
Applications
* High Efficiency Linear Regulators * Post Regulators For Switching Supplies * 5V to 3.3V Voltage Converter * Battery Charger
General Description
The H1084E is a 5A low-dropout positive voltage regulator. It is available in fixed and adjustable output voltage versions. Over Current and thermal protection are integrated onto the chip. Output current will decrease while it reaches the pre-set current or temperature limit. The dropout voltage is specified at 1.2V Maximum at full rated output current. H1084E Series provides excellent regulation over variations due to changes in line, load and temperature. H1084E is three terminal regulator and available in popular packages.
Device Selection Guide
Device H1084E H1084-3.3E Output Voltage 1.3V to 4V 3.3 Package TO-220AB
Absolute Maximum Ratings
Parameter Input Voltage Power Dissipation Thermal Resistance Junction To Case TO-220 Thermal Resistance Junction To Ambient TO-220 Operating Junction Temperature Range Storage Temperature Range Lead Temperature (Soldering) 10 Sec Symbol VIN PD JC JA Tj TSTG TLEAD Maximum 7 Internally Limited 3 50 0 To 125 -65 To 150 260 Units V W C/W C/W C C C
Typical Application
H1084-3.3E
+
4.75V to 5.25V
DC
10uF TAN
10uF TAN
Load
GND
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Block Diagram
Input
Spec. No. : Preliminary Data Issued Date : 1998.07.01 Revised Date : 1999.08.01 Page No. : 2/5
Current Limiting Amplifier Thermal Protection Output
Error AMP
Bandcap Reference
ADJ/COM
Electrical Characteristics
H1084E (adj version)
Parameter Reference Voltage Adj Voltage Line Regulation Load Regulation Dropout Voltage VOUT, VREF=1% Current Limit Temperature Coeff. Adjust Pin Current Adjust Pin Current Change Temperature Stability Minimum Load Current RMS Output Noise Ripple Rejection Ratio Symbol VREF RegLINE RegLOAD VD IS TC Iadj Iadj TS IO VN RA Symbol VO RegLINE RegLOAD VD IS IQ TC TS VN RA Test Conditions VIN=5V, IO=10mA, Tj=25C VIN=5V, IO=10mA, Over Temp. VIN=2.75~7V, IO=10mA, Tj=25C VIN=2.75~7V, IO=10mA, Over Temp. VIN=5V, IO=10mA~5A,Tj=25C VIN=5V, IO=10mA~5A, Over Temp. VIN=2.75~7V, IO=10mA~5A VIN=2.75~7V, Over Temp. VIN=2.75~7V, IO=10mA~5A VIN=2.75~7V, IO=10mA~5A,Tj=25C VIN=2.75~7V, IO=10mA~5A, Over Temp. VIN=2.75~7V, IO=10mA~5A, Over Temp. VIN=5V, IO=500mA, Over Temp. VIN=5V Tj=25C VIN=5V, IO=5A, Over Temp. Test Conditions VIN=5V, IO=0A,Tj=25C VIN=5V, IO=0A, Over Temp. VIN=4.5~7V, IO=0A, Tj=25C VIN=4.5~7V, IO=0A, Over Temp. VIN=5V, IO=0A~5A,Tj=25C VIN=5V, IO=0A~5A, Over Temp. VIN=4.5~7V, IO=0A~5A, Tj=25C VIN=4.5~7V, IO=0A~5A, Over Temp. VIN=4.5~7V, Over Temp. VIN=5V, IO=0A~5A,Over Temp. VIN=4.5~7V, IO=0A~5A VIN=5V, IO=500mA, Over Temp. Tj=25C VIN=5V, IO=5A, Over Temp. Min 1.238 1.225 5 60 Typ 1.250 1.250 0.015 0.035 0.05 0.2 1 1 0.005 55 0.2 0.5 5 0.003 72 Max 1.262 1.275 0.2 0.2 0.3 0.4 1.2 90 5 10 Units V % % V A %/C uA % mA %VO dB
H1084-3.3E
Parameter Output Voltage Fixed Voltage Line Regulation Load Regulation Dropout Voltage VOUT, VREF=1% Current Limit Quiescent Current Fixed Model Temperature Coeff. Temperature Stability RMS Output Noise Ripple Rejection Ratio Min 3.267 3.234 5 Typ 3.3 3.3 0.015 0.035 0.05 0.2 1 1 7.5 12 0.005 0.5 0.003 72 Max 3.333 3.366 0.2 0.2 0.3 0.4 1.2 13 Units V % % V A mA %/C % %VO dB
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
Applications Description
* Output Voltage Adjustment
Like most regulators, the H1084E regulates the output by comparing the output voltage to an internally generated reference voltage. On the adjustable version, the VREF is available externally as 1.25V between VOUT and ADJ. The voltage ratio formed by R1 and R2 should be set to conduct 10mA (minimum output load). The output voltage is given by the following equation : VOUT =VREF (1+R2/R1) + IADJ R2 On fixed versions of H1084E, the voltage divider is provided internally.
In V IN ADJ
Spec. No. : Preliminary Data Issued Date : 1998.07.01 Revised Date : 1999.08.01 Page No. : 3/5
Out V OUT V REF I ADJ 10uA R1
R2
* Thermal Protection
H1084E has thermal protection which limits junction VOUT =VREF (1+R2/R1) + IADJ R2 temperature to 150C. However, device functionality is only guaranteed to a maximum junction temperature of +125C. The power dissipation and junction temperature for H1084E in TO-220AB package given by PD=(VIN - VOUT) IOUT, TJUNCTION=TAMBIENT+(PDxJA), Note : TJUNCTION must not exceed 125C
* Current Limit Protection
H1084E is protected against overload conditions. Current protection is triggered at typically 7.5A.
* Stability And Load Regulation
H1084E requires a capacitor from VOUT to GND to RP provide compensation feedback to the internal gain stage. Parasitic This is to ensure stability at the output terminal. Typically, a Line Resistance In Out 10uF tantalum or 50uF aluminum electrolytic is sufficient. Adj V IN Note : It is important that the ESR for this capacitor does R1 not exceed 0.5. Connect RL R1 to Case The output capacitor does not have a theoretical upper limit and increasing its value will increase stability. COUT = R2 100 uF or more is typical for high current regulator design. H1084E load regulation is limited by the resistance of the wire connecting it to the load(RP). For the adjustable Connect version, the best load regulation is accomplished when the R2 to Load top of the resistor divider(R1) is connected directly to the output pin of the H1084E. When so connected, RP is not multiplied by the divider ratio. For fixed output versions, the top of R1 is internally connected to the output and ground pin can be connected to low side of the load as a negative side sense if, so desired.
* Thermal Consideration
The H1084E series contain thermal limiting circuitry designed to protect itself for over-temperature conditions. Even for normal load conditions, maximum junction temperature ratings must not be exceeded. As mention in thermal protection section, we need to consider all sources of thermal resistance between junction and ambient. It contains junction-to-case, case-to-heat-sink interface and heat sink resistance itself. An additional heat sink is applied externally sometimes. It can increase the maximum power dissipation. For example, the equivalent junction temperature of 1A output current is 115C without external heat sink. Under the same junction temperature IC can operates 3A with an adequate heat sink. Therefore, to attach an extra heat sink is recommended. Junction-to-case thermal resistance is specified from the IC junction to the bottom of the case directly below the die. The bonding wires are appending paths. The former is the lowest resistance path. Proper mounting is required to ensure the best possible thermal flow this area of the package to the heat sink. Thermal compound at the case-to-heat-sink interface is strongly recommended. The case of all devices in this series is electrically connected to the output. Therefore, if the case of the device must be electrically isolated, a thermally conductive spacer can be used, as long its thermal resistance is considered.
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
* Protection Diode
Spec. No. : Preliminary Data Issued Date : 1998.07.01 Revised Date : 1999.08.01 Page No. : 4/5
(The figure is shown as Regulator with Reverse Diode Protection in advanced applications) In general operation, H1084E does not need any protection diodes. From the cross-section structure of H1084E, the output pin is connected to P+ substrate, and the input pin is connected to N- well. There is a parasitic reverse diode between them. It can handle microsecond surge currents of 50A to 100A. Even with large output capacitance, it is very difficult to get those values of surge currents in normal operation. Only with high value output capacitors, such as 1000uF. And with the input pin instantaneously shorted to ground. can damage occur. A crowbar circuit at the input of the H1084E can generate those kinds of currents, and a diode from output to input is recommended. Normal power supply cycling or even plugging and unplugging in the system will not generate currents large enough to do any damage.
* Advanced Applications
H 1084E
Vin=7V 1K 2K 10uF GND 10uF GND
10uF Vin
H 1084E
*20m ohm GND
Vo
Vo=1.5~3.45
H 1084E
*20m ohm GND
10uF
10uF
GND
GND
GND
Paralleling Regulators
Adjustable Output Voltage
*20m ohm is ballast resistance.. The inter - connection of #18 wire could act as ballast resistance.
H 1084E
V in 1K VO Vin
H 1084E
Vo
10uF
10uF
Zener Diode or Voltage Reference GND
10uF
10uF GND GND
100uF GND
GND
GND
*Vo = Vref ( 1+R2/R1 ) + Iadj x R2 **Optional for improved ripple rejection.
*Please refer to "protection diode section" for detailed description.
Regulator with Reference
Regulator with Reverse Diode Protection
HSMC Product Specification
HI-SINCERITY
MICROELECTRONICS CORP.
TO-220AB Dimension
Marking :
A D B E C
HSMC Logo Part Number Date Code
Spec. No. : Preliminary Data Issued Date : 1998.07.01 Revised Date : 1999.08.01 Page No. : 5/5
Product Series Rank
H I G 4 P M 3 2 1 N K
Style : Pin 1.ADJ/COM 2.Vout 3.Vin 4.Vout
O
3-Lead TO-220AB Plastic Package HSMC Package Code : E *:Typical
DIM A B C D E G H
Inches Min. Max. 0.2197 0.2949 0.3299 0.3504 0.1732 0.185 0.0453 0.0547 0.0138 0.0236 0.3803 0.4047 *0.6398
Millimeters Min. Max. 5.58 7.49 8.38 8.90 4.40 4.70 1.15 1.39 0.35 0.60 9.66 10.28 *16.25
DIM I K M N O P
Inches Min. Max. *0.1508 0.0295 0.0374 0.0449 0.0551 *0.1000 0.5000 0.5618 0.5701 0.6248
Millimeters Min. Max. *3.83 0.75 0.95 1.14 1.40 *2.54 12.70 14.27 14.48 15.87
Notes : 1.Dimension and tolerance based on our Spec. dated Sep. 07,1997.
2.Controlling dimension : millimeters. 3.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material. 4.If there is any question with packing specification or packing method, please contact your local HSMC sales office.
Material :
* Lead : 42 Alloy ; solder plating * Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0
Important Notice:
* All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of HSMC. * HSMC reserves the right to make changes to its products without notice. * HSMC semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems. * HSMC assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory :
* Head Office (Hi-Sincerity Microelectronics Corp.) : 10F.,No. 61, Sec. 2, Chung-Shan N. Rd. Taipei Taiwan R.O.C. Tel : 886-2-25212056 Fax : 886-2-25632712, 25368454 * Factory 1 : No. 38, Kuang Fu S. Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5983621~5 Fax : 886-3-5982931 * Factory 2 : No. 17-1, Ta-Tung Rd., Fu-Kou Hsin-Chu Industrial Park Hsin-Chu Taiwan. R.O.C Tel : 886-3-5977061 Fax : 886-3-5979220
HSMC Product Specification


▲Up To Search▲   

 
Price & Availability of H1084E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X