Part Number Hot Search : 
P4N60 3388209 DLR1414 DTR2G HCT373 MCM6729 TN2219A TBA4034
Product Description
Full Text Search
 

To Download FR104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR101 - FR107
FAST RECOVERY RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V- rate flame retardant 0 Lead: MIL-STD-202E, Method 208 guaranteed Mounting position: Any Weight: 0.33 gram
FEATURES
* * * * * * Fast switching Low leakage Low forward voltage drop High current capability High surge capability High reliability
DO-41
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%.
PARAMETER
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TA = 75 Peak Forward Surge Current 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Instantaneous Forward Voltage at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage TA = 25 Maximum Full Load Reverse Current Full Cycle Average, .375* (9.5mm) lead length at TL = 55 Typical Junction Capacitance ( Note 1 ) Maximum Reverse Recovery Time ( Note 2 ) Operating and Storage Temperature Range
NOTES : 1. Measured at 1 MHZ and applied reverse voltage of 4.0 volts 2.Test Conditions: IF = 0.5A, IR = 1.0A, IRR = 0.25A
SYMBOL FR101 FR102 FR103 FR104 FR105 FR106 FR107 UNITS
VRRM VRMS VDC IO IFSM VF IR 100 CJ Trr TJ,TSTG 150 150 150 15 150 250 -65 to +150 500 500 uAmps pF nSec 50 35 50 100 70 100 200 140 200 400 280 400 1.0 30 1.3 5.0 600 420 600 800 560 800 1000 700 1000 Volts Volts Volts Amps Amps Volts uAmps
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com
FR101 - FR107
RATING AND CHARACTERISTIC CURVES
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: wsccltd@hkstar.com


▲Up To Search▲   

 
Price & Availability of FR104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X