Part Number Hot Search : 
BCM20 MZO11FAD PB32D R6101030 1N4762 D221K R34XX 1N522
Product Description
Full Text Search
 

To Download FQA9N90CF109 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FQA9N90C 900V N-Channel MOSFET
September 2006
QFET
FQA9N90C
900V N-Channel MOSFET
Features
* * * * * * 9A, 900V, RDS(on) = 1.4 @VGS = 10 V Low gate charge ( typical 45 nC) Low Crss ( typical 14pF) Fast switching 100% avalanche tested Improved dv/dt capability
(R)
Description
These N-Channel enhancement mode power field effect transistors are produced using Fairchild's proprietary, planar stripe, DMOS technology. This advanced technology has been especially tailored to minimize on-state resistance, provide superior switching performance, and withstand high energy pulse in the avalanche and commutation mode. These devices are well suited for high efficient switched mode power supplies, active power factor correction, electronic lamp ballast based on half bridge topology.
D
G
TO-3P
G DS
FQA Series
S
Absolute Maximum Ratings
Symbol
VDSS ID IDM VGSS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current - Continuous (TC = 25C) - Continuous (TC = 100C) - Pulsed
(Note 1)
Parameter
FQA9N90C
900 9.0 5.7 36 30
(Note 2) (Note 1) (Note 1) (Note 3)
Units
V A A A V mJ A mJ V/ns W W/C C C
Gate-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25C) - Derate above 25C Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8 from case for 5 seconds
900 9.0 28 4.0 280 2.22 -55 to +150 300
Thermal Characteristics
Symbol
RJC RCS RJA
Parameter
Thermal Resistance, Junction-to-Case Thermal Resistance, Case-to-Sink Thermal Resistance, Junction-to-Ambient
Typ
-0.24 --
Max
0.45 -40
Units
C/W C/W C/W
(c)2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
FQA9N90C Rev. A1
FQA9N90C 900V N-Channel MOSFET
Package Marking and Ordering Information
Device Marking
FQA9N90C FQA9N90C
Device
FQA9N90C FQA9N90C_F109
Package
TO-3P TO-3PN
Reel Size
---
Tape Width
---
Quantity
30 30
Electrical Characteristics
Symbol
Off Characteristics BVDSS BVDSS/ TJ IDSS IGSSF IGSSR VGS(th) RDS(on) gFS Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd IS ISM VSD trr Qrr
NOTES:
TC = 25C unless otherwise noted
Parameter
Drain-Source Breakdown Voltage Breakdown Voltage Temperature Coefficient Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse Gate Threshold Voltage Static Drain-Source On-Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
Test Conditions
VGS = 0 V, ID = 250 A ID = 250 A, Referenced to 25C VDS = 900 V, VGS = 0 V VDS = 720 V, TC = 125C VGS = 30 V, VDS = 0 V VGS = -30 V, VDS = 0 V VDS = VGS, ID = 250 A VGS = 10 V, ID = 4.5 A VDS = 50 V, ID = 4.5 A VDS = 25 V, VGS = 0 V, f = 1.0 MHz
(Note 4)
Min
900 -----3.0 ------
Typ
-0.99 -----1.12 9.2 2100 175 14
Max Units
--10 100 100 -100 5.0 1.4 -2730 230 18 V V/C A A nA nA V S pF pF pF ns ns ns ns nC nC nC
On Characteristics
Dynamic Characteristics
Switching Characteristics VDD = 450 V, ID = 11.0A, RG = 25 ---(Note 4, 5)
50 120 100 75 45 13 18 ---550 6.5
110 250 210 160 58 ---
----
VDS = 720 V, ID = 11.0A, VGS = 10 V
(Note 4, 5)
--
Drain-Source Diode Characteristics and Maximum Ratings Maximum Continuous Drain-Source Diode Forward Current Maximum Pulsed Drain-Source Diode Forward Current Drain-Source Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge VGS = 0 V, IS =9.0 A VGS = 0 V, IS = 9.0 A, dIF / dt = 100 A/s
(Note 4)
------
9.0 36 1.4 ---
A A V ns C
1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L = 21mH, IAS =9.0A, VDD = 50V, RG = 25 , Starting TJ = 25C 3. ISD 9.0A, di/dt 200A/s, VDD BVDSS, Starting TJ = 25C 4. Pulse Test : Pulse width 300s, Duty cycle 2% 5. Essentially independent of operating temperature
FQA9N90C Rev. A1
2
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Typical Performance Characteristics
Figure 1. On-Region Characteristics
VGS 15.0 V 10.0 V 8.0 V 7.0 V 6.5 V 6.0 V Bottom : 5.5 V Top :
Figure 2. Transfer Characteristics
10
1
10
1
ID, Drain Current [A]
ID, Drain Current [A]
150 C
o
o
10
0
25 C
10
0
o
-55 C
10
-1
Notes : 1. 250s Pulse Test 2. TC = 25
Notes : 1. VDS = 50V 2. 250s Pulse Test
10
-1
10
0
10
1
10
-1
2
4
6
8
10
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 3. On-Resistance Variation vs. Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage Variation vs. Source Current and Temperatue
3.0
RDS(ON) [ ], Drain-Source On-Resistance
IDR, Reverse Drain Current [A]
2.5
10
1
VGS = 10V
2.0
VGS = 20V
10
0
1.5
150
25
Notes : 1. VGS = 0V 2. 250s Pulse Test
Note : TJ = 25
1.0
0
5
10
15
20
25
30
10
-1
0.2
0.4
0.6
0.8
1.0
1.2
1.4
ID, Drain Current [A]
VSD, Source-Drain voltage [V]
Figure 5. Capacitance Characteristics
3500 3000 2500
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
Figure 6. Gate Charge Characteristics
12
VDS = 180V
10
Ciss
VGS, Gate-Source Voltage [V]
VDS = 450V VDS = 720V
Capacitance [pF]
8
2000 1500 1000 500 0 -1 10
Coss
Notes : 1. VGS = 0 V 2. f = 1 MHz
6
4
Crss
2
Note : ID = 9A
10
0
10
1
0
0
10
20
30
40
50
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
FQA9N90C Rev. A1
3
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Typical Performance Characteristics (Continued)
Figure 7. Breakdown Voltage Variation vs. Temperature
1.2
Figure 8. On-Resistance Variation vs. Temperature
3.0
BVDSS, (Normalized) Drain-Source Breakdown Voltage
1.1
RDS(ON), (Normalized) Drain-Source On-Resistance
2.5
2.0
1.0
1.5
1.0
Notes : 1. VGS = 10 V 2. ID = 4.5 A
0.9
Notes : 1. VGS = 0 V 2. ID = 250 A
0.5
0.8 -100
-50
0
50
100
o
150
200
0.0 -100
-50
0
50
100
o
150
200
TJ, Junction Temperature [ C]
TJ, Junction Temperature [ C]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs. Case Temperature
10
10
2
Operation in This Area is Limited by R DS(on)
10 s 100 s 1 ms 10 ms DC
8
ID, Drain Current [A]
10
1
ID, Drain Current [A]
6
10
0
4
10
-1
Notes : o 1. TC = 25 C o 2. TJ = 150 C 3. Single Pulse
2
10
-2
10
0
10
1
10
2
10
3
0 25
50
75
100
125
150
VDS, Drain-Source Voltage [V]
TC, Case Temperature [ ]
Figure 11. Transient Thermal Response Curve
10
0
Z JC(t), Thermal Response
D = 0 .5
-1
10
0 .2 0 .1 0 .0 5 0 .0 2
N o te s : 1 . Z J C (t) = 0 .4 5 /W M a x . 2 . D u ty F a c to r, D = t 1 /t 2 3 . T J M - T C = P D M * Z J C (t)
PDM t1
s in g le p u ls e
t2
10
-2
0 .0 1
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
t 1 , S q u a re W a v e P u ls e D u ra tio n [s e c ]
FQA9N90C Rev. A1
4
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Gate Charge Test Circuit & Waveform
Resistive Switching Test Circuit & Waveforms
Unclamped Inductive Switching Test Circuit & Waveforms
FQA9N90C Rev. A1
5
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Peak Diode Recovery dv/dt Test Circuit & Waveforms
FQA9N90C Rev. A1
6
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Mechanical Dimensions
TO-3P
15.60 0.20 3.80 0.20 13.60 0.20 o3.20 0.10 9.60 0.20 4.80 0.20 1.50 -0.05
+0.15
12.76 0.20
19.90 0.20
16.50 0.30
3.00 0.20 1.00 0.20
3.50 0.20
2.00 0.20
13.90 0.20
23.40 0.20
18.70 0.20
1.40 0.20
5.45TYP [5.45 0.30]
5.45TYP [5.45 0.30]
0.60 -0.05
+0.15
Dimensions in Millimeters
FQA9N90C Rev. A1
7
www.fairchildsemi.com
FQA9N90C 900V N-Channel MOSFET
Mechanical Dimensions (Continued)
TO-3PN
Dimensions in Millimeters 8
www.fairchildsemi.com
FQA9N90C Rev. A1
FQA9N90C 900V N-Channel MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. OCXTM SILENT SWITCHER(R) UniFETTM FACT Quiet SeriesTM ACExTM OCXProTM UltraFET(R) GlobalOptoisolatorTM ActiveArrayTM SMART STARTTM OPTOLOGIC(R) GTOTM BottomlessTM SPMTM VCXTM HiSeCTM Build it NowTM StealthTM WireTM OPTOPLANARTM I2CTM CoolFETTM SuperFETTM PACMANTM CROSSVOLTTM SuperSOTTM-3 POPTM i-LoTM DOMETM SuperSOTTM-6 Power247TM ImpliedDisconnectTM EcoSPARKTM SuperSOTTM-8 PowerEdgeTM IntelliMAXTM E2CMOSTM SyncFETTM PowerSaverTM ISOPLANARTM TCMTM PowerTrench(R) LittleFETTM EnSignaTM TinyBoostTM MICROCOUPLERTM FACTTM QFET(R) TinyBuckTM MicroFETTM FAST(R) QSTM TinyPWMTM MicroPakTM QT OptoelectronicsTM FASTrTM TinyPowerTM MICROWIRETM Quiet SeriesTM FPSTM TinyLogic(R) MSXTM RapidConfigureTM FRFETTM MSXProTM RapidConnectTM TINYOPTOTM SerDesTM Across the board. Around the world.TM TruTranslationTM ScalarPumpTM The Power Franchise(R) UHCTM Programmable Active DroopTM
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT EXPAND THE TERMS OF FAIRCHILD'S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN, WHICH COVERS THESE PRODUCTS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information
Product Status Formative or In Design First Production
Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Rev. I20
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
9 FQA9N90C Rev. A1
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FQA9N90CF109

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X