Part Number Hot Search : 
DTA144WD BSS50A BF579 MNTXG P65N06 HE391B 796MJ XC6415
Product Description
Full Text Search
 

To Download FCQ10A03L Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SBD
T y p e : FCQ10A03L FCQ10A03L
OUTLINE DRAWING
FEATURES *Similar to TO-220AB Case *Fully Molded Isolation *Dual Diodes - Cathode Common *Extremely Low Forward Voltage Drop *Low Power Loss,High Efficiency *High Surge Capability *Tj=150 C operation *Wire-Bonded technology
Maximum Ratings
Rating
Repetitive Peak Reverse Voltage Repetitive Peak Surge Reverse Voltage Average Rectified Output Current RMS Forward Current Surge Forward Current Operating JunctionTemperature Range Storage Temperature Range Mounting torque
Approx Net Weight: 1.75g
Symbol
VRRM VRRSM IO IF(RMS) IFSM Tjw Tstg Ftor
FCQ10A03L
30 35(pulse width 1s duty 1/50) 50 Hz Full Sine Wave 10 Tc=116C Resistive Load 11.1 50Hz Full Sine Wave ,1cycle 120 Non-repetitive -40 to +150 -40 to +150 recommended torque = 0.5
Unit V V A A A
C C N*m
Electrical * Thermal Characteristics
Characteristics Peak Reverse Current Peak Forward Voltage Thermal Resistance Symbol IRM Conditions Min. Typ. Max. 5 0.47 3 1.5 Unit mA V C /W C /W Tj= 25C, VRM= VRRM per arm Tj= 25C, IFM= 5 A VFM per arm Rth(j-c) Junction to Case Rth(c-f) Cace to Fin
FCQ10A03L OUTLINE DRAWING (Dimentions in mm)
FORWARD CURRENT VS. VOLTAGE
FCQ10A03L (per Arm)
20
INSTANTANEOUS FORWARD CURRENT (A)
10
5
2 Tj=25C Tj=150C 1
0.5 0 0.2 0.4 0.6 0.8
INSTANTANEOUS FORWARD VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD POWER DISSIPATION
FCQ10A03L (Total)
RECT 180
6
AVERAGE FORWARD POWER DISSIPATION (W)
5
SINE WAVE
4
3
2
1
0 0 2 4 6 8 10 12
AVERAGE FORWARD CURRENT (A)
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
Tj= 150 C 500 FCQ10A03L (per Arm)
PEAK REVERSE CURRENT (mA)
200
100
50 0 5 10 15 20 25 30 35
PEAK REVERSE VOLTAGE (V)
AVERAGE REVERSE POWER DISSIPATION
FCQ10A03L (Total)
RECT 180
12
AVERAGE REVERSE POWER DISSIPATION (W)
10
8
SINE WAVE
6
4
2
0 0 5 10 15 20 25 30 35
REVERSE VOLTAGE (V)
0
180
CONDUCTION ANGLE
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
V RM =30 V FCQ10A03L (Total)
RECT 180.
12
AVERAGE FORWARD CURRENT (A)
10
SINE WAVE.
8
6
4
2
0 0 25 50 75 100 125 150
CASE TEMPERATURE (C)
SURGE CURRENT RATINGS
f=50Hz,Sine Wave,Non-Repetitive,No Load 140 FCQ10A03L
120
SURGE FORWARD CURRENT (A)
100
80
60
40
I FSM 0.02s
20
0 0.02
0.05
0.1
0.2
0.5
1
2
TIME (s)
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
Tj=2 5 C,V m = 20m V RM S ,f= 100 kHz ,Ty pica l V alue 2000 FCQ10A03L (per Arm)
JUNCTION CAPACITANCE (pF)
1000
500
200
100 0.5 1 2 5 10 20 50
REVERSE VOLTAGE (V)


▲Up To Search▲   

 
Price & Availability of FCQ10A03L

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X