Part Number Hot Search : 
L0240 S2186 SLD1332V EMIF0 AK436604 NTE1527 AA87221 MBT22
Product Description
Full Text Search
 

To Download EL7532 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL7532
Data Sheet August 12, 2005 FN7435.5
Monolithic 2A Step-Down Regulator
The EL7532 is a synchronous, integrated FET 2A step-down regulator with internal compensation. It operates with an input voltage range from 2.5V to 5.5V, which accommodates supplies of 3.3V, 5V, or a single Li-Ion battery source. The output can be externally set from 0.8V to VIN with a resistive divider. The EL7532 features PWM mode control. The operating frequency is typically 1.5MHz. Additional features include a 100ms Power-On-Reset output, <1A shut-down current, short-circuit protection, and over-temperature protection. The EL7532 is available in the 10-pin MSOP package, making the entire converter occupy less than 0.18 in2 of PCB area with components on one side only. The package is specified for operation over the full -40C to +85C temperature range.
Features
* 2A continuous current (from -40C to +85C) * Less than 0.18 in2 footprint for the complete 2A converter * Max height 1.1mm MSOP10 * 1.5MHz (typ.) switching frequency * 100ms Power-On-Reset output (POR) * Internally-compensated voltage mode controller * Up to 94% efficiency * <1A shut-down current * Overcurrent and over temperature protection * Pb-Free plus anneal available (RoHS compliant)
Applications
* PDA and pocket PC computers * Bar code readers
Ordering Information
PART NUMBER (BRAND) EL7532IY (BABAA) EL7532IY-T7 (BABAA) EL7532IY-T13 (BABAA) EL7532IYZ (BAARA) (Note) EL7532IYZ-T7 (BAARA) (Note) EL7532IYZ-T13 (BAARA) (Note) PACKAGE 10-Pin MSOP 10-Pin MSOP 10-Pin MSOP 10-Pin MSOP (Pb-free) 10-Pin MSOP (Pb-free) 10-Pin MSOP (Pb-free) TAPE & REEL 7" 13" 7" 13" PKG. DWG. # MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043
* ADSL Modems * Portable instruments * Li-Ion battery powered devices * ASIC/FPGA/DSP supplies * Set Top Boxes
Typical Application Schematic
VIN (2.5V-6V) C1 10F R3 100 C3 0.1F EN POR RSI VIN VDD VO LX L1 1.8H VO (1.8V@ 2A)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
EL7532
FB SGND PGND
C2 10F R2* 124k
R1* 100k
* VO = 0.8V * (1 + R2 / R1)
Pinout
1 SGND 2 PGND 3 LX 4 VIN 5 VDD FB 10 VO 9 POR 8 EN 7 RSI 6
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2004, 2005. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
EL7532
Absolute Maximum Ratings (TA = 25C)
VIN, VDD, POR to SGND . . . . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V LX to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to (VIN + +0.3V) RSI, EN, VO, FB to SGND . . . . . . . . . . . . . . . -0.3V to (VIN + +0.3V) PGND to SGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to +0.3V Peak Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4A ESD Classification Human Body Model (Per JESD22-A114-B) . . . . . . . . . . . . Class 2
Thermal Information
Thermal Resistance (Typical) JA (C/W) MSOP10 Package (Note 1) . . . . . . . . . . . . . . . . . . . 115 Operating Ambient Temperature . . . . . . . . . . . . . . . .-40C to +85C Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +125C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
NOTE: 1. JA is measured in free air with the component mounted on a high effective thermal conductivity test board with "direct attach" features. See Tech Brief TB379.
Electrical Specifications
PARAMETER DC CHARACTERISTICS VFB IFB VIN, VDD VIN,OFF VIN,ON IDD
VDD = VIN = VEN = 3.3V, C1 = C2 = 10F, L = 1.8H, VO = 1.8V, unless otherwise specified. CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
Feedback Input Voltage Feedback Input Current Input Voltage Minimum Voltage for Shutdown Maximum Voltage for Startup Supply Current VIN falling VIN rising PWM, VIN = VDD = 5V EN = 0, VIN = VDD = 5V
790
800
810 250
mV nA V V V A A m m A C C
2.5 2 2.2 400 0.1 52 35 3 T rising T falling VEN, VRSI = 0V and 3.3V VDD = 3.3V VDD = 3.3V VFB rising VFB falling ISINK = 5mA VIN = 2.5V to 6V, IOUT = 2A, VOUT = 1.8V VIN = 3.3V, VOUT = 1.8V, IOUT = 0 to 2A 86 35 0.1 0.5 0.8 -1 145 130
5.5 2.2 2.4 500 1 80 65
RDS(ON)-PMOS
PMOS FET Resistance
VDD = 5V, wafer test only VDD = 5V, wafer test only
RDS(ON)-NMOS NMOS FET Resistance ILMAX TOT,OFF TOT,ON IEN, IRSI VEN1, VRSI1 VEN2, VRSI2 VPOR Current Limit (GBD) Over-temperature Threshold (GBD) Over-temperature Hysteresis (GBD) EN, RSI Current EN, RSI Rising Threshold EN, RSI Falling Threshold Minimum VFB for POR, WRT Targeted VFB Value POR Voltage Drop Line Regulation (GBD) Load Regulation (GBD)
1 2.4
V V V
95
% %
VOLPOR VLINEREG VLOADREG
70
mV %/V %
AC CHARACTERISTICS FPWM tRSI tSS tPOR PWM Switching Frequency Minimum RSI Pulse Width (GBD) Soft-start Time (GBD) Power On Reset Delay Time (GBD) 80 Guaranteed by design 1.35 1.5 25 650 100 120 1.65 50 MHz ns s ms
GBD = Guaranteed By Design
2
FN7435.5 August 12, 2005
EL7532 Pin Descriptions
PIN NUMBER 1 2 3 4 5 6 7 8 9 10 PIN NAME SGND PGND LX VIN VDD RSI EN POR VO FB Negative supply for the controller stage Negative supply for the power stage Inductor drive pin; high current digital output with average voltage equal to the regulator output voltage Positive supply for the power stage Power supply for the controller stage Resets POR timer; Connect to ground if not used Enable; Can be connected directly to the VIN for enable Power on reset open drain output; Leave open if not used Output voltage sense pin Voltage feedback input; connected to an external resistor divider between VO and SGND for variable output PIN FUNCTION
Block Diagram
5 9
VDD VO 10pF + CURRENT LIMIT PWM COMPENSATION + PWM COMPARATOR CONTROL LOGIC
124K
VIN
4
10
FB
5M +
100K CLOCK 1.5MHz EN RAMP GENERATOR
P-DRIVER LX 1.8
3
7
1.8V 2A
EN SOFTSTART N-DRIVER UNDERVOLTAGE LOCKOUT TEMPERATURE SENSE
10F
10F
2.5V5V
+ -
BANDGAP REFERENCE
PGND POR
2
100K PG
1
SGND POR RSI
8
6
3
FN7435.5 August 12, 2005
EL7532 Typical Performance Curves
100 80 EFFICIENCY (%) 60 40 VO=1.8V 20 MAXIMUM EFFICIENCY, =95% 0 0 0.5 1 1.5 IOUT (A) 2 2.5 EFFICIENCY (%)
100 80 60 VO=1.8V 40 20 MAXIMUM EFFICIENCY, =95% 0 0 0.5 1 1.5 IOUT (A) 2 2.5 VO=2.5V VO=1.2V
VO=1.2V
VO=3.3V
FIGURE 1. EFFICIENCY vs IOUT @ VIN=5V
FIGURE 2. EFFICIENCY vs IOUT @ VIN=3.3V
100 80 60 VO=1.8V 40 20 MAXIMUM EFFICIENCY, =94% 0 0 0.5 1 1.5 IOUT (A) 2 2.5 VO=1.2V VO CHANGES (%) EFFICIENCY (%)
1 IO=2A 0.6 0.2 -0.2 -0.6 -1 2.5 VO=2.5V VO=3.3V VO=0.8V
3
3.5
4
4.5
5
5.5
6
VIN (V)
FIGURE 3. EFFICIENCY vs IOUT @ VIN=2.5V
FIGURE 4. LINE REGULATION
1 0.6 VO CHANGES (%) 0.2 -0.2 -0.6 -1 0 0.5 1 1.5 IOUT (A) 2 2.5 VO=0.8V VO=3.3V VO CHANGES (%)
1 0.6 0.2 -0.2 -0.6 -1 0 0.5 1 1.5 IOUT (A) 2 2.5
VO=0.8V VO=2.5V
FIGURE 5. LOAD REGULATION @ VIN=5V
FIGURE 6. LOAD REGULATION @ VIN=3.3V
4
FN7435.5 August 12, 2005
EL7532 Typical Performance Curves
1 VIN VO CHANGES (%) 0.5 VO=0.8V iL 0 VO=1.8V -0.5 VO 0 0.5 1 1.5 IOUT (A) 2 2.5 1s/d 10mV/d VLX 2V/d 0.5A/d 100mV/d
(Continued)
-1
FIGURE 7. LOAD REGULATION @ VIN=2.5V
FIGURE 8. LOAD REGULATION @ VIN=2.5V
VIN (1V/d)
VIN (2V/d)
IIN (0.5A/d)
VO (2V/d) POR (2V/d)
VO (1V/d)
0.5ms/d
50ms/d
FIGURE 9. START-UP 1
FIGURE 10. START-UP 2
VIN (2V/d) VO (2V/d)
VO
50mV/d
RSI (2V/d) POR (2V/d)
2A
IO
0.1A
50ms/d
0.5ms/d
FIGURE 11. POR FUNCTION
FIGURE 12. TRANSIENT RESPONSE
5
FN7435.5 August 12, 2005
EL7532 Typical Performance Curves
(Continued)
0.6 POWER DISSIPATION (W) 0.5 0.4
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 486mW
1 0.9 POWER DISSIPATION (W) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 870mW
M SO P8 /1 11 0 5 C/ W
M
0.3 0.2 0.1 0
JA =
P8 /1 20 0 6 C/ W
SO
JA =
0
25
50
75 85
100
125
0
25
50
75 85
100
125
AMBIENT TEMPERATURE (C)
AMBIENT TEMPERATURE (C)
FIGURE 13. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 14. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
6
FN7435.5 August 12, 2005
EL7532 Applications Information
Product Description
The EL7532 is a synchronous, integrated FET 2A step-down regulator which operates from an input of 2.5V to 6V. The output voltage is user-adjustable with a pair of external resistors. The internally-compensated controller makes it possible to use only two ceramic capacitors and one inductor to form a complete, very small footprint 2A DC-DC converter. Where RL is the DC resistance on the inductor and RDSON1 the PFET on-resistance, nominal 70m at room temperature with tempco of 0.2m/C. As the input voltage drops gradually close or even below the preset VO, the converter gets into 100% duty ratio. At this condition, the upper PFET needs some minimum turn-off time if it is turned off. This off-time is related to input/output conditions. This makes the duty ratio appear randomly and increases the output ripple somewhat until the 100% duty ratio is reached. A larger output capacitor could reduce the random-looking ripple. Users need to verify if this condition has an adverse effect on the overall circuit if close to 100% duty ratio is expected.
Start-Up and Shut-Down
When the EN pin is tied to VIN, and VIN reaches approximately 2.4V, the regulator begins to switch. The output voltage is gradually increased to ensure proper softstart operation. When the EN pin is connected to a logic low, the EL7532 is in the shut-down mode. All the control circuitry and both MOSFETs are off, and VOUT falls to zero. In this mode, the total input current is less than 1A. When the EN reaches logic HI, the regulator repeats the start-up procedure, including the soft-start function.
RSI/POR Function
When powering up, the open-collector Power-On-Reset output holds low for about 100ms after VO reaches the preset voltage. When the active-HI reset signal RSI is issued, POR goes to low immediately and holds for the same period of time after RSI comes back to LOW. The output voltage is unaffected. (Please refer to the timing diagram). When the function is not used, connect RSI to ground and leave open the pull-up resister R4 at POR pin. The POR output also serves as a 100ms delayed Power Good signal when the pull-up resister R4 is installed. The RSI pin needs to be directly (or indirectly through a resister R6) connected to Ground for this to function properly.
PWM Operation
In the PWM mode, the P channel MOSFET and N channel MOSFET always operate complementary. When the PMOSFET is on and the NMOSFET off, the inductor current increases linearly. The input energy is transferred to the output and also stored in the inductor. When the P channel MOSFET is off and the N channel MOSFET on, the inductor current decreases linearly, and energy is transferred from the inductor to the output. Hence, the average current through the inductor is the output current. Since the inductor and the output capacitor act as a low pass filter, the duty cycle ratio is approximately equal to VO divided by VIN. The output LC filter has a second order effect. To maintain the stability of the converter, the overall controller must be compensated. This is done with the fixed internally compensated error amplifier and the PWM compensator. Because the compensations are fixed, the values of input and output capacitors are 10F to 22F ceramic. The inductor is nominally 1.8H, though 1.5H to 2.2H can be used.
VO MIN 25ns 100ms POR 100ms
RSI
FIGURE 15. RSI & POR TIMING DIAGRAM
Output Voltage Selection
Users can set the output voltage of the converter with a resister divider, which can be chosen based on the following formula:
R 2 V O = 0.8 x 1 + ------ R 1
100% Duty Ratio Operation
EL7532 utilizes CMOS power FET's as the internal synchronous power switches. The upper switch is a PMOS and lower switch a NMOS. This not only saves a boot capacitor, it also allows 100% turn-on of the upper PFET switch, achieving VO close to VIN. The maximum achievable VO is,
V O = V IN - ( R L + R DSON1 ) x I O
Component Selection
Because of the fixed internal compensation, the component choice is relatively narrow. We recommend 10F to 22F multi-layer ceramic capacitors with X5R or X7R rating for both the input and output capacitors, and 1.5H to 2.2H inductance for the inductor.
7
FN7435.5 August 12, 2005
EL7532
At extreme conditions (VIN < 3V, IO > 0.7A, and junction temperature higher than 75C), input cap C1 is recommended to be 22F. Otherwise, if any of the above 3 conditions is not true, C1 can remain as low as 10F. The RMS current present at the input capacitor is decided by the following formula:
V O x ( V IN - V O ) I INRMS = ----------------------------------------------- x I O V IN
Layout Considerations
The layout is very important for the converter to function properly. The following PC layout guidelines should be followed: * Separate the Power Ground ( ) and Signal Ground ( ); connect them only at one point right at the pins * Place the input capacitor as close to VIN and PGND pins as possible * Make the following PC traces as small as possible: - from LX pin to L - from CO to PGND * If used, connect the trace from the FB pin to R1 and R2 as close as possible * Maximize the copper area around the PGND pin * Place several via holes under the chip to additional ground plane to improve heat dissipation The demo board is a good example of layout based on this outline. Please refer to the EL7532 Application Brief.
This is about half of the output current IO for all the VO. This input capacitor must be able to handle this current. The inductor peak-to-peak ripple current is given as:
( V IN - V O ) x V O I IL = ------------------------------------------L x V IN x f S
* L is the inductance * fS the switching frequency (nominally 1.5MHz) The inductor must be able to handle IO for the RMS load current, and to assure that the inductor is reliable, it must handle the 3A surge current that can occur during a current limit condition.
Current Limit and Short-Circuit Protection
The current limit is set at about 3A for the PMOS. When a short-circuit occurs in the load, the preset current limit restricts the amount of current available to the output, which causes the output voltage to drop below the preset voltage. In the meantime, the excessive current heats up the regulator until it reaches the thermal shut-down point.
Thermal Shut-Down
Once the junction reaches about 145C, the regulator shuts down. Both the P channel and the N channel MOSFETs turn off. The output voltage will drop to zero. With the output MOSFETs turned off, the regulator will soon cool down. Once the junction temperature drops to about 130C, the regulator will restart again in the same manner as the EN pin connects to logic HI.
Thermal Performance
The EL7532 is in a fused-lead MSOP10 package. Compared to the regular MSOP10 package, the fused-lead package provides lower thermal resistance. The typical JA of 115C/W (See Thermal Information section in spec table) can be improved by maximizing the copper area around the pins. A JA of 100C/W can be achieved on a 4-layer board and 125C/W on a 2-layer board. Refer to Intersil's Tech Brief, TB379, for more information on thermal resistance.
8
FN7435.5 August 12, 2005
EL7532 MSOP Package Outline Drawing
NOTE: The package drawing shown here may not be the latest version. To check the latest revision, please refer to the Intersil website at
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 9
FN7435.5 August 12, 2005


▲Up To Search▲   

 
Price & Availability of EL7532

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X