Part Number Hot Search : 
SA157 A106K01 SA157 SEMFXXC A2810 DTC114E 5F10Z4E 1EDK3
Product Description
Full Text Search
 

To Download EL5160IS-T7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
EL5160, EL5161, EL5260, EL5261, EL5360
Data Sheet September 8, 2005 FN7387.8
200MHz Low-Power Current Feedback Amplifiers
The EL5160, EL5161, EL5260, EL5261, and EL5360 are current feedback amplifiers with a bandwidth of 200MHz and operate from just 0.75mA supply current. This makes these amplifiers ideal for today's high speed video and monitor applications. With the ability to run from a single supply voltage from 5V to 10V, these amplifiers are ideal for handheld, portable, or battery-powered equipment. The EL5160 also incorporates an enable and disable function to reduce the supply current to 14A typical per amplifier. Allowing the CE pin to float or applying a low logic level will enable the amplifier. The EL5160 is available in the 6-pin SOT-23 and 8-pin SO packages, the EL5161 in 5-pin SOT-23 and SC-70 packages, the EL5260 in the 10-pin MSOP package, the EL5261 in 8-pin SO and MSOP packages, the EL5360 in 16-pin SO and QSOP packages. All operate over the industrial temperature range of -40C to +85C.
Features
* 200MHz -3dB bandwidth * 0.75mA supply current * 1700V/s slew rate * Single and dual supply operation, from 5V to 10V supply span * Fast enable/disable (EL5160, EL5260 & EL5360 only) * Available in SOT-23 packages * Pb-Free plus anneal available (RoHS compliant)
Applications
* Battery-powered equipment * Handheld, portable devices * Video amplifiers * Cable drivers * RGB amplifiers * Test equipment * Instrumentation * Current-to-voltage converters
Pinouts
EL5160 (8-PIN SO) TOP VIEW
NC 1 IN- 2 IN+ 3 VS- 4 + 8 CE 7 VS+ 6 OUT 5 NC OUT 1 VS- 2 IN+ 3 +-
EL5160 (6-PIN SOT-23) TOP VIEW
6 VS+ 5 CE 4 IN-
EL5161 (5-PIN SOT-23, SC-70) TOP VIEW
OUT 1 VS- 2 IN+ 3 +4 IN5 VS+
EL5260 (10-PIN MSOP) TOP VIEW
OUT 1 IN- 2 IN+ 3 VS- 4 CE 5 + + 10 VS+ 9 OUT 8 IN7 IN+ 6 CE
EL5261 (8-PIN SO, MSOP) TOP VIEW
OUTA 1 INA- 2 INA+ 3 VS- 4 + + 8 VS+ 7 OUTB 6 INB5 INB+
EL5360 (16-PIN SO, QSOP) TOP VIEW
INA+ 1 CEA 2 VS- 3 CEB 4 INB+ 5 NC 6 CEC 7 INC+ 8 + + + 16 INA15 OUTA 14 VS+ 13 OUTB 12 INB11 NC 10 OUTC 9 INC-
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2004, 2005. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
EL5160, EL5161, EL5260, EL5261, EL5360 Ordering Information
PART NUMBER EL5160IS EL5160IS-T7 EL5160IS-T13 EL5160ISZ (See Note) EL5160ISZ-T7 (See Note) EL5160ISZ-T13 (See Note) EL5160IW-T7 EL5160IW-T7A EL5160IWZ-T7 (See Note) EL5160IWZ-T7A (See Note) EL5161IW-T7 EL5161IW-T7A EL5161IWZ-T7 (See Note) EL5161IWZ-T7A (See Note) EL5161IC-T7 EL5161IC-T7A EL5260IY EL5260IY-T7 EL5260IY-T13 EL5260IYZ (See Note) EL5260IYZ-T7 (See Note) EL5260IYZ-T13 (See Note) EL5261IY EL5261IY-T7 EL5261IY-T13 EL5261IS EL5261IS-T7 EL5261IS-T13 EL5261ISZ (See Note) EL5261ISZ-T7 (See Note) EL5261ISZ-T13 (See Note) PACKAGE 8-Pin SO (0.150") 8-Pin SO (0.150") 8-Pin SO (0.150") 8-Pin SO (0.150") (Pb-Free) 8-Pin SO (0.150") (Pb-Free) 8-Pin SO (0.150") (Pb-Free) 6-Pin SOT-23 6-Pin SOT-23 6-Pin SOT-23 (Pb-Free) 6-Pin SOT-23 (Pb-Free) 5-Pin SOT-23 5-Pin SOT-23 5-Pin SOT-23 (Pb-Free) 5-Pin SOT-23 (Pb-Free) 5-Pin SC-70 5-Pin SC-70 10-Pin MSOP 10-Pin MSOP 10-Pin MSOP 10-Pin MSOP (Pb-free) 10-Pin MSOP (Pb-free) 10-Pin MSOP (Pb-free) 8-Pin MSOP 8-Pin MSOP 8-Pin MSOP 8-Pin SO (0.150") 8-Pin SO (0.150") 8-Pin SO (0.150") 8-Pin SO (0.150") (Pb-free) 8-Pin SO (0.150") (Pb-free) 8-Pin SO (0.150") (Pb-free) TAPE & REEL 7" 13" 7" 13" 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" (3K pcs) 7" (250 pcs) 7" 13" 7" 13" 7" 13" 7" 13" 7" 13" PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 MDP0038 P5.049 P5.049 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0043 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027
Ordering Information (Continued)
PART NUMBER EL5360IS EL5360IS-T7 EL5360IS-T13 EL5360ISZ (See Note) EL5360ISZ-T7 (See Note) EL5360ISZ-T13 (See Note) EL5360IU EL5360IU-T7 EL5360IU-T13 EL5360IUZ (See Note) EL5360IUZ-T7 (See Note) EL5360IUZ-T13 (See Note) PACKAGE 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") 16-Pin SO (0.150") (Pb-Free) 16-Pin SO (0.150") (Pb-Free) 16-Pin SO (0.150") (Pb-Free) 16-Pin QSOP 16-Pin QSOP 16-Pin QSOP 16-Pin QSOP (Pb-Free) 16-Pin QSOP (Pb-Free) 16-Pin QSOP (Pb-Free) TAPE & REEL 7" 13" 7" 13" 7" 13" 7" 13" PKG. DWG. # MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0027 MDP0040 MDP0040 MDP0040 MDP0040 MDP0040 MDP0040
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360
3
Absolute Maximum Ratings (TA = 25C)
Supply Voltage between VS+ and VS- . . . . . . . . . . . . . . . . . . . 13.2V Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA Slew Rate of VS+ to VS- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1V/s Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . VS- - 0.5V to VS+ + 0.5V Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125C Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65C to +150C Ambient Operating Temperature . . . . . . . . . . . . . . . .-40C to +85C
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
PARAMETER AC PERFORMANCE BW -3dB Bandwidth
VS+ = +5V, VS- = -5V, RF = 750 for AV = 1, RL = 150, VCE, H = VS+, VCE, L = (VS+) -3V, TA = 25C, Unless Otherwise Specified. CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
AV = +1, RL = 500 AV = +2, RL = 150
200 125 10 900 800 1700 1300 1360 2500 2500
MHz MHz MHz V/s V/s V/s ns nV/Hz pA/Hz pA/Hz dBc dBc %
BW1 SR
0.1dB Bandwidth Slew Rate
RL = 100 VO = -2.5V to +2.5V, AV = +2, RF = RG = 1k, RL = 100 EL5260, EL5261
SR tS eN iNiN+ HD2 HD3 dG dP
500 Load 0.1% Settling Time Input Voltage Noise IN- Input Current Noise IN+ Input Current Noise 5MHz, 2.5VP-P, RL = 150, AV = +2 5MHz, 2.5VP-P, RL = 150, AV = +2 Differential Gain Error (Note 1) Differential Phase Error (Note 1) AV = +2 AV = +2 VOUT = -2.5V to +2.5V, AV = +2
35 4 7 8 -74 -50 0.1 0.1
DC PERFORMANCE VOS TCVOS ROL Offset Voltage Input Offset Voltage Temperature Coefficient Transimpedance Measured from TMIN to TMAX 2.5VOUT into 150 800 -5 1.6 6 2000 +5 mV V/C k
INPUT CHARACTERISTICS CMIR CMRR -ICMR +IIN -IIN RIN CIN Common Mode Input Range Common Mode Rejection Ratio - Input Current Common Mode Rejection + Input Current - Input Current Input Resistance Input Capacitance Guaranteed by CMRR test VIN = 3V 3 50 -1 -4 -5 1.5 4 1 3.3 62 75 +1 +4 +5 15 V dB A/V A A M pF
3
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360
Electrical Specifications
PARAMETER VS+ = +5V, VS- = -5V, RF = 750 for AV = 1, RL = 150, VCE, H = VS+, VCE, L = (VS+) -3V, TA = 25C, Unless Otherwise Specified. (Continued) CONDITIONS MIN TYP MAX UNIT
DESCRIPTION
OUTPUT CHARACTERISTICS VO Output Voltage Swing RL = 150 to GND RL = 1k to GND IOUT SUPPLY ISON Supply Current - Enabled, per Amplifier No load, VIN = 0V (EL5160, EL5161, EL5260, EL5261) No load, VIN = 0V (EL5360) ISOFF+ ISOFFPSRR -IPSR Supply Current - Disabled, per Amplifier Supply Current - Disabled, per Amplifier Power Supply Rejection Ratio - Input Current Power Supply Rejection No load, VIN = 0V DC, VS = 4.75V to 5.25V DC, VS = 4.75V to 5.25V 0.6 0.6 0 -25 65 -0.5 0.75 0.8 10 -14 74 0.1 0.5 0.85 0.92 25 0 mA mA A A dB A/V Output Current RL = 10 to GND 3.1 3.8 40 3.4 4.0 70 3.8 4.2 140 V V mA
ENABLE (EL5160, EL5260, EL5360 ONLY) tEN tDIS ICE, H ICE, L NOTE: 1. Standard NTSC test, AC signal amplitude = 286mVP-P, f = 3.58MHz Enable Time Disable Time CE Pin Input High Current CE Pin Input Low Current CE = VS+ CE = (VS+) - 5V 1 -1 600 800 5 0 25 1 ns ns A A
Typical Performance Curves
3 4
NORMALIZED GAIN (dB)
-1
NORMALIZED GAIN (dB) 10M FREQUENCY (Hz) 100M 1G
1
2
0
-3 V =+5V CC VEE=-5V RL=150 -5 A =2 V RF=806 RG=806 -7 100K 1M
-2 VCC=+5V VEE=-5V -4 AV=1 RL=500 RF=2800 -6 100K 1M
10M FREQUENCY (Hz)
100M
1G
FIGURE 1. FREQUENCY RESPONSE
FIGURE 2. FREQUENCY RESPONSE
4
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 Typical Performance Curves
5 RL=500 RF=2.7k6 3 AV=1 5V 1 4V -1 3V 2.5V -3 6V
(Continued)
4
NORMALIZED GAIN (dB)
NORMALIZED GAIN (dB)
AV= 2 RL=150 2 RF=RG=762 5V 0 4V -2 3V 6V -4 2.5V
-5 100K
1M
10M FREQUENCY (Hz)
100M
1G
-6 100K
1M
10M FREQUENCY (Hz)
100M
1G
FIGURE 3. FREQUENCY RESPONSE FOR VARIOUS VCC, VEE
4
FIGURE 4. FREQUENCY RESPONSE FOR VARIOUS VCC, VEE
100M 10M 1M 100K
NORMALIZED GAIN (dB)
2
VCC=+5V VEE=-5V AV=10 RL=500 RF=560
0
-2 10K -4 1K 100 1K
-6 100K
1M
10M FREQUENCY (Hz)
100M
1G
10K
100K
1M
10M
100M
1G
FREQUENCY (Hz)
FIGURE 5. FREQUENCY RESPONSE
FIGURE 6. ROL
INPUT 1V/DIV
OUTPUT 500mV/DIV VCC=+5V VEE=-5V AV=2 RL=150 RF=RG=422 4ns/DIV
INPUT 1V/DIV
OUTPUT 500mV/DIV
VCC=+5V VEE=-5V AV=2 RL=150 RF=RG=422 4ns/DIV
FIGURE 7. RISE TIME
FIGURE 8. FALL TIME
5
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 Typical Performance Curves
VCC=+5V VEE=-5V 5V/DIV
(Continued)
CE
5V/DIV
CE
200mV/DIV VOUT 200mV/DIV VCC=+5V VEE=-5V 400ns/DIV 400ns/DIV VOUT
FIGURE 9. DISABLE DELAY TIME
0 1K OUTPUT IMPEDANCE ()
FIGURE 10. ENABLE DELAY TIME
VCC=+5V VEE=-5V
VCC=+5V VEE=-5V
-20 PSRR (dB) VCC
100
-40
10
-60
VEE
1
-80
100m
-100 1K
10K
100K
1M
10M
100M
1G
10m 10K
100K
1M FREQUENCY (Hz)
10M
100M
FREQUENCY (Hz)
FIGURE 11. PSSR
4
FIGURE 12. CLOSED LOOP OUTPUT IMPEDANCE
4
NORMALIZED GAIN (dB)
0 AV=-2 -2 AV=-5 AV=+2
NORMALIZED GAIN (dB)
VS=5V RF=1.5k 2 RG=750 RL=150
VS=5V AV=-1 2 RG=768 RL=150 0 RF=1k -2 RF=1.2k -4
RF=768
-4
RF=1.5k -6 100K 1M 10M FREQUENCY (Hz) 100M 1G -6 100K 1M 10M FREQUENCY (Hz) 100M 1G
FIGURE 13. FREQUENCY RESPONSE FOR VARIOUS GAIN SETTINGS
FIGURE 14. FREQUENCY RESPONSE FOR VARIOUS FEEDBACK RESISTORS, AV=-1
6
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 Typical Performance Curves
4 VS=5V RF=RG=768 2 RL=500
(Continued)
5
NORMALIZED GAIN (dB)
NORMALIZED GAIN (dB)
AV=-5 AV=-1
VS=5V AV=+1 3 RL=150
RF=2.8k RF=1k
0 AV=+5 -2 AV=+10
1 RF=750
-1
-4
-3
-6 100K
1M
10M FREQUENCY (Hz)
100M
1G
-5 100K
1M
10M FREQUENCY (Hz)
100M
1G
FIGURE 15. FREQUENCY RESPONSE FOR VARIOUS GAIN SETTINGS
FIGURE 16. FREQUENCY RESPONSE FOR VARIOUS FEEDBACK RESISTORS, AV=+1
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1.4 POWER DISSIPATION (W) 1.2
JEDEC JESD51-7 HIGH EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD 1.250W SO16 (0.150") JA=80C/W SO8 JA=110C/W 435mW POWER DISSIPATION (W)
1.4 1.2
1 909mW 0.8 0.6 0.4 0.2 0 0
1 893mW 0.8 870mW 0.6 0.4 0.2 0 0 25 50 75 85 100 125 150 MSOP8/10 JA=115C/W QSOP16 JA=112C/W
SOT23-5/6 JA=110C/W 25 50 75 85 100 125 150
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 17. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 18. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD
1 0.9 POWER DISSIPATION (W) 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0
JEDEC JESD51-3 LOW EFFECTIVE THERMAL CONDUCTIVITY TEST BOARD SO16 (0.150") JA=110C/W
1.2 POWER DISSIPATION (W) 1 0.8
909mW
625mW
SO8 JA=160C/W
633mW 0.6 0.4 0.2 0 486mW
QSOP16 JA=158C/W
391mW SOT23-5/6 JA=256C/W 0 25 50 75 85 100 125 150
MSOP8/10 JA=206C/W
0
25
50
75 85 100
125
150
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 19. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
FIGURE 20. PACKAGE POWER DISSIPATION vs AMBIENT TEMPERATURE
7
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 Pin Descriptions
EL5160 (8-PIN SO) 1, 5 2 4 4 EL5160 (6-PIN SOT-23) EL5161 (5-PIN SOT-23) PIN NAME NC INFUNCTION Not connected Inverting input
VS+
EQUIVALENT CIRCUIT
IN+
IN-
VSCircuit 1
3 4 6
3 2 1
3 2 1
IN+ VSOUT
Non-inverting input Negative supply Output
(See circuit 1)
VS+
OUT
VSCircuit 2
7 8
6 5
5
VS+ CE
Positive supply Chip enable
CE VS+
VSCircuit 3
Applications Information
Product Description
The EL5160, EL5161, EL5260, EL5261, and EL5360 are low power, current-feedback operational amplifiers that offer a wide -3dB bandwidth of 200MHz and a low supply current of 0.75mA per amplifier. The EL5160, EL5161, EL5260, EL5261, and EL5360 work with supply voltages ranging from a single 5V to 10V and they are also capable of swinging to within 1V of either supply on the output. Because of their current-feedback topology, the EL5160, EL5161, EL5260, EL5261, and EL5360 do not have the normal gainbandwidth product associated with voltage-feedback operational amplifiers. Instead, their -3dB bandwidth to remain relatively constant as closed-loop gain is increased. This combination of high bandwidth and low power, together with aggressive pricing make the EL5160, EL5161, EL5260, EL5261, and EL5360 ideal choices for many lowpower/high-bandwidth applications such as portable, handheld, or battery-powered equipment.
Power Supply Bypassing and Printed Circuit Board Layout
As with any high frequency device, good printed circuit board layout is necessary for optimum performance. Low impedance ground plane construction is essential. Surface mount components are recommended, but if leaded components are used, lead lengths should be as short as possible. The power supply pins must be well bypassed to reduce the risk of oscillation. The combination of a 4.7F tantalum capacitor in parallel with a 0.01F capacitor has been shown to work well when placed at each supply pin. For good AC performance, parasitic capacitance should be kept to a minimum, especially at the inverting input. (See the Capacitance at the Inverting Input section) Even when ground plane construction is used, it should be removed from the area near the inverting input to minimize any stray capacitance at that node. Carbon or Metal-Film resistors are acceptable with the Metal-Film resistors giving slightly less peaking and bandwidth because of additional series inductance. Use of sockets, particularly for the SO package, should be avoided if possible. Sockets add parasitic peaking and overshoot.
FN7387.8 September 8, 2005
inductance and capacitance which will result in additional 8
EL5160, EL5161, EL5260, EL5261, EL5360
Disable/Power-Down
The EL5160 amplifier can be disabled placing its output in a high impedance state. When disabled, the amplifier supply current is reduced to < 15A. The EL5160 is disabled when its CE pin is pulled up to within 1V of the positive supply. Similarly, the amplifier is enabled by floating or pulling its CE pin to at least 3V below the positive supply. For 5V supply, this means that an EL5160 amplifier will be enabled when CE is 2V or less, and disabled when CE is above 4V. Although the logic levels are not standard TTL, this choice of logic voltages allows the EL5160 to be enabled by tying CE to ground, even in 5V single supply applications. The CE pin can be driven from CMOS outputs. to reduce the value of RF below the specified TBD and still retain stability, resulting in only a slight loss of bandwidth with increased closed-loop gain.
Supply Voltage Range and Single-Supply Operation
The EL5160, EL5161, EL5260, EL5261, and EL5360 have been designed to operate with supply voltages having a span of greater than 5V and less than 10V. In practical terms, this means that they will operate on dual supplies ranging from 2.5V to 5V. With single-supply, the EL5160, EL5161, EL5260, EL5261, and EL5360 will operate from 5V to 10V. As supply voltages continue to decrease, it becomes necessary to provide input and output voltage ranges that can get as close as possible to the supply voltages. The EL5160, EL5161, EL5260, EL5261, and EL5360 have an input range which extends to within 2V of either supply. So, for example, on +5V supplies, the EL5160, EL5161, EL5260, EL5261, and EL5360 have an input range which spans 3V. The output range of the EL5160, EL5161, EL5260, EL5261, and EL5360 is also quite large, extending to within 1V of the supply rail. On a 5V supply, the output is therefore capable of swinging from -4V to +4V. Single-supply output range is larger because of the increased negative swing due to the external pull-down resistor to ground.
Capacitance at the Inverting Input
Any manufacturer's high-speed voltage- or current-feedback amplifier can be affected by stray capacitance at the inverting input. For inverting gains, this parasitic capacitance has little effect because the inverting input is a virtual ground, but for non-inverting gains, this capacitance (in conjunction with the feedback and gain resistors) creates a pole in the feedback path of the amplifier. This pole, if low enough in frequency, has the same destabilizing effect as a zero in the forward open-loop response. The use of largevalue feedback and gain resistors exacerbates the problem by further lowering the pole frequency (increasing the possibility of oscillation.) The EL5160, EL5161, EL5260, EL5261, and EL5360 have been optimized with a TBD feedback resistor. With the high bandwidth of these amplifiers, these resistor values might cause stability problems when combined with parasitic capacitance, thus ground plane is not recommended around the inverting input pin of the amplifier.
Video Performance
For good video performance, an amplifier is required to maintain the same output impedance and the same frequency response as DC levels are changed at the output. This is especially difficult when driving a standard video load of 150, because of the change in output current with DC level. Previously, good differential gain could only be achieved by running high idle currents through the output transistors (to reduce variations in output impedance.) These currents were typically comparable to the entire 1mA supply current of each EL5160, EL5161, EL5260, EL5261, and EL5360 amplifier. Special circuitry has been incorporated in the EL5160, EL5161, EL5260, EL5261, and EL5360 to reduce the variation of output impedance with current output. This results in dG and dP specifications of 0.1% and 0.1, while driving 150 at a gain of 2. Video performance has also been measured with a 500 load at a gain of +1. Under these conditions, the EL5160 has dG and dP specifications of 0.1% and 0.1.
Feedback Resistor Values
The EL5160, EL5161, EL5260, EL5261, and EL5360 have been designed and specified at a gain of +2 with RF approximately 806. This value of feedback resistor gives 200MHz of -3dB bandwidth at AV = 2 with TBDdB of peaking. With AV = -2, an RF of approximately TBD gives 200MHz of bandwidth with 1dB of peaking. Since the EL5160, EL5161, EL5260, EL5261, and EL5360 are currentfeedback amplifiers, it is also possible to change the value of RF to get more bandwidth. As seen in the curve of Frequency Response for Various RF and RG, bandwidth and peaking can be easily modified by varying the value of the feedback resistor. Because the EL5160, EL5161, EL5260, EL5261, and EL5360 are current-feedback amplifiers, their gainbandwidth product is not a constant for different closed-loop gains. This feature actually allows the EL5160, EL5161, EL5260, EL5261, and EL5360 to maintain about the same 3dB bandwidth. As gain is increased, bandwidth decreases slightly while stability increases. Since the loop stability is improving with higher closed-loop gains, it becomes possible 9
Output Drive Capability
In spite of their low 1mA of supply current, the EL5160, EL5161, EL5260, EL5261, and EL5360 are capable of providing a minimum of 50mA of output current. With a minimum of 50mA of output drive, the EL5160 is capable of driving 50 loads to both rails, making it an excellent choice for driving isolation transformers in telecommunications applications.
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360
Driving Cables and Capacitive Loads
When used as a cable driver, double termination is always recommended for reflection-free performance. For those applications, the back-termination series resistor will decouple the EL5160, EL5161, EL5260, EL5261, and EL5360 from the cable and allow extensive capacitive drive. However, other applications may have high capacitive loads without a back-termination resistor. In these applications, a small series resistor (usually between 5 and 50) can be placed in series with the output to eliminate most peaking. The gain resistor (RG) can then be chosen to make up for any gain loss which may be created by this additional resistor at the output. In many cases it is also possible to simply increase the value of the feedback resistor (RF) to reduce the peaking. where: * VS = Supply voltage * ISMAX = Maximum supply current of 0.75mA * VOUTMAX = Maximum output voltage (required) * RL = Load resistance
Typical Application Circuits
+5V IN+ IN-5V 500 VS+ VS0.1F
OUT 0.1F 5
Current Limiting
The EL5160, EL5161, EL5260, EL5261, and EL5360 have no internal current-limiting circuitry. If the output is shorted, it is possible to exceed the Absolute Maximum Rating for output current or power dissipation, potentially resulting in the destruction of the device.
+5V IN+ IN-5V VIN 500 500 VS+ VS-
0.1F
VOUT 5
OUT 0.1F
Power Dissipation
With the high output drive capability of the EL5160, EL5161, EL5260, EL5261, and EL5360, it is possible to exceed the 125C Absolute Maximum junction temperature under certain very high load current conditions. Generally speaking when RL falls below about 25, it is important to calculate the maximum junction temperature (TJMAX) for the application to determine if power supply voltages, load conditions, or package type need to be modified for the EL5160, EL5161, EL5260, EL5261, and EL5360 to remain in the safe operating area. These parameters are calculated as follows:
T JMAX = T MAX + ( JA x n x PD MAX )
FIGURE 21. INVERTING 200mA OUTPUT CURRENT DISTRIBUTION AMPLIFIER
500 +5V IN+ IN-
500 0.1F VS+ VS-
OUT 0.1F
where: * TMAX = Maximum ambient temperature * JA = Thermal resistance of the package * n = Number of amplifiers in the package * PDMAX = Maximum power dissipation of each amplifier in the package PDMAX for each amplifier can be calculated as follows:
V OUTMAX PD MAX = ( 2 x V S x I SMAX ) + ( V S - V OUTMAX ) x --------------------------R
L
500
-5V
500 VIN
+5V IN+ IN-5V VS+ VS-
0.1F
OUT 0.1F
VOUT
FIGURE 22. FAST-SETTLING PRECISION AMPLIFIER
10
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360
0.1F VS+ VS0.1F VS+ VS-
+5V IN+ IN-5V 500
+5V IN+
OUT IN0.1F 250 0.1F VOUT+ 1k 240 250 0.1F VOUT1k +5V IN+ IN-5V 500 500 -5V
OUT 0.1F
500
+5V IN+ IN-5V VIN 500 500 VS+ VS-
0.1F
0.1F VS+ VS-
OUT 0.1F
OUT 0.1F
VOUT
500 RECEIVER
TRANSMITTER
FIGURE 23. DIFFERENTIAL LINE DRIVER/RECEIVER
MSOP Package Outline Drawing
11
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 QSOP Package Outline Drawing
12
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 SO Package Outline Drawing
13
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 SOT-23 Package Outline Drawing
NOTE: The package drawing shown here may not be the latest version. To check the latest revision, please refer to the Intersil website at http://www.intersil.com/design/packages/index.asp
14
FN7387.8 September 8, 2005
EL5160, EL5161, EL5260, EL5261, EL5360 Small Outline Transistor Plastic Packages (SC70-5)
D
P5.049
5 LEAD SMALL OUTLINE TRANSISTOR PLASTIC PACKAGE INCHES MILLIMETERS MIN 0.80 0.00 0.80 0.15 0.15 0.08 0.08 1.85 1.80 1.15 MAX 1.10 0.10 1.00 0.30 0.25 0.22 0.20 2.15 2.40 1.35 6 6 3 3 4 NOTES -
e1
VIEW C
SYMBOL A A1
MIN 0.031 0.000 0.031 0.006 0.006 0.003 0.003 0.073 0.071 0.045
MAX 0.043 0.004 0.039 0.012 0.010 0.009 0.009 0.085 0.094 0.053
5 E 1 2 3
4 C L C L E1
A2 b b1 c c1
e
C L 0.20 (0.008) M C L C
b
D E
C
E1 e e1
0.0256 Ref 0.0512 Ref 0.010 0.018
0.65 Ref 1.30 Ref 0.26 0.46
A
A2
A1
SEATING PLANE -C-
L L1 L2
0.017 Ref. 0.006 BSC 0o 5 0.004 0.004 0.010 8o
0.420 Ref. 0.15 BSC 0o 5 0.10 0.15 0.25 8o
0.10 (0.004) C
5
N R
WITH PLATING c
b b1
R1 NOTES:
c1
Rev. 2 9/03 1. Dimensioning and tolerances per ASME Y14.5M-1994. 2. Package conforms to EIAJ SC70 and JEDEC MO-203AA. 3. Dimensions D and E1 are exclusive of mold flash, protrusions, or gate burrs. 4. Footlength L measured at reference to gauge plane. 5. "N" is the number of terminal positions. 6. These Dimensions apply to the flat section of the lead between 0.08mm and 0.15mm from the lead tip.
R GAUGE PLANE
BASE METAL
4X 1 R1
7. Controlling dimension: MILLIMETER. Converted inch dimensions are for reference only.
SEATING PLANE C 4X 1
L L1
L2
VIEW C
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 15
FN7387.8 September 8, 2005


▲Up To Search▲   

 
Price & Availability of EL5160IS-T7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X