Part Number Hot Search : 
02CIS STK40 37791 SGM8534 HC164M MD8243 2N90H 3133F
Product Description
Full Text Search
 

To Download DS52-0005-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DS52-0005
Low Cost Two-Way SMT Power Divider 1700 - 1900 MHz
Features
* * * * * * * Small Size and Low Profile Industry Standard SOIC-8 SMT Plastic Package Superior Repeatability Excellent Amplitude Balance: 0.05 dB Typical Excellent Insertion Loss: 0.3 dB Typical Low Cost DCS-1800 Frequency Coverage
SOIC-8
Description
M/A-COM's DS52-0005 is an IC-based monolithic power divider in a low cost SOIC-8 plastic package. This 2-way power splitter is ideally suited for applications where small size, low profile and low cost, without sacrificing performance are required. Typical applications include base station , portables and PCMCIA cards for DCS-1800 European applications. Available in tape and reel. The DS52-0005 is fabricated using a passive-integrated circuit process. The process features full-chip passivation for increased performance and reliability.
Ordering Information
Part Number DS52-0005 DS52-0005-TR DS52-0005-RTR Package SOIC-8 Lead Plastic Package Forward Tape and Reel1 Reverse Tape and Reel1
1. If specific reel size is required, consult factory for part number assignment.
Typical Electrical Specifications1, TA = +25C
Parameter Insertion Loss Isolation VSWR Amplitude Balance Phase Balance Above 3.0dB Units dB dB -- dB Min -- 15 -- -- -- Typ 0.3 20 1.3:1 0.1 2 Max 0.5 -- 1.5:1 0.15 4
1. All specifications apply with a 50-Ohm source and load impedance.
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
V 3.0
1
Low Cost Two-Way SMT Power Divider, 1700-1900 MHz Absolute Maximum Ratings1
Parameter Input Power Operating Temperature Storage Temperature Absolute Maximum 1 W CW -40C to +85C -65C to +150C
DS52-0005
Functional Diagram
1. Exceeding these limits may cause permanent damage. 2. With Internal load dissipation of 0.125 W maximum.
Recommended PCB Configuration
(Dimensions in Inches)
Typical Performance @ +25C
Insertions Loss vs. Frequency
0
-14 -16
Isolation vs. Frequency
INSERTION LOSS (dB)
ISOLATION (dB)
-0.5
-18 -20 -22 -24
-1
-1.5 2200 2275 2350 2425 2500
-26 2200 2275 2350 2425 2500
FREQUENCY(MHz)
FREQUENCY (MHz)
VSWR vs. Frequency
2 1.9 1.8
Phase Balance vs. Frequency Relative to RF1
0
VSWR (Ratio)
1.7 1.6 1.5 1.4 1.3 1.2 1.1 1 2200 2275 2350 2425 2500
PHASE, DEGREES
-1
-2
-3 2200 2275 2350 2425 2500
FREQUENCY (dB)
FREQUENCY (MHz)
V 3.0
Specifications subject to change without notice. n North America: Tel. (800) 366-2266, Fax (800) 618-8883 n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298 n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020 Visit www.macom.com for additional data sheets and product information.
2


▲Up To Search▲   

 
Price & Availability of DS52-0005-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X