Part Number Hot Search : 
01700 B44066 TIP35 C291M BZT52C5 BTS41 CW7808 38510
Product Description
Full Text Search
 

To Download DS126C2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Fixed Inductors for Surface Mounting
DS126C2
Inductance Range: 1.7~680H
DIMENSIONS
12.8Max. 6.8Max. 8.5 2.0
Recommended patterns
3.0
7.9
Direction indication
(Unit: mm)
13.1
FEATURES
12.8mm Max. square and 6.8mm Max. height. Magnetically shielded construction and low DC resistance. Suitable for large current. Ideal for DC-DC converter inductor applications in hand held personal computer etc. * RoHS compliant. * * * * * * * * *
SELECTION GUIDE FOR STANDARD COILS
TYPE DS126C2 (Quantity/reel; 500 PCS)
TOKO Part Number #B953AS-1R7N #B953AS-2R7N #B953AS-3R9N #B953AS-5R6N #B953AS-7R5N #B953AS-100M #B953AS-120M #B953AS-150M #B953AS-180M #B953AS-220M #B953AS-270M #B953AS-330M #B953AS-390M #B953AS-470M #B953AS-560M #B953AS-680M #B953AS-820M #B953AS-101M #B953AS-121M #B953AS-151M #B953AS-181M #B953AS-221M #B953AS-271M #B953AS-331M #B953AS-391M #B953AS-471M #B953AS-561M #B953AS-681M Inductance Decrease Current(3) (A) Max. L L =10% 11.8 9.0 7.9 6.8 5.7 5.5 5.0 4.5 4.1 3.6 3.2 3.0 2.7 2.4 2.0 1.7 1.6 1.5 1.3 1.2 1.1 1.0 0.93 0.83 0.76 0.67 0.62 0.55 Temperature Rise Current(3) T=40C (A) Max. 7.7 7.0 6.0 5.6 5.1 4.4 4.0 3.6 3.2 2.9 2.8 2.4 2.2 2.1 1.9 1.7 1.6 1.4 1.3 1.2 1.1 1.0 0.92 0.83 0.77 0.70 0.64 0.58
Inductance (1) (H) 1.7 2.7 3.9 5.6 7.5 10.0 12.0 15.0 18.0 22.0 27.0 33.0 39.0 47.0 56.0 68.0 82.0 100.0 120.0 150.0 180.0 220.0 270.0 330.0 390.0 470.0 560.0 680.0
Tolerance (%) 30 30 30 30 30 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20
DC Resistance (2) (m) Max. 10 11 14 16 17 23 27 32 40 46 50 64 74 82 105 120 145 170 185 235 290 350 415 495 610 705 900 1120
(1) Inductance is measured with a LCR meter 4284A (Agilent Technologies) or equivalent. Test frequency at 100kHz (2) DC resistance is measured with a Digital Multimeter TR6871 (Advantest) or equivalent. (3) Maximum allowable DC current is that which causes a 10% inductance reduction from the initial value, or coil temperature to rise by 40C whichever is smaller.(Reference ambient temperature: 20C)
3.6
(Unit: mm)


▲Up To Search▲   

 
Price & Availability of DS126C2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X