Part Number Hot Search : 
KT03RTS HMC439Q D1877 FW359 BT878 C100E1 CM600 L5107
Product Description
Full Text Search
 

To Download CRA06P0803000FRT6 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CRA06P
Vishay Dale
Thick Film Resistor Array
FEATURES
Concave terminal array with square corners 8 terminal package with isolated resistors Wide ohmic range: 10R to 1M0 Lead (Pb)-free solder contacts on Ni barrier layer Pure tin plating provides compatibility with Lead (Pb)-free and lead containing soldering processes * Compatible with "Restriction of the use of Hazardous Substances" (RoHS) directive 2002/95/EC (issue 2004) * Operating temperature range of -55C to +150C * * * * * CRA06P Thick Film resistor array is constructed on a high grade ceramic body with concave terminations. A small package enables the design of high density circuits. The single component reduces board space, component counts and assembly costs.
STANDARD ELECTRICAL SPECIFICATIONS
MODEL POWER RATING P70C W CRA06P 0.0625 03 CIRCUIT LIMITING ELEMENT TEMPERATURE TOLERANCE VOLTAGE MAX. V 50 COEFFICIENT ppm/K 200 100 Jumper: Zero-Ohm-Resistor available; R 50m % 2; 5 1 RESISTANCE RANGE E-SERIES
10R - 1M0 10R - 1M0 24 24 - 96
TECHNICAL SPECIFICATIONS
CRA06P PARAMETER Rated Dissipation at 70C Limiting Element Voltage 1) Insulation Voltage (1min) Category Temperature Range Insulation Resistance 1) Rated voltage: P*R UNIT W V Vdc/ac peak C 03 CIRCUIT 0.0625 50 100 - 55 to + 150 > 10 10
PART NUMBER AND PRODUCT DESCRIPTION
PART NUMBER: CRA06P08310K0JTA
C
MODEL CRA06
R
A
0
6
PIN 08
P
0
8
3
1
VALUE
0
K
0
J
T
A
PACKING TA = RT1 TC = RT6 SPECIAL up to 2 digits
TERMINAL STYLE P
CIRCUIT 3 = 03
TOLERANCE F = 1% G = 2% J = 5% Z = 0 Jumper J TOLERANCE F = 1% G = 2% J = 5% Z = 0 Jumper
PRODUCT DESCRIPTION: CRA06P MODEL CRA06P 08
CRA06P 08 03 473 J RT1 e3 03 CIRCUIT TYPE 03
R = Decimal K = Thousand M = Million 0000 = 0 Jumper 473
RT1 PACKING1) RT1 RT6
e3 LEAD (Pb)-FREE e3 = Pure Tin Termination Finish
TERMINAL COUNT 08
RESISTANCE VALUE 473 = 47K 4702 = 47K 10R0 = 10 100 = 10 000 = 0 Jumper First two digits (three for 1 %) are significant. Last digit is the multiplier
1)
Please refer to table PACKING, page 10.
NOTE: Products can be ordered using either the Product Description or the Part Number. www.vishay.com 8 For Technical Questions, contact: ff3aresistors@vishay.com Document Number 31047 Revision 25-Jul-05
CRA06P
Thick Film, Resistor Array
DIMENSIONS
4-Resistor Device
PIN NO# DIMENSIONS [in millimeters] L 3.20 0.20 A 0.30 0.20 B 0.40 0.15 C 0.40 0.20 P 0.80 T 0.60 W 1.6
Vishay Dale
A w
C
8 Tol
0.10 0.15
P L
B
T
SOLDER PAD DIMENSIONS [in millimeters] c WAVE 0.8 w 2.6 p 0.8 a 0.4 b 0.9
c
w
b
p
a
DESCRIPTION
Production is strictly controlled and follows a set of instructions established for reproducibility. A thick film layer is deposited on a high grade ceramic substrate. The resistor elements are covered by a protective coating designed for electrical, mechanical and climatic protection. The wrap around terminations receive a final pure tin on nickel plating.
ASSEMBLY
The resistors are suitable for processing on automatic SMD assembly systems. They are suitable for automatic soldering using wave and solder paste reflow. Due to the design, arrays have automatic placement capability. The resistors are Lead (Pb)-free, the pure tin plating provides compatibility with Lead (Pb)-free and Lead-containing soldering processes. All products comply with the CEFIC-EECA-EICTA list of legal restrictions on hazardous substances. This includes full compatibility with the following directives: * 2000/53/EC End of Vehicle Life Directive (ELV) * 2000/53/EC Annex II to End of Vehicle Life Directive (ELV II) * 2002/95/EC Restriction of the use of Hazardous Substances Directive (RoHS) * 2002/96/EC Waste Electrical and Electronic Equipment Directive (WEEE) Solderability is specified for 2 years after production or requalification. The permitted storage time is 20 years.
The result of the determined production is verified by an extensive testing procedure. Only accepted products are laid directly into the paper tape in accordance with EIA 481.
Document Number 31047 Revision 25-Jul-05
For Technical Questions, contact: ff3aresistors@vishay.com
www.vishay.com 9
CRA06P
Vishay Dale
CIRCUIT
03 Circuit
Thick Film, Resistor Array
8-pin
Rated Power %
120 100 80 60 40 20 0
-55
-25
0
25
50
Derating
75 100 125 150 70 Ambient Temperature C
PACKING
PACKING CODE MODEL TAPE WIDTH 8 mm CRA06P 8 mm 330 mm/13" 20 000 4 mm RT6 DIAMETER 180 mm/7" PIECES 5 000 PITCH 4 mm PAPER TAPE RT1
www.vishay.com 10
For Technical Questions, contact: ff3aresistors@vishay.com
Document Number 31047 Revision 25-Jul-05
CRA06P
Thick Film, Resistor Array
Vishay Dale
PERFORMANCE
TEST Endurance Test at 70C per EIA 575-3.14 Overload per EIA 575-3.6 Thermal Shock Moisture Resistance Resistance to Soldering Heat EIA 575 3.8 High Temperature Exposure Low Temperature Operation Solderability & Leaching CONDITIONS OF TEST 1000 hours at 70C, 1.5 hours "ON", 0.5 hours "OFF" TEST RESULTS 1.0 % 0.5 % 0.5 % 1.0 % 1.0 % 1.0 % 0.5 % 95 % Coverage
Short time overload per EIA 575-3.5 per EIA 575-3.10 10 seconds at 260C solder bath temperature per EIA 575-3.7 per EIA-/ IS-30A-3.6 EIA 575-3.12
Document Number 31047 Revision 25-Jul-05
For Technical Questions, contact: ff3aresistors@vishay.com
www.vishay.com 11


▲Up To Search▲   

 
Price & Availability of CRA06P0803000FRT6

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X