Part Number Hot Search : 
9251US 1700FP 2SK35 08100 BZX84C27 WMS7120 NTXV2N6 SE2600S
Product Description
Full Text Search
 

To Download CP600 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DATA SHEET CP600~CP6010
SINGLE-PHASE SILICON BRIDGE-P.C. MTG 3A , HEAT-SINK MTG 6A VOLTAGE 50 to 1000 Volts CURRENT - P.C. MTG 3A , HEAT-SINK MTG 6A Recongnized File # E111753
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94V-O . * Surge Overload Ratings to 125 Amperes. * Low forward voltage, and reverse leakage. * Small size , simple installation. * Reliable low cost construction utilizing molded plastic technique.
.15(3.8) MIN
.445(11.3) .406(10.3) .618(15.7) .579(14.7) .752(19.1) MIN
.044(1.1) .039(1.0)
MECHANICAL DATA
Mounting Position: Any Weight: 0.2 ounce, 5.6 gram Terminals: Lead solderable per MIL-STD-202 Method 208 Mounting Torque: 5 in. lb. max.
.445(11.3) .406(10.3) .618(15.7) .579(14.7)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified. Single phase , half wave ,60Hz, resistive or inductive load. For capacitive load , derate current by 20%.
.268(6.8) .228(5.8)
CP600
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge input Voltage Maximum DC Blocking Voltage Maximum Average Forward Current at TC=50C See Fig 2 at TA=25C
CP601 100 70 100
CP602 200 140 200
CP604 400 280 400 6 3 125 1.1
CP606 600 420 600
CP608 800 560 600
CP6010 1000 700 1000
UNITS V V V A
50 35 50
Peak Forward Surge Current ,8.3ms single half sine-wave superimposed on rated load Maximum Forward Voltage per Bridge Element Specified Current at 3.0A DC & 25C.See Fig 3 Maximum Reverse Leakage at RatedDC Blocking Voltage per element. at 25C See Fig 4 at 100C
A V
10.0 1.0 127 186 22.0 7.3 -55 to +125 -55 to +150
A mA
I2t Rating for fusing ( t < 8.35 ms) Typical junction capacitance per leg (NOTE 4)CJ Typical Thermal resistance per leg ( NOTE 3) RJA Typical Thermal resistance per leg ( NOTE 2) RJC Operating Temperature Range TJ Storage Temperature Range TA NOTES:
A2S pF C/W C C
1.Bolt down on heat-sink with silicon thermal compound between bridge and mounting surface for maximum heat transfer with #6 screw. 2.Unit mounted on 5.0 X 6.0 X 0.11" thick ( 14 X 15 X 0.3 cm )AL.plate. 3.Unit mounted on P.C.B at 0.395"(9.5mm)lead length with 0.5 X 0.5" ( 12 X 12 mm )copper pads. 4.Measured at 1.0MHZ and applied reverse voltage of 4.0 volts.
INSTANTANEOUS FORWARD CURRENT, AMPERES
5.0 4.0 3.0 2.0 1.0 .9 .8 .7 .5 .3 .2 .1 .07 .05 .03 .02 .01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4
RATING AND CHARACTERISTIC CURVES
OUTPUT CURRENTAMPERES
6.0
4.0
2.0 0
0
50
100
O
150
Fig. 1- DERATING CURVE FOR OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE C
Fig. 2- TYPICAL INSTANTANEOUS FORWARD CHARACTERISITCS (25 C)
O
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
100
FPRWARD SURGE CURRENT, AMPERES pk (HALF SINE-WAVE)
125 100
10
75
1.0 T A =25 C
O
50
25 0
0.1
0
20
40
60
80
100
120
140
1
2
6
10
20
40
60
100
Fig. 3- TYPICAL REAK REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE
NO. OF CYCLES AT 60Hz
Fig. 4- MAXIMUM NON-REPETITEVE PEAK FORWARD SURGE CURRENT


▲Up To Search▲   

 
Price & Availability of CP600

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X