Part Number Hot Search : 
2MBI600 OM7603ST SRAS2035 Z5245B EC6A15S CHUMH9PT 3302JA 3LB200C
Product Description
Full Text Search
 

To Download BGA318 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BGA 318
Silicon Bipolar MMIC-Amplifier Preliminary data * Cascadable 50 -gain block * 16 dB typical gain at 1.0 GHz * 12 dBm typical P-1dB at 1.0 GHz * 3 dB-bandwidth: DC to 1.2 GHz
1 RF OUT/Bias
3 4 2 1
VPS05178
RF IN
3
Circuit Diagram
2, 4
EHA07312
GND
Type
Marking Ordering Code Q62702-G0043
Pin Configuration 1 RFout/bias 2 GND 3 RFinput
Package 4 GND SOT-143
BGA 318 BNs
Maximum Ratings Parameter Device current
Symbol
Value 60 250 5 150 -65 ...+150 -65 ...+150
Unit mA mW dBm C
ID Ptot PRFin Tj TA T stg
1)
Total power dissipation, T S 99 C
RF input power
Junction temperature Ambient temperature Storage temperature
Thermal Resistance Junction - soldering point
RthJS
205
K/W
1) TS is measured on the collector lead at the soldering point to the pcb Semiconductor Group Semiconductor Group 11
Sep-04-1998 1998-11-01
BGA 318
Electrical Characteristics at TA = 25 C, unless otherwise specified. Symbol Values Parameter min. AC characteristics (VD = 4.7 V, Zo = 50 ) Insertion power gain |S21| 2 |S 21|2 18 16 12 +-0.7 typ. max.
Unit
dB
f = 0.1 GHz f = 1 GHz f = 1.8 GHz
Insertion point gain flatness
f = 0.1 GHz to 0.6 GHz
Noise figure
NF
3.5 4 5 12 14 10 dBm dB
f = 0.1 GHz f = 1 GHz f = 2 GHz
1dB compression point
P-1dB RL in RL out
f = 1 GHz
Return loss input
f = 0.1 GHz to 2 GHz
Return loss output f = 0.1 GHz to 3 GHz
Typical biasing configuration
min. VCC = 7 V
R Bias
D
RFC (optional) 4 3 2
EHA07313
Semiconductor Group Semiconductor Group 22
C Block
IN
1
C Block VD
OUT
RBias = VCC - VD / ID
VD = 4.7V
Sep-04-1998 1998-11-01
BGA 318
S-Parameters at T A = 25 C
f
GHz
S11
MAG ANG MAG
S21
ANG MAG
S12
ANG MAG
S22
ANG
VD = 4.7 V, Z o = 50 0.01 0.196 0.2 0.1 0.193 -4.8 0.3 0.194 -14.4 0.5 0.191 -25.9 0.8 0.184 -45 1 0.175 -60.3 1.9 0.185 -130.6 2.4 0.241 -170.6 3 0.298 159.6
8.01 8 7.75 7.28 6.43 5.83 3.91 2.99 2.38
178.9 171.6 155.4 139.9 119.1 106.8 67.6 45.5 27.6
0.077 0.078 0.082 0.089 0.105 0.117 0.164 0.193 0.218
0.6 4.9 13.8 21.1 27.9 30.2 30.2 26.8 22.8
0.327 0.324 0.312 0.294 0.26 0.238 0.184 0.173 0.178
-0.5 -8.6 -25 -41.2 -62.9 -76.2 -113 -124.4 -131.2
Insertion power gain |S21 |2 = f ( f )
Noise figure NF = f ( f )
VD = 4.7V, ID = 35 mA
25
VD = 4.7V, ID = 35 mA
10
dB
dB
|S21|2
15
NF
0 1
6
10
4
5
2
0 -1 10
10
GHz
10
0 -1 10
10
0
GHz
10
1
f
f
Semiconductor Group Semiconductor Group
33
Sep-04-1998 1998-11-01
BGA 318
Output power 1-dB-gain compression
P-1dB = f ( f ) VD = 4.7V, ID = 35 mA
20
dBm
P -1dB
10 5 0 -1 10
10
0
GHz
10
1
f
Semiconductor Group Semiconductor Group
44
Sep-04-1998 1998-11-01


▲Up To Search▲   

 
Price & Availability of BGA318

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X