Part Number Hot Search : 
KMM532 NJU6363 CONTRO LVC3G34G 106X00 GL7815 0M000 AN2640K
Product Description
Full Text Search
 

To Download BCX70G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BCX 70 NPN
General Purpose Transistors Surface mount Si-Epitaxial PlanarTransistors Si-Epitaxial PlanarTransistoren fur die Oberflachenmontage Power dissipation - Verlustleistung
2.9 0.1 1.1
NPN
250 mW SOT-23 (TO-236) 0.01 g
0.4
3
Plastic case Kunststoffgehause
1.3 0.1
Type Code
1 2
2.5 max
Weight approx. - Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert Standard packaging taped and reeled Standard Lieferform gegurtet auf Rolle
1.9
Dimensions / Mae in mm 1=B 2=E 3=C
Maximum ratings (TA = 25/C) Collector-Emitter-voltage Collector-Base-voltage Emitter-Base-voltage Power dissipation - Verlustleistung Collector current - Kollektorstrom (DC) Peak Collector current - Kollektor-Spitzenstrom Peak Base current - Basis-Spitzenstrom Junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur B open E open C open VCE0 VCB0 VEB0 Ptot IC ICM IBM Tj TS
Grenzwerte (TA = 25/C) BCX 70 45 V 45 V 5V 250 mW 1) 100 mA 200 mA 200 mA 150/C - 65...+ 150/C
Characteristics (Tj = 25/C) Min. Collector-Base cutoff current - Kollektorreststrom IE = 0, VCB = 45 V IE = 0, VCB = 45 V, Tj = 150/C Emitter-Base cutoff current - Emitterreststrom IC = 0, VEB = 4 V IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA IEB0
2
Kennwerte (Tj = 25/C) Typ. - - - - - Max. 20 nA 20 :A 20 nA 350 mV 550 mV
ICB0 ICB0
- - - 50 mV 100 mV
Collector saturation volt. - Kollektor-Sattigungsspg. ) VCEsat VCEsat
1
) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 2 ) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% 56 01.11.2003
General Purpose Transistors Characteristics (Tj = 25/C) Min. Base saturation voltage - Basis-Sattigungsspannung 1) IC = 10 mA, IB = 0.25 mA IC = 50 mA, IB = 1.25 mA BCX 70G VCE = 5 V, IC = 10 :A BCX 70H BCX 70J BCX 70K BCX 70G VCE = 5 V, IC = 2 mA BCX 70H BCX 70J BCX 70K BCX 70G VCE = 1 V, IC = 50 mA BCX 70H BCX 70J BCX 70K Base-Emitter voltage - Basis-Emitter-Spannung ) VCE = 5 V, IC = 10 :A VCE = 5 V, IC = 2 mA VCE = 1 V, IC = 50 mA Gain-Bandwidth Product - Transitfrequenz VCE = 5 V, IC = 10 mA, f = 100 MHz VCB = 10 V, IE = ie = 0, f = 1 MHz VEB = 0.5 V, IC = ic = 0, f = 1 MHz Noise figure - Rauschzahl VCE = 5 V, IC = 200 :A, RG = 2 kS, f = 1 kHz, )f = 200 Hz Thermal resistance junction to ambient air Warmewiderstand Sperrschicht - umgebende Luft Recommended complementary PNP transistors Empfohlene komplementare PNP-Transistoren Marking Stempelung BCX 70G = AG BCX 70H = AH F - RthA 2 dB fT CCB0 CEB0 100 MHz - - 250 MHz 1.7 pF 11 pF VBEon VBEon VBEon - 550 mV - 520 mV 650 mV 780 mV
1
BCX 70 Kennwerte (Tj = 25/C) Typ. - - - - - - - - - - - - - - Max. 850 mV 1050 mV - - - - 220 310 460 630 - - - - - 700 mV - - - -
VBEsat VBEsat
1
600 mV 700 mV - 30 40 100 120 180 250 380 50 70 90 100
DC current gain - Kollektor-Basis-Stromverhaltnis ) hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE hFE
Collector-Base Capacitance - Kollektor-Basis-Kapazitat Emitter-Base Capacitance - Emitter-Basis-Kapazitat
6 dB 420 K/W 2)
BCX 71 series
BCX 70J = AJ
BCX 70K = AD
) Tested with pulses tp = 300 :s, duty cycle # 2% - Gemessen mit Impulsen tp = 300 :s, Schaltverhaltnis # 2% ) Mounted on P.C. board with 3 mm2 copper pad at each terminal Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lotpad) an jedem Anschlu 01.11.2003
1 2
57


▲Up To Search▲   

 
Price & Availability of BCX70G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X