Part Number Hot Search : 
080CT MKT367 ALD1712B CQYP75 MAX1391 50002 GS3034 89C516
Product Description
Full Text Search
 

To Download AM29LV040B-120EE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Am29LV040B
Data Sheet
The Am29LV040B is not offered for new designs. Please contact a Spansion representative for alternates. The following document contains information on Spansion memory products. Although the document is marked with the name of the company that originally developed the specification, Spansion will continue to offer these products to existing customers.
Continuity of Specifications
There is no change to this data sheet as a result of offering the device as a Spansion product. Any changes that have been made are the result of normal data sheet improvement and are noted in the document revision summary, where supported. Future routine revisions will occur when appro and changes will be noted in a revision summary.
Continuity of Ordering Part Numbers
Spansion continues to support existing part numbers beginning with "Am" and "MBM". To order these products, please use only the Ordering Part Numbers listed in this document.
For More Information
Please contact your local sales office for additional information about Spansion memory solutions.
Publication Number 21354 Revision E
Amendment 4 Issue Date October 11, 2006
THIS PAGE LEFT INTENTIONALLY BLANK.
DATA SHEET
Am29LV040B
4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only, Uniform Sector 32-Pin Flash Memory
The Am29LV040B is not offered for new designs. Please contact a Spansion representative for alternates.
DISTINCTIVE CHARACTERISTICS
Single power supply operation -- Full voltage range: 2.7 to 3.6 volt read and write operations for battery-powered applications -- Regulated voltage range: 3.0 to 3.6 volt read and write operations and for compatibility with high performance 3.3 volt microprocessors Manufactured on 0.32 m process technology High performance -- Full voltage range: access times as fast as 70 ns -- Regulated voltage range: access times as fast as 60 ns Ultra low power consumption (typical values at 5 MHz) -- Automatic sleep mode: 0.2 A -- Standby mode: 0.2 A -- Read mode: 7 mA -- Program/erase mode: 15 mA Flexible sector architecture -- Eight 64 Kbyte sectors -- Any combination of sectors can be erased; supports full chip erase -- Sector Protection features: Hardware method of locking a sector to prevent any program or erase operations within that sector Sectors can be locked via programming equipment Unlock Bypass Program Command -- Reduces overall programming time when issuing multiple program command sequences Embedded Algorithms -- Embedded Erase algorithms automatically preprogram and erase the entire chip or any combination of designated sectors -- Embedded Program algorithms automatically writes and verifies data at specified addresses Minimum 1,000,000 erase cycles guaranteed 20-year data retention at 125C -- Reliable operation for the life of the system Package option -- 32-pin PLCC -- 32-pin TSOP Compatibility with JEDEC standards -- Pinout and software compatible with singlepower supply Flash -- Superior inadvertent write protection Data# Polling and toggle bits -- Provides a software method of detecting program or erase cycle completion Erase Suspend/Resume -- Supports reading data from or programming data to a sector not being erased
This Data Sheet states AMD's current specifications regarding the Products described herein. This Data Sheet may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication# 21354 Rev: E Amendment: 4 Issue Date: October 11, 2006
DATA
SHEET
GENERAL DESCRIPTION
The Am29LV040B is a single power supply, 4 Mbit, 3.0 Volt-only Flash memory device organized as 524,288 bytes. The data appears on DQ0-DQ7. The device is available in 32-pin PLCC and 32-pin TSOP packages. All read, erase, and program operations are accomplished using only a single power supply. The device can also be programmed in standard EPROM programmers. The device offers access times of 60, 70, 90, and 120 ns allowing high speed microprocessors to operate without wait states. To eliminate bus contention, the device has separate control pins--chip enable (CE#), write enable (WE#), and output enable (OE#)--to control normal read and write operations. The device requires only a single power supply (2.7 V-3.6V) for both read and write functions. Internally generated and regulated voltages are provided for the program and erase operations. The device is entirely command set compatible with the JEDEC single-power-supply Flash standard. Commands are written to the command register using standard microprocessor write timings. Register contents serve as input to an internal state-machine that controls the erase and programming circuitry. Write cycles also internally latch addresses and data needed for the programming and erase operations. Reading data out of the device is similar to reading from other Flash or EPROM devices. Device programming occurs by executing the program command sequence. This initiates the Embedded Program algorithm--an internal algorithm that automatically times the program pulse widths and verifies proper cell margin. The Unlock Bypass mode facilitates faster programming times by requiring only two write cycles to program data instead of four. Device erasure occurs by executing the erase command sequence. This initiates the Embedded Erase algorithm--an internal algorithm that automatically preprograms the array (if it is not already programmed) before executing the erase operation. During erase, the device automatically times the erase pulse widths and verifies proper cell margin. The host system can detect whether a program or erase operation is complete by reading the DQ7 (Data# Polling) and DQ6 (toggle) status bits. After a program or erase cycle has been completed, the device is ready to read array data or accept another command. The sector erase architecture allows memory sectors to be erased and reprogrammed without affecting the data contents of other sectors. The device is fully erased when shipped from the factory. Hardware data protection measures include a low VCC detector that automatically inhibits write operations during power transitions. The hardware sector protection feature disables both program and erase operations in any combination of the sectors of memory. This is achieved via programming equipment. The Erase Suspend feature enables the user to put erase on hold for any period of time to read data from, or program data to, any sector that is not selected for erasure. True background erase can thus be achieved. The device offers two power-saving features. When addresses have been stable for a specified amount of time, the device enters the automatic sleep mode. The system can also place the device into the standby mode. Power consumption is greatly reduced in both these modes. AMD's Flash technology combines years of Flash memory manufacturing experience to produce the highest levels of quality, reliability and cost effectiveness. The device electrically erases all bits within a sector simultaneously via Fowler-Nordheim tunneling. The data is programmed using hot electron injection.
4
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
TABLE OF CONTENTS
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 6 Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 7 Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 9 Device Bus Operations . . . . . . . . . . . . . . . . . . . . . 10
Table 1. Am29LV040B Device Bus Operations . . . . . . . . . . . . . . .10
DQ6: Toggle Bit I . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 DQ2: Toggle Bit II . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19 Reading Toggle Bits DQ6/DQ2 . . . . . . . . . . . . . . . . . . . . . . . 19
Figure 4. Toggle Bit Algorithm. . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
DQ5: Exceeded Timing Limits . . . . . . . . . . . . . . . . . . . . . . . . 20 DQ3: Sector Erase Timer . . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Table 5. Write Operation Status . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 22
Figure 5. Maximum Negative Overshoot Waveform . . . . . . . . . . . 22 Figure 6. Maximum Positive Overshoot Waveform. . . . . . . . . . . . 22
Requirements for Reading Array Data . . . . . . . . . . . . . . . . . Writing Commands/Command Sequences . . . . . . . . . . . . . . Program and Erase Operation Status . . . . . . . . . . . . . . . . . . Standby Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Automatic Sleep Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Output Disable Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
10 10 11 11 11 11
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . . 22 DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 23
Figure 7. ICC1 Current vs. Time (Showing Active and Automatic Sleep Currents) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24 Figure 8. Typical ICC1 vs. Frequency . . . . . . . . . . . . . . . . . . . . . . 24
Table 2. Am29LV040BT Sector Address Table . . . . . . . . . . . . . . .11
Autoselect Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 3. Am29LV040B Autoselect Codes (High Voltage Method) .12
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 25
Figure 9. Test Setup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25 Table 6. Test Specifications ........................................................... 25
Sector Protection/Unprotection . . . . . . . . . . . . . . . . . . . . . . . 12 Hardware Data Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Low VCC Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Write Pulse "Glitch" Protection . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Logical Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12 Power-Up Write Inhibit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .12
Key to Switching Waveforms. . . . . . . . . . . . . . . . 25
Figure 10. Input Waveforms and Measurement Levels . . . . . . . . 25
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 26 Read Operations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Figure 11. Read Operations Timings . . . . . . . . . . . . . . . . . . . . . . 26
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 13 Reading Array Data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Reset Command . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 Autoselect Command Sequence . . . . . . . . . . . . . . . . . . . . . . 13 Byte Program Command Sequence . . . . . . . . . . . . . . . . . . . 13
Unlock Bypass Command Sequence . . . . . . . . . . . . . . . . . . . . . . .14
Erase/Program Operations . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Figure 12. Program Operation Timings. . . . . . . . . . . . . . . . . . . . . Figure 13. Chip/Sector Erase Operation Timings . . . . . . . . . . . . . Figure 14. Data# Polling Timings (During Embedded Algorithms) Figure 15. Toggle Bit Timings (During Embedded Algorithms). . . Figure 16. DQ2 vs. DQ6 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28 28 29 29 30
Chip Erase Command Sequence . . . . . . . . . . . . . . . . . . . . . 14
Figure 1. Program Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Alternate CE# Controlled Erase/Program Operations . . . . . . 31
Figure 17. Alternate CE# Controlled Write Operation Timings . . . 32
Sector Erase Command Sequence . . . . . . . . . . . . . . . . . . . . 15 Erase Suspend/Erase Resume Commands . . . . . . . . . . . . . 15
Figure 2. Erase Operation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Command Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 4. Am29LV040B Command Definitions . . . . . . . . . . . . . . . . .17
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 18 DQ7: Data# Polling . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 3. Data# Polling Algorithm . . . . . . . . . . . . . . . . . . . . . . . . . 18
Erase and Programming Performance . . . . . . . 33 Latchup Characteristics . . . . . . . . . . . . . . . . . . . . 33 TSOP and SO Pin Capacitance . . . . . . . . . . . . . . 33 Data Retention. . . . . . . . . . . . . . . . . . . . . . . . . . . . 33 Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 34 TS 032--32-Pin Standard TSOP . . . . . . . . . . . . . . . . . . . . . . 34 PL 032--32-Pin Plastic Leaded Chip Carrier . . . . . . . . . . . . 35 Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 36
October 11, 2006 21354E4
Am29LV040B
5
DATA
SHEET
PRODUCT SELECTOR GUIDE
Family Part Number Speed Options Regulated Voltage Range: VCC =3.0-3.6 V Full Voltage Range: VCC = 2.7-3.6 V Max access time, ns (tACC) Max CE# access time, ns (tCE) Max OE# access time, ns (tOE) Note: See "AC Characteristics" for full specifications. 60 60 30 -60R -70 70 70 30 -90 90 90 30 -120 120 120 35 Am29LV040B
BLOCK DIAGRAM
DQ0-DQ7 VCC VSS Erase Voltage Generator Input/Output Buffers Sector Switches
WE#
State Control Command Register
PGM Voltage Generator Chip Enable Output Enable Logic STB Data Latch
CE# OE#
STB VCC Detector Timer Address Latch
Y-Decoder
Y-Gating
X-Decoder
Cell Matrix
A0-A18
6
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
CONNECTION DIAGRAMS
A16 VCC A12 A15 WE# A17 A18
4 3 2 1 32 31 30 A7 A6 A5 A4 A3 A2 A1 A0 DQ0 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
VSS DQ3 DQ1 DQ2 DQ4 DQ5 DQ6
32-Pin PLCC
29 28 27 26 25 24 23 22 21
A14 A13 A8 A9 A11 OE# A10 CE# DQ7
A11 A9 A8 A13 A14 A17 WE# VCC A18 A16 A15 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
32-pin Standard TSOP
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE# A10 CE# DQ7 DQ6 DQ5 DQ4 DQ3 VSS DQ2 DQ1 DQ0 A0 A1 A2 A3
October 11, 2006 21354E4
Am29LV040B
7
DATA
SHEET
PIN CONFIGURATION
A0-A18 = 19 address inputs DQ0-DQ7 = 8 data inputs/outputs CE# OE# WE# VCC = Chip enable = Output enable = Write enable = 3.0 volt-only single power supply (see Product Selector Guide for speed options and voltage supply tolerances) = Device ground
LOGIC SYMBOL
19 A0-A18 DQ0-DQ7 8
CE# OE# WE#
VSS
8
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
ORDERING INFORMATION Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is formed by a combination of the elements below.
Am29LV040B -60R E C
TEMPERATURE RANGE C = Commercial (0C to +70C) D = Commercial (0C to +70C) with Pb-free package I = Industrial (-40C to +85C) F = Industrial (-40C to +85C) with Pb-free package E = Extended (-55C to +125C) K = Extended (-55C to +125C) with Pb-free package PACKAGE TYPE J = 32-Pin Plastic Leaded Chip Carrier (PL 032) E = 32-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 032) SPEED OPTION See Product Selector Guide and Valid Combinations DEVICE NUMBER/DESCRIPTION Am29LV040B 4 Megabit (512 K x 8-Bit) CMOS Flash Memory 3.0 Volt-only Read, Program and Erase
Valid Combinations AM29LV040B-60R AM29LV040B-70 AM29LV040B-90 AM29LV040B-120 JC, JD, JI, JF, JE, JK EC, ED, EI, EF, EE, EK JC, JD, JI, JF, EC, ED, EI, EF,
Valid Combinations Valid Combinations list configurations planned to be supported in volume for this device. Consult the local AMD sales office to confirm availability of specific valid combinations and to check on newly released combinations.
October 11, 2006 21354E4
Am29LV040B
9
DATA
SHEET
DEVICE BUS OPERATIONS
This section describes the requirements and use of the device bus operations, which are initiated through the internal command register. The command register itself does not occupy any addressable memory location. The register is composed of latches that store the commands, along with the address and data information needed to execute the command. The contents of the register serve as inputs to the internal state machine. The state machine outputs dictate the function of the device. Table 1 lists the device bus operations, the inputs and control levels they require, and the resulting output. The following subsections describe each of these operations in further detail.
Table 1.
Operation Read Write Standby Output Disable Reset Sector Protect (Note 2) Sector Unprotect (Note 2) Temporary Sector Unprotect CE# L L VCC 0.3 V L X L L X
Am29LV040B Device Bus Operations
OE# L H X H X H H X WE# H L X H X L L X Addresses (Note 1) AIN AIN X X X Sector Address, A6 = L, A1 = H, A0 = L Sector Address, A6 = H, A1 = H, A0 = L AIN DQ0-DQ7 DOUT DIN High-Z High-Z High-Z DIN, DOUT DIN, DOUT DIN
Legend:
L = Logic Low = VIL, H = Logic High = VIH, VID = 12.0 0.5 V, X = Don't Care, AIN = Address In, DIN = Data In, DOUT = Data Out Notes: 1. Addresses are A18-A0. 2. The sector protect and sector unprotect functions may also be implemented via programming equipment. See the "Sector Protection/Unprotection" section.
Requirements for Reading Array Data
To read array data from the outputs, the system must drive the CE# and OE# pins to VIL. CE# is the power control and selects the device. OE# is the output control and gates array data to the output pins. WE# should remain at VIH. The internal state machine is set for reading array data upon device power-up, or after a hardware reset. This ensures that no spurious alteration of the memory content occurs during the power transition. No command is necessary in this mode to obtain array data. Standard microprocessor read cycles that assert valid addresses on the device address inputs produce valid data on the device data outputs. The device remains enabled for read access until the command register contents are altered. See "Reading Array Data" for more information. Refer to the AC Read Operations table for timing specifications and to Figure 11 for the timing diagram. ICC1 in the DC Characteristics table represents the active current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which includes programming data to the device and erasing sectors of memory), the system must drive WE# and CE# to VIL, and OE# to VIH. The device features an Unlock Bypass mode to facilitate faster programming. Once the device enters the Unlock Bypass mode, only two write cycles are required to program a byte, instead of four. The "Byte Program Command Sequence" section has details on programming data to the device using both standard and Unlock Bypass command sequences. An erase operation can erase one sector, multiple sectors, or the entire device. Table 2 indicates the address space that each sector occupies. A "sector address" consists of the address bits required to uniquely select a sector. The "Command Definitions" section has details on erasing a sector or the entire chip, or suspending/resuming the erase operation. After the system writes the autoselect command sequence, the device enters the autoselect mode. The system can then read autoselect codes from the internal register (which is separate from the memory array) on DQ7-DQ0. Standard read cycle timings apply
10
Am29LV040B
21354E4 October 11, 2006
DATA in this mode. Refer to the Autoselect Mode and Autosel e c t C o m m a n d S e q u e n c e s e c t i o n s fo r m o r e information. ICC2 in the DC Characteristics table represents the active current specification for the write mode. The "AC Characteristics" section contains timing specification tables and timing diagrams for write operations.
SHEET the standby mode, but the standby current will be greater. The device requires standard access time (tCE) for read access when the device is in either of these standby modes, before it is ready to read data. If the device is deselected during erasure or programming, the device draws active current until the operation is completed. ICC3 in the DC Characteristics table represents the standby current specification.
Program and Erase Operation Status
During an erase or program operation, the system may check the status of the operation by reading the status bits on DQ7-DQ0. Standard read cycle timings and ICC read specifications apply. Refer to "Write Operation Status" for more information, and to "AC Characteristics" for timing diagrams.
Automatic Sleep Mode
The automatic sleep mode minimizes Flash device energy consumption. The device automatically enables this mode when addresses remain stable for tACC + 30 ns. The automatic sleep mode is independent of the CE#, WE#, and OE# control signals. Standard address access timings provide new data when addresses are changed. While in sleep mode, output data is latched and always available to the system. ICC4 in the DC Characteristics table represents the automatic sleep mode current specification.
Standby Mode
When the system is not reading or writing to the device, it can place the device in the standby mode. In this mode, current consumption is greatly reduced, and the outputs are placed in the high impedance state, independent of the OE# input. The device enters the CMOS standby mode when the CE# pin is both held at VCC 0.3 V. (Note that this is a more restricted voltage range than VIH.) If CE# is held at VIH, but not within VCC 0.3 V, the device will be in
Output Disable Mode
When the OE# input is at VIH, output from the device is disabled. The output pins are placed in the high impedance state.
Table 2.
Sector SA0 SA1 SA2 SA3 SA4 SA5 SA6 SA7 A18 0 0 0 0 1 1 1 1
Am29LV040BT Sector Address Table
A17 0 0 1 1 0 0 1 1 A16 0 1 0 1 0 1 0 1 Address Range (in hexadecimal) 00000h-0FFFFh 10000h-1FFFFh 20000h-2FFFFh 30000h-3FFFFh 40000h-4FFFFh 50000h-5FFFFh 60000h-6FFFFh 70000h-7FFFFh
Autoselect Mode
The autoselect mode provides manufacturer and device identification, and sector protection verification, through identifier codes output on DQ7-DQ0. This mode is primarily intended for programming equipment to automatically match a device to be programmed with its corresponding programming algorithm. However, the autoselect codes can also be accessed in-system through the command register. When using programming equipment, the autoselect mode requires VID (11.5 V to 12.5 V) on address pin A9. Address pins A6, A1, and A0 must be as shown in
Table 3. In addition, when verifying sector protection, the sector address must appear on the appropriate highest order address bits (see Table 2). Table 3 shows the remaining address bits that are don't care. When all necessary bits have been set as required, the programming equipment may then read the corresponding identifier code on DQ7-DQ0. To access the autoselect codes in-system, the host system can issue the autoselect command via the command register, as shown in Table 4. This method does not require VID. See "Command Definitions" for details on using the autoselect mode.
October 11, 2006 21354E4
Am29LV040B
11
DATA Table 3.
SHEET
Am29LV040B Autoselect Codes (High Voltage Method)
A18 to A16 X X A15 to A10 X X A8 to A7 X X A5 to A2 X X DQ7 to DQ0 01h 4Fh 01h (protected)
Description Manufacturer ID: AMD Device ID: Am29LV040B
CE# L L
OE# L L
WE# H H
A9 VID VID
A6 L L
A1 L L
A0 L H
Sector Protection Verification
L
L
H
SA
X
VID
X
L
X
H
L 00h (unprotected)
L = Logic Low = VIL, H = Logic High = VIH, SA = Sector Address, X = Don't care.
Sector Protection/Unprotection
The hardware sector protection feature disables both program and erase operations in any sector. The hardware sector unprotection feature re-enables both program and erase operations in previously protected sectors. Sector protection/unprotection method intended only for programming equipment requires VID on address pin A9 and OE#. This method is compatible with programmer routines written for earlier 3.0 volt-only AMD flash devices. Publication number 22168 contains further details; contact an AMD representative to request a copy. The device is shipped with all sectors unprotected. AMD offers the option of programming and protecting sectors at its factory prior to shipping the device through AMD's ExpressFlashTM Service. Contact an AMD representative for details. It is possible to determine whether a sector is protected or unprotected. See "Autoselect Mode" for details.
erasure or programming, which might otherwise be caused by spurious system level signals during VCC power-up and power-down transitions, or from system noise. Low VCC Write Inhibit When V CC is less than V LKO, the device does not accept any write cycles. This protects data during VCC power-up and power-down. The command register and all internal program/erase circuits are disabled, and the device resets. Subsequent writes are ignored until VCC is greater than VLKO. The system must provide the proper signals to the control pins to prevent unintentional writes when VCC is greater than VLKO. Write Pulse "Glitch" Protection Noise pulses of less than 5 ns (typical) on OE#, CE# or WE# do not initiate a write cycle. Logical Inhibit Write cycles are inhibited by holding any one of OE# = VIL, CE# = VIH or WE# = VIH. To initiate a write cycle, CE# and WE# must be a logical zero while OE# is a logical one. Power-Up Write Inhibit If WE# = CE# = VIL and OE# = VIH during power up, the device does not accept commands on the rising edge of WE#. The internal state machine is automatically reset to reading array data on power-up.
Hardware Data Protection
The command sequence requirement of unlock cycles for programming or erasing provides data protection against inadver tent writes (refer to Table 4 for command definitions). In addition, the following hardware data protection measures prevent accidental
12
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
COMMAND DEFINITIONS
Writing specific address and data commands or sequences into the command register initiates device operations. Table 4 defines the valid register command sequences. Writing incorrect address and data values or writing them in the improper sequence may place the device in an unknown state. A reset command is then required to return the device to reading array data. All addresses are latched on the falling edge of WE# or CE#, whichever happens later. All data is latched on the rising edge of WE# or CE#, whichever happens first. Refer to the appropriate timing diagrams in the "AC Characteristics" section. however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in an autoselect command sequence. Once in the autoselect mode, the reset command must be written to return to reading array data (also applies to autoselect during Erase Suspend). If DQ5 goes high during a program or erase operation, writing the reset command returns the device to reading array data (also applies dur ing Erase Suspend).
Reading Array Data
The device is automatically set to reading array data after device power-up. No commands are required to retrieve data. The device is also ready to read array data after completing an Embedded Program or Embedded Erase algorithm. After the device accepts an Erase Suspend command, the device enters the Erase Suspend mode. The system can read array data using the standard read timings, except that if it reads at an address within erase-suspended sectors, the device outputs status data. After completing a programming operation in the Erase Suspend mode, the system may once again read array data with the same exception. See "Erase Suspend/Erase Resume Commands" for more information on this mode. The system must issue the reset command to reenable the device for reading array data if DQ5 goes high, or while in the autoselect mode. See the "Reset Command" section, next. See also "Requirements for Reading Array Data" in the "Device Bus Operations" section for more information. The Read Operations table provides the read parameters, and Figure 11 shows the timing diagram.
Autoselect Command Sequence
The autoselect command sequence allows the host system to access the manufacturer and devices codes, and determine whether or not a sector is protected. Table 4 shows the address and data requirements. This method is an alternative to that shown in Table 3, which is intended for PROM programmers and requires VID on address bit A9. The autoselect command sequence is initiated by writing two unlock cycles, followed by the autoselect command. The device then enters the autoselect mode, and the system may read at any address any number of times, without initiating another command sequence. A read cycle at address 00h retrieves the manufacturer code. A read cycle at address 01h returns the device code. A read cycle containing a sector address (SA) and the address 02h returns 01h if that sector is protected, or 00h if it is unprotected. Refer to Table 2 for valid sector addresses. The system must write the reset command to exit the autoselect mode and return to reading array data.
Byte Program Command Sequence
The byte program command sequence programs one byte into the device. Programming is a four-bus-cycle operation. The program command sequence is initiated by writing two unlock write cycles, followed by the program set-up command. The program address and data are written next, which in turn initiate the Embedded Program algorithm. The system is not required to provide further controls or timings. The device automatically provides internally generated program pulses and verify the programmed cell margin. Table 4 shows the address and data requirements for the byte program command sequence. Note that the autoselect function is unavailable when a program operation is in progress. When the Embedded Program algorithm is complete, the device then returns to reading array data and addresses are no longer latched. The system can determine the status of the program operation by using
Reset Command
Writing the reset command to the device resets the device to reading array data. Address bits are don't care for this command. The reset command may be written between the sequence cycles in an erase command sequence before erasing begins. This resets the device to reading array data. Once erasure begins, however, the device ignores reset commands until the operation is complete. The reset command may be written between the sequence cycles in a program command sequence before programming begins. This resets the device to reading array data (also applies to programming in Erase Suspend mode). Once programming begins,
October 11, 2006 21354E4
Am29LV040B
13
DATA DQ7 or DQ6. See "Write Operation Status" for information on these status bits. Any commands written to the device during the Embedded Program Algorithm are ignored. Note that a hardware reset immediately terminates the programmin g o pe ra ti on . T he B y te P ro gra m c om ma nd sequence should be reinitiated once the device has reset to reading array data, to ensure data integrity. Programming is allowed in any sequence and across sector boundaries. A bit cannot be programmed from a "0" back to a "1". Attempting to do so may halt the operation and set DQ5 to "1", or cause the Data# Polling algorithm to indicate the operation was successful. However, a succeeding read will show that the data is still "0". Only erase operations can convert a "0" to a "1". Unlock Bypass Command Sequence The unlock bypass feature allows the system to program bytes to the device faster than using the standard program command sequence. The unlock bypass command sequence is initiated by first writing two unlock cycles. This is followed by a third write cycle containing the unlock bypass command, 20h. The device then enters the unlock bypass mode. A twocycle unlock bypass program command sequence is all that is required to program in this mode. The first cycle in this sequence contains the unlock bypass program command, A0h; the second cycle contains the program address and data. Additional data is programmed in the same manner. This mode dispenses with the initial two unlock cycles required in the standard program command sequence, resulting in faster total programming time. Table 4 shows the requirements for the command sequence. During the unlock bypass mode, only the Unlock Bypass Program and Unlock Bypass Reset commands are valid. To exit the unlock bypass mode, the system must issue the two-cycle unlock bypass reset command sequence. The first cycle must contain the data 90h; the second cycle the data 00h. The device then returns to reading array data. Figure 1 illustrates the algorithm for the program operation. See the Erase/Program Operations table in "AC Characteristics" for parameters, and to Figure 12 for timing diagrams.
SHEET
START
Write Program Command Sequence
Embedded Program algorithm in progress
Data Poll from System
Verify Data?
No
Yes No
Increment Address
Last Address?
Yes Programming Completed
Note: See Table 4 for program command sequence.
Figure 1.
Program Operation
memory for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. Table 4 shows the address and data requirements for the chip erase command sequence. Note that the autoselect function is unavailable when an erase operation is in progress. Any commands wr itten to the chip dur ing the Embedded Erase algorithm are ignored. Note that a hardware reset during the chip erase operation immediately terminates the operation. The Chip Erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. The system can determine the status of the erase operation by using DQ7, DQ6, or DQ2. See "Write Operation Status" for information on these status bits. When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are no longer latched. Figure 2 illustrates the algorithm for the erase operation. See the Erase/Program Operations tables in "AC
Chip Erase Command Sequence
Chip erase is a six bus cycle operation. The chip erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the chip erase command, which in turn invokes the Embedded Erase algorithm. The device does not require the system to preprogram prior to erase. The Embedded Erase algorithm automatically preprograms and verifies the entire
14
Am29LV040B
21354E4 October 11, 2006
DATA Characteristics" for parameters, and to Figure 13 for timing diagrams.
SHEET no longer latched. The system can determine the status of the erase operation by using DQ7, DQ6, or DQ2. (Refer to "Write Operation Status" for information on these status bits.) Figure 2 illustrates the algorithm for the erase operation. Refer to the Erase/Program Operations tables in the "AC Characteristics" section for parameters, and to Figure 13 for timing diagrams.
Sector Erase Command Sequence
Sector erase is a six bus cycle operation. The sector erase command sequence is initiated by writing two unlock cycles, followed by a set-up command. Two additional unlock write cycles are then followed by the address of the sector to be erased, and the sector erase command. Table 4 shows the address and data requirements for the sector erase command sequence. Note that the autoselect function is unavailable when an erase operation is in progress. The device does not require the system to preprogram the memory prior to erase. The Embedded Erase algorithm automatically programs and verifies the sector for an all zero data pattern prior to electrical erase. The system is not required to provide any controls or timings during these operations. After the command sequence is written, a sector erase time-out of 50 s begins. During the time-out period, additional sector addresses and sector erase commands may be written. Loading the sector erase buffer may be done in any sequence, and the number of sectors may be from one sector to all sectors. The time between these additional cycles must be less than 50 s, otherwise the last address and command might not be accepted, and erasure may begin. It is recommended that processor interrupts be disabled during this time to ensure all commands are accepted. The interrupts can be re-enabled after the last Sector Erase command is written. If the time between additional sector erase commands can be assumed to be less than 50 s, the system need not monitor DQ3. Any command other than Sector Erase or Erase Suspend during the time-out period resets the device to reading array data. The system must rewrite the command sequence and any additional sector addresses and commands. The system can monitor DQ3 to determine if the sector erase timer has timed out. (See the "DQ3: Sector Erase Timer" section.) The time-out begins from the rising edge of the final WE# pulse in the command sequence. Once the sector erase operation has begun, only the Erase Suspend command is valid. All other commands are ignored. Note that a hardware reset during the sector erase operation immediately terminates the operation. The Sector Erase command sequence should be reinitiated once the device has returned to reading array data, to ensure data integrity. When the Embedded Erase algorithm is complete, the device returns to reading array data and addresses are
Erase Suspend/Erase Resume Commands
The Erase Suspend command allows the system to interrupt a sector erase operation and then read data from, or program data to, any sector not selected for erasure. This command is valid only during the sector erase operation, including the 50 s time-out period during the sector erase command sequence. The Erase Suspend command is ignored if written during the chip erase operation or Embedded Program algorithm. Writing the Erase Suspend command during the Sector Erase time-out immediately terminates the time-out period and suspends the erase operation. Addresses are "don't-cares" when writing the Erase Suspend command. When the Erase Suspend command is written during a sector erase operation, the device requires a maximum of 20 s to suspend the erase operation. However, when the Erase Suspend command is written during the sector erase time-out, the device immediately terminates the time-out period and suspends the erase operation. After the erase operation has been suspended, the system can read array data from or program data to any sector not selected for erasure. (The device "erase suspends" all sectors selected for erasure.) Normal read and write timings and command definitions apply. Reading at any address within erase-suspended sectors produces status data on DQ7-DQ0. The system can use DQ7, or DQ6 and DQ2 together, to determine if a sector is actively erasing or is erase-suspended. See "Write Operation Status" for information on these status bits. After an erase-suspended program operation is complete, the system can once again read array data within non-suspended sectors. The system can determine the status of the program operation using the DQ7 or DQ6 status bits, just as in the standard program operation. See "Write Operation Status" for more information. The system may also write the autoselect command sequence when the device is in the Erase Suspend mode. The device allows reading autoselect codes even at addresses within erasing sectors, since the codes are not stored in the memory array. When the
October 11, 2006 21354E4
Am29LV040B
15
DATA device exits the autoselect mode, the device reverts to the Erase Suspend mode, and is ready for another valid operation. See "Autoselect Command Sequence" for more information. The system must write the Erase Resume command (address bits are "don't care") to exit the erase suspend mode and continue the sector erase operation. Further writes of the Resume command are ignored. Another Erase Suspend command can be written after the device has resumed erasing.
SHEET
START
Write Erase Command Sequence
Data Poll from System
Embedded Erase algorithm in progress
No
Data = FFh?
Yes Erasure Completed
Notes: 1. See Table 4 for erase command sequence. 2. See "DQ3: Sector Erase Timer" for more information.
Figure 2.
Erase Operation
16
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
Command Definitions
Table 4.
Command Sequence (Note 1) Read (Note 5) Reset (Note 6) Manufacturer ID AutoDevice ID select (Note 7) Sector Protect Verify (Note 8) Program Unlock Bypass Unlock Bypass Program (Note 9) Unlock Bypass Reset (Note 10) Chip Erase Sector Erase Erase Suspend (Note 11) Erase Resume (Note 12) Legend: X = Don't care RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever happens later. Notes: 1. See Table 1 for description of bus operations. 2. All values are in hexadecimal. 3. Except when reading array or autoselect data, all command bus cycles are write operations. 4. Address bits A18-A11 are don't cares for unlock and command cycles. 5. No unlock or command cycles required when reading array data. 6. The Reset command is required to return to reading array data when device is in the autoselect mode, or if DQ5 goes high (while the device is providing status data). 7. The fourth cycle of the autoselect command sequence is a read cycle. 8. The data is 00h for an unprotected sector and 01h for a protected sector. See "Autoselect Command Sequence" for more information. PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A18-A13 uniquely select any sector. Cycles
Am29LV040B Command Definitions
Bus Cycles (Notes 2-4) First Second Addr Data RD F0 AA AA AA AA AA A0 90 AA AA B0 30 2AA 2AA 2AA 2AA 2AA PA XXX 2AA 2AA 55 55 55 55 55 PD 00 55 55 555 555 80 80 555 555 AA AA 2AA 2AA 55 55 555 SA 10 30 555 555 555 555 555 90 90 90 A0 20 X00 X01 (SA) X02 PA 01 4F 00 01 PD Third Addr Fourth Data Fifth Addr Data Sixth Addr Data
Addr RA XXX 555 555 555 555 555 XXX XXX 555 555 XXX XXX
Data
Data Addr
1 1 4 4 4 4 3 2 2 6 6 1 1
9. The Unlock Bypass command is required prior to the Unlock Bypass Program command. 10. The Unlock Bypass Reset command is required to return to reading array data when the device is in the unlock bypass mode. 11. The system may read and program in non-erasing sectors, or enter the autoselect mode, when in the Erase Suspend mode. The Erase Suspend command is valid only during a sector erase operation. 12. The Erase Resume command is valid only during the Erase Suspend mode.
October 11, 2006 21354E4
Am29LV040B
17
DATA
SHEET
WRITE OPERATION STATUS
The device provides several bits to determine the status of a write operation: DQ2, DQ3, DQ5, DQ6, and DQ7. Table 5 and the following subsections describe the functions of these bits. DQ7 and DQ6 each offer a method for determining whether a program or erase operation is complete or in progress. These three bits are discussed first. Table 5 shows the outputs for Data# Polling on DQ7. Figure 3 shows the Data# Polling algorithm.
START
DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Algorithm is in progress or completed, or whether the device is in Erase Suspend. Data# Polling is valid after the rising edge of the final WE# pulse in the program or erase command sequence. During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When the Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7. The system must provide the program address to read valid status information on DQ7. If a program address falls within a protected sector, Data# Polling on DQ7 is active for approximately 1 s, then the device returns to reading array data. During the Embedded Erase algorithm, Data# Polling produces a "0" on DQ7. When the Embedded Erase algorithm is complete, or if the device enters the Erase Suspend mode, Data# Polling produces a "1" on DQ7. This is analogous to the complement/true datum output described for the Embedded Program algorithm: the erase function changes all the bits in a sector to "1"; prior to this, the device outputs the "complement," or "0." The system must provide an address within any of the sectors selected for erasure to read valid status information on DQ7. After an erase command sequence is written, if all sectors selected for erasing are protected, Data# Polling on DQ7 is active for approximately 100 s, then the device returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. When the system detects DQ7 has changed from the complement to true data, it can read valid data at DQ7- DQ0 on the following read cycles. This is because DQ7 may change asynchronously with DQ0-DQ6 while Output Enable (OE#) is asserted low. Figure 14, Data# Polling Timings (During Embedded Algorithms), in the "AC Characteristics" section illustrates this.
Read DQ7-DQ0 Addr = VA
DQ7 = Data?
Yes
No No
DQ5 = 1?
Yes Read DQ7-DQ0 Addr = VA
DQ7 = Data?
Yes
No FAIL PASS
Notes: 1. VA = Valid address for programming. During a sector erase operation, a valid address is an address within any sector selected for erasure. During chip erase, a valid address is any non-protected sector address. 2. DQ7 should be rechecked even if DQ5 = "1" because DQ7 may change simultaneously with DQ5.
Figure 3.
Data# Polling Algorithm
18
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET DQ2 toggles when the system reads at addresses within those sectors that have been selected for erasure. (The system may use either OE# or CE# to control the read cycles.) But DQ2 cannot distinguish whether the sector is actively erasing or is erase-suspended. DQ6, by comparison, indicates whether the device is actively erasing, or is in Erase Suspend, but cannot distinguish which sectors are selected for erasure. Thus, both status bits are required for sector and mode information. Refer to Table 5 to compare outputs for DQ2 and DQ6. Figure 4 shows the toggle bit algorithm in flowchart form, and the section "DQ2: Toggle Bit II" explains the algorithm. See also the DQ6: Toggle Bit I subsection. Figure 15 shows the toggle bit timing diagram. Figure 16 shows the differences between DQ2 and DQ6 in graphical form.
DQ6: Toggle Bit I
Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or complete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any address, and is valid after the rising edge of the final WE# pulse in the command sequence (prior to the program or erase operation), and during the sector erase time-out. During an Embedded Program or Erase algorithm operation, successive read cycles to any address cause DQ6 to toggle. The system may use either OE# or CE# to control the read cycles. When the operation is complete, DQ6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6 toggles for approximately 100 s, then returns to reading array data. If not all selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and ignores the selected sectors that are protected. The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or is erasesuspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in progress), DQ6 toggles. When the device enters the Erase Suspend mode, DQ6 stops toggling. However, the system must also use DQ2 to determine which sectors are erasing or erase-suspended. Alternatively, the system can use DQ7 (see the subsection on DQ7: Data# Polling). If a program address falls within a protected sector, DQ6 toggles for approximately 2 s after the program command sequence is written, then returns to reading array data. DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded Program algorithm is complete. Table 5 shows the outputs for Toggle Bit I on DQ6. Figure 4 shows the toggle bit algorithm. Figure 15 in the "AC Characteristics" section shows the toggle bit timing diagrams. Figure 16 shows the differences between DQ2 and DQ6 in graphical form. See also the subsection on DQ2: Toggle Bit II.
Reading Toggle Bits DQ6/DQ2
Refer to Figure 4 for the following discussion. Whenever the system initially begins reading toggle bit status, it must read DQ7-DQ0 at least twice in a row to determine whether a toggle bit is toggling. Typically, the system would note and store the value of the toggle bit after the first read. After the second read, the system would compare the new value of the toggle bit with the first. If the toggle bit is not toggling, the device has completed the program or erase operation. The system can read array data on DQ7-DQ0 on the following read cycle. However, if after the initial two read cycles, the system determines that the toggle bit is still toggling, the system also should note whether the value of DQ5 is high (see the section on DQ5). If it is, the system should then determine again whether the toggle bit is toggling, since the toggle bit may have stopped toggling just as DQ5 went high. If the toggle bit is no longer toggling, the device has successfully completed the program or erase operation. If it is still toggling, the device did not completed the operation successfully, and the system must write the reset command to return to reading array data. The remaining scenario is that the system initially determines that the toggle bit is toggling and DQ5 has not gone high. The system may continue to monitor the toggle bit and DQ5 through successive read cycles, determining the status as described in the previous paragraph. Alternatively, it may choose to perform other system tasks. In this case, the system must start at the beginning of the algorithm when it returns to determine the status of the operation (top of Figure 4).
DQ2: Toggle Bit II
The "Toggle Bit II" on DQ2, when used with DQ6, indicates whether a particular sector is actively erasing (that is, the Embedded Erase algorithm is in progress), or whether that sector is erase-suspended. Toggle Bit II is valid after the rising edge of the final WE# pulse in the command sequence.
October 11, 2006 21354E4
Am29LV040B
19
DATA
SHEET
DQ5: Exceeded Timing Limits
DQ5 indicates whether the program or erase time has exceeded a specified internal pulse count limit. Under these conditions DQ5 produces a "1." This is a failure condition that indicates the program or erase cycle was not successfully completed. The DQ5 failure condition may appear if the system tries to program a "1" to a location that is previously programmed to "0." Only an erase operation can change a "0" back to a "1." Under this condition, the device halts the operation, and when the operation has exceeded the timing limits, DQ5 produces a "1." Under both these conditions, the system must issue the reset command to return the device to reading array data.
START
Read DQ7-DQ0
(Note 1)
Read DQ7-DQ0
Toggle Bit = Toggle? Yes
No
DQ3: Sector Erase Timer
After writing a sector erase command sequence, the system may read DQ3 to determine whether or not an erase operation has begun. (The sector erase timer does not apply to the chip erase command.) If additional sectors are selected for erasure, the entire timeout also applies after each additional sector erase command. When the time-out is complete, DQ3 switches from "0" to "1." If the time between additional sector erase commands from the system can be assumed to be less than 50 s, the system need not monitor DQ3. See also the "Sector Erase Command Sequence" section. After the sector erase command sequence is written, the system should read the status on DQ7 (Data# Polling) or DQ6 (Toggle Bit I) to ensure the device has accepted the command sequence, and then read DQ3. If DQ3 is "1", the internally controlled erase cycle has begun; all further commands (other than Erase Suspend) are ignored until the erase operation is complete. If DQ3 is "0", the device will accept additional sector erase commands. To ensure the command has been accepted, the system software should check the status of DQ3 prior to and following each subsequent sector erase command. If DQ3 is high on the second status check, the last command might not have been accepted. Table 5 shows the outputs for DQ3.
No
DQ5 = 1?
Yes
Read DQ7-DQ0 Twice
(Notes 1, 2)
Toggle Bit = Toggle?
No
Yes Program/Erase Operation Not Complete, Write Reset Command Program/Erase Operation Complete
Notes: 1. Read toggle bit twice to determine whether or not it is toggling. See text. 2. Recheck toggle bit because it may stop toggling as DQ5 changes to "1" . See text.
Figure 4.
Toggle Bit Algorithm
20
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
Table 5. Write Operation Status
Operation Standard Mode Erase Suspend Mode Embedded Program Algorithm Embedded Erase Algorithm Reading within Erase Suspended Sector Reading within Non-Erase Suspended Sector Erase-Suspend-Program DQ7 (Note 2) DQ7# 0 1 Data DQ7# DQ6 Toggle Toggle No toggle Data Toggle DQ5 (Note 1) 0 0 0 Data 0 DQ3 N/A 1 N/A Data N/A DQ2 (Note 2) No toggle Toggle Toggle Data N/A
Notes: 1. DQ5 switches to `1' when an Embedded Program or Embedded Erase operation has exceeded the maximum timing limits. See "" for more information. 2. DQ7 and DQ2 require a valid address when reading status information. Refer to the appropriate subsection for further details.
October 11, 2006 21354E4
Am29LV040B
21
DATA
SHEET
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Plastic Packages . . . . . . . . . . . . . . . -65C to +150C Ambient Temperature with Power Applied. . . . . . . . . . . . . . -65C to +125C Voltage with Respect to Ground VCC (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to +4.0 V A9, OE# (Note 2) . . . . . . . . . . . . -0.5 V to +12.5 V All other pins (Note 1) . . . . . . . . . . . . . . . . . -0.5 V to VCC+0.5 V Output Short Circuit Current (Note 3) . . . . . . 200 mA
Notes: 1. Minimum DC voltage on input or I/O pins is -0.5 V. During voltage transitions, input or I/O pins may overshoot VSS to -2.0 V for periods of up to 20 ns. See Figure 5. Maximum DC voltage on input or I/O pins is VCC +0.5 V. During voltage transitions, input or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns. See Figure 6. 2. Minimum DC input voltage on pins A9 and OE# is -0.5 V. During voltage transitions, A9 and OE# may overshoot VSS to -2.0 V for periods of up to 20 ns. See Figure 5. Maximum DC input voltage on pin A9 is +12.5 V which may overshoot to 14.0 V for periods up to 20 ns. 3. No more than one output may be shorted to ground at a time. Duration of the short circuit should not be greater than one second. Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational sections of this data sheet is not implied. Exposure of the device to absolute maximum rating conditions for extended periods may affect device reliability. VCC +2.0 V VCC +0.5 V 2.0 V 20 ns 20 ns 20 ns +0.8 V -0.5 V -2.0 V 20 ns 20 ns
Figure 5. Maximum Negative Overshoot Waveform
20 ns
Figure 6. Maximum Positive Overshoot Waveform
OPERATING RANGES
Commercial (C) Devices Ambient Temperature (TA) . . . . . . . . . . . 0C to +70C Industrial (I) Devices Ambient Temperature (TA) . . . . . . . . . -40C to +85C Extended (E) Devices Ambient Temperature (TA) . . . . . . . . -55C to +125C VCC Supply Voltages VCC for regulated voltage range. . . . . . . 3.0 V to 3.6 V VCC for full voltage range . . . . . . . . . . . . 2.7 V to 3.6 V
Operating ranges define those limits between which the functionality of the device is guaranteed.
22
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
DC CHARACTERISTICS CMOS Compatible
Parameter ILI ILIT ILO ICC1 ICC2 ICC3 ICC4 ICC5 VIL VIH VID VOL VOH1 VOH2 VLKO Low VCC Lock-Out Voltage (Note 4) Description Input Load Current A9 Input Load Current Output Leakage Current VCC Active Read Current (Notes 1, 2) VCC Active Write Current (Notes 2, 3, 4) VCC Standby Current (Note 2) VCC Reset Current (Note 2) Automatic Sleep Mode (Notes 2, 5) Input Low Voltage Input High Voltage Voltage for Autoselect and Temporary Sector Unprotect Output Low Voltage Output High Voltage VCC = 3.3 V IOL = 4.0 mA, VCC = VCC min IOH = -2.0 mA, VCC = VCC min IOH = -100 A, VCC = VCC min 0.85 VCC VCC-0.4 2.3 2.5 V VIH = VCC 0.3 V; VIL = VSS 0.3 V -0.5 0.7 x VCC 11.5 Test Conditions VIN = VSS to VCC, VCC = VCC max VCC = VCC max; A9 = 12.5 V VOUT = VSS to VCC, VCC = VCC max 5 MHz CE# = VIL, OE# = VIH CE# = VIL, OE# = VIH CE# = VCC 0.3 V 1 MHz 7 2 15 0.2 0.2 0.2 Min Typ Max 1.0 35 1.0 12 mA 4 30 5 5 5 0.8 VCC + 0.3 12.5 0.45 mA A A A V V V V V Unit A A A
Notes: 1. The ICC current listed is typically less than 2 mA/MHz, with OE# at VIH. Typical VCC is 3.0 V. 2. Maximum ICC current specifications are tested with VCC=VCCmax. 3. ICC active while Embedded Erase or Embedded Program is in progress. 4. Not 100% tested. 5. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
October 11, 2006 21354E4
Am29LV040B
23
DATA
SHEET
DC CHARACTERISTICS (continued) Zero Power Flash
20 Supply Current in mA
15
10
5
0 0 500 1000 1500 2000 Time in ns
Note: Addresses are switching at 1 MHz
2500
3000
3500
4000
Figure 7.
ICC1 Current vs. Time (Showing Active and Automatic Sleep Currents)
10
8 Supply Current in mA 3.6 V 6 2.7 V 4
2
0 1 2 3 Frequency in MHz 4 5
Note: T = 25 C
Figure 8.
Typical ICC1 vs. Frequency
24
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
TEST CONDITIONS
Table 6.
3.3 V Test Condition Device Under Test CL 6.2 k Input Rise and Fall Times Input Pulse Levels Input timing measurement reference levels Note: Diodes are IN3064 or equivalent 5 0.0-3.0 1.5 1.5 ns V V V 2.7 k Output Load Output Load Capacitance, CL (including jig capacitance) 30 -60R, -70 -90, -120 1 TTL gate 100 pF Unit
Test Specifications
Figure 9.
Test Setup
Output timing measurement reference levels
KEY TO SWITCHING WAVEFORMS
WAVEFORM INPUTS Steady Changing from H to L Changing from L to H Don't Care, Any Change Permitted Does Not Apply Changing, State Unknown Center Line is High Impedance State (High Z) OUTPUTS
3.0 V 0.0 V
Input
1.5 V
Measurement Level
1.5 V
Output
Figure 10.
Input Waveforms and Measurement Levels
October 11, 2006 21354E4
Am29LV040B
25
DATA
SHEET
AC CHARACTERISTICS Read Operations
Parameter JEDEC tAVAV tAVQV tELQV tGLQV tEHQZ tGHQZ Std tRC tACC tCE tOE tDF tDF tOEH Description Read Cycle Time (Note 1) Address to Output Delay Chip Enable to Output Delay Output Enable to Output Delay Chip Enable to Output High Z (Note 1) Output Enable to Output High Z (Note 1) Read Output Enable Hold Time (Note 1) Toggle and Data# Polling CE# = VIL OE# = VIL OE# = VIL Test Setup Min Max Max Max Max Max Min Min Min -60R 60 60 60 30 Speed Option -70 70 70 70 30 16 16 0 10 0 -90 90 90 90 35 -120 120 120 120 50 Unit ns ns ns ns ns ns ns ns ns
tAXQX
tOH
Output Hold Time From Addresses, CE# or OE#, Whichever Occurs First (Note 1)
Notes: 1. Not 100% tested. 2. See Figure 9 and Table 6 for test specifications.
tRC Addresses CE# tOE tOEH WE# HIGH Z Outputs 0V Output Valid tCE tOH HIGH Z tDF Addresses Stable tACC
OE#
Figure 11.
Read Operations Timings
26
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
AC CHARACTERISTICS Erase/Program Operations
Parameter JEDEC tAVAV tWLAX tDVWH tWLWH tAVWL tWHDX Std tWC tAH tDS tWP tAS tDH tOES tGHWL tELWL tWHEH tWHWL tWHWH1 tWHWH2 tGHWL tCS tCH tWPH Description Write Cycle Time (Note 1) Address Hold Time Data Setup Time Write Pulse Width Address Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE# High to WE# Low) CE# Setup Time CE# Hold Time Write Pulse Width High Min Min Min Min Min Min Min Min Min Min Min Typ Typ Min -60R 60 45 35 35 Speed Options -70 70 45 35 35 0 0 0 0 0 0 30 9 0.7 50 -90 90 45 45 35 -120 120 50 50 50 Unit ns ns ns ns ns ns ns ns ns ns ns s sec s
tWHWH1 Programming Operation (Note 2) tWHWH2 Sector Erase Operation (Note 2) tVCS VCC Setup Time (Note 1)
Notes: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
October 11, 2006 21354E4
Am29LV040B
27
DATA
SHEET
AC CHARACTERISTICS
Program Command Sequence (last two cycles) tWC Addresses 555h tAS PA tAH CE# OE# tWP WE# tCS tDS Data tDH PD Status DOUT tWPH tWHWH1 PA PA Read Status Data (last two cycles)
tCH
A0h
VCC tVCS
Note: PA = program address, PD = program data, DOUT is the true data at the program address.
Figure 12.
Program Operation Timings
Erase Command Sequence (last two cycles) tWC Addresses 2AAh tAS SA
555h for chip erase
Read Status Data
VA tAH
VA
CE#
OE# tWP WE# tCS tDS
tCH
tWPH
tWHWH2
tDH Data 55h tVCS VCC
Note: SA = sector address (for Sector Erase), VA = Valid Address for reading status data (see "Write Operation Status").
30h
10 for Chip Erase
In Progress
Complete
Figure 13.
Chip/Sector Erase Operation Timings
28
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
AC CHARACTERISTICS
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ7
High Z
VA
VA
tOE tDF
Complement
Complement
True
Valid Data
High Z
DQ0-DQ6
Status Data
Status Data
True
Valid Data
Note: VA = Valid address. Illustration shows first status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 14.
Data# Polling Timings (During Embedded Algorithms)
tRC Addresses VA tACC tCE CE# tCH OE# tOEH WE# tOH DQ6/DQ2
High Z
VA
VA
VA
tOE tDF
Valid Status (first read)
Valid Status (second read)
Valid Status (stops toggling)
Valid Data
Note: VA = Valid address; not required for DQ6. Illustration shows first two status cycle after command sequence, last status read cycle, and array data read cycle.
Figure 15.
Toggle Bit Timings (During Embedded Algorithms)
October 11, 2006 21354E4
Am29LV040B
29
DATA
SHEET
AC CHARACTERISTICS
Enter Embedded Erasing WE# Erase Suspend Erase Enter Erase Suspend Program Erase Suspend Program Erase Resume Erase Suspend Read Erase Erase Complete
Erase Suspend Read
DQ6
DQ2 Note: The system may use CE# or OE# to toggle DQ2 and DQ6. DQ2 toggles only when read at an address within an erase-suspended sector.
Figure 16. DQ2 vs. DQ6
30
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
AC CHARACTERISTICS Alternate CE# Controlled Erase/Program Operations
Parameter JEDEC tAVAV tELAX tDVEH tELEH tAVEL tEHDX Std tWC tAH tDS tCP tAS tDH tOES tGHEL tWLEL tEHWH tEHEL tWHWH1 tWHWH2 tGHEL tWS tWH tCPH tWHWH1 tWHWH2 Description Write Cycle Time (Note 1) Address Hold Time Data Setup Time CE# Pulse Width Address Setup Time Data Hold Time Output Enable Setup Time Read Recovery Time Before Write (OE# High to WE# Low) WE# Setup Time WE# Hold Time CE# Pulse Width High Programming Operation (Note 2) Sector Erase Operation (Note 2) Min Min Min Min Min Min Min Min Min Min Min Typ Typ -60R 60 45 35 35 Speed Options -70 70 45 35 35 0 0 0 0 0 0 30 9 0.7 -90 90 45 45 35 -120 120 50 50 50 Unit ns ns ns ns ns ns ns ns ns ns ns s sec
Notes: 1. Not 100% tested. 2. See the "Erase and Programming Performance" section for more information.
October 11, 2006 21354E4
Am29LV040B
31
DATA
SHEET
AC CHARACTERISTICS
555 for program 2AA for erase PA for program SA for sector erase 555 for chip erase
Data# Polling PA
Addresses tWC tWH WE# tGHEL OE# tCP CE# tWS tCPH tDS tDH Data
A0 for program 55 for erase PD for program 30 for sector erase 10 for chip erase
tAS tAH
tWHWH1 or 2
DQ7#
DOUT
Notes: 1. PA = Program Address, PD = Program Data, DQ7# = complement of the data written to the device, DOUT is the data written to the device. 2. Figure indicates the last two bus cycles of the command sequence.
Figure 17.
Alternate CE# Controlled Write Operation Timings
32
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
ERASE AND PROGRAMMING PERFORMANCE
Parameter Sector Erase Time Chip Erase Time Byte Programming Time Chip Programming Time (Note 3) Typ (Note 1) 0.7 11 9 4.5 300 13.5 Max (Note 2) 15 Unit s s s s Excludes system level overhead (Note 5) Comments Excludes 00h programming prior to erasure (Note 4)
Notes: 1. Typical program and erase times assume the following conditions: 25C, 3.0 V VCC, 1,000,000 cycles. Additionally, programming typicals assume checkerboard pattern. 2. Under worst case conditions of 90C, VCC = 2.7 V (3.0 V for -60R), 1,000,000 cycles. 3. The typical chip programming time is considerably less than the maximum chip programming time listed, since most bytes program faster than the maximum program times listed. 4. In the pre-programming step of the Embedded Erase algorithm, all bytes are programmed to 00h before erasure. 5. System-level overhead is the time required to execute the two- or four-bus-cycle sequence for the program command. See Table 4 for further information on command definitions. 6. The device has a minimum guaranteed erase and program cycle endurance of 1,000,000 cycles.
LATCHUP CHARACTERISTICS
Description Input voltage with respect to VSS on all pins except I/O pins (including A9 and OE#) Input voltage with respect to VSS on all I/O pins VCC Current Includes all pins except VCC. Test conditions: VCC = 3.0 V, one pin at a time. Min -1.0 V -1.0 V -100 mA Max 12.5 V VCC + 1.0 V +100 mA
TSOP AND SO PIN CAPACITANCE
Parameter Symbol CIN COUT CIN2 Parameter Description Input Capacitance Output Capacitance Control Pin Capacitance Test Setup VIN = 0 VOUT = 0 VIN = 0 Typ 6 8.5 7.5 Max 7.5 12 9 Unit pF pF pF
Notes: 1. Sampled, not 100% tested. 2. Test conditions TA = 25C, f = 1.0 MHz.
DATA RETENTION
Parameter Minimum Pattern Data Retention Time 125C 20 Years Test Conditions 150C Min 10 Unit Years
October 11, 2006 21354E4
Am29LV040B
33
DATA
SHEET
PHYSICAL DIMENSIONS* TS 032--32-Pin Standard TSOP
Dwg rev AA; 10/99
* For reference only. BSC is an ANSI standard for Basic Space Centering.
34
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
PHYSICAL DIMENSIONS PL 032--32-Pin Plastic Leaded Chip Carrier
PL 032
Dwg rev AH; 10/99
October 11, 2006 21354E4
Am29LV040B
35
DATA
SHEET Global Added table of contents. Deleted burn-in option from Ordering Information section.
REVISION SUMMARY Revision A (January 1998) Revision B (April 1998)
Expanded data sheet from Advanced Information to Preliminary version.
Revision E (March 12, 2003)
Distinctive Characteristics Corrected the values for the automatic sleep mode and standby mode. Command Definitions Added new global text to first paragraph. Byte/Word Program Command Sequence, Sector Erase Command Sequence, and Chip Erase Command Sequence Noted that the autoselect function is unavailable when a program or erase operation is in progress. Read Operations Changed the t EHQZ and tGHQZ max to 16 ns for all speed options.
Revision B+1 (November 1998)
Connection Diagrams Corrected the standard TSOP pinout.
Revision C (January 1999)
Distinctive Characteristics Added 20-year data retention subbullet.
Revision C+1 (May 18, 1999)
Removed preliminary designation from data sheet.
Revision C+2 (July 20, 1999)
Physical Dimensions Corrected the unit of measurement for the 32-pin PLCC to inches.
Revision E+1 (June 11, 2004)
Ordering Information Added Pb-free OPNs.
Revision D (November 11, 1999)
Global Changed all references to 55R speed option (55 ns, regulated voltage range) to 60R (60 ns, regulated voltage range). Physical Dimensions Replaced all drawings with new versions. AC Characteristics--Figure 12. Program Operations Timing and Figure 13. Chip/Sector Erase Operations Deleted tGHWL and changed OE# waveform to start at high.
Revision E+2 (July 19, 2005)
Ordering Information Added valid combination for Pb-free options. Global Added colophon and updated trademark statement.
Revision E+3 (January 31, 2006)
Global Removed reverse TSOP option.
Revision E4 (October 11, 2006)
Global Added notice on product availability.
Revision D+1 (November 13, 2000)
36
Am29LV040B
21354E4 October 11, 2006
DATA
SHEET
Colophon The products described in this document are designed, developed and manufactured as contemplated for general use, including without limitation, ordinary industrial use, general office use, personal use, and household use, but are not designed, developed and manufactured as contemplated (1) for any use that includes fatal risks or dangers that, unless extremely high safety is secured, could have a serious effect to the public, and could lead directly to death, personal injury, severe physical damage or other loss (i.e., nuclear reaction control in nuclear facility, aircraft flight control, air traffic control, mass transport control, medical life support system, missile launch control in weapon system), or (2) for any use where chance of failure is intolerable ( i.e., submersible repeater and artificial satellite). Please note that Spansion will not be liable to you and/or any third party for any claims or damages arising in connection with above-mentioned uses of the products. Any semiconductor devices have an inherent chance of failure. You must protect against injury, damage or loss from such failures by incorporating safety design measures into your facility and equipment such as redundancy, fire protection, and prevention of over-current levels and other abnormal operating conditions. If any products described in this document represent goods or technologies subject to certain restrictions on export under the Foreign Exchange and Foreign Trade Law of Japan, the US Export Administration Regulations or the applicable laws of any other country, the prior authorization by the respective government entity will be required for export of those products. Trademarks Copyright (c) 1998-2005 Advanced Micro Devices, Inc. All rights reserved. AMD, the AMD logo, and combinations thereof are registered trademarks of Advanced Micro Devices, Inc. ExpressFlash is a trademark of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. Copyright (c) 2006 Spansion Inc. All Rights Reserved. Spansion, the Spansion logo, MirrorBit, ORNAND, HD-SIM, and combinations thereof are trademarks of Spansion Inc. Other names are for informational purposes only and may be trademarks of their respective owners.
October 11, 2006 21354E4
Am29LV040B
37


▲Up To Search▲   

 
Price & Availability of AM29LV040B-120EE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X