Part Number Hot Search : 
UCN5822 SB1060F Q5006 Q5006 BGA2850 BGA2850 UFR3003C DLP11
Product Description
Full Text Search
 

To Download AH172 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AH172
Internal Pull-up Hall Effect Latch Features
- Bipolar Hall effect latch sensor - 3.0V to 20V DC operation voltage - Built-in pull-up resistor - 25mA output sink current - Operating temperature: -20C to 85C - Package: SIP3, SOT23
General Description
AH172 is a single digital output Hall-effect sensor with pull-up resistor for high temperature operation. The device includes an on-chip Hall voltage generator for magnetic sensing, an amplifier to amplify Hall voltage, and a comparator to provide switching hysteresis for noise rejection, and an output driver with a pull-up resistor (Rpu). An internal bandgap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range. While the magnetic flux density (B) is larger than operate point (Bop), the OUT pin turns on (low). If B removed toward release point (Brp), the OUT pin is latched "on" state prior to B < Brp. When B < Brp, the OUT pin go into " off " state.
Applications
- Rotor position sensing - Current switch - Encoder - RPM detection
Pin Assignments
(Top view)
3. OUT 2. GND 1. VCC (SIP3 package)
Pin Descriptions
Name VCC GND OUT Description Positive power supply Ground Output stage
3. OUT GND 2. 1. VCC ( SOT23 package)
Ordering Information
AH172 X - X X X - X
Wafer Body Blank or A~Z : if necessary to specify
Package P: SIP3 W: SOT23
Lead L : Lead Free Blank: Normal
Packing Blank : Tube or Bulk A : Tape & Reel
Magnetic Characteristics A or B
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent accompany the sale of the product.
Rev. 0.4 May 7, 2004 1/6
AH172
Internal Pull-up Hall Effect Latch Block Diagram
VCC 1
REG.
Rpu 3
AMP
OUT
2
GND
Functional Application Circuit
IA IB
M
Digital Hall Effect Sensor M: Three Phase Hall Motor
Driver & Control Logic
IC Ia Ib Ic RPM sensing
HA HB HC Hall Motor Driver
3 Phase Hall Motor
Anachip Corp. www.anachip.com.tw 2/6
Rev 0.4 May 7, 2004
AH172
Internal Pull-up Hall Effect Latch Absolute Maximum Ratings ( at Ta= 25C )
Characteristics Supply voltage Output "off " voltage Output "on" current Operating temperature range Storage temperature range Power dissipation SIP SOT23 Symbol VCC Values 20 20 25 -20~+85 -65~+150 550 230 Unit V V mA C C mW mW
Vout (off) Io (sink) Top Tstg
PD
Electrical Characteristics
Characteristics Supply voltage Output saturation voltage Supply current Internal pull-up resistor Dropout voltage Symbol Vcc Vout(sat) Icc Rpu Vd
( Ta= 25C ) Conditions -- VCC=12V, OUT "ON" Io =10mA VCC=12V, OUT "OFF" -- Vd = Vcc-Vce Min. 3 -- -- 7 -- Typ. -- 300 3.5 10 -- Max. 20 400 6 13 0.3 Unit V mV mA K V
Magnetic Characteristics (At Ta= 25C )
(1mT = 10 Gauss) A grade Characteristics Operate Point Release Point Hysteresis B grade Characteristics Operate Point Release Point Hysteresis Symbol Bop Brp Bhy Min. 5 -80 Typ. 80 Max. 80 -5 Unit Gauss Gauss Gauss Symbol Bop Brp Bhy Min. 15 -60 Typ. 80 Max. 60 -15 Unit Gauss Gauss Gauss
Anachip Corp. www.anachip.com.tw 3/6
Rev 0.4 May 7, 2004
AH172
Internal Pull-up Hall Effect Latch Operating Characteristics
Vout ( Output Voltage ) Vcc
High
S
S
Marking side
Vd Bhy
Low
Marking side
N ( SOT23 )
N ( SIP3 )
Vsat Brp 0 Bop
( Magnetic flux density )
Marking Information
(1) SOT23
(Top View) ID code A~Z: Non-Lead Free a~z : Lead Free J2 : AH172 Date code Y : Year M :Month (A~L)
(2) SIP3
(Top View) 172 YWW X ID code A~Z: Non-Lead Free a~z : Lead Free Date code Y : Year WW : Nth week
XX YM X
Anachip Corp. www.anachip.com.tw 4/6
Rev 0.4 May 7, 2004
AH172
Internal Pull-up Hall Effect Latch Package Information
(1) Package Type: SIP-3L
0.51mm NOM 2.10mm
1.55mm
BRANDED SURFACE
1
2
3
Active Area Depth
45
Sensor Location
0.38mm 0.7mm
1.57mm 1.47mm 0.41mm 0.41mm
3
4.17mm 4.04mm 1.27mm
2 1
1.82 mm
45
3.10mm 2.97mm
15.50mm 13.00mm
Package Dimension
Anachip Corp. www.anachip.com.tw 5/6
Rev 0.4 May 7, 2004
AH172
Internal Pull-up Hall Effect Latch
(2) Package Type: SOT23-3L
D
2 ( Sensing point )
E 0.8mm HE
1
1.45mm
3
e1 e 1(4x) 0.10 C 3X SEATING PLANE 2(4x) b(3x)
SEE VIEW C
A2
GAUGE PLANE L
A
A1
L1
VIEW C
Symbol A A1 A2 b C D E HE L L1 e e1 1 2
Dimensions In Millimeters Min. 1.05 0.05 1.00 0.25 0.08 2.70 1.50 2.60 0.30 0.50 1.80 0.85 0o 3o 6o Nom. 1.10 2.90 1.60 2.80 0.60 1.90 0.95 5o 5o 8o Max. 1.35 0.15 1.20 0.50 0.20 3.00 1.70 3.00 0.55 0.70 2.00 1.05 10o 7o 10o
Dimensions In Inches Min. 0.041 0.002 0.039 0.010 0.003 0.106 0.059 0.102 0.012 0.020 0.071 0.033 0o 3o 6o Nom. 0.043 0.114 0.063 0.110 0.024 0.075 0.037 5o 5o 8o Max. 0.053 0.006 0.047 0.020 0.008 0.118 0.067 0.118 0.022 0.028 0.079 0.041 10o 7o 10o
Anachip Corp. www.anachip.com.tw 6/6
Rev 0.4 May 7, 2004


▲Up To Search▲   

 
Price & Availability of AH172

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X