Part Number Hot Search : 
600BR SSF3D NCP1526 645ET Z0109NA 76561E3 BXA75 EL5123
Product Description
Full Text Search
 

To Download AAT3216IJS-28-T1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AAT3216
150mA MicroPowerTM LDO with PowerOK General Description
The AAT3216 MicroPower low dropout (LDO) linear regulator is ideally suited for portable applications where low noise, extended battery life, and small size are critical. The AAT3216 has been specifically designed for low output noise performance, fast transient response, and high power supply rejection ratio (PSRR), making it ideal for powering sensitive RF circuits. Other features include low quiescent current, typically 70A, and low dropout voltage, typically less than 200mV at full output current. The device is output short-circuit protected and has a thermal shutdown circuit for additional protection under extreme conditions. The AAT3216 also features a low-power shutdown mode for extended battery life. A Power-OK opendrain output signals when VOUT is in regulation. The AAT3216 is available in a Pb-free, space-saving 5-pin SOT23 or 8-pin SC70JW package in 12 factory-programmed voltages: 1.2V, 1.5V, 1.8V, 2.0V, 2.3V, 2.5V, 2.7V, 2.8V, 2.85V, 3.0V, 3.3V, or 3.5V.
Features
* * * * * * * * * * * * * *
PowerLinear TM SmartSwitchTM
Low Dropout: 200mV at 150mA Guaranteed 150mA Output High Accuracy: 1.5% 70A Quiescent Current High Power Supply Ripple Rejection Low Self Noise Power-OK (POK) Output Fast Line and Load Transient Response Short-Circuit and Over-Temperature Protection Uses Low Equivalent Series Resistance (ESR) Ceramic Capacitors Shutdown Mode for Longer Battery Life Low Temperature Coefficient 12 Factory-Programmed Output Voltages SOT23 5-Pin or SC70JW 8-Pin Package
Applications
* * * * * * Cellular Phones Desktop Computers Digital Cameras Notebook Computers Personal Portable Electronics Portable Communication Devices
Typical Application
VIN IN OUT VOUT
AAT3216
ON/OFF EN GND 1F POK
100k
POK
2.2F
GND
GND
3216.2006.01.1.3
1
AAT3216
150mA MicroPowerTM LDO with PowerOK Pin Descriptions
Pin #
SOT23-5 SC70JW-8
Symbol
IN GND EN
Function
Input voltage pin; should be decoupled with 1F or greater capacitor. Ground connection pin. Enable pin; this pin should not be left floating. When pulled low, the PMOS pass transistor turns off and all internal circuitry enters low-power mode, consuming less than 1A. Power-OK output. This open-drain output is low when OUT is out of regulation. Connect a pull-up resistor from POK to OUT or IN. Output pin; should be decoupled with 2.2F ceramic capacitor.
1 2 3
5, 6 8 7
4 5
1 2, 3, 4
POK OUT
Pin Configuration
SOT23-5 (Top View) SC70JW-8 (Top View)
IN GND EN
1
5
OUT
2
3
4
POK
POK OUT OUT OUT
1 2 3 4
8 7 6 5
GND EN IN IN
2
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK Absolute Maximum Ratings1
TA = 25C, unless otherwise noted. Symbol
VIN, POK VENIN(MAX) IOUT TJ
Description
Input Voltage, POK Maximum EN to Input Voltage DC Output Current Operating Junction Temperature Range
Value
6 0.3 PD/(VIN-VO) -40 to 150
Units
V V mA C
Thermal Information2
Symbol
JA PD
Description
Maximum Thermal Resistance (SOT23-5, SC70JW-8) Maximum Power Dissipation (SOT23-5, SC70JW-8)
Rating
190 526
Units
C/W mW
Recommended Operating Conditions
Symbol
VIN T
Description
Input Voltage Ambient Temperature Range
3
Rating
(VOUT + VDO) to 5.5 -40 to +85
Units
V C
1. Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at conditions other than the operating conditions specified is not implied. Only one Absolute Maximum Rating should be applied at any one time. 2. Mounted on a demo board. 3. To calculate minimum input voltage, use the following equation: VIN(MIN) = VOUT(MAX) + VDO(MAX) as long as VIN 2.5V. 3216.2006.01.1.3
3
AAT3216
150mA MicroPowerTM LDO with PowerOK Electrical Characteristics
VIN = VOUT(NOM) + 1V for VOUT options greater than 1.5V. VIN = 2.5 for VOUT 1.5V. IOUT = 1mA, COUT = 2.2F, CIN = 1F, TA = -40C to +85C, unless otherwise noted. Typical values are at TA = 25C. Symbol
VOUT IOUT VDO ISC IQ ISD VOUT/ VOUT*VIN VOUT(line) VOUT(load) VEN(L) VEN(H) IEN VPOK VPOKHYS VPOK(OL) IPOK PSRR
Description
Output Voltage Tolerance Output Current Dropout Voltage1, 2 Short-Circuit Current Ground Current Shutdown Current Line Regulation3 Dynamic Line Regulation Dynamic Load Regulation Enable Threshold Low Enable Threshold High Leakage Current on Enable Pin POK Trip Threshold POK Hysteresis POK Output Voltage Low POK Output Leakage Current Power Supply Rejection Ratio Over-Temperature Shutdown Threshold Over-Temperature Shutdown Hysteresis Output Noise Output Voltage Temperature Coefficient
Conditions
IOUT = 1mA to 150mA
Min Typ Max
TA = 25C -1.5 TA = -40 to 85C -2.5 150 200 600 70 1.5 2.5 300 125 1 0.09 5 30 0.6 1.5
Units
% mA mV mA A A %/V mV mV V V A % of VOUT % of VOUT V A dB
VOUT > 1.2V IOUT = 150mA VOUT < 0.4V VIN = 5V, No Load, EN = VIN VIN = 5V, EN = 0V VIN = VOUT + 1 to 5.0V
VIN = VOUT + 1V to VOUT + 2V, IOUT = 150mA, TR/TF = 2s IOUT = 1mA to 150mA, TR<5s
VEN = 5V VOUT Rising, TA = 25C ISINK = 1mA VPOK < 5.5V, VOUT in Regulation 1kHz IOUT = 10mA 10kHz 1MHz
90
94 1
1 98 0.4 1
65 45 42 145 12 250 22
TSD THYS eN TC
C C Vrms ppm/C
1. VDO is defined as VIN - VOUT when VOUT is 98% of nominal. 2. For VOUT < 2.3V, VDO = 2.5V - VOUT. 3. CIN = 10F.
4
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C. Dropout Voltage vs. Temperature
3.20
260 240 220 200 180 160 140 120 100 80 60 40 20 0
Dropout Characteristics
3.00
Dropout Voltage (mV)
Output Voltage (V)
IL = 150mA
IOUT = 0mA
2.80 2.60
IL = 100mA
IOUT = 10mA IOUT = 50mA IOUT = 100mA IOUT = 150mA
2.40 2.20 2.00 2.70
IL = 50mA
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
2.80
2.90
3.00
3.10
3.20
Temperature (C)
Input Voltage (V)
Dropout Voltage vs. Output Current
90.00
Ground Current vs. Input Voltage
80.00
300
Dropout Voltage (mV)
250 200 150 100 50 0 0 25 50 75 100 125 150
Ground Current (A)
70.00 60.00 50.00 40.00 30.00 20.00 10.00 0.00 2 2.5 3 3.5 4 4.5 5
85C 25C -40C
IOUT = 150mA IOUT = 0mA IOUT = 50mA
IOUT = 10mA
Output Current (mA)
Input Voltage (V)
Quiescent Current vs. Temperature
100
Output Voltage vs. Temperature
1.203 1.202
Quiescent Current (A)
90
Output Voltage (V)
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90 100 110 120
80 70 60 50 40 30 20 10 0
1.201 1.200 1.199 1.198 1.197 1.196 -40 -30 -20 -10
0
10 20
30
40
50 60
70 80
90 100
Temperature (C)
Temperature (C)
3216.2006.01.1.3
5
AAT3216
150mA MicroPowerTM LDO with PowerOK Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C. Turn-On Time and POK Delay Turn-Off Time with POK Delay
VENABLE (2V/div) VEN (2V/div) VOUT (500mV/div)
VPOK (500mV/div)
VPOK (2V/div) VOUT (2V/div)
Time (10s/div)
Time (200s/div)
Line Transient Response
2.90 6 5 3.25
Load Transient Response
500
4 3 2 1 0 -1 -2
3.15 3.10 3.05 3.00
Output Voltage (V)
VIN
3.20
2.85 2.80 2.75 2.70 2.65 2.60
Input Voltage (V)
VOUT
400 300 200 100 0 -100
Output Current (mA)
Output Voltage (V)
VOUT
2.95 2.90 2.85
IOUT
Time (100s/div)
Time (100s/div)
Over-Current Protection
1200 1000
POK Output Response
VIN (2V/div)
Output Current (mA)
800 600 400 200 0 -200
VOUT (2V/div)
VPOK (1V/div) Time (20ms/div)
Time (200s/div)
6
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK Typical Characteristics
Unless otherwise noted, VIN = 5V, TA = 25C. AAT3216 Self Noise
Noise Amplitude (V/rtHz)
10 1.250 1.225 1.200 1
VEN(H) and V EN(L) vs. VIN
VEN (V)
1.175 1.150 1.125 1.100 1.075
VEN(H)
0.1
VEN(L)
0.01 0.01
1.050 2.5 0.1 1 10 100 1000
3.0
3.5
4.0
4.5
5.0
5.5
Frequency (kHz)
VIN (V)
3216.2006.01.1.3
7
AAT3216
150mA MicroPowerTM LDO with PowerOK Functional Block Diagram
IN
Over-Current Protection Over-Temperature Protection
OUT
Error Amplifier
EN
POK
Voltage Reference 94%
GND
Functional Description
The AAT3216 is intended for LDO regulator applications where output current load requirements range from no load to 150mA. The advanced circuit design of the AAT3216 provides excellent transient response and fast turn-on ability. The LDO regulator output has been specifically optimized to function with low-cost, low-ESR ceramic capacitors. However, the design will allow for operation over a wide range of capacitor types. The AAT3216 has an integrated Power-OK comparator which indicates when the output is out of regulation.
The device enable circuit is provided to shut down the LDO regulator for power conservation in portable products. The enable circuit has an additional output capacitor discharge circuit to assure sharp application circuit turn-off upon device shutdown. This LDO regulator has complete short-circuit and thermal protection. The integral combination of these two internal protection circuits gives the AAT3216 a comprehensive safety system during extreme adverse operating conditions. Device power dissipation is limited to the package type and thermal dissipation properties. Refer to the Thermal Considerations section of this datasheet for details on device operation at maximum output current loads.
8
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK Applications Information
To assure the maximum possible performance is obtained from the AAT3216, please refer to the following application recommendations.
Capacitor Characteristics
Ceramic composition capacitors are highly recommended over all other types of capacitors for use with the AAT3216. Ceramic capacitors offer many advantages over their tantalum and aluminum electrolytic counterparts. A ceramic capacitor typically has very low ESR, is lower cost, has a smaller PCB footprint, and is non-polarized. Line and load transient response of the LDO regulator is improved by using low ESR ceramic capacitors. Since ceramic capacitors are non-polarized, they are not prone to incorrect connection damage. Equivalent Series Resistance: ESR is a very important characteristic to consider when selecting a capacitor. ESR is the internal series resistance associated with a capacitor that includes lead resistance, internal connections, size and area, material composition, and ambient temperature. Typically, capacitor ESR is measured in milliohms for ceramic capacitors and can range to more than several ohms for tantalum or aluminum electrolytic capacitors. Ceramic Capacitor Materials: Ceramic capacitors less than 0.1F are typically made from NPO or C0G materials. NPO and C0G materials generally have tight tolerance and are very stable over temperature. Larger capacitor values are usually composed of X7R, X5R, Z5U, or Y5V dielectric materials. Large ceramic capacitors (i.e., greater than 2.2F) are often available in low-cost Y5V and Z5U dielectrics. These two material types are not recommended for use with LDO regulators since the capacitor tolerance can vary more than 50% over the operating temperature range of the device. A 2.2F Y5V capacitor could be reduced to 1F over temperature; this could cause problems for circuit operation. X7R and X5R dielectrics are much more desirable. The temperature tolerance of X7R dielectric is better than 15%. Capacitor area is another contributor to ESR. Capacitors that are physically large in size will have a lower ESR when compared to a smaller sized capacitor of an equivalent material and capacitance value. These larger devices can improve circuit transient response when compared to an equal value capacitor in a smaller package size. Consult capacitor vendor datasheets carefully when selecting capacitors for LDO regulators.
Input Capacitor
Typically, a 1F or larger capacitor is recommended for CIN in most applications. A CIN capacitor is not required for basic LDO regulator operation. However, if the AAT3216 is physically located more than three centimeters from an input power source, a CIN capacitor will be needed for stable operation. CIN should be located as closely to the device VIN pin as practically possible. CIN values greater than 1F will offer superior input line transient response and will assist in maximizing the highest possible power supply ripple rejection. Ceramic, tantalum, or aluminum electrolytic capacitors may be selected for CIN. There is no specific capacitor ESR requirement for CIN. However, for 150mA LDO regulator output operation, ceramic capacitors are recommended for CIN due to their inherent capability over tantalum capacitors to withstand input current surges from low impedance sources such as batteries in portable devices.
Output Capacitor
For proper load voltage regulation and operational stability, a capacitor is required between pins VOUT and GND. The COUT capacitor connection to the LDO regulator ground pin should be made as direct as practically possible for maximum device performance. The AAT3216 has been specifically designed to function with very low ESR ceramic capacitors. For best performance, ceramic capacitors are recommended. Typical output capacitor values for maximum output current conditions range from 1F to 10F. Applications utilizing the exceptionally low output noise and optimum power supply ripple rejection characteristics of the AAT3216 should use 2.2F or greater for COUT. If desired, COUT may be increased without limit. In low output current applications where output load is less than 10mA, the minimum value for COUT can be as low as 0.47F.
3216.2006.01.1.3
9
AAT3216
150mA MicroPowerTM LDO with PowerOK
POK Output
The AAT3216 features an integrated Power-OK comparator which can be used as an error flag. The POK open-drain output goes low when OUT is 6% below its nominal regulation voltage. Connect a pull-up resistor from POK to OUT or IN. A delayed POK signal can be implemented with a capacitor in parallel with the pull-up resistor. LDO regulator to withstand indefinite short-circuit conditions without sustaining permanent damage.
No-Load Stability
The AAT3216 is designed to maintain output voltage regulation and stability under operational noload conditions. This is an important characteristic for applications where the output current may drop to zero.
Enable Function
The AAT3216 features an LDO regulator enable/ disable function. This pin (EN) is active high and is compatible with CMOS logic. To assure the LDO regulator will switch on, the EN turn-on control level must be greater than 2.0V. The LDO regulator will go into the disable shutdown mode when the voltage on the EN pin falls below 0.6V. If the enable function is not needed in a specific application, it may be tied to VIN to keep the LDO regulator in a continuously on state. When the LDO regulator is in the shutdown mode, an internal 1.5k resistor is connected between VOUT and GND. This is intended to discharge COUT when the LDO regulator is disabled. The internal 1.5k has no adverse effect on device turn-on time.
Reverse Output-to-Input Voltage Conditions and Protection
Under normal operating conditions, a parasitic diode exists between the output and input of the LDO regulator. The input voltage should always remain greater than the output load voltage, maintaining a reverse bias on the internal parasitic diode. Conditions where VOUT might exceed VIN should be avoided since this would forward bias the internal parasitic diode and allow excessive current flow into the VOUT pin, possibly damaging the LDO regulator. In applications where there is a possibility of VOUT exceeding VIN for brief amounts of time during normal operation, the use of a larger value CIN capacitor is highly recommended. A larger value of CIN with respect to COUT will effect a slower CIN decay rate during shutdown, thus preventing VOUT from exceeding VIN. In applications where there is a greater danger of VOUT exceeding VIN for extended periods of time, it is recommended to place a Schottky diode across VIN to VOUT (connecting the cathode to VIN and anode to VOUT). The Schottky diode forward voltage should be less than 0.45V.
Short-Circuit Protection
The AAT3216 contains an internal short-circuit protection circuit that will trigger when the output load current exceeds the internal threshold limit. Under short-circuit conditions, the output of the LDO regulator will be current limited until the short-circuit condition is removed from the output or LDO regulator package power dissipation exceeds the device thermal limit.
Thermal Protection
The AAT3216 has an internal thermal protection circuit which will turn on when the device die temperature exceeds 150C. The internal thermal protection circuit will actively turn off the LDO regulator output pass device to prevent the possibility of overtemperature damage. The LDO regulator output will remain in a shutdown state until the internal die temperature falls back below the 150C trip point. The combination and interaction between the shortcircuit and thermal protection systems allows the 10
Thermal Considerations and High Output Current Applications
The AAT3216 is designed to deliver a continuous output load current of 150mA under normal operating conditions. The limiting characteristic for the maximum output load current safe operating area is essentially package power dissipation and the internal preset thermal limit of the device. In order to obtain high operating currents, careful device layout and circuit operating conditions must be taken into account.
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK
The following discussions will assume the LDO regulator is mounted on a printed circuit board utilizing the minimum recommended footprint as stated in the Layout Considerations section of this document. At any given ambient temperature (TA), the maximum package power dissipation can be determined by the following equation: TJ(MAX) - TA JA PD(MAX) + (VOUT x IOUT) IOUT + IGND
VIN(MAX) =
The following is an example for an AAT3216 set for a 2.5V output: VOUT = 2.5V = 150mA = 150A 526mW + (2.5V x 150mA) 150mA + 150A
PD(MAX) =
IOUT IGND
Constants for the AAT3216 are TJ(MAX), the maximum junction temperature for the device which is 125C, and JA = 190C/W, the package thermal resistance. Typically, maximum conditions are calculated at the maximum operating temperature where TA = 85C, under normal ambient conditions TA = 25C. Given TA = 85C, the maximum package power dissipation is 211mW. At TA = 25C, the maximum package power dissipation is 526mW. The maximum continuous output current for the AAT3216 is a function of the package power dissipation and the input-to-output voltage drop across the LDO regulator. Refer to the following simple equation: PD(MAX) IOUT(MAX) < VIN - VOUT For example, if VIN = 5V, VOUT = 3V, and TA = 25C, IOUT(MAX) < 264mA. If the output load current were to exceed 264mA or if the ambient temperature were to increase, the internal die temperature would increase. If the condition remained constant, the LDO regulator thermal protection circuit would activate. To determine the maximum input voltage for a given load current, refer to the following equation. This calculation accounts for the total power dissipation of the LDO regulator, including that caused by ground current. PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND) This formula can be solved for VIN to determine the maximum input voltage.
3216.2006.01.1.3
VIN(MAX) =
VIN(MAX) = 6.00V From the discussion above, PD(MAX) was determined to equal 526mW at TA = 25C. Thus, the AAT3216 can sustain a constant 2.5V output at a 150mA load current as long as VIN is 6.00V at an ambient temperature of 25C. 6.0V is the absolute maximum voltage where an AAT3216 would never be operated, thus at 25C, the device would not have any thermal concerns or operational VIN(MAX) limits. This situation can be different at 85C. The following is an example for an AAT3216 set for a 2.5V output at 85C: VOUT IOUT IGND = 2.5V = 150mA = 150A 211mW + (2.5V x 150mA) 150mA + 150A
VIN(MAX) =
VIN(MAX) = 3.90V From the discussion above, PD(MAX) was determined to equal 211mW at TA = 85C. Higher input-to-output voltage differentials can be obtained with the AAT3216, while maintaining device functions within the thermal safe operating area. To accomplish this, the device thermal resistance must be reduced by increasing the heat 11
AAT3216
150mA MicroPowerTM LDO with PowerOK
sink area or by operating the LDO regulator in a duty-cycled mode. For example, an application requires VIN = 4.2V while VOUT = 2.5V at a 150mA load and TA = 85C. VIN is greater than 3.90V, which is the maximum safe continuous input level for VOUT = 2.5V at 150mA for TA = 85C. To maintain this high input voltage and output current level, the LDO regulator must be operated in a duty-cycled mode. Refer to the following calculation for duty-cycle operation: IGND = 150A IOUT VIN = 150mA = 4.2V Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 50C)
3.5
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 25C)
Voltage Drop (V)
3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
200mA
Duty Cycle (%)
VOUT = 2.5V %DC = 100 PD(MAX) (VIN - VOUT)IOUT + (VIN x IGND)
Voltage Drop (V)
3.5 3 2.5 2 1.5 1 0.5 0 0 10
211mW %DC = 100 (4.2V - 2.5V)150mA + (4.2V x 150A) %DC = 85.54%
200mA 150mA
PD(MAX) was assumed to be 211mW. For a 150mA output current and a 2.7V drop across the AAT3216 at an ambient temperature of 85C, the maximum on-time duty cycle for the device would be 85.54%. The following family of curves show the safe operating area for duty-cycled operation from ambient room temperature to the maximum operating level.
Voltage Drop (V)
20
30
40
50
60
70
80
90
100
Duty Cycle (%)
Device Duty Cycle vs. VDROP
(VOUT = 2.5V @ 85C)
3.5 3 2.5 2 1.5 1 0.5 0 0 10 20 30 40 50 60 70 80 90 100
100mA
200mA 150mA
Duty Cycle (%)
12
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK
High Peak Output Current Applications
Some applications require the LDO regulator to operate at continuous nominal level with short duration, high-current peaks. The duty cycles for both output current levels must be taken into account. To do so, one would first need to calculate the power dissipation at the nominal continuous level, then factor in the additional power dissipation due to the short duration, high-current peaks. For example, a 2.5V system using a AAT3216IGV2.5-T1 operates at a continuous 100mA load current level and has short 150mA current peaks. The current peak occurs for 378s out of a 4.61ms period. It will be assumed the input voltage is 4.2V. First, the current duty cycle in percent must be calculated: % Peak Duty Cycle: X/100 = 378s/4.61ms % Peak Duty Cycle = 8.2% The LDO regulator will be under the 100mA load for 91.8% of the 4.61ms period and have 150mA peaks occurring for 8.2% of the time. Next, the continuous nominal power dissipation for the 100mA load should be determined then multiplied by the duty cycle to conclude the actual power dissipation over time. PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND) PD(100mA) = (4.2V - 2.5V)100mA + (4.2V x 150A) PD(100mA) = 170.6mW PD(91.8%D/C) = %DC x PD(100mA) PD(91.8%D/C) = 0.918 x 170.6mW PD(91.8%D/C) = 156.6mW The power dissipation for 100mA load occurring for 91.8% of the duty cycle will be 156.6mW. Now the power dissipation for the remaining 8.2% of the duty cycle at the 150mA load can be calculated: PD(MAX) = (VIN - VOUT)IOUT + (VIN x IGND) PD(150mA) = (4.2V - 2.5V)150mA + (4.2V x 150mA) PD(150mA) = 255.6mW PD(8.2%D/C) = %DC x PD(150mA) PD(8.2%D/C) = 0.082 x 255.6mW PD(8.2%D/C) = 21mW The power dissipation for 150mA load occurring for 8.2% of the duty cycle will be 21mW. Finally, the two power dissipation levels can summed to determine the total true power dissipation under the varied load. PD(total) = PD(100mA) + PD(150mA) PD(total) = 156.6mW + 21mW PD(total) = 177.6mW The maximum power dissipation for the AAT3216 operating at an ambient temperature of 85C is 211mW. The device in this example will have a total power dissipation of 177.6mW. This is well within the thermal limits for safe operation of the device.
3216.2006.01.1.3
13
AAT3216
150mA MicroPowerTM LDO with PowerOK Ordering Information
Output Voltage
1.2V 1.5V 1.8V 2.0V 2.3V 2.5V 2.7V 2.8V 2.85V 3.0V 3.3V 3.5V 1.2V 1.5V 1.8V 2.0V 2.3V 2.5V 2.7V 2.8V 2.85V 3.0V 3.3V 3.5V
Package
SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SOT23-5 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8 SC70JW-8
Marking1
EAXYY KJXYY
Part Number (Tape and Reel)2
AAT3216IGV-1.2-T1 AAT3216IGV-1.5-T1 AAT3216IGV-1.8-T1 AAT3216IGV-2.0-T1 AAT3216IGV-2.3-T1
KKXYY
AAT3216IGV-2.5-T1 AAT3216IGV-2.7-T1
ELXYY
AAT3216IGV-2.8-T1 AAT3216IGV-2.85-T1 AAT3216IGV-3.0-T1
HQXYY IYXYY
AAT3216IGV-3.3-T1 AAT3216IGV-3.5-T1 AAT3216IJS-1.2-T1 AAT3216IJS-1.5-T1 AAT3216IJS-1.8-T1 AAT3216IJS-2.0-T1 AAT3216IJS-2.3-T1 AAT3216IJS-2.5-T1 AAT3216IJS-2.7-T1 AAT3216IJS-2.8-T1 AAT3216IJS-2.85-T1
KGXYY HQXYY
AAT3216IJS-3.0-T1 AAT3216IJS-3.3-T1 AAT3216IJS-3.5-T1
All AnalogicTech products are offered in Pb-free packaging. The term "Pb-free" means semiconductor products that are in compliance with current RoHS standards, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. For more information, please visit our website at http://www.analogictech.com/pbfree.
1. XYY = assembly and date code. 2. Sample stock is generally held on part numbers listed in BOLD.
14
3216.2006.01.1.3
AAT3216
150mA MicroPowerTM LDO with PowerOK Package Information
SOT23-5
2.85 0.15 1.90 BSC 0.95 BSC
1.575 0.125
1.10 0.20
0.60 REF
2.80 0.20
1.20 0.25
0.15 0.07 4 4
GAUGE PLANE
10 5
0.40 0.10
0.075 0.075
0.60 REF
0.45 0.15
0.10 BSC
SC70JW-8
0.50 BSC 0.50 BSC 0.50 BSC
1.75 0.10 0.225 0.075 2.00 0.20
2.20 0.20
0.048REF 0.15 0.05
0.85 0.15
1.10 MAX
0.100
7 3
0.45 0.10 2.10 0.30
4 4
All dimensions in millimeters
0.05 0.05
3216.2006.01.1.3
15
AAT3216
150mA MicroPowerTM LDO with PowerOK
(c) Advanced Analogic Technologies, Inc. AnalogicTech cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in an AnalogicTech product. No circuit patent licenses, copyrights, mask work rights, or other intellectual property rights are implied. AnalogicTech reserves the right to make changes to their products or specifications or to discontinue any product or service without notice. Customers are advised to obtain the latest version of relevant information to verify, before placing orders, that information being relied on is current and complete. All products are sold subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those pertaining to warranty, patent infringement, and limitation of liability. AnalogicTech warrants performance of its semiconductor products to the specifications applicable at the time of sale in accordance with AnalogicTech's standard warranty. Testing and other quality control techniques are utilized to the extent AnalogicTech deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily performed.
Advanced Analogic Technologies, Inc.
830 E. Arques Avenue, Sunnyvale, CA 94085 Phone (408) 737-4600 Fax (408) 737-4611 16
3216.2006.01.1.3


▲Up To Search▲   

 
Price & Availability of AAT3216IJS-28-T1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X