Part Number Hot Search : 
80010 B1016 OP37EP TT330N1 UF308G LTC29 SES5V TEA6846
Product Description
Full Text Search
 

To Download 74VCX16722MTDX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCX16722 Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
February 1999 Revised January 2005
74VCX16722 Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
General Description
The VCX16722 low voltage 22-bit register contains twentytwo non-inverting D-type flip-flops with 3-STATE outputs and is intended for bus oriented applications. The design has been optimized for use with JEDEC compliant 200 pin DIMM modules. The 74VCX16722 is designed for low voltage (1.65V to 3.6V) VCC applications with I/O capability up to 3.6V. The 74VCX16722 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.65V-3.6V VCC supply operation s 3.6V tolerant inputs and outputs s tPD (CLK to O n) 3.6ns max for 3.0V to 3.6V VCC 4.6ns max for 2.3V to 2.7V VCC 9.2ns max for 1.65V to 1.95V VCC s Power-down high impedance inputs and outputs s Supports live insertion/withdrawal (Note 1) s Meets JEDEC registered module specifications s Static Drive (IOH/IOL) 24mA @ 3.0V 18mA @ 2.3V 6mA @ 1.65V s Latchup performance exceeds 300 mA s ESD performance: Human body model > 2000V Machine model >200V
Note 1: To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up resistor; the minimum value of the resistor is determined by the current sourcing capability of the driver.
Ordering Code:
Order Number 74VCX16722MTD Package Number MTD64 Package Description 64-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
(c) 2005 Fairchild Semiconductor Corporation
DS500192
www.fairchildsemi.com
74VCX16722
Connection Diagram
Pin Descriptions
Pin Names OE CE CLK D0- D21 O0 - O21 Description Output Enable Input (Active LOW) Clock Enable Input (Active Low) Clock Input Data Inputs 3-STATE Outputs
Truth Table
CLK X X CE X H L L L OE H L L L L Dn X X L H X On Z On L H On

L or H
H = Logic HIGH L = Logic LOW X = Don't Care, but not floating Z = High Impedance On = Previous On before LOW-to-HIGH Clock Transition = LOW-to-HIGH Clock Transition
Functional Description
The VCX16722 contains twenty-two D-type flip-flops with 3-STATE standard outputs. The twenty-two flip-flops will store the state of their individual D-type inputs that meet the setup and hold time requirements on the LOW-HIGH Clock (CLK) transition, when the Clock-Enable (CE) is LOW. The 3-STATE standard outputs are controlled by the Output-Enable (OE). When OE is HIGH, the standard outputs are in high impedance mode but this does not interfere with entering new data into the flip-flops.
Logic Diagram
www.fairchildsemi.com
2
74VCX16722
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Voltage (VI) Output Voltage (VO) Outputs 3-STATE Outputs Active (Note 3) DC Input Diode Current (IIK) VI < 0V DC Output Diode Current (IOK) VO < 0V VO > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or Ground Current per Supply Pin (ICC or Ground) Storage Temperature Range (TSTG)
-0.5V to +4.6V -0.5V to +4.6V -0.5V to +4.6V -0.5V to VCC + 0.5V -50 mA -50 mA +50 mA 50 mA 100 mA -65C to +150C
Recommended Operating Conditions (Note 4)
Power Supply Operating Data Retention Only Input Voltage Output Voltage (VO) Output in Active States Output in 3-STATE Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 2.3V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 2: The "Absolute Maximum Ratings" are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The Recommended Operating Conditions tables will define the conditions for actual device operation. Note 3: IO Absolute Maximum Rating must be observed. Note 4: Floating or unused pin (inputs or I/O's) must be held HIGH or LOW.
1.65V to 3.6V 1.2V to 3.6V
-0.3V to 3.6V
0V to VCC 0V to 3.6V
24 mA 18 mA 6 mA -40C to +85C
DC Electrical Characteristics (2.7V < VCC 3.6V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12 mA IOL = 18 mA IOL = 24 mA II IOZ IOFF ICC ICC Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current Increase in ICC per Input 0V VI 3.6V 0V VO 3.6V VI = V IH or VIL 0V (VI, VO) 3.6V VI = V CC or GND VCC (VI, VO) 3.6V (Note 5) VIH = VCC - 0.6V
Note 5: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.7-3.6 2.7-3.6 2.7-3.6 2.7 3.0 3.0 2.7-3.6 2.7 3.0 3.0 2.7-3.6 2.7-3.6 0 2.7-3.6 2.7-3.6
Min 2.0
Max
Units V
0.8 VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5.0 10 10 20 20 750
V
V
V
A A A A A
3
www.fairchildsemi.com
74VCX16722
DC Electrical Characteristics (2.3V VCC 2.7V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -6 mA IOH = -12 mA IOH = -18 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12mA IOL = 18 mA II IOZ IOFF ICC Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current 0 VI 3.6V 0 VO 3.6V VI = VIH or VIL 0 (VI, V O) 3.6V VI = VCC or GND VCC (VI, VO) 3.6V (Note 6)
Note 6: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.3-2.7 2.3-2.7 2.3-2.7 2.3 2.3 2.3 2.3-2.7 2.3 2.3 2.3-2.7 2.3-2.7 0 2.3-2.7
Min 1.6
Max
Units V
0.7 VCC - 0.2 2.0 1.8 1.7 0.2 0.4 0.6 5.0 10 10 20 20
V
V
V A A A A
DC Electrical Characteristics (1.65V VCC < 2.3V)
Symbol VIH VIL VOH VOL II IOZ IOFF ICC Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Leakage Current 3-STATE Output Leakage Power Off Leakage Current Quiescent Supply Current IOH = -100 A IOH = -6 mA IOL = 100 A IOL = 6mA 0 VI 3.6V 0 VO 3.6V VI = VIH or VIL 0 (VI, V O) 3.6V VI = VCC or GND VCC (VI, VO) 3.6V (Note 7)
Note 7: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 1.65 - 2.3 1.65 - 2.3 1.65 - 2.3 1.65 1.65 - 2.3 1.65 1.65 - 2.3 1.65 - 2.3 0 1.65 - 2.3
Min 0.65 x VCC
Max
Units V
0.35 x VCC VCC - 0.2 1.25 0.2 0.3 5.0 10 10 20 20
V V V A A A A
www.fairchildsemi.com
4
74VCX16722
AC Electrical Characteristics (Note 8)
TA = -40C to +85C, CL = 30 pF, RL = 500 Symbol Parameter VCC = 3.3V 0.3V Min fMAX tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH tW tOSHL tOSLH Maximum Clock Frequency Propagation Delay Clock to Bus Output Enable Time Output Disable Time Setup Time Hold Time Pulse Width Output to Output Skew (Note 9) 250 1.3 0.6 0.6 2.0 0.0 1.5 0.5 3.6 3.5 3.2 Max VCC = 2.5 0.2V Min 200 1.5 0.8 0.8 2.0 0.0 1.5 0.5 4.6 4.5 4.2 Max VCC = 1.8 0.15V Min 100 2.0 1.5 1.5 3.0 0.5 4.0 0.75 9.2 9.0 7.6 Max MHz ns ns ns ns ns ns ns Units
Note 8: For CL= 50 pF, add approximately 300 ps to the AC maximum specification. Note 9: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
AC Electrical Characteristics Over Load (Note 10)
TA = -0C to +70C, RL = 500 VCC = 3.3V 0.3V Symbol Parameter Min tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH tW Propagation Delay Clock to Bus Output Enable Time Output Disable Time Setup Time Hold Time Pulse Width 1.1 0.7 0.7 2.0 0.0 1.5 CL = 0 pF Max 2.5 2.4 2.1 Min 1.9 1.0 1.0 2.0 0.0 1.5 CL = 50 pF Max 3.9 3.8 3.5 ns ns ns ns ns ns Units
Note 10: This parameter is guaranteed by characterization but not tested.
Dynamic Switching Characteristics
Symbol VOLP Parameter Quiet Output Dynamic Peak VOL Conditions CL = 30 pF, VIH = VCC, VIL = 0V VCC (V) 1.8 2.5 3.3 VOLV Quiet Output Dynamic Valley VOL CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 VOHV Quiet Output Dynamic Valley VOH CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 TA = +25C Typical 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 2.2 V V V Units
5
www.fairchildsemi.com
74VCX16722
Capacitance
Symbol CIN CI/O CPD Parameter Input Capacitance Input/Output Capacitance Power Dissipation Capacitance Conditions VI = 0V or VCC, VCC = 1.8V, 2.5V, or 3.3V, VI = 0V, or VCC, VCC = 1.8V, 2.5V or 3.3V VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V TA = +25C Typical 3.5 5.5 13 Units pF pF pF
IOUT - VOUT Characteristics
IOH versus VOH
FIGURE 1. Characteristics for Output - Pull Up Driver
IOL versus VOL
FIGURE 2. Characteristics for Output - Pull Down Driver
www.fairchildsemi.com
6
74VCX16722
AC Loading and Waveforms
FIGURE 3. AC Test Circuit TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ SWITCH Open 6V at VCC = 3.3 0.3V; VCC x 2 at VCC = 2.5 0.2V; 1.8V to 0.15V GND
FIGURE 4. Waveform for Inverting and Non-inverting Functions tr = tf 2.0ns, 10% to 90%
FIGURE 5. 3-STATE Output High Enable and Disable Times for Low Voltage Logic tr = tf 2.0ns, 10% to 90%
FIGURE 6. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic tr = tf 2.0ns, 10% to 90% Symbol Vmi Vmo Vx Vy VCC 3.3V 0.3V 1.5V 1.5V VOL + 0.3V VOH - 0.3V 2.5V 0.2V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V 1.8 0.15V VCC/2 VCC/2 VOL + 0.15V VOH - 0.15V
7
www.fairchildsemi.com
74VCX16722 Low Voltage 22-Bit Register with 3.6V Tolerant Inputs and Outputs
Physical Dimensions inches (millimeters) unless otherwise noted
64-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide Package Number MTD64
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 8 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74VCX16722MTDX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X