Part Number Hot Search : 
KTA1283 VDX1324 TA8190F 321AR KTA1283 74100310 SCD0803 ECN3067
Product Description
Full Text Search
 

To Download 74HCT02D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
DATA SHEET
For a complete data sheet, please also download:
* The IC06 74HC/HCT/HCU/HCMOS Logic Family Specifications * The IC06 74HC/HCT/HCU/HCMOS Logic Package Information * The IC06 74HC/HCT/HCU/HCMOS Logic Package Outlines
74HC/HCT02 Quad 2-input NOR gate
Product specification File under Integrated Circuits, IC06 December 1990
Philips Semiconductors
Product specification
Quad 2-input NOR gate
FEATURES * Output capability: standard * ICC category: SSI GENERAL DESCRIPTION
74HC/HCT02
The 74HC/HCT02 are high-speed Si-gate CMOS devices and are pin compatible with low power Schottky TTL (LSTTL). They are specified in compliance with JEDEC standard no. 7A. The 74HC/HCT02 provide the 2-input NOR function. QUICK REFERENCE DATA GND = 0 V; Tamb = 25 C; tr = tf = 6 ns TYPICAL SYMBOL tPHL/ tPLH CI CPD Notes 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + (CL x VCC2 x fO) where: fi = input frequency in MHz fo = output frequency in MHz CL = output load capacitance in pF VCC = supply voltage in V (CL x VCC2 x fo) = sum of outputs 2. For HC the condition is VI = GND to VCC For HCT the condition is VI = GND to VCC - 1.5 V ORDERING INFORMATION See "74HC/HCT/HCU/HCMOS Logic Package Information". PARAMETER propagation delay nA, nB to nY input capacitance power dissipation capacitance per gate notes 1 and 2 CONDITIONS HC CL = 15 pF; VCC = 5 V 7 3.5 22 9 3.5 24 HCT ns pF pF UNIT
December 1990
2
Philips Semiconductors
Product specification
Quad 2-input NOR gate
PIN DESCRIPTION PIN NO. 1, 4, 10, 13 2, 5, 8, 11 3, 6, 9, 12 7 14 SYMBOL 1Y to 4Y 1A to 4A 1B to 4B GND VCC NAME AND FUNCTION data outputs data inputs data inputs ground (0 V) positive supply voltage
74HC/HCT02
Fig.1 Pin configuration.
Fig.2 Logic symbol.
Fig.3 IEC logic symbol.
FUNCTION TABLE INPUTS nA L L H H Notes 1. H = HIGH voltage level L = LOW voltage level nB L H L H OUTPUT nY H L L L
Fig.4 Functional diagram.
Fig.5 Logic diagram (one gate).
December 1990
3
Philips Semiconductors
Product specification
Quad 2-input NOR gate
DC CHARACTERISTICS FOR 74HC For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: SSI AC CHARACTERISTICS FOR 74HC GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HC SYMBOL PARAMETER +25 min. typ. tPHL/ tPLH propagation delay nA, nB to nY 25 9 7 19 7 6 max. 90 18 15 75 15 13 -40 to +85 min. max. 115 23 20 95 19 16 -40 to +125 min. max. 135 27 23 110 22 19 ns UNIT
74HC/HCT02
TEST CONDITIONS VCC (V) 2.0 4.5 6.0 2.0 4.5 6.0 WAVEFORMS
Fig.6
tTHL/ tTLH
output transition time
ns
Fig.6
December 1990
4
Philips Semiconductors
Product specification
Quad 2-input NOR gate
DC CHARACTERISTICS FOR 74HCT For the DC characteristics see "74HC/HCT/HCU/HCMOS Logic Family Specifications". Output capability: standard ICC category: SSI Notes to HCT types
74HC/HCT02
The value of additional quiescent supply current (ICC) for a unit load of 1 is given in the family specifications. To determine ICC per input, multiply this value by the unit load coefficient shown in the table below.
INPUT nA, nB
UNIT LOADCOEFFICIENT 1.50
AC CHARACTERISTICS FOR 74HCT GND = 0 V; tr = tf = 6 ns; CL = 50 pF Tamb (C) 74HCT SYMBOL PARAMETER +25 min. tPHL/ tPLH tTHL/ tTLH propagation delay nA, nB to nY output transition time typ. 11 7 max. 19 15 -40 to+85 min. max. 24 19 -40 to+125 min. max. 29 22 ns ns 4.5 4.5 Fig.6 Fig.6 UNIT VCC (V) WAVEFORMS TEST CONDITIONS
AC WAVEFORMS
HC: VM = 50%; VI = GND to VCC HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.6
Waveforms showing the input (nA, nB) to output (nY) propagation delays and the output transition times.
PACKAGE OUTLINES See "74HC/HCT/HCU/HCMOS Logic Package Outlines".
December 1990
5
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of 74HCT02D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X