Part Number Hot Search : 
TDA72940 MSC80278 MMSZ5221 SA552 6KE16CA D50NH02 SC1815 SK1501
Product Description
Full Text Search
 

To Download 2SA1797 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SA1797
POWER TRANSISTOR
1
PNP SILICON TRANSISTOR
FEATURES
* Low saturation voltage. VCE(SAT)=-0.35V(Max) at IC / IB=-1A / -50mA * Excellent DC current gain characteristics
1
SOT-223
SOT-89
1
TO-252
*Pb-free plating product number:2SA1797L
ORDERING INFORMATION
Order Number Normal Lead Free Plating 2SA1797-x-AA3-R 2SA1797L-x-AA3-R 2SA1797-x-AB3-R 2SA1797L-x-AB3-R 2SA1797-x-TN3-R 2SA1797L-x-TN3-R 2SA1797-x-TN3-T 2SA1797L-x-TN3-T Package SOT-223 SOT-89 TO-252 TO-252 Pin Assignment 1 2 3 B C E B C E B C E B C E Packing Tape Reel Tape Reel Tape Reel Tube
2SA1797L-x-AA3-R (1)Packing Type (2)Package Type (3)Rank (4)Lead Plating (1) R: Tape Reel, T: Tube (2) AA3: SOT-223, AB3: SOT-89, TN3: TO-252 (3) refer to Classification of hFE (4) L: Lead Free Plating, Blank: Pb/Sn
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1 of 2
QW-R208-029,B
2SA1797
ABSOLUTE MAXIMUM RATINGS (Ta=25C)
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Power Dissipation SOT-223 SOT-89 TO-252 DC PULSE(Note 1) SYMBOL VCBO VCEO VEBO PC
PNP SILICON TRANSISTOR
Collector Current
IC
Junction Temperature TJ Storage Temperature TSTG Note: 1. Single pulse, PW =10ms 2. Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RATINGS -50 -50 -6 0.8 0.5 1.9 -2 -5 150 -55 ~ +150
UNIT V V V W W A A C C
ELECTRICAL CHARACTERISTICS (Ta=25C, unless otherwise specified)
PARAMETER Collector-base Breakdown Voltage Collector-emitter Breakdown Voltage Emitter-base Breakdown Voltage Collector Cutoff Current Emitter Cutoff Current Collector-emitter Saturation Voltage DC Current Gain Transition Frequency Output Capacitance Note: Measured using pulse current. SYMBOL BVCBO BVCEO BVEBO ICBO IEBO VCE(SAT) hFE fT Cob TEST CONDITIONS IC = -50A IC = -1mA IE = -50A VCB = -50V VEB = -5V IC/IB = -1A/-50mA (Note) VCE = -2V, IC=-0.5A (Note) VCE = -2V, IE=0.5A, f=100MHz VCB = -10V, IE=0A, f=1MHz MIN -50 -50 -6 MAX UNIT V V V -0.1 A -0.1 A -0.15 -0.35 V 400 200 MHz 36 pF TYP
120
CLASSIFICATION OF hFE
RANK RANGE A 120-240 B 200-400
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 2
QW-R208-029,B


▲Up To Search▲   

 
Price & Availability of 2SA1797

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X