Part Number Hot Search : 
C2004 2N222 1N4007SG CZRF27VB 6675AS XC2288H 5N50D 164245
Product Description
Full Text Search
 

To Download 2SA1790 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transistor
2SA1790
Silicon PNP epitaxial planer type
For high-frequency amplification Complementary to 2SC4626
1.60.15
Unit: mm
s Features
q q
0.4
0.80.1
0.4
0.2-0.05 0.15-0.05
+0.1
High transition frequency fT. SS-Mini type package, allowing downsizing of the equipment and automatic insertion through the tape packing and the magazine packing.
1.60.1
1.00.1
0.5
1
0.5
3
2
0.450.1 0.3
0.750.15
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Collector power dissipation Junction temperature Storage temperature
Symbol VCBO VCEO VEBO IC PC Tj Tstg
Ratings -30 -20 -5 -30 125 125 -55 ~ +125
Unit V V V mA mW C C
1:Base 2:Emitter 3:Collector
EIAJ:SC-75 SS-Mini Type Package
Marking symbol :
E
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Forward current transfer ratio Transition frequency Collector to emitter saturation voltage Base to emitter voltage Noise figure Reverse transfer impedance Common emitter reverse transfer capacitance
(Ta=25C)
Symbol ICBO ICEO IEBO hFE fT VCE(sat) VBE NF Zrb Cre
*
Conditions VCB = -10V, IE = 0 VCE = -20V, IB = 0 VEB = -5V, IC = 0 VCE = -10V, IC = 1mA VCB = -10V, IE = 1mA, f = 200MHz IC = -10mA, IB = -1mA VCE = -10V, IC = -1mA VCB = -10V, IE = 1mA, f = 5MHz VCB = -10V, IE = 1mA, f = 2MHz VCE = -10V, IC = -1mA f = 10.7MHz
min
typ
0 to 0.1
0.20.1
max - 0.1 -100 -10
+0.1
s Absolute Maximum Ratings
(Ta=25C)
Unit A A
70 150 300 - 0.1 - 0.7 2.8 22 1.2
220 MHz V V 4.0 60 2.0 dB pF
*h
FE
Rank classification
Rank hFE Marking Symbol B 70 ~ 140 EB C 110 ~ 220 EC
1
Transistor
PC -- Ta
150 -30 Ta=25C 125 -25
2SA1790
IC -- VCE
Collector to emitter saturation voltage VCE(sat) (V)
-100 -30 -10 -3 -1 Ta=75C 25C -25C
VCE(sat) -- IC
IC/IB=10
Collector power dissipation PC (mW)
Collector current IC (mA)
100
-20
IB=-250A -200A
75
-15 -150A -10 -100A -50A
50
- 0.3 - 0.1 - 0.03 - 0.01 - 0.1 - 0.3
25
-5
0 0 20 40 60 80 100 120 140 160
0 0 -2 -4 -6 -8 -10
-1
-3
-10
-30
-100
Ambient temperature Ta (C)
Collector to emitter voltage VCE (V)
Collector current IC (mA)
hFE -- IC
120 6
Cob -- VCB
Collector output capacitance Cob (pF)
VCE=-10V f=1MHz IE=0 Ta=25C
Cre -- VCE
Common emitter reverse transfer capacitance Cre (pF)
5 IC=-1mA f=10.7MHz Ta=25C 4
Forward current transfer ratio hFE
100
Ta=75C
5
80
25C -25C
4
3
60
3
2
40
2
20
1
1
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 - 0.1 - 0.3
-1
-3
-10
-30
-100
0 -1
-3
-10
-30
-100
Collector current IC (mA)
Collector to base voltage VCB (V)
Collector to emitter voltage VCE (V)
fT -- IE
600 VCB=-10V Ta=25C 24
PG -- IC
VCE=-10V f=100MHz Ta=25C 5
NF -- IE
VCB=-10V f=100MHz Ta=25C 4
Transition frequency fT (MHz)
500
20
400
16
Noise figure NF (dB)
-1 -3 -10 -30 -100
Power gain PG (dB)
3
300
12
2
200
8
100
4
1
0 0.1
0.3
1
3
10
30
100
0 - 0.1 - 0.3
0 0.1
0.3
1
3
10
Emitter current IE (mA)
Collector current IC (mA)
Emitter current IE (mA)
2


▲Up To Search▲   

 
Price & Availability of 2SA1790

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X