Part Number Hot Search : 
BC848A ALV0021R M16C6N 170M3811 LVC14A SMB10 U40LP D9142V90
Product Description
Full Text Search
 

To Download 2SA1036KT146 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SA1036K
Transistors
Medium Power Transistor
2SA1036K
Features 1) Large IC. ICMAX. = -500mA 2) Low VCE(sat). Ideal for low-voltage operation. 3) Complements the 2SC2411K. External dimensions (Unit : mm)
2SA1036K
2.90.2 1.9 0.2 0.95 0.95 (1) (2)
1.1 +0.2 -0.1 0.8 0.1
1.6 +0.2 -0.1
2.8 0.2
0~0.1
Structure Epitaxial planer type PNP silicon transistor
(3) 0.4 +0.1 -0.05 All terminals have same dimensions 0.15 +0.1 -0.06
ROHM : SMT3 EIAJ : SC-59
(1) Emitter (2) Base (3) Collector
Abbreviated symbol : H
Denotes hFE
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PC Tj Tstg Limits -40 -32 -5 -0.5 0.2 150 -55 to +150 Unit V V V A W
C C
PC MAX. must not be exceeded.
0.3~0.6
Rev.A
1/3
2SA1036K
Transistors
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector outoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Transition frequency Output capacitance Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE fT Cob Min. -40 -32 -5 - - - 82 - - Typ. - - - - - - - 200 7 Max. - - - -1 -1 -0.6 390 - - Unit V V V A A V - MHz pF IC= -1mA IE= -100A VCB= -20V VEB= -4V IC/IB= -300mA/-30mA VCE= -3V, IC= -100mA VCE= -5V, IE=20mA, f=100MHz VCB= -10V, IE=0A, f=1MHz Conditions IC= -100A
Packaging specifications
Package Code Type 2SA1036K hFE PQR Basic ordering unit (pieces) Taping T146 3000
hFE values are classifies as follows.
Item hFE P 82 to 180 Q 120 to 270 R 180 to 390
Electrical characteristic curves
-500
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
-200 Ta=100 C 25 C -100 -55 C -50 -20 -10 -5 -2 -1 -0.5
-1mA
-0.8mA -0.7mA -0.6mA
COLLECTOR CURRENT : IC (mA)
VCE=-3V
-100
Ta=25 C
-0.9mA
-500
Ta=25 C -5.0mA -4.5mA -4.0mA -3.5mA -3.0mA -2.5mA -2.0mA -1.5mA -1.0mA
-80
-400
-60
-0.5mA -0.4mA
-300
-40
-0.3mA -0.2mA -0.1mA
-200
-20
-100
-0.5mA
-0.2 -0.1 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -2.2
0
IB=0A
0 -1 -2 -3 -4 -5
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
0
IB=0A
0 -5 -10
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Grounded emitter propogation
Fig.2 Grounded emitter output characteristics ( )
Fig.3 Ground emitter output characteristics ( )
Rev.A
2/3
2SA1036K
Transistors
Ta=25 C
1000
VCE=-3V
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1000
Ta=25 C
DC CURRENT GAIN : hFE
500
VCE=-5V -3V -1V
200
DC CURRENT GAIN : hFE
500
-1 -0.5
Ta=100 C
200
25 C
100
100
-55 C
-0.2 -0.1 -0.05
IC/IB=50 20 10
50
50
20
-1
-2
-5 -10 -20
-50 -100 -200 -500 -1000
20
-1
-2
-5 -10 -20
-50 -100 -200 -500 -1000
-0.02 -1 -2
-5 -10 -20
-50 -100 -200 -500
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector emitter saturation voltage vs. collector current ( )
-1.0 -0.5
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
TRANSITION FREQUENCY : fT (MHz)
lC/lB=10
Ta=25 C VCE=-5V
1000 500
COLLECTOR OUTPUT CAPACITANCE : Cob (pF) EMITTER INPUT CAPACITANCE : Cib (pF)
100 50
-0.3 -0.2 -0.1
Ta=100 C 25 C -0.05 -55 C
Ta=25 C f=1MHz IE=0A IC=0A
200 100 50 0.5 1 2 5 10 20 50
20 10 5 2 -0.5
-0.03 -0.02 -0.01 -1
-2
-5
-10 -20
-50 -100 -200 -500 -1000
-1
-2
-5
-10
-20
-50
COLLECTOR CURRENT : IC (mA)
EMITTER CURRENT : IE (mA)
Fig.7 Collector-emitter saturation voltage vs. collector current ( )
Fig.8 Gain bandwidth product vs. emitter current
COLLECTOR TO BASE VOLTAGE : VCB (V) EMITTER TO BASE VOLTAGE : VEB (V)
Fig.9 Collectur output capacitance vs. collector-base voltage. Emitter input capacitance vs. emitter -base voltage
Rev.A
3/3
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. About Export Control Order in Japan Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control Order in Japan. In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause) on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.
Appendix1-Rev1.1


▲Up To Search▲   

 
Price & Availability of 2SA1036KT146

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X