Part Number Hot Search : 
78DL09P 1N5638A X4105 S2000 HBL21000 AA8833 C18F25 P2010
Product Description
Full Text Search
 

To Download 1N5393 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * Low Current Leakage Low Forward Voltage High Current Capability Low Cost
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
1N5391 THRU 1N5399
1.5 Amp Rectifier 50 - 1000 Volts
* * *
Maximum Ratings
Operating Temperature: -55C to +125C Storage Temperature: -55C to +150C Typical Thermal Resistance; 26C/W Junction To Lead MCC Catalog Number Device Marking Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 300V 400V 500V 600V 800V 1000V Maximum RMS Voltage Maximum DC Blocking Voltage 50V 100V 200V 300V 400V 500V 600V 800V 1000V
DO-15
D
1N5391 1N5392 1N5393 1N5394 1N5395 1N5396 1N5397 1N5398 1N5399
-------------------
35V 70V 140V 210V 280V 350V 420V 560V 700V
A Cathode Mark B
D
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward IF(AV) 1.5A TA = 70C Current Peak Forward Surge IFSM 50A 8.3ms, half sine** Current Maximum 1.1V IFM = 1.5A; Instantaneous VF Forward Voltage TJ = 25C* Maximum DC Reverse Current At IR 5.0A TJ = 25C Rated DC Blocking 50A TJ = 100C Voltage Typical Junction CJ 20pF Measured at Capacitance 1.0MHz, VR=4.0V *Pulse test: Pulse width 300 sec, Duty cycle 1% **8.3ms single half-wave superimposed on rated load(JEDEC method) at Ta=75 deg C.
C
DIMENSIONS INCHES MIN .230 .104 .026 1.000 MM MIN 5.80 2.60 .70 25.40
DIM A B C D
MAX .300 .140 .034 ---
MAX 7.60 3.60 .90 ---
NOTE
www.mccsemi.com
1N5391 thru 1N5399
Figure 1 Typical Forward Characteristics 20 10 6 4 1.25 2 Amps 1 .6 .4 .2 25C .1 .06 .04 .02 .01 .4 .6 .8 Volts Instantaneous Forward Current - Amperesversus Instantaneous Forward Voltage - Volts 1.0 1.2 1.4 0 .25 Amps .5 1.0 1.5
MCC
Figure 2 Forward Derating Curve
.75
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175
Figure 3 Junction Capacitance
100 60 40 20 pF 10 6 4 2 1 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000 TJ=25C
Junction Capacitance - pFversus Reverse Voltage - Volts
www.mccsemi.com
1N5391 thru 1N5399
Figure 4 Typical Reverse Characteristics 100 60 40 20 10 6 4 2 Amps 1 .6 .4 .2 .1 .06 .04 .02 .01 20 40 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=25C Amps 60 50 40 30 20 10 0 1 2 4 6
MCC
Figure 5 Peak Forward Surge Current
8 10 Cycles
20
40
60 80 100
Peak Forward Surge Current - Amperesversus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of 1N5393

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X