|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
OF2-Sicherungseinsatze fur Nennspannungen bis 32 V / OF2 OF2-Fuse links for rated voltage up to 32 V / OF2 OF2-Fusibles pour tension nom. jusqu'a 32 V OF2 Isolierkorper / Insulating body / Corps Isolants: aus Thermoplast / out of thermoplastic / de matiere thermoplastique (UL 94-V0, warmeformbestandig / heat-resistant / resistante a la chaleur) Anschlusse / Connections / Connexions: Flachstecker / Blade contacts / Contacts plats Zink-Legierung / zinc alloy / alliage de zinc Shunt: Zn, gal. Sn Schaltvermogen / Breaking capacity / Pouvoir de coupure: 1,000 A, 32 V, DC Achtung: 1.00 bedeutet die Nummer "Eins" mit zwei Dezimalstellen. 1,000 bedeutet die Nummer "Eintausend" / Note: 1.00 means the number "one" with two decimal places. 1,000 means the number "one thousand" / Attention: 1.00 signifie le numero "un" avec deux decimals. 1,000 signifie le numero "mille" Artikel-Nr. Article-No. Ref. d' article Nennstrom Rated current Intensite nom. Kaltwiderstand Coldresistance Res. a froit Kennfarbe Colour-code Code couleur Spannungsfall Voltage drop Chute de tension Standard DIN max. Schmelzintegral Joule integral Integral de Joule I N/I rat 161.450_00 161.475_00 161.510_00 161.515_00 161.520_00 161.525_00 161.530_00 161.540_00 160.163_00 5A 7.5 A 10 A 15 A 20 A 25 A 30 A 40 A* Shunt* RK 16.0 m 10.0 m 7.40 m 5.00 m 3.60 m 2.60 m 1.90 m 1.40 m 0.63 m UD PUDENZ max. It 20.0 45.0 80.0 180 520 2,200 7,100 9,300 59,750 As As As As As As As As As 175 mV 150 mV 125 mV 125 mV 125 mV 110 mV 100 mV - 110 mV 114 mV 113 mV 116 mV 118 mV 107 mV 98 mV 86 mV 58 mV * in der Normreihe nicht verzeichnet / not mentioned in the standards / pas mentionne dans la norme Drittletzte Ziffer der Art.-Nr. = Verpackungsindex, siehe Seite 88 / Third figure before last of article-no. = packaging code, see page 88 / Troisieme chiffre avant dernierdu numero d'article = code d'emballage, voir page 88 zugehorige Halter siehe Seite 39-45, 49, 78-79, 81 / corresponding holder see page 39-45, 49, 78-79, 81 / porte-fusible correspondant voir page 39-45, 49, 78-79, 81 Schmelzzeit-Grenzwerte DIN / Pre-arcing time - limits / Temps de fusion limits min. 1.10 IN / Irat 5 A - 40 A 100 h Mae in mm / Dimensions in mm / Dimensions en mm max. - 1.35 IN / Irat 5 A - 40 A 750 ms 1,800 s 2.00 IN / Irat 5 A - 40 A 150 ms 5s 3.50 IN / Irat 5 A - 40 A 40 ms 500 ms 6.00 IN / Irat 5 A - 40 A 20 ms 100 ms Normen / Specifications / Normes DIN ISO 72581-3C 8820-3 FI = 1.33 (max. Dauerstrom / max. operating current / max. courant permanent: 0.75 x Irat bei / at / a 23C) In our continuing strategy to deliver unparalleled circuit protection solutions, technical expertise and application leadership, we proudly introduce the WICKMANN Group and its products to the Littelfuse portfolio. WebSite www.littelfuse.com |
Price & Availability of 16152500 |