Part Number Hot Search : 
RMKQ48 LM1270N FMS9875 BAS70SS3 MSA0185 ML2008 MSA0185 D16NF
Product Description
Full Text Search
 

To Download VRAH-05A100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A SRAH-05A / VRAH-05A Series
* * * * * * * * * Nonisolated Compact, low profile surface mount package Fixed frequency High efficiency means less power dissipation Excellent thermal performance Optimized for cost Remote on/off Undervoltage lockout (UVLO) Over current and short circuit protection
POWER PRODUCTS
BP05xRAH-05A
Description
The Bel SRAH-05A and VRAH-05A modules are a series of non-isolated, step down DC/DC power converters that operate from a nominal 12V source. These converters are available in a range of output voltages from 0.9V to 5.0V. They are packaged in a compact, overmolded package rated at 5A. Optional lead forming provides a vertical mount product for minimal footprint or a surface mount option for a very low profile. Standard features include remote on/off, over current and short circuit protection, output voltage adjust and industrial temperature ranges (-40 to +85 C). The output is closely regulated and the efficiency is typically 91.5% at full load. These products may be used almost anywhere low voltage silicon is employed and a 12V source is available. Typical applications include file servers, routers, line cards and other computing and communications equipment.
Applications
* * * * Distributed power architectures Data networking equipment Telecommunications Computers and peripherals
Part Number Selection
Output Voltage 5.0V 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V 0.9 ~ 3.63V 0.9 ~ 3.63V Input Voltage 12V 12V 12V 12V 12V 12V 12V 12V 12V 12V 12V Max. Output Current 5A 5A 5A 5A 5A 5A 5A 5A 5A 5A 5A Max. Output Power 25W 25W 16.5W 12.5W 9.0W 7.5W 6.0W 5.0W 4.5W 18.2W 18.2W Typical Efficiency 91.5% 91.5% 88% 86% 83% 81% 78% 76% 73% 88% 88% Part Number Surface Mount SRAH-05A500 SRAH-05A50F* SRAH-05A330 SRAH-05A250 SRAH-05A180 SRAH-05A150 SRAH-05A120 SRAH-05A100 SRAH-05A090 SRAH-05A1A0 SRAH-05A1AF* Part Number Vertical Mount VRAH-05A500 VRAH-05A50F* VRAH-05A330 VRAH-05A250 VRAH-05A180 VRAH-05A150 VRAH-05A120 VRAH-05A100 VRAH-05A090 VRAH-05A1A0 VRAH-05A1AF*
* F indicates fast start up.
(c)2005 Bel Fuse Inc. Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 1
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Absolute Maximum Ratings
Parameter Continuous Input Voltage Output Enable Terminal Voltage Ambient Temperature Storage Temperature Symbol Vin Vouten Tamb Tstor Min -0.3 -0.3 -40 -40 Typical Max 15 15 85 125 Unit V V C C
Note: Use beyond the maximum ratings may cause a reliability degradation of the DC/DC converter or may permanently damage the device.
Input Specifications
Parameter Operating Input Voltage Input Current 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V No Load Input Current Remote Off Input Current Input Reflected Ripple Current1 Input Reflected Ripple Current (P-P)1 I2t Inrush Current Transient Turn On Voltage Threshold Turn Off Voltage Threshold All All All All All All All 8.5 3 50 150 0.006 9.8 9.0 9.6 0.012 Module All Symbol Vin Iin 2.8 2.0 1.5 1.2 1.0 0.8 0.7 0.65 50 10 mA mA mArms mApk A2s V V Min 10.8 Typical Max 13.2 Units V A
Note: Input capacitance one 270F/16V, ESR = 0.018 max at 100kHz @ 25 C. 1. With simulated source impedance of 500nH, 5Hz to 20MHz.
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 2
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Specifications
Parameter Output Voltage Set Point 1 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Load Regulation 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Line Regulation 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Regulation Over Temperature (-40 to 85 C) 3 3 3 2 2 2 1 1 10 10 10 10 10 10 10 10 mV 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V 40 40 35 20 15 10 6 5 70 70 70 40 30 20 12 10 mV 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V 58 51 46 27 22 17 12 10 110 100 100 65 45 45 37 35 15 8 8 5 5 5 5 4 30 20 20 15 15 15 15 15 mV Module Symbol Vout 4.9 3.247 2.460 1.771 1.476 1.181 0.984 0.886 5 3.3 2.5 1.8 1.5 1.2 1.0 0.9 5.1 3.353 2.540 1.829 1.524 1.219 1.016 0.914 mV Min Typical Max Units V
Total Output Voltage Regulation (-40 to 85 C)
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 1. Vin = 12V, Iout = full load, Ta = 25 C.
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 3
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Specifications
Parameter Output Ripple and Noise
2
Module
Symbol
Min
Typical
Max
Units mVp-p
5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Output Ripple and Noise
2
70 70 60 50 50 40 30 30
100 100 100 100 80 80 60 60 mVrms
5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Output Current Range Output DC Current Limit Shor t Circuit Surge 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Turn on Time 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V 0.9V Turn on Time3 Overshoot at Turn On Overshoot at Turn On3 1.2 - 5.0V 0.9V - 1.0V Output Capacitance All Cout 0 0.9V - 5.0V All Ton Ton All All Iout Ioutlim Ioutsurge 0 6
30 30 30 20 20 15 15 10
60 60 60 40 40 30 30 20 5 12.5 A A A2s
0.9 0.60 0.70 0.85 0.85 1.05 1.1 1.1
1.8 1.2 1.4 1.7 1.7 2.1 2.2 2.2 ms
180 130 130 130 130 130 130 130 130 10 0
250 200 200 200 200 200 200 200 200 20 3 ms % %
0 3
3 10 2200 F
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 2. 0 - 20MHz, 22F/6.3V X5R ceramic cap on output (10F/10V X5R ceramic cap for 5.0V module). 3. For fast start up modules.
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 4
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Specifications
Parameter Transient Response
3
Module
Symbol
Min
Typical
Max
Units
V 50% to 100% of Max Load Settling Time 5.0V V 100% to 50% of Max Load Settling Time Transient Response
3
100 Ts 60 100 Ts 60
150 100 150 100
mV s mV s
V 50% to 100% of Max Load Settling Time 3.3V V 100% to 50% of Max Load Settling Time Transient Response
3
100 Ts 50 100 Ts 50
150 80 150 80
mV s mV s
V 50% to 100% of Max Load Settling Time 2.5V V 100% to 50% of Max Load Settling Time Transient Response
3
100 Ts 50 100 Ts 50
150 80 150 80
mV s mV s
V 50% to 100% of Max Load Settling Time 1.8V V 100% to 50% of Max Load Settling Time Ts Ts
100 50 100 50
150 80 150 80
mV s mV s
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 3. di/dt = 0.5A/uS, Ta = 25 C. 0.9V ~ 3.3V modules with 220F/6.3V Tant cap (5.0V module with 100F/10V tant cap).
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 5
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Specifications
Parameter Transient Response
3
Module
Symbol
Min
Typical
Max
Units
V 50% to 100% of Max Load Settling Time 1.5V V 100% to 50% of Max Load Settling Time Transient Response
3
80 Ts 50 80 Ts 50
120 80 120 80
mV s mV s
V 50% to 100% of Max Load Settling Time 1.2V V 100% to 50% of Max Load Settling Time Transient Response
3
80 Ts 50 80 Ts 50
120 80 120 80
mV s mV s
V 50% to 100% of Max Load Settling Time 1.0V V 100% to 50% of Max Load Settling Time Transient Response
3
80 Ts 50 80 Ts 50
120 80 120 80
mV s mV s
V 50% to 100% of Max Load Settling Time 0.9V V 100% to 50% of Max Load Settling Time Ts Ts
80 50 80 50
120 80 120 80
mV s mV s
Note: All specifications are typical at nominal input, full load at 25 C unless otherwise stated. 3. di/dt = 0.5A/uS, Ta = 25 C. 0.9V ~ 3.3V modules with 220F/6.3V Tant cap (5.0V module with 100F/10V tant cap).
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 6
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
General Specifications
Parameter Efficiency1 5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V Switching Frequency 0.9V ~ 3.3V 5.0V Output Voltage Trim Range (Wide Trim)2 Output Voltage Trim Range (Narrow Trim)2 0.9V Fsw 210 330 250 370 290 410 403 % % Module Symbol 89 86 84 81 79 76 74 71 91 88 86 83 81 78 76 73 kHz Min Typical Max Units %
5.0V 3.3V 2.5V 1.8V 1.5V 1.2V 1.0V 0.9V All
90 90 90 90 90 90 90 90 4.9
110 110 110 110 110 110 110 110
Weight
g
1. Vin=12V, full load and Ta=25 C. 2. See graphs on pages 17-25.
Control Specifications
Parameter Remote On/Off 3 Signal Low (Unit Off) Signal High (Unit On) Module All All All Symbol Vouten -0.3 2.8 1 13.2 Min Typical Max Units V V V
3. With remote on/off pin 1 open, the module is on.
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 7
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Efficiency Data
MODULE 5.0V 100% EFFICIENCY
MODULE 3.3V 95% EFFICIENCY 90% 85% 80% 75% 70% 0.50 10.8 12 13.2
95% 90% 85% 80% 75% 70% 0.50 1.25 2.50 OUTPUT CURRENT 3.75 5.00 10.8 12 13.2
1.25
2.50
3.75
5.00
OUTPUT CURRENT
MODULE 2.5V 95% 90% EFFICIENCY 85% 80% 75% 70% 65% 0.50 1.25 2.50 3.75 5.00 10.8 12 13.2
EFFICIENCY 90% 85% 80% 75% 70% 65% 60% 0.50 1.25
MODULE 1.8V
10.8 12 13.2
2.50
3.75
5.00
OUTPUT CURRENT
OUTPUT CURRENT
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 8
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A Efficiency Data
POWER PRODUCTS
BP05xRAH-05A
MODULE 1.5V 90% 85% EFFICIENCY
EFFICIENCY 85% 80%
MODULE 1.2V
80% 75% 70% 65% 60% 0.50 1.25 2.50 3.75 5.00
10.8 12 13.2
75% 70% 65% 60% 55% 50% 0.50
10.8 12 13.2
1.25
2.50
3.75
5.00
OUTPUT CURRENT
OUTPUT CURRENT
MODULE 1.0V 85% 80% 75% 70% 65% 60% 55% 50% 0.50 1.25 2.50 3.75 5.00
MODULE 0.9V 85% 80% 75% 70% 65% 60% 55% 50% 0.50
EFFICIENCY
EFFICIENCY
10.8 12 13.2
10.8 12 13.2
1.25
2.50
3.75
5.00
OUTPUT CURRENT
OUTPUT CURRENT
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 9
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Ripple and Noise
0.9V ~ 3.3V modules with 22F/6.3V X5R ceramic cap at the output. 5.0V module with 10F/10V X5R ceramic cap at the output.
Ripple and noise at full load and 12Vdc input, 5.0Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 3.3Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 2.5Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 1.8Vdc output and Ta=25 C
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 10
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A Ripple and Noise
0.9V ~ 3.3V modules with 22F/6.3V X5R ceramic cap at the output. 5.0V module with 10F/10V X5R ceramic cap at the output.
POWER PRODUCTS
BP05xRAH-05A
Ripple and noise at full load and 12Vdc input, 1.5Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 1.2Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 1.0Vdc output and Ta=25 C
Ripple and noise at full load and 12Vdc input, 0.9Vdc output and Ta=25 C
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 11
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Transient Response
Transient response: di/dt = 0.5A/S, 0.9V ~ 3.3V modules with 220F/6.3V tant cap, 5.0V module with 100F/10V tant cap.
Vout=5.0V 50% to 100% load transients at 12V input and Ta=25 C
Vout=5.0V 100% to 50% load transients at 12V input and Ta=25 C
Vout=3.3V 50% to 100% load transients at 12V input and Ta=25 C
Vout=3.3V 100% to 50% load transients at 12V input and Ta=25 C
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 12
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Transient Response
Transient response: di/dt = 0.5A/S, 0.9V ~ 3.3V modules with 220F/6.3V tant cap, 5.0V module with 100F/10V tant cap.
Vout=2.5V 50% to 100% load transients at 12V input and Ta=25 C
Vout=2.5V 100% to 50% load transients at 12V input and Ta=25 C
Vout=1.8V 50% to 100% load transients at 12V input and Ta=25 C
Vout=1.8V 100% to 50% load transients at 12V input and Ta=25 C
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 13
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Transient Response
Transient response: di/dt = 0.5A/S, 0.9V ~ 3.3V modules with 220F/6.3V tant cap, 5.0V module with 100F/10V tant cap.
Vout=1.5V 50% to 100% load transients at 12V input and Ta=25 C
Vout=1.5V 100% to 50% load transients at 12V input and Ta=25 C
Vout=1.2V 50% to 100% load transients at 12V input and Ta=25 C
Vout=1.2V 100% to 50% load transients at 12V input and Ta=25 C
Vout=1.0V 50% to 100% load transients at 12V input and Ta=25 C
(c)2005 Bel Fuse Inc. Specifications subject to change without notice. 03.05
Vout=1.0V 100% to 50% load transients at 12V input and Ta=25 C
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 14
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Transient Response
Transient response: di/dt = 0.5A/S, 0.9V ~ 3.3V modules with 220F/6.3V tant cap, 5.0V module with 100F/10V tant cap.
Vout=0.9V 50% to 100% load transients at 12V input and Ta=25 C
Vout=0.9V 100% to 50% load transients at 12V input and Ta=25 C
Thermal Considerations
Vin = 12V
xRAH-05A1A0 0.9 ~ 1.8V
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 15
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Thermal Considerations
xRAH-05A1A0 2.5V ~ 3.3V
xRAH-05A500
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 16
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Voltage Set-Point Adjustment
Trim Down Test Circuit
Vo
Trim Up Test Circuit
Vo
Trim
Trim
Gnd
Gnd
xRAH-05A1A0 Trim Resistor Calculation
Rtrim up =
(
3.712 - 0.261) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 17
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Voltage Set-Point Adjustment
xRAH-05A090 Trim Resistor Calculation
Rtrim up =
(
3.712 - 40.2) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 18
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Voltage Set-Point Adjustment
xRAH-05A100 Trim Resistor Calculation
Rtrim down =
(
0.9516 - 8.47) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 3.83) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 19
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Voltage Set-Point Adjustment
xRAH-05A120 Trim Resistor Calculation
Rtrim down =
(
1.879 - 14.640) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 10) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 20
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Voltage Set-Point Adjustment
xRAH-05A150 Trim Resistor Calculation
Rtrim down =
(
3.273 - 20.84) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 Vo, adj - Vo
- 16.2) Kohm
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 21
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Voltage Set-Point Adjustment
xRAH-05A180 Trim Resistor Calculation
Rtrim down =
(
4.669 - 24.24) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 19.6) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 22
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Voltage Set-Point Adjustment
xRAH-05A250 Trim Resistor Calculation
Rtrim down =
(
7.912 - 17.94) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 13.3) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 23
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Output Voltage Set-Point Adjustment
xRAH-05A330 Trim Resistor Calculation
Rtrim down =
(
11.614 - 14.64) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 10) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 24
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
POWER PRODUCTS
BP05xRAH-05A
Output Voltage Set-Point Adjustment
xRAH-05A500 Trim Resistor Calculation
Rtrim down =
(
19.4618 - 10.83) Kohm Vo, adj - Vo
Rtrim up =
(
3.712 - 6.19) Kohm Vo, adj - Vo
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 25
POWER PRODUCTS
BP05xRAH-05A
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A
Mechanical
SRAH-05A
Suggested PCB Pad Layout 0.400 [10.16] 0.065 [1.65]
0.60 [15.24]
0.050 [1.27]
0.855 [21.72]
0.110 [2.79]
0.70 [17.78]
R0.015 [R0.38] typ 0.100 [2.54] R0.008 [R0.20] typ
0.012 [0.30]
0-5
0.004 [0.10]
0.050 [1.27] 0.400 [10.16]
0.100 [2.54] 4x
0.320 [8.13] 0.020 [0.51]
0.055 [1.40] 2x 0.090 [2.29] 2x 0.780 [19.81]
Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted.
Pin 1 2 3 4 5 6 7
Function Remote On/Off +Vin Ground +Vo Trim No Connection No Connection
7
6
12345
(c)2005 Bel Fuse Inc.
Specifications subject to change without notice. 03.05
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 * Tel 201-432-0463 * Fax 201-432-9542 * www.belfuse.com page 26
NON-ISOLATED DC/DC CONVERTERS
12V Input / 0.9V - 5.0V Output / 5A Mechanical
VRAH-05A
0.600 [15.24] 0.050 [1.27] 0.700 [17.78]
POWER PRODUCTS
BP05xRAH-05A
0.265 [6.73] min
0.050 [1.27] 0.100 [2.54] 0.400 [10.16] 0.020 [0.51]
0.308 [7.82]
Dimensions are in inches [millimeters]. Standard dimension tolerance is 0.005 [0.13] unless otherwise noted.
Pin 1 2 3 4 5
Function Remote On/Off +Vin Ground +Vo Trim
12345
RoHS Compliance
Complies with the European Directive 2002/95/EC, calling for the elimination of lead and other hazardous substances from electronic products. These parts are not however compatible with the higher temperatures associated with lead free solder processes and must be soldered using a reflow profile with a peak temperature of no more than 240C.
(c)2005 Bel Fuse Inc. Specifications subject to change without notice. 03.05
CORPORATE
Bel Fuse Inc. 206 Van Vorst Street Jersey City, NJ 07302 Tel 201-432-0463 Fax 201-432-9542 www.belfuse.com
FAR EAST
Bel Fuse Ltd. 8F / 8 Luk Hop Street San Po Kong Kowloon, Hong Kong Tel 852-2328-5515 Fax 852-2352-3706 www.belfuse.com
EUROPE
Bel Fuse Europe Ltd. Preston Technology Management Centre Marsh Lane, Suite G7, Preston Lancashire, PR1 8UD, U.K. Tel 44-1772-556601 Fax 44-1772-888366 www.belfuse.com
page 27


▲Up To Search▲   

 
Price & Availability of VRAH-05A100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X