Part Number Hot Search : 
PT6961 MA723C 2N700 M51978P D1020 FDC60 HD44007A AGM2412A
Product Description
Full Text Search
 

To Download TX2SA-L-XX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TESTING
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
15 .591 7.4 .291 8.2 .323 15 .591 7.4 .291 8.4 .331
TX RELAYS
FEATURES
* Breakdown voltage between contacts and coil: 2,000 V * Surge withstand between contacts and coil: 2,500 V * High contact capacity: 2 A 30 V DC * Surface-mount type available
mm inch
SPECIFICATIONS
Contact
Arrangement Initial contact resistance, max. (By voltage drop 6 V DC 1 A) Contact material Nominal switching capacity (resistive load) Max. switching power (resistive load) Rating Max. switching voltage Max. switching current Min. switching capacity 1 Nominal operating power Single side stable 1 coil latching 2 coil latching Mechanical (at 180 cpm) 2 A 30 V DC resistive Electrical (at 20 cpm) 1 A 30 V DC resistive 2 Form C 100 m Gold-clad silver alloy 2 A 30 V DC 60 W 220 V DC 2A 10 A 10 mV DC 140 mW (1.5 to 24 V DC) 270 mW (48 V DC) 100 mW (1.5 to 24 V DC) 200 mW (1.5 to 24 V DC) 108 105 5x105
Characteristics
Initial insulation resistance*1 Between open contacts Initial breakdown Between contact sets voltage Between contact and coil Between open contacts Initial surge (10x160 s) voltage Between contacts and coil (2x10 s) Temperature rise*2 (at 20C) Min. 1,000 M (at 500 V DC) 1,000 Vrms for 1 min. (Detection current: 10 mA) 1,000 Vrms for 1 min. (Detection current: 10 mA) 2,000 Vrms for 1 min. (Detection current: 10 mA) 1,500 V (FCC Part 68) 2,500 V (Telcordia) Max. 50C
Expected life (min. operations) Notes:
Remarks
* Specifications will vary with foreign standards certification ratings. *1 Measurement at same location as "Initial breakdown voltage" section. *2 By resistive method, nominal voltage applied to the coil; contact carrying current: 2 A. *3 Nominal voltage applied to the coil, excluding contact bounce time. 4 Nominal voltage applied to the coil, excluding contact bounce time without diode. * *5 Half-wave pulse of sine wave: 6 ms; detection time: 10 s. *6 Half-wave pulse of sine wave: 6 ms. *7 Detection time: 10 s. *8 Refer to 6. Conditions for operation, transport and storage mentioned in AMBIENT ENVIRONMENT.
w
w
w
.d
ee sh ta a
u. t4
om c
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
www..com
1This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the actual load. (SX relays are available for low level load switching [10 A 1 mV DC - 10 mA 10 V DC]) 2The upper limit for the ambient temperature is the maximum temperature that can satisfy the coil temperature rise. Under the packing condition, allowable temperature range is from -40 to +70C -40C to +158F.
Max. 4 ms (Approx. 2 ms) Operate time [Set time]*3 (at 20C) [Max. 4 ms (Approx. 2 ms)] Max. 4 ms (Approx. 1 ms) Release time [Reset time]*4 (at 20C) [Max. 4 ms (Approx. 2 ms)] Min. 750 m/s2 {75 G} Functional*5 Shock resistance Destructive*6 Min. 1,000 m/s2 {100 G} 196 m/s2 {20 G}, 10 to 55 Hz Functional*7 at double amplitude of 3.3 mm Vibration resistance 294 m/s2 {30G}, 10 to 55 Hz Destructive at double amplitude of 5 mm -40C to +85C (up to 24 V coil) Conditions for operation, transport and Ambient tem- -40F to +185F (up to 24 V coil) perature 2 -40C to +70C (48 V coil) storage*8 (Not freezing and -40F to +158F (48 V coil) condensing at low Humidity 5 to 85% R.H. temperature) Unit weight Approx. 2 g .071 oz
TX
ORDERING INFORMATION
Ex. TX Contact arrangement 2: 2 Form C Surface-mount availability Nil: Standard PC board terminal type or Nil: self-clinching terminal type SA: Standard surface-mount terminal type SL : High connection reliability surface-mount SL : terminal type SS: Space saving surface-mount terminal type 2 SA
-
L
-
H
-
3V
-
Z Packing style
Operating function Terminal shape Nil: Single side Nil: stable L: 1 coil latching L2: 2 coil latching
Coil voltage (DC)
Nil: Standard PC 1.5, 3, 4.5, 5, 6, Nil: Tube packing board terminal or 9, 12, 24, 48* V Z: Tape and reel surface-mount packing(picked terminal from the 8/9/10/12 H: Self-clinching -pin side terminal Notes: 1. Tape and reel (picked from 1/3/4/5-pin side) is also available by request. Part number suffix "-X" is *48 V coil type: Single side stable only
needed when ordering. (ex.) TX2SA-3 V-X 2. Tape and reel packing symbol "-Z" or "-X" are not marked on the relay.
TYPES AND COIL DATA (at 20C 68F)
1) Standard PC board terminal type and self-clinching terminal type 1. Single side stable
Part No. Standard PC board terminal TX2-1.5 V TX2-3 V TX2-4.5 V TX2-5 V TX2-6 V TX2-9 V TX2-12 V TX2-24 V TX2-48 V Self-clinching terminal TX2-H-1.5 V TX2-H-3 V TX2-H-4.5 V TX2-H-5 V TX2-H-6 V TX2-H-9 V TX2-H-12 V TX2-H-24 V TX2-H-48 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 48 Pick-up voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 36 Drop-out voltage, V DC (min.) 0.15 0.3 0.45 0.5 0.6 0.9 1.2 2.4 4.8 Nominal operating current, mA (10%) 93.8 46.7 31 28.1 23.3 15.5 11.7 5.8 5.6 Coil resistance, (10%) 16 64.3 145 178 257 579 1,028 4,114 8,533 Nominal operating power, mW 140 140 140 140 140 140 140 140 270 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36 57.6
2. 1 Coil latching
Part No. Standard PC board terminal TX2-L-1.5 V TX2-L-3 V TX2-L-4.5 V TX2-L-5 V TX2-L-6 V TX2-L-9 V TX2-L-12 V TX2-L-24 V Self-clinching terminal TX2-L-H-1.5 V TX2-L-H-3 V TX2-L-H-4.5 V TX2-L-H-5 V TX2-L-H-6 V TX2-L-H-9 V TX2-L-H-12 V TX2-L-H-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 66.7 33.3 22.2 20 16.7 11.1 8.3 4.2 Coil resistance, (10%) 22.5 90 202.5 250 360 810 1,440 5,760 Nominal operating power, mW 100 100 100 100 100 100 100 100 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
3. 2 Coil latching
Part No. Standard PC board terminal TX2-L2-1.5 V TX2-L2-3 V TX2-L2-4.5 V TX2-L2-5 V TX2-L2-6 V TX2-L2-9 V TX2-L2-12 V TX2-L2-24 V Notes: Self-clinching terminal TX2-L2-H-1.5 V TX2-L2-H-3 V TX2-L2-H-4.5 V TX2-L2-H-5 V TX2-L2-H-6 V TX2-L2-H-9 V TX2-L2-H-12 V TX2-L2-H-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 133.9 66.7 44.5 40 33.3 22.2 16.7 8.3 Coil resistance, (10%) 11.2 45 101.2 125 180 405 720 2,880 Nominal operating power, mW 200 200 200 200 200 200 200 200 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
1. Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse.
2. Standard packing: Tube: 40 pcs.; Case: 1,000 pcs. 3. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
TX
2) Surface-mount terminal type 1. Single side stable
Part No. TX2S-1.5 V TX2S-3 V TX2S-4.5 V TX2S-5 V TX2S-6 V TX2S-9 V TX2S-12 V TX2S-24 V TX2S-48 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 48 Pick-up voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 36 Drop-out voltage, V DC (min.) 0.15 0.3 0.45 0.5 0.6 0.9 1.2 2.4 4.8 Nominal operating current, mA (10%) 93.8 46.7 31 28.1 23.3 15.5 11.7 5.8 5.6 Coil resistance, (10%) 16 64.3 145 178 257 579 1,028 4,114 8,533 Nominal operating power, mW 140 140 140 140 140 140 140 140 270 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36 57.6
2. 1 coil latching
Part No. TX2S-L-1.5 V TX2S-L-3 V TX2S-L-4.5 V TX2S-L-5 V TX2S-L-6 V TX2S-L-9 V TX2S-L-12 V TX2S-L-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 66.7 33.3 22.2 20 16.7 11.1 8.3 4.2 Coil resistance, (10%) 22.5 90 202.5 250 360 810 1,440 5,760 Nominal operating power, mW 100 100 100 100 100 100 100 100 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
3. 2 coil latching
Part No. TX2S-L2-1.5 V TX2S-L2-3 V TX2S-L2-4.5 V TX2S-L2-5 V TX2S-L2-6 V TX2S-L2-9 V TX2S-L2-12 V TX2S-L2-24 V Nominal voltage, V DC 1.5 3 4.5 5 6 9 12 24 Set voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Reset voltage, V DC (max.) 1.13 2.25 3.38 3.75 4.5 6.75 9 18 Nominal operating current, mA (10%) 133.9 66.7 44.5 40 33.3 22.2 16.7 8.3 Coil resistance, (10%) 11.2 45 101.2 125 180 405 720 2,880 Nominal operating power, mW 200 200 200 200 200 200 200 200 Max. allowable voltage, V DC 2.2 4.5 6.7 7.5 9 13.5 18 36
: For each surface-mounted terminal variation, input the following letter.
SA type: A , SL type: L , SS type: S
Notes:
1. Specified value of pick-up, drop-out, set and reset voltage is with the condition of square wave coil pulse. 2. Standard packing: Tube: 40 pcs.; Case: 1,000 pcs. 3. Tape and reel packing is also available for surface-mount type by request. Part number suffix "-X" or "-Z" is needed when ordering. In this case, "X" or "Z" are not marked on the relay. Quantity in tape and reel: 500 pcs. * TX2SA-L-3V-Z (ex.) * TX2SA-3V-X Picked from the 1/3/4/5-pin side Picked from the 8/9/10/12-pin side 4. In case of 5 V transistor drive circuit, it is recommended to use 4.5 V type relay.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
TX
DIMENSIONS
1. Single side stable and 1 coil latching type 15 Standard PC board terminal .591
0.65 8.2 .026 .323 3.5 .138 5.08 .200 15 .591 0.65 8.2 .026 .323 3.5 .138 5.08 .200 2.54 .100 5.08 .200 0.25 .010 2.54 .100 5.08 .200 0.25 .010 8-1.0 dia 8-.039 dia 7.4 .291 2.54 .100 7.4 .291
mm inch PC board pattern (Copper-side view)
10.16 .400
Schematic (Bottom view) Single side stable 1 coil latching (Deenergized condition) (Reset condition)
+
5.08 .200
1
345
- +
1
345
0.5 .020 1.15 .045
-
12
10 9 8
12
10 9 8
Self clinching terminal
Direction indication*
Direction indication*
Tolerance: 0.1 .004
*Orientation stripe located on top of relay.
0.5 .020 1.15 .045
Surface-mount terminal SA type
General tolerance: 0.3 .012
Suggested mounting pad (Top view)
1 5.08 .039 .200 2.54 .100 1.6 .0.63 7.24 .285
Schematic (Top view) Single side stable 1 coil latching (Deenergized condition) (Reset condition)
15 .591 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 8.4 .331
7.4 .291
3.16 .124
- +
12
10 9 8
+ -
12
10 9 8
1 5.08 .200 0.25 9.40.5 .010 .370.020 7.4 .291 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 Max. 10.0 .390 5.08 0.25 .200 9.40.5 .010 .370.020 7.4 .291 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 Max. 10.0 .390 5.08 .200 7.40.5 .291.020 0.25 .010 2.16 .085 1 5.08 .039 .200 2.54 .100 3.16 .124 7.24 .285 0.3 .012 15 .591 2.54 .100 For glue-pad
345
1
345
Direction indication
Direction indication
SL type
15 .591
1 5.08 .039 .200
SS type
15 .591
6.24 .246
General tolerance: 0.3 .012
Tolerance: 0.1 .004 PC board pattern (Copper side view)
2.54 .100 12.7 .500
2. Coil latching type Standard PC board terminal
15 .591 0.65 8.2 .026 .323 3.5 .138 5.08 .200 15 .591 0.65 8.2 .026 .323 3.5 .138 5.08 .200 2.54 .100 2.54 .100
7.4 .291
Schematic (Bottom view) 2 coil latching (Reset condition)
1 3456
+
5.08 .200 10-1.0 dia 10-.039 dia
- -
10 9 8 7
0.5 .020 1.15 .045
5.08 .200 7.4 .291
0.25 .010
+
12
Direction indication*
Self clinching terminal
Tolerance: 0.1 .004
0.5 .020 1.15 .045
5.08 .200
0.25 .010
General tolerance: 0.3 .012
Surface-mount terminal SA type
Suggested mounting pad (Top view)
15 .591 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 8.4 .331 5.08 .200 0.25 9.40.5 .010 .370.020 7.4 .291 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 Max. 10.0 .390 5.08 0.25 .200 9.40.5 .010 .370.020 7.4 .291 8.2 .323 0.5 .020 5.08 .200 0.65 2.54 .026 .100 Max. 10.0 .390 5.08 .200 7.40.5 .291.020 0.25 .010 2.16 .085 6.24 .285 1 5.08 .039 .200 2.54 .100 7.4 .291 3.16 .124 1 5.08 .039 .200 2.54 .100 1.6 .0.63 7.24 .285 0.3 .012 1 5.08 .039 .200 3.16 .124 7.24 .285
Schematic (Top view) 2 coil latching (Reset condition)
12 10 9 8 7
+ +
1 3 45
- -
6
SL type
15 .591
15 .591 2.54 .100
For glue-pad
Direction indication
SS type
15 .591
General tolerance: 0.3 .012
Tolerance: 0.1 .004
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
TX
REFERENCE DATA
1. Maximum switching capacity 2. Life curve 3. Mechanical life
Tested sample: TX2-5V, 10 pcs. Operating frequency: 180 cpm
3.0 Switching current, A 2.0 DC resistive load 100 No. of operations x104 50 30 20 10 30V DC resistive load Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 0 20 30 50 100 200 300 Contact voltage, V 0 1.0 2.0 Switching current, A 0 10 100 1,000 No. of operations, x104 Drop-out voltage Max. Min. 10,000 Pick-up voltage Max. Min.
1.0
0.5 0.4 0.3 0.2
4. Electrical life
Tested sample: TX2-5V, 6 pcs. Operating frequency: 20 cpm
5-(1). Coil temperature rise
Tested sample: TX2-5V, 6 pcs. Point measured: Inside the coil Ambient temperature: 25C 77F, 85C 185F
Change of pick-up and drop-out voltage
Ratio against the rated voltage, %V 100 90 80 70 60 50 40 30 20 10 0 1 2 3 456789 No. of operations, x104 Min. 10 Drop-out voltage Max. Pick-up voltage Max. Min.
Change of contact resistance
100 Contact resistance, m 90 80 70 60 50 40 30 20 10 0 1 2 3 456789 4 No. of operations, x10 10 10 0 100 110 120 130 140 150 No. of operate, x104 Max. Min. Temperature rise, C 70 60 50 40 30 20 2A 2A 0A 0A +25C +77F +85C +185F
5-(2). Coil temperature rise
Tested sample: TX2-48V, 6 pcs. Point measured: Inside the coil Ambient temperature: 25C 77F, 70C 158F
70 Temperature rise, C 60 50 40 30 20 10 0 100 110 120 130 140 150 No. of operations, x104 2A 2A 0A 0A +25C +77F +70C +158F
6-(1). Operate and release time (with diode)
Tested sample: TX2-5V, 10 pcs.
6-(2). Operate and release time (without diode)
5 Operate and release time, ms Operate and release time, ms Operate time Release time 4 Max. Min.
5
Operate time Release time Max. Min.
4
3
3
2
Max. Min.
2 Max. Min. 1 0
1 0
70
80
90 100 110 120 Coil applied voltage, %V
70
80
90 100 110 120 Coil applied voltage, %V
7. Distribution of pick-up and drop-out voltage
Tested sample: TX2-5V, 50 pcs.
8. Distribution of set and reset voltage
Tested sample: TX2-L2-12V, 30 pcs.
Set voltage Reset voltage
9. Ambient temperature characteristics
Tested sample: TX2-5V, 5 pcs.
Rate of change, % 40 Drop-out voltage x x Pick-up voltage 20 40 60 80 Ambient temperature, C -20
30
;;;;;;;; ;; ; ; ; ; ;;;;;
Pick-up voltage
15
Quantity
Quantity
Drop-out voltage 20
20
;;;;;;; ;;;;;;
10 0 0
10 -40 -20 5 0
-40 0 0 10 20 30 40 50 60 70 80 90 100 Ratio against the rated voltage, %V
10 20 30 40 50 60 70 80 90 100 Ratio against the rated voltage, %V
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
TX
10. Distribution of contact resistance
Tested sample: TX2-5V, 30 pcs. (30 x 4 contacts)
1 345
11-(1). High frequency characteristics
Tested sample: TX2-12V, 2 pcs. Isolation characteristics
11-(2). High frequency characteristics
Tested sample: TX2-12V, 2 pcs. Insertion loss characteristics
35 Terminal Nos. 4-5, 8-9 30 Quantity 25 20
;; ;;;;;;;; ;; ; ;;;;
15 10 5
0
12-(1). Malfunctional shock (single side stable)
Tested sample: TX2-5V, 6 pcs
Z' Y Y' Z XX' Y 1000m/s 2 Deenergized condition Energized condition
13-(1). Influence of adjacent mounting
Rate of change, %
Rate of change, %
5 Pick-up voltage 0 -5
ON
ON
5 Pick-up voltage 0 -5
ON
Rate of change, %
Rate of change, %
Rate of change, %
5 0 -5 0 2 46 8 10 .079 .157 .236 .315 .394 Inter-relay distance Drop-out voltage
OFF OFF
5 Drop-out voltage 0
OFF
Rate of change, %
14. Pulse dialing test
Tested sample: TX2-5V, 6 pcs. (35 mA 48 V DC wire spring relay load)
Ratio against the rated voltage, %V
Circuit
Contact resistance, m
;;;; ;;; ; ;;;;;;;;; ;;
0 20 X 1000m/s2 1000m/s 2 Z' 1000m/s 2 Y' 458 0.08 F 458
(BOTTOM VIEW) Isolation, dB 100
Terminal Nos. 3-4, 9-10
Insertion loss, dB 10 100 Frequency, MHz 1,000
12
10 9 8
1.0 0.8 0.6 0.4 0.2 10 100 Frequency, MHz 1,000
50
30 40 50 Contact resistance, m
12-(2). Malfunctional shock (latching)
Tested sample: TX2-L2-12V, 6 pcs.
Z' Y Y' Z XX' Y 1000m/s 2 Reset state Set state
Z 1000m/s2
X 1000m/s2
Z 1000m/s2
1000m/s2 X'
1000m/s 2 Z' 1000m/s 2 Y'
1000m/s2 X'
13-(2). Influence of adjacent mounting
13-(3). Influence of adjacent mounting
5 Pick-up voltage 0 -5
ON ON ON ON
ON ON
ON
5 0 -5 0
OFF Drop-out voltage OFF OFF OFF 2 46 8 10 .079 .157 .236 .315 .394 Inter-relay distance , mm inch
OFF -5 OFF 0 2 46 8 10 .079 .157 .236 .315 .394 Inter-relay distance
OFF
, mm inch
, mm inch
Change of pick-up and drop-out voltage
100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 4 No. of operation, x10 50 Drop-out voltage Max. Min. Pick-up voltage Max. Min.
Change of contact resistance
100 90 80 70 60 50 40 30 20 10 0 10 20 30 40 No. of operations, x104 50 Min. Max.
0.08 F 48V DC
+
4 3
-
Wire spring relay
Note: Data of surface-mount type are the same as those of PC board terminal type.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.
TX
Notes
1. Packing style 1) The relay is packed in a tube with the relay orientation mark on the left side, as shown in the figure below.
Orientation (indicates PIN No.1)stripe
+0.1 0 Relay polarity bar 1.5 +.004dia. .059 0 dia. 2.0 (Z type) .079
2) Tape and reel packing (surface-mount terminal type) (1) Tape dimensions (i) SA type
mm inch
1.75 .069
B
(2) Dimensions of plastic reel
mm inch
21 0.6 dia. .827 .024 dia.
2.0 0.5 .079 .020 4.0 .157
C A
0.4 .016 15.5 .610 13 dia. .512 .020 dia. 24.4+2 0 .961+.079 0
0.5
11.5 .453
100 1 dia. 3.937 .039 dia. 370 2 dia. 14.567 .079 dia.
Stopper (gray)
Stopper (green)
TX/TX-D/TX-S -SMD relays
D 16.0 10.0 .394 .630
24.0 0.3 0.2 .945 .012 9.2.008 .362
Tape coming out direction
(ii) SL type
mm inch
+0.1 0 Relay polarity bar 1.5 +.004dia. .059 0 dia. 2.0 (Z type) .079
2.00.2 .079.008
4.0 .157
1.75 .069
11.5 .453 15.5 .610
0.4 .016
TX/TX-D/TX-S -SMD relays
10.0 .394 Tape coming out direction
16.0 .630
24.0 0.3 .945 .012
10.80.2 .425.008
(iii) SS type
mm inch
+0.1 0 Relay polarity bar 1.5 +.004dia. 2.0 .059 0 dia. (Z type) .079
2.2 dia. .087 dia. 4.0 1.75 .157 .069
11.5 .453 15.5 .610
0.4 .016
TX/TX-D/TX-S -SMD relays
16.0 .630 Tape coming out direction
8.0 24.0 0.3 .012 .315 .945 10.80.2 .425.008
For Cautions for Use, see Relay Technical Information.
All Rights Reserved (c) COPYRIGHT Matsushita Electric Works, Ltd.


▲Up To Search▲   

 
Price & Availability of TX2SA-L-XX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X