Part Number Hot Search : 
X5083PI 46C12 2SA185 YMD564 U30D60C 0S102 E006963 AD8183
Product Description
Full Text Search
 

To Download T1235H-600T-TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
T1235H
12A TRIACS
A2
SNUBBERLESSTM HIGH TEMPERATURE
Table 1: Main Features Symbol IT(RMS) VDRM/VRRM IGT (Q1) Value 12 600 35 Unit A V mA
A2
G
A1
A2
DESCRIPTION Specifically designed for use in high temperature environment (found in hot appliances such as cookers, ovens, hobs, electric heaters, coffee machines...), the new 12 Amps T1235H triacs provide an enhanced performance in terms of power loss and thermal dissipation. This allows for optimization of the heatsinking dimensioning, leading to space and cost effectivness when compared to electro-mechnical solutions. Based on ST snubberless technology, they offer high commutation switching capabilities and high noise immunity levels. And, thanks to their clip assembly technique, they provide a superior performance in surge current handling. Table 3: Absolute Maximum Ratings Symbol IT(RMS) ITSM It dI/dt Parameter RMS on-state current (full sine wave)
A1 A2 G
A1 A2 G
D2PAK (T1235H-600G)
TO-220AB (T1235H-600T)
Table 2: Order Codes Part Number T1235H-600G T1235H-600G-TR T1235H-600TRG
Marking T1235H600G T1235H600G T1235H600T
Value Tc = 135C t = 20 ms t = 16.7 ms 12 140 145 112 Tj = 150C Tj = 25C Tj = 150C Tj = 150C 50 700 4 1 - 40 to + 150 - 40 to + 150
Unit A A As A/s V A W C
Non repetitive surge peak on-state F = 50 Hz current (full cycle, Tj initial = 25C) F = 60 Hz It Value for fusing Critical rate of rise of on-state current IG = 2 x IGT , tr 100 ns tp = 10 ms F = 120 Hz
VDSM/VRSM Non repetitive surge peak off-state tp = 10 ms voltage IGM PG(AV) Tstg Tj
February 2006
Peak gate current Average gate power dissipation
tp = 20 s
Storage junction temperature range Operating junction temperature range
REV. 6
1/8
T1235H
Tables 4: Electrical Characteristics (Tj = 25C, unless otherwise specified) Symbol IGT (1) VGT VGD IH (2) IL dV/dt (2) Test Conditions VD = 12 V RL = 33 VD = VDRM RL = 3.3 k IT = 100 mA IG = 1.2 IGT VD = 67 %VDRM gate open Tj = 150C I - III II Tj = 150C Quadrant I - II - III I - II - III I - II - III MAX. MAX. MIN. MAX. MAX. MIN. MIN. Value 35 1.3 0.15 35 50 80 300 5.3 Unit mA V V mA mA V/s A/ms
(dI/dt)c (2) Without snubber
Tj = 150C
Table 5: Static Characteristics Symbol VT (2) Vto (2) Rd (2) IDRM IRRM ITM = 17 A Test Conditions tp = 380 s Tj = 25C Tj = 150C Tj = 150C Tj = 25C Tj = 150C Tj = 150C MAX. MAX. MAX. MAX. Value 1.55 0.80 25 5 5.5 mA 3.5 Unit V V m A
Threshold voltage Dynamic resistance VDRM = VRRM
VDRM/VRRM = 400V (at mains peak voltage)
Note 1: minimum IGT is guaranted at 10% of IGT max. Note 2: for both polarities of A2 referenced to A1.
Table 6: Thermal resistance Symbol Rth(j-c) Junction to case (AC) Junction to ambient S = 1 cm Parameter D2PAK TO-220AB D2PAK TO-220AB 45 60 C/W Value 1.2 Unit C/W
Rth(j-a)
S = Copper surface under tab.
2/8
T1235H
Figure 1: Maximum power dissipation versus RMS on-state current (full cycle)
P(W)
14 12 10 8 6 4 2
14 12 10 8 6 4 2
Figure 2: RMS on-state current versus case temperature (full cycle)
IT(RMS)(A)
IT(RMS)(A)
0 0 2 4 6 8 10 12
0 0 25 50
TC(C)
75 100 125 150
Figure 3: RMS on-state current versus ambient temperature (printed circuit board FR4, copper thickness: 35m) (full cycle)
IT(RMS)(A)
5
D PAK (S=1cm2)
2
Figure 4: Relative variation of thermal impedance versus pulse duration
K=[Zth/Rth]
1.00
Zth(j-c)
4
3
0.10
2
Zth(j-a)
1
TC(C)
0 0 25 50 75 100 125 150
tp(s)
0.01 1E-3 1E-2 1E-1 1E+0 1E+1 1E+2 5E+2
Figure 5: On-state characteristics (maximum values)
ITM(A)
200 100
Tj max. Vto = 0.85V Rd = 50 m Tj = Tj max.
Figure 6: Surge peak on-state current versus number of cycles
ITSM(A)
150 125
t=20ms
100
Non repetitive Tj initial=25C Tj = 25C.
One cycle
75 50 25
Repetitive TC=135C
10
VTM(V)
1 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
Number of cycles
0 1 10 100 1000
3/8
T1235H
Figure 7: Non-repetitive surge peak on-state current for a sinusoidal pulse with width tp < 10 ms and corresponding value of I2t
ITSM(A), I t (A s)
2000
Tj initial=25C dI/dt limitation: 50A/s
2 2
Figure 8: Relative variation of gate trigger current, holding current and latching current versus junction temperature (typical values)
IGT,IH,IL[Tj] / IGT,IH,IL[Tj=25C]
2.5
2.0
IGT
1000
1.5
IH & IL
1.0
ITSM
0.5
tp(ms)
100 0.01 0.10 1.00
I2t
Tj(C)
0.0
10.00
-40
-20
0
20
40
60
80
100
120
140
160
Figure 9: Relative variation of critical rate of decrease of main current versus (dV/dt)c (typical values)
(dI/dt)c [(dV/dt)c] / Specified (dI/dt)c
6.0 5.0
Figure 10: Relative variation of critical rate of decrease of main current versus junction temperature
(dI/dt)c [Tj] / (dI/dt)c [Tj = 150C]
8 7 6
4.0 3.0 2.0 1.0
5 4 3 2
(dV/dt)c (V/s)
0.0 0.1 1.0 10.0 100.0
1 0 25 50 75
Tj(C)
100 125 150
Figure 11: Leakage current versus junction temperature for different values of blocking voltage (typical values)
IDRM / IRRM (mA)
1E+1
Figure 12: Acceptable repetitive peak off-state voltage versus case-ambient thermal resistance
VDRM / VRRM (V)
700 600
Tj = 150C Rth(j-c) = 1.2C/W
1E+0
VD = VR = 600V VD = VR = 400V
500 400 300 200 100 0
1E-1
VD = VR = 200V
1E-2
Tj(C)
1E-3 50 75 100 125 150
Rth(c-a)(C/W)
0 2 4 6 8 10 12 14 16 18 20
4/8
T1235H
Figure 13: D2PAK Thermal resistance junction to ambient versus copper surface under tab (printed circuit board FR4, copper thickness: 35 m)
Rth(j-a)(C/W)
80 70 60 50 40 30 20 10 0 0 4 8 12 16 20 24 28 32 36 40
D2PAK
S(cm)
Figure 14: Ordering Information Scheme
T 12 35 H - 600 G (-TR)
Triac series Current 12 = 12A Sensitivity 35 = 35mA Temperature H = High Voltage 600 = 600V Package G = D2PAK T = TO-220AB Packing mode Blanck = D2PAK in Tube RG = TO-220AB in Tube -TR = Tape & Reel
Table 7: Product Selector Part Numbers T1235H-600G T1235H-600T Voltage 600 V 600 V Sensitivity 35 mA 35 mA Type Snubberless Snubberless Package D2PAK TO-220AB
5/8
T1235H
Figure 15: D2PAK Package Mechanical Data DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. 4.30 4.60 0.169 2.49 2.69 0.098 0.03 0.23 0.001 0.70 0.93 0.027 1.25 1.40 0.048 0.055 0.45 0.60 0.017 1.21 1.36 0.047 8.95 9.35 0.352 10.00 10.28 0.393 4.88 5.28 0.192 15.00 15.85 0.590 1.27 1.40 0.050 1.40 1.75 0.055 0.40 0.016 0 8 0
REF.
A E L2 C2
D L L3 A1 B2 B G A2 2.0 MIN. FLAT ZONE V2 C R
A A1 A2 B B2 C C2 D E G L L2 L3 R V2
Max. 0.181 0.106 0.009 0.037 0.024 0.054 0.368 0.405 0.208 0.624 0.055 0.069 8
Figure 16: D2PAK Foot Print Dimensions (in millimeters)
16.90
10.30 1.30
5.08
3.70 8.90
6/8
T1235H
Figure 17: TO-220AB and TO-220AB Insulated Package Mechanical Data
B b2 C
REF. A a1 a2 B b1 b2 C c1 c2 e F I I4 L l2 l3 M
L F I A
l4
a1
c2
l3 l2 a2
b1 e
M c1
DIMENSIONS Millimeters Inches Min. Typ. Max. Min. Typ. 15.20 15.90 0.598 3.75 0.147 13.00 14.00 0.511 10.00 10.40 0.393 0.61 0.88 0.024 1.23 1.32 0.048 4.40 4.60 0.173 0.49 0.70 0.019 2.40 2.72 0.094 2.40 2.70 0.094 6.20 6.60 0.244 3.75 3.85 0.147 15.80 16.40 16.80 0.622 0.646 2.65 2.95 0.104 1.14 1.70 0.044 1.14 1.70 0.044 2.60 0.102
Max. 0.625 0.551 0.409 0.034 0.051 0.181 0.027 0.107 0.106 0.259 0.151 0.661 0.116 0.066 0.066
In order to meet environmental requirements, ST offers these devices in ECOPACK(R) packages. These packages have a Lead-free second level interconnect . The category of second level interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Table 8: Ordering Information Ordering type T1235H-600TRG T1235H-600G T1235H-600G-TR Table 9: Revision History Date Apr-2002 13-Feb-2006 Revision 5A 6 Last update. TO-220AB delivery mode changed from bulk to tube. ECOPACK statement added. Description of Changes Marking T1235H600T T1235H600G T1235H600G Package TO-220AB D2PAK Weight 2.3 g 1.5 g Base qty 50 50 1000 Delivery mode Tube Tube Tape & reel
7/8
T1235H
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners (c) 2006 STMicroelectronics - All rights reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of T1235H-600T-TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X