Part Number Hot Search : 
STTH506D SZ3C130B SI7942DP PQ12SZ11 S133BCI RC30S08 SMC27 CT374P
Product Description
Full Text Search
 

To Download SMD2920P185TS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TM
SMD2920 Surface Mount PTC Devices
l l l l l
R.O.C. Patent#415624
The SMD2920 Series, a polymer-based Positive Temperature Coefficient (PTC) device to protect electrical circuits against overcurrent conditions with resettable feature, is fully compatible with current industrial standards. The new designed SMD2920 Series provides surface mount overcurrent protection with superior performance. Application: The SMD2920 Series is ideal for computers and peripherals and can be applied to almost anywhere there is a low voltage power supply and a load to be protected. The solder plated termination is designed to meet or exceed solderability specifications and provide excellent solder joint inspectability. Agency Approval: UL File # E201431. CSA File # CA115375-1 Maximum Time To Trip
ELECTRICAL CHARACTERISTICS
Resistance
R min ([ ) 1.200 0.350 0.350 0.120 0.070 0.080 0.065 0.050 0.050 0.035 0.025 0.015 0.015 R 1max ([ ) 4.800 1.400 1.000 0.410 0.250 0.230 0.150 0.125 0.125 0.085 0.075 0.048 0.048 I hold (A) SMD2920P030TS 0.30 SMD2920P050TS 0.50 SMD2920P075TS 0.75 SMD2920P100TS 1.10 SMD2920P125TS 1.25 SMD2920P150TS 1.50 SMD2920P185TS 1.85 SMD2920P200TS 2.00 SMD2920P200TS/24 2.00 SMD2920P250TS 2.50 SMD2920P260TS 2.60 SMD2920P300TS 3.00 SMD2920P300TS/15 3.00
Part Number
Itrip Vmax I max P d max. Current (A) (Vdc) (A) (W) (A) 0.60 60 10 1.5 1.50 1.00 60 10 1.5 2.50 1.50 30 40 1.5 8.00 2.20 33 40 1.5 8.00 2.50 15 40 1.5 8.00 3.00 33 40 1.5 8.00 3.70 33 40 1.5 8.00 4.00 15 40 1.5 8.00 4.00 24 40 1.5 8.00 5.00 15 40 1.5 8.00 5.20 6 40 1.5 8.00 6.00 6 40 1.5 8.00 6.00 15 40 1.5 8.00
Time (Sec.) 3.00 4.00 0.30 0.50 2.00 2.00 2.50 5.00 5.00 10.00 10.00 20.00 20.00
Agency Approval
UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV UL CSA TUV
Note: I hold = Hold current: maximum current device will pass without tripping in 20J
still air. I trip = Trip current: minimum current at which the device will trip in 20J still air. Vmax = Maximum voltage device can withstand without damage at rated current (I max ) I max = Maximum fault current device can withstand without damage at rated voltage (Vmax ) Pd = Power dissipated from device when in the tripped state at 20J still air. R min= Minimum resistance of device in initial (un-soldered) state. R 1max= Maximum resistance of device at 20J measured one hour after tripping or reflow soldering of 260J for 20 sec.
Caution: Operation beyond the specified rating may result in damage and possible arcing and flame. *Specifications are subject to change without notice.
107
TM
SMD2920 Surface Mount PTC Devices
R.O.C. Patent#415624
How to Select a Polymer PTC fuse:
(1) Determine the following operating parameters for the circuits: (A) Normal Operating Current (I hold) (B) Maximum Circuit Voltage (V max) (C) Maximum Interrupt Current (I max) (D) Normal Operating Temperature (minJ /maxJ ) (2) Select the device form factor and dimension suitable for the application: Surface Mount Device (SMD Series) Radial Leaded Device (RLD Series) Axial Leaded Strap Device (STD Series) Other Custom-designed Device (Disc/Chip) (3) Compare the maximum ratings for V max and I max of the PTC device with the circuit in application and make sure that the circuit's requirement does not exceed the device ratings. (4) Check that the PTC device's trip time (time-to-trip) will protect the circuit. (5) Verify that the circuit operating temperatures are within the PTC device's normal operating temperature range. (6) Verify the performance and suitability of the chosen PTC device in the application.
108
TM
SMD2920 Surface Mount PTC Devices
R.O.C. Patent#415624
THERMAL DERATING CURVE FOR SMD2920 SERIES
200.00
P rc n g o R te C rre t e e ta e f a d u n
150.00
100.00
50.00
0.00 -40.00 0.00 40.00 80.00 120.00
Device Ambient Temperature (J )
THERMAL DERATING CHART FOR SMD2920 SERIES - Ihold (Amps)
Model SMD2920P030TS SMD2920P050TS SMD2920P075TS SMD2920P100TS SMD2920P125TS SMD2920P150TS SMD2920P185TS SMD2920P200TS SMD2920P200TS/24 SMD2920P250TS SMD2920P260TS SMD2920P300TS SMD2920P300TS/15 -40J 0.45 0.76 1.13 1.66 1.89 2.27 2.80 3.02 3.02 3.78 3.64 4.53 4.53 -20J 0.40 0.67 1.01 1.47 1.68 2.01 2.47 2.68 2.68 3.35 3.25 4.02 4.02 Ambient Operation Temperature 0J 23J 40J 50J 60J 0.35 0.30 0.25 0.23 0.20 0.59 0.50 0.42 0.38 0.33 0.88 0.75 0.62 0.56 0.50 1.29 1.10 0.91 0.83 0.73 1.46 1.25 1.04 0.94 0.83 1.76 1.50 1.25 1.13 1.00 2.17 1.85 1.54 1.39 1.22 2.34 2.00 1.66 1.50 1.32 2.34 2.00 1.66 1.50 1.32 2.93 2.50 2.08 1.88 1.65 2.91 2.60 2.26 2.08 1.95 3.51 3.00 2.52 2.26 1.99 3.51 3.00 2.52 2.26 1.99 70J 0.17 0.29 0.44 0.64 0.73 0.87 1.07 1.16 1.16 1.45 1.74 1.75 1.75 85J 0.14 0.23 0.34 0.50 0.56 0.74 0.85 0.90 0.90 1.13 1.48 1.34 1.34
109
TM
SMD2920 Surface Mount PTC Devices
J E C D
10.00
R.O.C. Patent#415624
AVERAGE TIME-CURRENT CURVE FOR SMD2920 SERIES
100.00
B
K
HI G F
A:SMD2920P030TS B:SMD2920P050TS C:SMD2920P075TS D:SMD2920P100TS E:SMD2920P150TS F :SMD2920P200TS G :SMD2920P125TS H :SMD2920P185TS I :SMD2920P250TS J :SMD2920P260TS K :SMD2920P300TS
A
Time to Trip (Sec.)
1.00
0.10
0.01 0.10 1.00 10.00 100.00
Fault Current (Amp.)
SOLDER REFLOW
l Recommended reflow methods: IR, vapor phase oven, hot air oven l Devices are not designed to be wave soldered to the bottom side of the board. l Recommended maximum paste thickness is 0.25mm (0.010 inch) l Devices can be cleaned using standard industry methods and solvents. Note: If reflow temperatures exceed the recommended profile, devices may not meet the performance requirements.
110
TM
SMD2920 Surface Mount PTC Devices
FIGURE
R.O.C. Patent#415624
SOLDER PAD LAYOUTS
PHYSICAL DIMENSIONS (mm)
Part Number SMD2920P030TS SMD2920P050TS SMD2920P075TS SMD2920P100TS SMD2920P125TS SMD2920P150TS SMD2920P185TS SMD2920P200TS SMD2920P250TS SMD2920P260TS SMD2920P300TS SMD2920P300TS/15 A Min. 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 6.73 Max. 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 7.98 Min. 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 4.80 B Max. 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 5.44 Min. 0.75 0.75 0.75 0.55 0.55 0.75 0.75 0.75 0.75 0.55 0.75 0.75 C Max. 1.25 1.25 1.25 1.00 1.00 1.25 1.25 1.25 1.25 1.00 1.25 1.25 D Min. 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 E Min. 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 Max. 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00 2.00
ENVIRONMENTAL SPECIFICATIONS
Operating/Storage Temperature Maximum Device Surface Temperature in Tripped State Passive Aging Humidity Aging Thermal Shock Solvent Resistance Vibration -40J to +85J 125J +85J , 1000 hours +85J , 85%R.H. 1000 hours MIL-STD-202 Method 107G +85J /-40J 20 times MIL-STD-202, Method 215 MIL-STD-883C, Method 2007.1, Condition A 5% typical resistance change 5% typical resistance change -30% typical resistance change No change No change
PHYSICAL SPECIFICATIONS
Terminal Material Lead Solderability Packaging Solder-Plated Copper (Solder Material: 63/37 SnPb) Meets EIA Specification RS186-9E, ANSI/J-STD-002 Category 3. 16 mm tape on 7 inch reel per EIA-481-1 (equivalent to IEC286, part 3) 2000 devices per reel for P100TS, P125TS &P260 others : 1500 devices per reel
* Specifications are subject to change without notice.
111
SMD2920 Surface Mount PTC Devices
TAPE SPECIFICATIONS: EIA-481-1
P030TS-P075TS P050TS P100TS P125TS P260TS P150TS-P185TS P200TS-P250TS P300TS 16.0+/-0.30 7.5+/-0.05 1.75+/-0.10 1.55+/-0.05 1.5+/-0.10 4.0+/-0.10 8.0+/-0.10 2.0+/-0.05 5.45+/-0.10 7.65+/-0.10 0.25+/-0.10 1.45+/-0.10
R.O.C. Patent#415624
W F E1 D0 D1 P0 P1 P2 A0 B0 T K0 Leader min. Trailer min.
16.0+/-0.30 7.5+/-0.05 1.75+/-0.10 1.55+/-0.05 1.5+/-0.10 4.0+/-0.10 8.0+/-0.10 2.0+/-0.05 5.45+/-0.10 7.65+/-0.10 0.25+/-0.10 1.25+/-0.10
16.0+/-0.30 7.5+/-0.05 1.75+/-0.10 1.55+/-0.05 1.5+/-0.10 4.0+/-0.10 8.0+/-0.10 2.0+/-0.05 5.45+/-0.10 7.65+/-0.10 0.25+/-0.10 1.00+/-0.10
390 160
390 160
390 160
(mm)
REEL DIMENSIONS: EIA-481-1
H W D F C H1 W1 W2 W3 W4 12.0+/-0.15 9.0+/-0.5 60+/-0.5 13.0+/-0.2 178+/-1.0 11+/-0.5 2.5+/-0.5 3.0+/-0.5 4.0+/-0.5 5.0+/-0.5
(mm)
112
SMD2920 Surface Mount PTC Devices
PART NUMBERING SYSTEM SMD 2920 P 1/41/41/4 TS
R.O.C. Patent#415624
Solder Plated Termination Multilayer Thickness Version Current Rating Polytronics Symbol Device Dimensions: Length/Width(Unit: 1/100 inch) Surface Mount Device
CROSS REFERENCE Polytronics/ EVERFUSETM
SMD2920P030TS SMD2920P050TS SMD2920P075TS SMD2920P100TS SMD2920P125TS SMD2920P150TS SMD2920P185TS SMD2920P200TS SMD2920P200TS/24 SMD2920P250TS SMD2920P260TS SMD2920P300TS SMD2920P300TS/15
Cross Reference Bourns/ Multifuse(R) Raychem/ PolySwitch(R)
SMD030 SMD050 SMD075 SMD100/33 SMD125 SMD150/33 (3425) SMD185 (3425) SMD200 (3425) N/A SMD250 (3425) SMD260 SMD300 N/A MF-SM030 MF-SM050(30Vdc) MF-SM075 MF-SM100(30Vdc) MF-SM125 MF-SM150(15Vdc) N/A MF-SM200 (3425) N/A MF-SM250 (3425) MF-SM260 N/A N/A
"EVERFUSE" is a registered trademark of Polytronics Technology Corp. "Multifuse" is a registered trademark of Bourns , Inc. "PolySwitch" is a registered trademark of Raychem Corporation. * Specifications are subject to change without notice.
113
SMD2920 Surface Mount PTC Devices
R.O.C. Patent#415624
114


▲Up To Search▲   

 
Price & Availability of SMD2920P185TS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X