Part Number Hot Search : 
S20RM6 102M2 133BG ISL6801 300018IV 16210 76561E3 S20RM6
Product Description
Full Text Search
 

To Download RS101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC COMPONENTS CO., LTD.
R
RS101 THRU RS107
RECTIFIER SPECIALISTS
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
VOLTAGE RANGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
FEATURES
* Low cost * Low leakage * Low forward voltage
RS-1
MECHANICAL DATA
* * * * * * Case: Molded plastic Epoxy: UL 94V-0 rate flame retardant Lead: MIL-STD-202E, Method 208 guaranteed Polarity: Symbols molded or marked on body Mounting position: Any Weight: 1.26 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. Dimensions in inches and (millimeters)
SYMBOL Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Output Current at TA = 50oC Peak Forward Surge Current, 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 1.0A DC Maximum DC Reverse Current at Rated DC Blocking Voltage per element I t Rating for Fusing (t<8.3ms) Typical Junction Capacitance ( Note1) Typical Thermal Resistance (Note 2) Operating Temperature Range Storage Temperature Range NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2
RS101 50 35 50
RS102 100 70 100
RS103 200 140 200
RS104 400 280 400 1.0 30 1.0 10
RS105 600 420 600
RS106 800 560 800
RS107 1000 700 1000
UNITS Volts Volts Volts Amps Amps Volts uAmps A 2 Sec pF
0
VRRM VRMS VDC IO IFSM VF IR
@TA = 25 oC @TA = 100 o C
500 It CJ RJ A TJ T STG
2
10 15 40 -55 to + 125 -55 to + 150
C/W
0 0
C C
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.47 x 0.47" (12x12mm) copper pads.
194
NEXT
BACK NEXT
EXIT BACK
RATING AND CHARACTERISTIC CURVES (RS101 THRU RS107)
DC COMPONENTS CO., LTD.
R
195
EXIT EXI BACK NEXT BACK EXIT NEXT BACK NEXT


▲Up To Search▲   

 
Price & Availability of RS101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X