|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
RG2 - RG2Z PRV : 200 - 400 Volts Io : 1.2 Amperes FEATURES : * * * * * * High current capability High surge current capability High reliability Low reverse current Low forward voltage drop Fast switching for high efficiency ULTRA FAST RECOVERY RECTIFIER DIODES D2 0.161 (4.1) 0.154 (3.9) 1.00 (25.4) MIN. 0.284 (7.21) 0.268 (6.81) MECHANICAL DATA : * Case : D2 Molded plastic * Epoxy : UL94V-O rate flame retardant * Lead : Axial lead solderable per MIL-STD-202, Method 208 guaranteed * Polarity : Color band denotes cathode end * Mounting position : Any * Weight : 0.465 gram Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20%. 0.034 (0.86) 0.028 (0.71) 1.00 (25.4) MIN. Dimensions in inches and ( millimeters ) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS TYPE NUMBER Maximum Peak Reverse Voltage Maximum Peak Reverse Surge Voltage Maximum Average Forward Current Ta = 60 C Maximum Peak Forward Surge Current (50 Hz, Half-cycle, Sine wave, Single Shot) Maximum Forward Voltage at IF = 1.5A Maximum Reverse Current at VR = VRM Ta = 25 C Maximum Reverse Current at VR = VRM Ta = 100 C Maximum Reverse Recovery Time ( Note 1 ) Junction Temperature Range Storage Temperature Range SYMBOL VRM VRSM IF(AV) RG2Z 200 200 1.2 RG2 400 400 UNITS Volts Volts Amps. IFSM VF IR IR(H) Trr TJ TSTG 50 1.5 0.5 2.5 100 - 40 to + 150 - 40 to + 150 Amps. Volts mA mA ns C C Notes : ( 1 ) Reverse Recovery Test Conditions : IF = 100 mA, IRP = 100 mA. UPDATE : APRIL 23, 1998 RATING AND CHARACTERISTIC CURVES ( RG2 - RG2Z ) FIG.1 - REVERSE RECOVERY TIM E CHARACTERISTIC AND TEST CIRCUIT DIAGRAM 100 F specimen 100 mA IF 0.1 IRP 200S 100 mA IRP 20 S 10 Trr NOTE : I F = IRP = 100 mA TO 10 mA FIG.2 - DERATING CURVE FOR OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT CURRENT, AMPERES 1.5 50 FIG.3 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PEAK FORWARD SURGE CURRENT, AMPERES 1.2 40 0.9 30 0.6 20 0.3 10 0 0 25 50 75 100 125 150 175 0 1 2 4 6 10 20 40 60 100 AMBIENT TEMPERATURE, ( C) FIG.4 - TYPICAL FORWARD CHARACTERISTICS REVERSE CURRENT, MICROAMPERES NUMBER OF CYCLES AT 50Hz FIG.5 - TYPICAL REVERSE CHARACTERISTICS 10 10 TJ = 100 C FORWARD CURRENT, AMPERES 1.0 1.0 0.1 Ta = 25 C 0.1 TJ = 25 C 0.01 0.01 0 20 40 60 80 100 120 140 PERCENT OF RATED REVERSE VOLTAGE, (%) 0.001 0.2 0.6 1.0 1.4 1.8 2.2 2.6 2.8 FORWARD VOLTAGE, VOLTS |
Price & Availability of RG2 |