Part Number Hot Search : 
10013 LT211 74LVC1 A1212 1BS302 V1626 A105K S1N825T
Product Description
Full Text Search
 

To Download PZT5551-C-AA3-C-R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD PZT5551
HIGH VOLTAGE SWITCHING TRANSISTOR
FEATURES
* High Collector-Emitter Voltage: VCEO=160V *High current gain
NPN SILICON TRANSISTOR
*Pb-free plating product number:PZT5551L
ORDERING INFORMATION
Order Number Normal Lead Free Plating PZT5551-x-AA3-F-R PZT5551L-x-AA3-F-R Package SOT-223 Pin Assignment 1 2 3 B C E Packing Tape Reel
www.unisonic.com.tw Copyright (c) 2005 Unisonic Technologies Co., Ltd
1of 4
QW-R207-007,D
PZT5551
ABSOLUATE MAXIUM RATINGS (Ta = 25)
NPN SILICON TRANSISTOR
PARAMETER SYMBOL RATINGS UNIT Collector-Base Voltage VCBO 180 V Collector-Emitter Voltage VCEO 160 V Emitter-Base Voltage VEBO 6 V DC Collector Current IC 600 mA Power Dissipation PC 2 W Operating Junction Temperature TJ +150 Storage Temperature TSTG -65 ~ +150 Note Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER Thermal Resistance SYMBOL JA RATINGS 62.5 UNIT /W
ELECTRICAL CHARACTERISTICS (Ta= 25, unless otherwise specified)
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Breakdown Voltage Emitter-Base Breakdown Voltage Collector Cut-off Current Emitter Cut-off Current DC Current Gain(note) Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure SYMBOL BVCBO BVCEO BVEBO ICBO IEBO hFE VCE(SAT) VBE(SAT) fT Cob NF TEST CONDITIONS IC=100A, IE=0 IC=1mA, IB=0 IE=10A, IC=0 VCB=120V, IE=0 VBE=4V, Ic=0 VCE=5V, Ic=1mA VCE=5V, Ic=10mA VCE=5V, Ic=50mA IC=10mA, IB=1mA IC=50mA, IB=5mA IC=10mA, IB=1mA IC=50mA, IB=5mA VCE=10V, Ic=10mA, f=100MHz VCB=10V, IE=0, f=1MHz IC=0.25mA, VCE=5V RS=1k, f=10Hz ~ 15.7kHz MIN 180 160 6 TYP MAX UNIT V V V nA nA
50 50 80 80 80 160 400 0.15 0.2 1 1 300 6.0 8
V V MHz pF dB
100
Note: Pulse test: PW<300s, Duty Cycle<2%
CLASSIFICATION OF hFE
RANK RANGE A 80-170 B 150-240 C 200-400
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R207-007,D
PZT5551
Current Gain-Bandwidth Product, fT (MHz)
Collector Current, Ic (mA)
Capacitance, Cob (pF)
TYPICAL CHARACTERICS
UNISONIC TECHNOLOGIES CO., LTD
Saturation Voltage (V) DC Current Gain, hFE
www.unisonic.com.tw
NPN SILICON TRANSISTOR
QW-R207-007,D
3 of 4
PZT5551
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R207-007,D


▲Up To Search▲   

 
Price & Availability of PZT5551-C-AA3-C-R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X