Part Number Hot Search : 
PN9402 9KXXX Z84C2010 A1744 D5100 RJK03 25D431K 2N50C3
Product Description
Full Text Search
 

To Download P75N02LD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
TO-252 (D2PAK)
P75N02LD
D
PRODUCT SUMMARY V(BR)DSS 25 RDS(ON) 5m ID 75A 1. GATE 2. DRAIN 3. SOURCE
G S
ABSOLUTE MAXIMUM RATINGS (TC = 25 C Unless Otherwise Noted) PARAMETERS/TEST CONDITIONS Gate-Source Voltage Continuous Drain Current Pulsed Drain Current Avalanche Current Avalanche Energy Repetitive Avalanche Energy Power Dissipation
2 1
SYMBOL VGS
LIMITS 20 75 50 170 60 140 5.6 65 38 -55 to 150 275
UNITS V
TC = 25 C TC = 100 C
ID IDM IAR
A
L = 0.1mH L = 0.05mH TC = 25 C TC = 100 C
1
EAS EAR PD Tj, Tstg TL
mJ
W
Operating Junction & Storage Temperature Range Lead Temperature ( /16" from case for 10 sec.) THERMAL RESISTANCE RATINGS THERMAL RESISTANCE Junction-to-Case Junction-to-Ambient Case-to-Heatsink
1 2
C
SYMBOL RJC RJA RCS
TYPICAL
MAXIMUM 2.3 62.5
UNITS
C / W
0.6
Pulse width limited by maximum junction temperature. Duty cycle 1
ELECTRICAL CHARACTERISTICS (TC = 25 C, Unless Otherwise Noted) PARAMETER SYMBOL TEST CONDITIONS STATIC Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage Zero Gate Voltage Drain Current V(BR)DSS VGS(th) IGSS IDSS VGS = 0V, ID = 250A VDS = VGS, ID = 250A VDS = 0V, VGS = 20V VDS = 20V, VGS = 0V VDS = 20V, VGS = 0V, TJ = 125 C 25 1 1.5 3 250 25 250 V nA A LIMITS UNIT MIN TYP MAX
1
AUG-02-2001
NIKO-SEM
On-State Drain Current1 Drain-Source On-State Resistance1
N-Channel Logic Level Enhancement Mode Field Effect Transistor
ID(ON) RDS(ON) gfs VDS = 10V, VGS = 10V VGS = 10V, ID = 30A VGS = 7V, ID = 24A VDS = 15V, ID = 30A DYNAMIC 70
TO-252 (D2PAK)
P75N02LD
A 5 6 16 7 8 m S
Forward Transconductance1
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Charge2 Gate-Source Charge Gate-Drain Charge2 Turn-On Delay Time2 Rise Time
2 2
Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDS = 15V, RL = 1 ID 30A, VGS = 10V, RGS = 2.5 VDS = 0.5V(BR)DSS, VGS = 10V, ID = 35A VGS = 0V, VDS = 15V, f = 1MHz
5000 1800 800 140 40 75 7 7 24 6 nS nC pF
Turn-Off Delay Time2 Fall Time2
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TC = 25 C) Continuous Current Pulsed Current
3
IS ISM VSD trr IRM(REC) Qrr IF = IS, dlF/dt = 100A / S IF = IS, VGS = 0V 37 200 0.043
75 170 1.3
A V nS A C
Forward Voltage1 Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge
1 2
Pulse test : Pulse Width 300 sec, Duty Cycle 2. Independent of operating temperature. 3 Pulse width limited by maximum junction temperature. REMARK: THE PRODUCT MARKED WITH "P75N02LD", DATE CODE or LOT #
2
AUG-02-2001
NIKO-SEM
N-Channel Logic Level Enhancement Mode Field Effect Transistor
TO-252 (D2PAK)
P75N02LD
TO-252 (DPAK) MECHANICAL DATA
mm Min. 9.35 2.2 0.48 0.89 0.45 0.03 6 Typ. Max. 10.1 2.4 0.6 1.5 0.6 0.23 6.2 mm Min. Typ. 0.8 6.4 5.2 0.6 0.64 4.4 6.6 5.4 1 0.9 4.6 Max.
Dimension A B C D E F G
Dimension H I J K L M N
3
AUG-02-2001


▲Up To Search▲   

 
Price & Availability of P75N02LD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X