Part Number Hot Search : 
CEB6030 AX9311 SI230 FRL9130D UF200 0805CS PJSD15TS M2165
Product Description
Full Text Search
 

To Download MURS110T3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MURS120T3 Series
Preferred Devices
Surface Mount Ultrafast Power Rectifiers
MURS105T3, MURS110T3, MURS115T3, MURS120T3, MURS140T3, MURS160T3
http://onsemi.com
Ideally suited for high voltage, high frequency rectification, or as free wheeling and protection diodes in surface mount applications where compact size and weight are critical to the system.
Features
ULTRAFAST RECTIFIERS 1.0 AMPERE, 50-600 VOLTS
* * * * *
Small Compact Surface Mountable Package with J-Bend Leads Rectangular Package for Automated Handling High Temperature Glass Passivated Junction Low Forward Voltage Drop (0.71 to 1.05 V Max @ 1.0 A, TJ = 150C) Pb-Free Packages are Available
SMB CASE 403A
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 95 mg (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * Lead and Mounting Surface Temperature for Soldering Purposes: * Polarity: Polarity Band Indicates Cathode Lead
260C Max. for 10 Seconds Leads are Readily Solderable
MARKING DIAGRAM
AYWW U1x G G
Assembly Location Year Work Week Device Code x = A, B, C, D, G, or J G = Pb-Free Package (Note: Microdot may be in either location)
A Y WW U1
= = = =
ORDERING INFORMATION
See detailed ordering and shipping information in the table on page 2 of this data sheet.
DEVICE MARKING INFORMATION
See general marking information in the device marking table on page 2 of this data sheet.
Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
July, 2006 - Rev. 8
Publication Order Number: MURS120T3/D
MURS120T3 Series
MAXIMUM RATINGS
MURS Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current Non-Repetitive Peak Surge Current, (Surge applied at rated load conditions halfwave, single phase, 60 Hz) Operating Junction Temperature Symbol VRRM VRWM VR IF(AV) IFSM TJ 105T3 50 110T3 100 115T3 150 120T3 200 140T3 400 160T3 600 Unit V
1.0 @ TL = 155C 2.0 @ TL = 145C 40 *65 to +175
1.0 @ TL = 150C 2.0 @ TL = 125C 35
A A C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
MURS Rating Thermal Resistance, Junction-to-Lead (TL = 25C) Symbol RqJL 105T3 110T3 115T3 13 120T3 140T3 160T3 Unit C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1) (iF = 1.0 A, TJ = 25C) (iF = 1.0 A, TJ = 150C) Maximum Instantaneous Reverse Current (Note 1) (Rated DC Voltage, TJ = 25C) (Rated DC Voltage, TJ = 150C) Maximum Reverse Recovery Time (iF = 1.0 A, di/dt = 50 A/ms) (iF = 0.5 A, iR = 1.0 A, IR to 0.25 A) Maximum Forward Recovery Time (iF = 1.0 A, di/dt = 100 A/ms, Rec. to 1.0 V) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2.0%. vF 0.875 0.71 iR 2.0 50 trr 35 25 tfr 25 75 50 50 ns 5.0 150 ns 1.25 1.05 mA V
DEVICE MARKING AND ORDERING INFORMATION
Device MURS105T3 MURS105T3G MURS110T3 MURS110T3G MURS115T3 MURS115T3G MURS120T3 MURS120T3G MURS140T3 MURS140T3G MURS160T3 MURS160T3G U1J U1G U1D U1C U1B U1A Marking Package SMB SMB (Pb-Free) SMB SMB (Pb-Free) SMB SMB (Pb-Free) SMB SMB (Pb-Free) SMB SMB (Pb-Free) SMB SMB (Pb-Free) 2500 Units / Tape & Reel Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D.
http://onsemi.com
2
MURS120T3 Series
MURS105T3, MURS110T3, MURS115T3, MURS120T3
10 IR, REVERSE CURRENT (m A) 7.0 5.0 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0.002 0 20 40 60
TJ = 175C
3.0 175C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 2.0 TC = 25C 1.0 0.7 0.5 100C
TJ = 100C
TJ = 25C
80
100
120
140
160
180 200
VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
0.3 0.2 50 0.1 45 0.07 C, CAPACITANCE (pF) 0.05 40 35 30 25 20 15 10 0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 vF, INSTANTANEOUS VOLTAGE (VOLTS) 5.0 0 0 10 20 30 40 50 60 70 80 90 100 VR, REVERSE VOLTAGE (VOLTS) NOTE: TYPICAL CAPACITANCE AT 0 V = 45 pF *The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if applied VR is sufficiently below rated VR.
0.03 0.02
Figure 1. Typical Forward Voltage
Figure 3. Typical Capacitance
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 80 90 100 110 120 130 140 150 160 170 180 TC, CASE TEMPERATURE (C) SQUARE WAVE DC RATED VOLTAGE APPLIED RqJC = 13C/W TJ = 175C 5.0 TJ = 175C 4.0 (CAPACITANCE LOAD) PK + 20 I I 10 5.0
3.0
AV
2.0
DC SQUARE WAVE
1.0 0 0 0.5 1.0 1.5
2.0
2.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 4. Current Derating, Case
Figure 5. Power Dissipation
http://onsemi.com
3
MURS120T3 Series
MURS140T3, MURS160T3
10 IR, REVERSE CURRENT (m A) 7.0 175C 5.0 100C 3.0 TC = 25C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 2.0 400 200 80 40 20 8.0 4.0 2.0 0.8 0.4 0.2 0.08 0.04 0.02 0.008 0.004 0 100 200
TJ = 175C
TJ = 100C
TJ = 25C
1.0 0.7 0.5
300
400
500
600
700
VR, REVERSE VOLTAGE (VOLTS)
Figure 7. Typical Reverse Current*
0.3 0.2 25 0.1 0.07 0.05 C, CAPACITANCE (pF) 20 NOTE: TYPICAL CAPACITANCE AT 0 V = 24 pF *The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if applied VR is sufficiently below rated VR.
15
0.03 0.02
10
5.0 0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 0 0 4.0 8.0 12 16 20 24 28 32 36 40 VR, REVERSE VOLTAGE (VOLTS) vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage
Figure 8. Typical Capacitance
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) IF(AV) , AVERAGE FORWARD CURRENT (AMPS) 10 9.0 8.0 7.0 6.0 5.0 4.0 3.0 2.0 1.0 0 0 20 40 60 80 100 120 140 160 180 200 TC, CASE TEMPERATURE (C) SQUARE WAVE DC RATED VOLTAGE APPLIED RqJC = 13C/W TJ = 175C 5.0 (CAPACITANCE LOAD) I PK + 20 I 10 5.0 SQUARE WAVE
4.0
AV
3.0 TJ = 175C 2.0
DC
1.0 0 0 0.5 1.0 1.5 2.0 2.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
Figure 9. Current Derating, Case
Figure 10. Power Dissipation
http://onsemi.com
4
MURS120T3 Series
PACKAGE DIMENSIONS
SMB CASE 403A-03 ISSUE F
HE E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. D DIMENSION SHALL BE MEASURED WITHIN DIMENSION P. MILLIMETERS NOM MAX 2.13 2.45 0.10 0.20 2.03 2.20 0.23 0.31 3.56 3.95 4.32 4.60 5.44 5.60 1.02 1.60 0.51 REF INCHES NOM 0.084 0.004 0.080 0.009 0.140 0.170 0.214 0.040 0.020 REF
b
D
DIM A A1 b c D E HE L L1
MIN 1.90 0.05 1.96 0.15 3.30 4.06 5.21 0.76
MIN 0.075 0.002 0.077 0.006 0.130 0.160 0.205 0.030
MAX 0.096 0.008 0.087 0.012 0.156 0.181 0.220 0.063
A
L
L1
c
A1
SOLDERING FOOTPRINT*
2.261 0.089
2.743 0.108
2.159 0.085
SCALE 8:1 mm inches
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
5
MURS120T3/D


▲Up To Search▲   

 
Price & Availability of MURS110T3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X