Part Number Hot Search : 
BUZ73H UPD780 EB25N 110RB2 HX1188 RPH4NSZ C124ES PR22MA
Product Description
Full Text Search
 

To Download MUR110G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MUR120 Series
Preferred Devices
SWITCHMODEt Power Rectifiers
MUR105, MUR110, MUR115, MUR120, MUR130, MUR140, MUR160
http://onsemi.com
The MUR120 series of SWITCHMODE power rectifiers are designed for use in switching power supplies, inverters and as free wheeling diodes.
Features
ULTRAFAST RECTIFIERS 1.0 AMPERE, 50 - 600 VOLTS
* * * * * * * * *
Ultrafast 25, 50 and 75 Nanosecond Recovery Times 175C Operating Junction Temperature Low Forward Voltage Low Leakage Current High Temperature Glass Passivated Junction Reverse Voltage to 600 V Shipped in Plastic Bags; 1,000 per Bag Available Tape and Reel; 5,000 per Reel, by adding a "RL'' Suffix to the Part Number These are Pb-Free Devices*
AXIAL LEAD CASE 59 STYLE 1
Mechanical Characteristics:
* Case: Epoxy, Molded * Weight: 0.4 Gram (Approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal * *
Leads are Readily Solderable Lead Temperature for Soldering Purposes: 260C Max. for 10 Seconds Polarity: Cathode Indicated by Polarity Band
MARKING DIAGRAM
A MUR 1xx YYWW G G
A = Assembly Location MUR1xx = Specific Device Code Y = Year WW = Work Week G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
See detailed ordering and shipping information in the package dimensions section on page 6 of this data sheet. Preferred devices are recommended choices for future use and best overall value.
(c) Semiconductor Components Industries, LLC, 2006
1
July, 2006 - Rev. 10
Publication Order Number: MUR120/D
MUR120 Series
MAXIMUM RATINGS
MUR Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (Square Wave Mounting Method #3 Per Note 2) Nonrepetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Operating Junction Temperature and Storage Temperature Symbol VRRM VRWM VR IF(AV) IFSM 105 50 110 100 115 150 120 200 130 300 140 400 160 600 Unit V
1.0 @ TA = 130C 35
1.0 @ TA = 120C
A A
TJ, Tstg
*65 to +175
C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
THERMAL CHARACTERISTICS
Characterisic Maximum Thermal Resistance, Junction-to-Ambient Symbol RqJA Max Note 2 Unit C/W
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (Note 1) (iF = 1.0 Amp, TJ = 150C) (iF = 1.0 Amp, TJ = 25C) Maximum Instantaneous Reverse Current (Note 1) (Rated DC Voltage, TJ = 150C) (Rated DC Voltage, TJ = 25C) Maximum Reverse Recovery Time (IF = 1.0 A, di/dt = 50 A/ms) (IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A) Maximum Forward Recovery Time (IF = 1.0 A, di/dt = 100 A/ms, IREC to 1.0 V) 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle 2.0%. vF 0.710 0.875 iR 50 2.0 trr 35 25 tfr 25 75 50 50 ns 150 5.0 ns 1.05 1.25 mA V
http://onsemi.com
2
MUR120 Series
MUR105, MUR110, MUR115, MUR120
10 IR, REVERSE CURRENT (m A) 7.0 5.0 100 TJ = 175C 10
1.0
100C
3.0 TJ = 175C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 2.0 25C 1.0 0.7 0.5 100C
0.1
0.01
25C
0.001 0 20 40 60 80 100 120 140 160 180 200 VR, REVERSE VOLTAGE (VOLTS)
Figure 2. Typical Reverse Current*
0.3 0.2 5.0 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
0.1 0.07 0.05
4.0
RATED VR RqJA = 50C/W
3.0
0.03 0.02
2.0 SQUARE WAVE 1.0 0 0 50 100
dc
0.01 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 vF, INSTANTANEOUS VOLTAGE (VOLTS)
150
200
250
Figure 1. Typical Forward Voltage
TA, AMBIENT TEMPERATURE (C)
Figure 3. Current Derating (Mounting Method #3 Per Note 1)
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 5.0 TJ = 175C 4.0 I (CAPACITIVE LOAD) PK + 20 I 10 5.0 C, CAPACITANCE (pF) 50 TJ = 25C 30 20
AV
3.0
2.0 dc 1.0 SQUARE WAVE 0 0 0.5 1.0 1.5 2.0 2.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS)
10 7.0 5.0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
Figure 4. Power Dissipation
Figure 5. Typical Capacitance
http://onsemi.com
3
MUR120 Series
MUR130, MUR140, MUR160
10 IR, REVERSE CURRENT (m A) 7.0 5.0 400 100 40 10 4.0 1.0 0.4 0.1 0.04 0.01 0.004 0 100 200 300 400 500 600 700 VR, REVERSE VOLTAGE (VOLTS) 25C 100C TJ = 175C
3.0 TJ = 175C i F , INSTANTANEOUS FORWARD CURRENT (AMPS) 2.0 25C
100C
1.0 0.7 0.5
Figure 7. Typical Reverse Current*
0.3 0.2 5.0 * The curves shown are typical for the highest voltage device in the voltage grouping. Typical reverse current for lower voltage selections can be estimated from these same curves if VR is sufficiently below rated VR. IF(AV) , AVERAGE FORWARD CURRENT (AMPS)
0.1 0.07 0.05
4.0
RATED VR RqJA = 50C/W
3.0
0.03 0.02
2.0 dc 1.0 0 0 50 100 150 200 250 TA, AMBIENT TEMPERATURE (C) SQUARE WAVE
0.01 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 vF, INSTANTANEOUS VOLTAGE (VOLTS)
Figure 6. Typical Forward Voltage
Figure 8. Current Derating (Mounting Method #3 Per Note 2)
PF(AV) , AVERAGE POWER DISSIPATION (WATTS) 5.0 TJ = 175C 4.0 C, CAPACITANCE (pF) 5.0 3.0 (CAPACITIVE LOAD) I 2.0 10 dc SQUARE WAVE 1.0 0 0 0.5 1.0 1.5 2.0 2.5 IF(AV), AVERAGE FORWARD CURRENT (AMPS) 10 7.0 5.0 TJ = 25C 20
PK + 20 I AV
3.0 2.0 0 10 20 30 40 50 VR, REVERSE VOLTAGE (VOLTS)
Figure 9. Power Dissipation
Figure 10. Typical Capacitance
http://onsemi.com
4
MUR120 Series
NOTE 2. -- AMBIENT MOUNTING DATA
Data shown for thermal resistance, junction-to-ambient (RqJA) for the mountings shown is to be used as typical guideline values for preliminary engineering or in case the tie point temperature cannot be measured.
TYPICAL VALUES FOR RqJA IN STILL AIR Mounting Method 1 2 RqJA 3 Lead 1/8 52 67 Length, L 1/4 1/2 65 72 80 87 50 Units C/W C/W C/W
MOUNTING METHOD 1
L
L
EEEEEEEEEEE EEEEEEEEEEE
MOUNTING METHOD 2
L L
EEEEEEEEEEEE EEEEEEEEEEEE
Vector Pin Mounting MOUNTING METHOD 3
EE EE EE EE EE EE EE
L = 3/8
Board Ground Plane
P.C. Board with 1-1/2 X 1-1/2 Copper Surface
http://onsemi.com
5
MUR120 Series
ORDERING INFORMATION
Device MUR105 MUR105G MUR105RL MUR105RLG MUR110 MUR110G MUR110RL MUR110RLG MUR115 MUR115G MUR115RL MUR115RLG MUR120 MUR120G MUR120RL MUR120RLG MUR130 MUR130G MUR130RL MUR130RLG MUR140 MUR140G MUR140RL MUR140RLG MUR160 MUR160G MUR160RL MUR160RLG Marking MUR105 MUR105 MUR105 MUR105 MUR110 MUR110 MUR110 MUR110 MUR115 MUR115 MUR115 MUR115 MUR120 MUR120 MUR120 MUR120 MUR130 MUR130 MUR130 MUR130 MUR140 MUR140 MUR140 MUR140 MUR160 MUR160 MUR160 MUR160 Package Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Axial Lead* Shipping 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel 1000 Units / Bag 1000 Units / Bag 5000 Units / Tape & Reel 5000 Units / Tape & Reel
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
6
MUR120 Series
PACKAGE DIMENSIONS
AXIAL LEAD CASE 59-10 ISSUE U
B
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH JEDEC DO-41 OUTLINE SHALL APPLY 4. POLARITY DENOTED BY CATHODE BAND. 5. LEAD DIAMETER NOT CONTROLLED WITHIN F DIMENSION. INCHES MIN MAX 0.161 0.205 0.079 0.106 0.028 0.034 --- 0.050 1.000 --- MILLIMETERS MIN MAX 4.10 5.20 2.00 2.70 0.71 0.86 --- 1.27 25.40 ---
K F
D
DIM A B D F K
A
POLARITY INDICATOR OPTIONAL AS NEEDED (SEE STYLES)
F K
STYLE 1: PIN 1. CATHODE (POLARITY BAND) 2. ANODE
SWITCHMODE is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
7
MUR120/D


▲Up To Search▲   

 
Price & Availability of MUR110G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X