Part Number Hot Search : 
RM3283D F1010 2SB16 ZPD6V2 09N70 SP2222A TS432IRF BLACK
Product Description
Full Text Search
 

To Download MJ15003G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MJ15003 (NPN), MJ15004 (PNP)
Preferred Device
Complementary Silicon Power Transistors
The MJ15003 and MJ15004 are PowerBaset power transistors designed for high power audio, disk head positioners and other linear applications.
Features http://onsemi.com
* * * *
High Safe Operating Area (100% Tested) - 5.0 A @ 50 V For Low Distortion Complementary Designs High DC Current Gain - hFE = 25 (Min) @ IC = 5 Adc Pb-Free Packages are Available*
20 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140 VOLTS, 250 WATTS
IIIIIIIIIIIIIIIIIII I II III I I I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II IIIIII IIIIIIIIIIIIIIIIIII I IIIIII II I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIII III I IIIIIIIIIIII I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIII III I I I II I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIII III I I I II I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II I II IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I II IIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIII I II I II IIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIII IIIIIIIIIIII IIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS
Rating Symbol VCEO VCBO VEBO IC IB IE Value 140 140 5 Unit Vdc Vdc Vdc Adc Adc Adc Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current - Continuous Base Current - Continuous 20 5 Emitter Current - Continuous 25 Total Power Dissipation @ TC = 25C Derate above 25C Operating and Storage Junction Temperature Range PD 250 1.43 W W/C C TJ, Tstg -65 to +200
TO-204AA (TO-3) CASE 1-07 STYLE 1
MARKING DIAGRAM
MJ1500xG AYYWW MEX
THERMAL CHARACTERISTICS
Characteristic
Symbol RqJC TL
Max
Unit
Thermal Resistance, Junction-to-Case
0.70 265
C/W C
Maximum Lead Temperature for Soldering Purposes 1/16 from Case for v 10 secs
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected.
MJ1500x = Device Code x = 3 or 4 G = Pb-Free Package A = Location Code YY = Year WW = Work Week MEX = Country of Orgin
ORDERING INFORMATION
Device MJ15003 MJ15003G MJ15004 MJ15004G *For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
(c) Semiconductor Components Industries, LLC, 2005
Package TO-204AA TO-204AA (Pb-Free) TO-204AA TO-204AA (Pb-Free)
Shipping 100 Units/Tray 100 Units/Tray 100 Units/Tray 100 Units/Tray
Preferred devices are recommended choices for future use and best overall value.
1
December, 2005 - Rev. 11
Publication Order Number: MJ15003/D
MJ15003 (NPN), MJ15004 (PNP)
IC, COLLECTOR CURRENT (AMP)
II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII IIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I III I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I III I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIII II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIII IIIIIIIIIIIIIIIIIIIIIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (TC = 25C unless otherwise noted)
Characteristic OFF CHARACTERISTICS Symbol Min Max Unit Collector Emitter Sustaining Voltage (Note 1) (IC = 200 mAdc, IB = 0) VCEO(sus) ICEX 140 - Vdc Collector Cutoff Current (VCE = 140 Vdc, VBE(off) = 1.5 Vdc) (VCE = 140 Vdc, VBE(off) = 1.5 Vdc, TC = 150C) Collector Cutoff Current (VCE = 140 Vdc, IB = 0) - - - - 100 2 250 100 mAdc mAdc mAdc mAdc ICEO IEBO Emitter Cutoff Current (VEB = 5 Vdc, IC = 0) SECOND BREAKDOWN Second Breakdown Collector Current with Base Forward Baised (VCE = 50 Vdc, t = 1 s (non repetitive)) (VCE = 100 Vdc, t = 1 s (non repetitive)) IS/b Adc 5.0 1.0 - - ON CHARACTERISTICS DC Current Gain (IC = 5 Adc, VCE = 2 Vdc) hFE 25 - - 150 1.0 2.0 - Collector Emitter Saturation Voltage (IC = 5 Adc, IB = 0.5 Adc) Base Emitter On Voltage (IC = 5 Adc, VCE = 2 Vdc) VCE(sat) VBE(on) Vdc Vdc DYNAMIC CHARACTERISTICS Current Gain -- Bandwidth Product (IC = 0.5 Adc, VCE = 10 Vdc, ftest = 0.5 MHz) Output Capacitance (VCB = 10 Vdc, IE = 0, ftest = 1 MHz) fT 2.0 - - MHz pF cob 1000 1. Pulse Test: Pulse Width = 300 ms, Duty Cycle v 2%. 20 15 10 7 5 3 2 1 TJ = 200C BONDING WIRE LIMITED THERMAL LIMITATION (SINGLE PULSE) SECOND BREAKDOWN LIMITED CURVES APPLY BELOW RATED VCEO TC = 25C 0.7 0.5 0.3 0.2
There are two limitations on the powerhandling ability of a transistor: average junction temperature and second breakdown. Safe operating area curves indicate IC - VCE limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. The data of Figure 1 is based on T J(pk) = 200C; TC is variable depending on conditions. At high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown.
2
3
5 7 10 20 30 50 70 100 150 200 VCE, COLLECTOR-EMITTER VOLTAGE (VOLTS)
Figure 1. Active-Region Safe Operating Area
http://onsemi.com
2
MJ15003 (NPN), MJ15004 (PNP)
PACKAGE DIMENSIONS
TO-204 (TO-3) CASE 1-07 ISSUE Z
A N C -T- E D
2 PL SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. ALL RULES AND NOTES ASSOCIATED WITH REFERENCED TO-204AA OUTLINE SHALL APPLY. DIM A B C D E G H K L N Q U V INCHES MIN MAX 1.550 REF --- 1.050 0.250 0.335 0.038 0.043 0.055 0.070 0.430 BSC 0.215 BSC 0.440 0.480 0.665 BSC --- 0.830 0.151 0.165 1.187 BSC 0.131 0.188 MILLIMETERS MIN MAX 39.37 REF --- 26.67 6.35 8.51 0.97 1.09 1.40 1.77 10.92 BSC 5.46 BSC 11.18 12.19 16.89 BSC --- 21.08 3.84 4.19 30.15 BSC 3.33 4.77
K
M
0.13 (0.005) U V
2
TQ
M
Y
M
L G
1
-Y-
H
B
-Q- 0.13 (0.005)
M
TY
M
STYLE 1: PIN 1. BASE 2. EMITTER CASE: COLLECTOR
PowerBase is a trademark of Semiconductor Components Industries, LLC.
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: N. American Technical Support: 800-282-9855 Toll Free Literature Distribution Center for ON Semiconductor USA/Canada P.O. Box 61312, Phoenix, Arizona 85082-1312 USA Phone: 480-829-7710 or 800-344-3860 Toll Free USA/Canada Japan: ON Semiconductor, Japan Customer Focus Center 2-9-1 Kamimeguro, Meguro-ku, Tokyo, Japan 153-0051 Fax: 480-829-7709 or 800-344-3867 Toll Free USA/Canada Phone: 81-3-5773-3850 Email: orderlit@onsemi.com ON Semiconductor Website: http://onsemi.com Order Literature: http://www.onsemi.com/litorder For additional information, please contact your local Sales Representative.
http://onsemi.com
3
MJ15003/D


▲Up To Search▲   

 
Price & Availability of MJ15003G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X