Part Number Hot Search : 
MA3UD06 RG10GGF D187X APC77165 ER30011 UPA1874 HFC02 D187X
Product Description
Full Text Search
 

To Download MIE-514A4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AlGaAs/GaAs HIGH POWER T-1 3/4 PACKAGE INFRARED EMITTING DIODE
Description
The MIE-514A4 is an infrared emitting diodes in GaAs technology with AlGaAs window coating encapsulated in water clear package.
7.62 (.300)
MIE-514A4
Package Dimensions
5.05 (.200)
Unit: mm (inches)
5.47 (.215)
5.90 (.230)
1.00 (.040)
Features
l
SEE NOTE 2 FLAT DENOTES CATHODE
High radiant power and high radiantintensity Standard T-1 3/4 ( 5mm) package Peak wavelength p = 940 nm Good spectral matching to si-photodetector Radiant angle : 16
2.54NOM. (.100) SEE NOTE 3 1.00MIN. (.040) 0.50 TYP. (.020) 23.40 MIN (.920)
l
l
l
l
A
C
Notes : 1. Tolerance is 0.25 mm (.010") unless otherwise noted. 2. Protruded resin under flange is 1.5 mm (.059") max. 3. Lead spacing is measured where the leads emerge from the package.
Absolute Maximum Ratings
o @ TTA=25oC @ A =25 C
Parameter Power Dissipation Peak Forward Current(300pps,10s pulse) Continuos Forward Current Reverse Voltage Operating Temperature Range Storage Temperature Range Lead Soldering Temperature
Maximum Rating 120 1 100 5 -55 C to +100 C -55 C to +100 C 260oC for 5 seconds
o o o o
Unit mW A mA V
Unity Opto Technology Co., Ltd.
11/17/2000
MIE-514A4
Optical-Electrical Characteristics '@ TA=25oC
Parameter Radiant Intensity Forward Voltage Reverse Current Peak Wavelength Spectral Bandwidth View Angle Test Conditions IF=20mA IF=50mA VR= 5V IF=20mA IF=20mA IF=20mA Symbol Ie VF IR p 21/2 Min. Typ . 5 1.30 940 50 16 Max. 1.5 100 Unit mW/sr V A nm nm deg.
Typical Optical-Electrical Characteristic Curves
1
100
Forward Current IF (mA)
940 1040
Relative Radiant Intensity
90 80 70 60 50 0 -55 -25 0 25 50 75 100 125
0.5
0 840
Wavelength (nm) FIG.1 SPECTRAL DISTRIBUTION Forward Current (mA)
100 80 60 40 20 0 0.8 1.2 1.6 2.0 2.4
Output Power To Value IF=20mA
Ambient Temperature TA (oC) FIG.2 FORWARD CURRENT VS. AMBIENT TEMPERATURE
3 2.5 2 1.5 1 0.5 0 -40 -20 0 20 40
o
60
Forward Voltage (V) FIG.3 FORWARD CURRENT VS. FORWARD VOLTAGE Output Power Relative To Value at IF=20mA
5 4 3 2 1 0 0 20 40 60 80 100
Ambient Temperature TA( C) FIG.4 RELATIVE RADIANT INTENSITY VS. AMBIENT TEMPERATURE
0 10 20 30 40 1.0 0.9 0.8 50 60 70 80 90 0.5 0.3 0.1 0.2 0.4 0.6
Relative Radiant Intensity
Forward Current (mA) FIG.5 RELATIVE RADIANT INTENSITY VS. FORWARD CURRENT
FIG.6 RADIATION DIAGRAM
11/17/2000


▲Up To Search▲   

 
Price & Availability of MIE-514A4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X