Part Number Hot Search : 
WNM2025 11017 74F540PC PE6033 IFN422 20112 ES3210 N120C
Product Description
Full Text Search
 

To Download MDPAU01 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MD and MDP Key Switches
The disc contact type ED is a momentary key switch with short travel and good tactile feedback. The ED is the main component of the MD and MDP switches. MDP-Disc push-button key switch Small momentary key switch equipped with button, can be mounted on printed circuit board. MD-Disc push-button key switch Small momentary key switch including a protective rubber actuator. A wide range of keyboards can be built by using the MD. MD and MDP key pads are available in two contact materials: gold plated bronze silver plated bronze
Construction Function Contact arrangement Distance between button centers, min. Terminals Electrical data Switching power max. Switching voltage max. Switching current max. Dielectric strength (50 Hz/1 Min.) Operating life with MD max. switching power MDP Contact resistance, initial Insulation resistance Contact bounce Mechanical data Switching travel Operating force
Momentary 1 make contact = SPST 12.7 (0.500) PC pins Silver 6 W AC/DC 100 V AC/DC 100 mA AC/DC 300 V 106 2 105 10 m 1011 100 s MD 0.6 (0.0236) 2.6N 25% (260 grams 25%) Gold 3 W AC/DC 100 V AC/DC 50 mA AC/DC 300 V 5 106 2 105 15 m 1011 100 s MDP 0.3 (0.0118) 2.4N 25% (240 grams 25%)
Further data Contact material Operating temperature Storage temperature Climatic category (days) Soldering by static bath
Silver, Gold - 25C to + 70C1) - 40C to + 85C 10 for silver version 56 for gold version 255C for 5 seconds
1) Special design for ambient temperature - 40C to + 85C (Type MD40) available (not washable in solvents) Note: MD40 disc keyswitch conforms to climatic category 40/85/56.
Dimensions are shown in mm (inch) Dimensions subject to change
www.ittcannon.com
B-13
MD and MDP Key Switches
Dimensional Drawings
MD
(0.4) (0.138) (0.2) (0.2)
(0.0315) (0.2) (0.1) (0.5) (0.4) (0.1) (0.2)
Holes for additional fixing (0.5) (0.157) (0.197)
MDP
(0.315) (0.0591) (0.238) (0.2)
(0.4) (0.2)
(0.315) (0.2) (0.1) (0.5) (0.1) (0.2)
Holes for additional fixing (0.5) (0.157) (0.138)
Button MDP
(0.472)
(0.0138)
(0.11) (0.0748)
(0.394)
(0.0591)
(0.394) (0.472)
(0.0984)
(0.0591)
(0.472)
Ordering code Example: 1 2 3 Designation: MD, MDP, MD40 Contact material: AG = silver, AU = gold MDP button color: 01 = black, 02 = white, 03 = red, 04 = light grey, 05 = dark grey, 07 = blue
1 MD
2 AG
3 04
Dimensions are shown in mm (inch) Dimensions subject to change
www.ittcannon.com
B-14


▲Up To Search▲   

 
Price & Availability of MDPAU01

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X