Part Number Hot Search : 
MJE521 UDA133 2SC50 0EVKI SD101 AA101 UDA133 SMBJ75A
Product Description
Full Text Search
 

To Download MCC19-12IO1B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC 19
Thyristor Modules
ITRMS = 2x 40 A ITAVM = 2x 25 A VRRM = 800-1600 V
VRSM VDSM V 900 1300 1500 1700
VRRM VDRM V 800 1200 1400 1600
Type Version 1 B MCC 19-08io1 B MCC 19-12io1 B MCC 19-14io1 B MCC 19-16io1 B Version 8 B MCC 19-08io8 B MCC 19-12io8 B MCC 19-14io8 B MCC 19-16io8 B
TO-240 AA
2 1
3
6
7
4
5
3
671
542
Symbol ITRMS ITAVM ITSM
Test Conditions TVJ = TVJM TC = 58C; 180 sine TC = 85C; 180 sine TVJ = 45C; VR = 0 TVJ = TVJM VR = 0 t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine t = 10 ms (50 Hz), sine t = 8.3 ms (60 Hz), sine
Maximum Ratings 40 25 18 400 420 350 370 800 730 600 570 150 A A A A A A A A2s A2s A2s A2s A/ms
Version 1 B
3
6
1
52
Version 8 B
oi2dt
TVJ = 45C VR = 0 TVJ = TVJM VR = 0
Features
q
q
(di/dt)cr
TVJ = TVJM repetitive, IT = 45 A f =50 Hz, tP =200 ms VD = 2/3 VDRM IG = 0.45 A non repetitive, IT = ITAVM diG/dt = 0.45 A/ms TVJ = TVJM; VDR = 2/3 VDRM RGK = ; method 1 (linear voltage rise) TVJ = TVJM IT = ITAVM tP = 30 ms tP = 300 ms
q q
500 1000 10 5 0.5 10 -40...+125 125 -40...+125
A/ms V/ms
q q
International standard package, JEDEC TO-240 AA Direct copper bonded Al2O3 -ceramic base plate Planar passivated chips Isolation voltage 3600 V~ UL registered, E 72873 Gate-cathode twin pins for version 1B
(dv/dt)cr PGM PGAV VRGM TVJ TVJM Tstg VISOL Md Weight
Applications W W W V C C C V~ V~
q q q
DC motor control Softstart AC motor controller Light, heat and temperature control
Advantages
q q q
50/60 Hz, RMS IISOL 1 mA
t = 1 min t=1s
3000 3600
q
Space and weight savings Simple mounting with two screws Improved temperature and power cycling Reduced protection circuits
Mounting torque (M5) Terminal connection torque (M5) Typical including screws
2.5-4.0/22-35 Nm/lb.in. 2.5-4.0/22-35 Nm/lb.in. 90 g
Data according to IEC 60747 and refer to a single thyristor unless otherwise stated. IXYS reserves the right to change limits, test conditions and dimensions
(c) 2000 IXYS All rights reserved
1-4
MCC 19
Symbol IRRM, IDRM VT VT0 rT VGT IGT VGD IGD IL IH tgd tq QS IRM RthJC RthJK dS dA a Test Conditions TVJ = TVJM; VR = VRRM; VD = VDRM IT = 80 A; TVJ = 25C Characteristic Values 3 2.05 0.85 18 1.5 1.6 100 200 0.2 10 450 200 2 typ. 150 50 6 1.3 0.65 1.5 0.75 12.7 9.6 50 mA V V mW V V mA mA V mA mA
IGD, TVJ = 125C 4: PGAV = 0.5 W 5: PGM = 5W 6: PGM = 10 W 102 103 IG 3 1 1 4 2 5 6 VG 10 1: IGT, TVJ = 125C
V
2: IGT, TVJ = 25C 3: IGT, TVJ = -40C
For power-loss calculations only (TVJ = 125C) VD = 6 V; VD = 6 V; TVJ = TVJM; TVJ = 25C TVJ = -40C TVJ = 25C TVJ = -40C VD = 2/3 VDRM
TVJ = 25C; tP = 10 ms; VD = 6 V IG = 0.45 A; diG/dt = 0.45 A/ms TVJ = 25C; VD = 6 V; RGK = TVJ = 25C; VD = 1/2 VDRM IG = 0.45 A; diG/dt = 0.45 A/ms TVJ = TVJM; IT = 20 A, tP = 200 ms; -di/dt = 10 A/ms VR = 100 V; dv/dt = 20 V/ms; VD = 2/3 VDRM TVJ = TVJM; IT = 25 A, -di/dt = 0.64 A/ms per thyristor; DC current per module per thyristor; DC current per module Creepage distance on surface Strike distance through air Maximum allowable acceleration
mA ms ms
0.1 100
101
mA 104
Fig. 1 Gate trigger characteristics
1000
mC A K/W K/W K/W K/W mm mm m/s2
tgd
TVJ = 25C
s
other values see Fig. 8/9
typ. 100
Limit
10
Optional accessories for module-type MCC 19 version 1 B Keyed gate/cathode twin plugs with wire length = 350 mm, gate = yellow, cathode = red Type ZY 200L (L = Left for pin pair 4/5) UL 758, style 1385, Type ZY 200R (R = right for pin pair 6/7) CSA class 5851, guide 460-1-1
1 10 mA IG
100
1000
Fig. 2 Gate trigger delay time Dimensions in mm (1 mm = 0.0394") Version 1 B Version 8 B
(c) 2000 IXYS All rights reserved
2-4
MCC 19
Fig. 3 Surge overload current ITSM: Crest value, t: duration
Fig. 4 oi2dt versus time (1-10 ms)
Fig. 4a Maximum forward current at case temperature Fig. 5 Power dissipation versus onstate current and ambient temperature (per thyristor)
Fig. 6 Three phase rectifier bridge: Power dissipation versus direct output current and ambient temperature
(c) 2000 IXYS All rights reserved
3-4
MCC 19
Fig. 7 Three phase AC-controller: Power dissipation versus RMS output current and ambient temperature
Fig. 8 Transient thermal impedance junction to case (per thyristor) RthJC for various conduction angles d: d DC 180 120 60 30 RthJC (K/W) 1.3 1.35 1.39 1.42 1.45
Constants for ZthJC calculation: i 1 2 3 Rthi (K/W) 0.018 0.041 1.241 ti (s) 0.0033 0.0216 0.191
Fig. 9 Transient thermal impedance junction to heatsink (per thyristor) RthJK for various conduction angles d: d DC 180 120 60 30 RthJK (K/W) 1.5 1.55 1.59 1.62 1.65
Constants for ZthJK calculation: i 1 2 3 4 Rthi (K/W) 0.018 0.041 1.241 0.2 ti (s) 0.0033 0.0216 0.191 0.46
(c) 2000 IXYS All rights reserved
4-4


▲Up To Search▲   

 
Price & Availability of MCC19-12IO1B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X