Part Number Hot Search : 
SMCJ90CA ST1802FH 10023 1N4148WS 221M10 FT6163 2SK26 SBM37PT
Product Description
Full Text Search
 

To Download MC14511B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MC14511B BCD-To-Seven Segment Latch/Decoder/Driver
The MC14511B BCD-to-seven segment latch/decoder/driver is constructed with complementary MOS (CMOS) enhancement mode devices and NPN bipolar output drivers in a single monolithic structure. The circuit provides the functions of a 4-bit storage latch, an 8421 BCD-to-seven segment decoder, and an output drive capability. Lamp test (LT), blanking (BI), and latch enable (LE) inputs are used to test the display, to turn-off or pulse modulate the brightness of the display, and to store a BCD code, respectively. It can be used with seven-segment light-emitting diodes (LED), incandescent, fluorescent, gas discharge, or liquid crystal readouts either directly or indirectly. Applications include instrument (e.g., counter, DVM, etc.) display driver, computer/calculator display driver, cockpit display driver, and various clock, watch, and timer uses. * * * * * * * * * * Low Logic Circuit Power Dissipation High-Current Sourcing Outputs (Up to 25 mA) Latch Storage of Code Blanking Input Lamp Test Provision Readout Blanking on all Illegal Input Combinations Lamp Intensity Modulation Capability Time Share (Multiplexing) Facility Supply Voltage Range = 3.0 V to 18 V Capable of Driving Two Low-power TTL Loads, One Low-power Schottky TTL Load or Two HTL Loads Over the Rated Temperature Range * Chip Complexity: 216 FETs or 54 Equivalent Gates * Triple Diode Protection on all Inputs MAXIMUM RATINGS* (Voltages Referenced to VSS)
Rating Symbol VDD Vin I TA PD Tstg IOHmax POHmax DC Supply Voltage L SUFFIX CERAMIC CASE 620 P SUFFIX PLASTIC CASE 648 D SUFFIX SOIC CASE 751B DW SUFFIX SOIC CASE 751G
ORDERING INFORMATION
MC14XXXBCP Plastic MC14XXXBCL Ceramic MC14XXXBDW SOIC MC14XXXBD SOIC TA = - 55 to 125C for all packages.
PIN ASSIGNMENT
B C LT BI LE D A VSS 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDD f g a b c d e e d f a g b c
IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII
Value Unit V V mA - 0.5 to + 18 Input Voltage, All Inputs DC Current Drain per Input Pin Operating Temperature Range Power Dissipation per Package Storage Temperature Range Maximum Output Drive Current (Source) per Output Maximum Continuous Output Power (Source) per Output - 0.5 to VDD + 0.5 10 - 55 to + 125 500 - 65 to + 150 25 50
DISPLAY
_C
mW 0 1
Inputs LE BI LT X X 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 X 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 0 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 D X X 0 0 0 0 0 0 0 0 1 1 1 1 1 1 1 1 C X X 0 0 0 0 1 1 1 1 0 0 0 0 1 1 1 1 B X X 0 0 1 1 0 0 1 1 0 0 1 1 0 0 1 1 A X X 0 1 1 1 0 1 0 1 0 1 0 1 0 1 0 1 a 1 0 1 0 1 1 0 1 0 1 1 1 0 0 0 0 0 0 b 1 0 1 1 1 1 1 0 0 1 1 1 0 0 0 0 0 0 c 1 0 1 1 1 1 1 1 1 1 1 1 0 0 0 0 0 0
2
3
4
5
6
7
8
9
_C
mA mW
TRUTH TABLE
Outputs d 1 0 1 0 1 1 0 1 1 0 1 0 0 0 0 0 0 0 e 1 0 1 0 0 0 0 0 1 0 1 0 0 0 0 0 0 0 f 1 0 1 0 0 0 1 1 1 0 1 1 0 0 0 0 0 0 g 1 0 0 0 1 1 1 1 1 0 1 1 0 0 0 0 0 0 Display 8 Blank 0 1 2 3 4 5 6 7 8 9 Blank Blank Blank Blank Blank Blank *
POHmax = IOH (VDD - VOH) * Maximum Ratings are those values beyond which damage to the device may occur. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/_C From 65_C To 125_C Ceramic "L" Packages: - 12 mW/_C From 100_C To 125_C
111 X X X X * X = Don't Care * Depends upon the BCD code previously applied when LE = 0
REV 3 1/94
(c)MOTOROLA CMOS LOGIC DATA Motorola, Inc. 1995
MC14511B 361
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Characteristic Symbol VOL VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 VIH 5.0 10 15 VOH Source 5.0 4.1 -- 3.9 -- 3.4 -- 9.1 -- 9.0 -- 8.6 -- 14.1 -- 14 -- 13.6 -- 0.64 1.6 4.2 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 -- 5.0 10 20 4.1 -- 3.9 -- 3.4 -- 9.1 -- 9.0 -- 8.6 -- 14.1 -- 14 -- 13.6 -- 0.51 1.3 3.4 -- -- -- -- -- 4.57 4.24 4.12 3.94 3.70 3.54 9.58 9.26 9.17 9.04 8.90 8.70 14.59 14.27 14.18 14.07 13.95 13.70 0.88 2.25 8.8 0.00001 5.0 0.005 0.010 0.015 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 0.1 7.5 5.0 10 20 4.1 -- 3.5 -- 3.0 -- 9.1 -- 8.6 -- 8.2 -- 14.1 -- 13.6 -- 13.2 -- 0.36 0.9 2.4 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 1.0 -- 150 300 600 Adc pF Adc Vdc 3.5 7.0 11 -- -- -- 3.5 7.0 11 2.75 5.50 8.25 -- -- -- 3.5 7.0 11 -- -- -- Vdc Min -- -- -- - 55_C 25_C 125_C Max Min -- -- -- Typ # 0 0 0 Max Min -- -- -- Max Unit Vdc Output Voltage Vin = VDD or 0 "0" Level 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 0.05 0.05 0.05 -- -- -- 1.5 3.0 4.0 Vdc "1" Level Vin = 0 or VDD Input Voltage # "0" Level (VO = 3.8 or 0.5 Vdc) (VO = 8.8 or 1.0 Vdc) (VO = 13.8 or 1.5 Vdc) "1" Level (VO = 0.5 or 3.8 Vdc) (VO = 1.0 or 8.8 Vdc) (VO = 1.5 or 13.8 Vdc) Output Drive Voltage (IOH = 0 mA) (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) (IOH = 20 mA) (IOH = 25 mA) (IOH = 0 mA) (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) (IOH = 20 mA) (IOH = 25 mA) (IOH = 0 mA) (IOH = 5.0 mA) (IOH = 10 mA) (IOH = 15 mA) (IOH = 20 mA) (IOH = 25 mA) Output Drive Current (VOL = 0.4 V) (VOL = 0.5 V) (VOL = 1.5 V) Input Current Input Capacitance Quiescent Current (Per Package) Vin = 0 or VDD, Iout = 0 A Total Supply Current** (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) IOL Sink 5.0 10 15 Iin Cin IDD 15 -- 5.0 10 15 5.0 10 15 VIL -- -- -- -- -- -- 2.25 4.50 6.75 -- -- -- VOH 4.1 9.1 14.1 4.1 9.1 14.1 4.57 9.58 14.59 4.1 9.1 14.1 Vdc Vdc 10 15 Vdc mAdc IT IT = (1.9 A/kHz) f + IDD IT = (3.8 A/kHz) f + IDD IT = (5.7 A/kHz) f + IDD Adc #Noise immunity specified for worst-case input combination. Noise Margin for both "1" and "0" level = 1.0 Vdc min @ VDD = 5.0 Vdc 2.0 Vdc min @ VDD = 10 Vdc 2.5 Vdc min @ VDD = 15 Vdc ** The formulas given are for the typical characteristics only at 25_C. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + 3.5 x 10-3 (CL - 50) VDDf where: IT is in A (per package), CL in pF, VDD in Vdc, and f in kHz is input frequency.
MC14511B 362
MOTOROLA CMOS LOGIC DATA
IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS* (CL = 50 pF, TA = 25_C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 tTHL 5.0 10 15 tPLH 5.0 10 15 tPHL 5.0 10 15 5.0 I0 15 tPHL 5.0 10 15 5.0 10 15 tPHL 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- 100 40 30 60 40 30 520 220 130 640 250 175 720 290 200 600 200 150 485 200 160 313 125 90 313 125 90 -- -- -- -- -- -- 260 110 65 1280 500 350 1440 580 400 ns 750 300 220 970 400 320 ns 625 250 180 625 250 180 -- -- -- -- -- -- -- -- -- ns -- -- -- 125 75 65 250 150 130 ns Min -- -- -- Typ 40 30 25 Max 80 60 50 ns Unit ns Output Rise Time tTLH = (0.40 ns/pF) CL + 20 ns tTLH = (0.25 ns/pF) CL + 17.5 ns tTLH = (0.20 ns/pF) CL + 15 ns Output Fall Time tTHL = (1.5 ns/pF) CL + 50 ns tTHL = (0.75 ns/pF) CL + 37.5 ns tTHL = (0.55 ns/pF) CL + 37.5 ns Data Propagation Delay Time tPLH = (0.40 ns/pF) CL + 620 ns tPLH = (0.25 ns/pF) CL + 237.5 ns tPLH = (0.20 ns/pF) CL + 165 ns tPHL = (1.3 ns/pF) CL + 655 ns tPHL = (0.60 ns/pF) CL + 260 ns tPHL = (0.35 ns/pF) CL + 182.5 ns Blank Propagation Delay Time tPLH = (0.30 ns/pF) CL + 585 ns tPLH = (0.25 ns/pF) CL + 187.5 ns tPLH = (0.15 ns/pF) CL + 142.5 ns tPHL = (0.85 ns/pF) CL + 442.5 ns tPHL = (0.45 ns/pF) CL + 177.5 ns tPHL = (0.35 ns/pF) CL + 142.5 ns Lamp Test Propagation Delay Time tPLH = (0.45 ns/pF) CL + 290.5 ns tPLH = (0.25 ns/pF) CL + 112.5 ns tPLH = (0.20 ns/pF) CL + 80 ns tPHL = (1.3 ns/pF) CL + 248 ns tPHL = (0.45 ns/pF) CL + 102.5 ns tPHL = (0.35 ns/pF) CL + 72.5 ns Setup Time tPLH tPLH tsu Hold Time th ns Latch Enable Pulse Width tWL ns * The formulas given are for the typical characteristics only. This device contains protection circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high-impedance circuit. A destructive high current mode may occur if Vin and Vout are not constrained to the range VSS (Vin or Vout) VDD. Due to the sourcing capability of this circuit, damage can occur to the device if VDD is applied, and the outputs are shorted to VSS and are at a logical 1 (See Maximum Ratings). Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD).
MOTOROLA CMOS LOGIC DATA
MC14511B 363
Input LE low, and Inputs D, BI and LT high. f in respect to a system clock. All outputs connected to respective CL loads. 20 ns A, B, AND C 90% 50% 1 2f 20 ns VDD 10% VSS VOH VOL
50% DUTY CYCLE ANY OUTPUT 50%
Figure 1. Dynamic Power Dissipation Signal Waveforms
20 ns INPUT C tPLH OUTPUT g 50% 10% tTLH tTHL 90% 50% 10% tPHL 90%
20 ns VDD VSS VOH VOL
(a) Inputs D and LE low, and Inputs A, B, BI and LT high.
20 ns 90% 50% th tsu VDD INPUT C 50% VSS VOH OUTPUT g VOL VDD VSS
LE
10%
(b) Input D low, Inputs A, B, BI and LT high.
20 ns LE 90% 50% 10% tWL
20 ns VDD VSS
(c) Data DCBA strobed into latches. Figure 2. Dynamic Signal Waveforms
MC14511B 364
MOTOROLA CMOS LOGIC DATA
CONNECTIONS TO VARIOUS DISPLAY READOUTS LIGHT EMITTING DIODE (LED) READOUT
VDD VDD
COMMON CATHODE LED
COMMON ANODE LED
1.7 V
1.7 V
VSS
VSS
INCANDESCENT READOUT
VDD VDD
FLUORESCENT READOUT
VDD
**
DIRECT (LOW BRIGHTNESS)
FILAMENT SUPPLY VSS VSS VSS OR APPROPRIATE VOLTAGE BELOW VSS.
(CAUTION: Maximum working voltage = 18.0 V)
GAS DISCHARGE READOUT
APPROPRIATE VOLTAGE
LIQUID CRYSTAL (LCD) READOUT
EXCITATION (SQUARE WAVE, VSS TO VDD)
VDD
VDD
1/4 OF MC14070B
VSS ** A filament pre-warm resistor is recommended to reduce filament thermal shock and increase the effective cold resistance of the filament.
VSS Direct dc drive of LCD's not recommended for life of LCD readouts.
MOTOROLA CMOS LOGIC DATA
MC14511B 365
LOGIC DIAGRAM
BI 4
13 a A7 12 b
11 c B1 10 d
9e
15 f C2 14 g LT 3 D6
LE 5
VDD = PIN 16 VSS = PIN 8
MC14511B 366
MOTOROLA CMOS LOGIC DATA
OUTLINE DIMENSIONS
L SUFFIX CERAMIC DIP PACKAGE CASE 620-10 ISSUE V
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIMENSION F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. DIM A B C D E F G H K L M N INCHES MIN MAX 0.750 0.785 0.240 0.295 --- 0.200 0.015 0.020 0.050 BSC 0.055 0.065 0.100 BSC 0.008 0.015 0.125 0.170 0.300 BSC 0_ 15 _ 0.020 0.040 MILLIMETERS MIN MAX 19.05 19.93 6.10 7.49 --- 5.08 0.39 0.50 1.27 BSC 1.40 1.65 2.54 BSC 0.21 0.38 3.18 4.31 7.62 BSC 0_ 15 _ 0.51 1.01
-B-
1 8
C
L
-T-
SEATING PLANE
N E F D G
16 PL
K M J
16 PL
0.25 (0.010)
M
M
TB
S
0.25 (0.010)
TA
S
P SUFFIX PLASTIC DIP PACKAGE CASE 648-08 ISSUE R
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. DIM A B C D F G H J K L M S INCHES MIN MAX 0.740 0.770 0.250 0.270 0.145 0.175 0.015 0.021 0.040 0.70 0.100 BSC 0.050 BSC 0.008 0.015 0.110 0.130 0.295 0.305 0_ 10 _ 0.020 0.040 MILLIMETERS MIN MAX 18.80 19.55 6.35 6.85 3.69 4.44 0.39 0.53 1.02 1.77 2.54 BSC 1.27 BSC 0.21 0.38 2.80 3.30 7.50 7.74 0_ 10 _ 0.51 1.01
B
1 8
F S
C
L
-T- H G D
16 PL
SEATING PLANE
K
J TA
M
M
0.25 (0.010)
M
MOTOROLA CMOS LOGIC DATA
MC14511B 367
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A-
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 9.80 10.00 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.229 0.244 0.010 0.019
16
9
-B-
1 8
P
8 PL
0.25 (0.010)
M
B
S
G F
K C -T-
SEATING PLANE
R
X 45 _
M D
16 PL M
J
0.25 (0.010)
TB
S
A
S
DIM A B C D F G J K M P R
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751G-02 ISSUE A
-A-
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. MILLIMETERS MIN MAX 10.15 10.45 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.400 0.411 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
-B-
1 8
8X
P 0.010 (0.25)
M
B
M
16X
D
M
J TA
S
0.010 (0.25)
B
S
F R X 45 _ C -T-
14X DIM A B C D F G J K M P R
G
K
SEATING PLANE
M
MC14511B 368
MOTOROLA CMOS LOGIC DATA
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. How to reach us: USA/EUROPE/Locations Not Listed: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. 1-800-441-2447 or 602-303-5454 MFAX: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 INTERNET: http://Design-NET.com
JAPAN: Nippon Motorola Ltd.; Tatsumi-SPD-JLDC, 6F Seibu-Butsuryu-Center, 3-14-2 Tatsumi Koto-Ku, Tokyo 135, Japan. 03-81-3521-8315 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298
MOTOROLA CMOS LOGIC DATA
*MC14511B/D*
MC14511B MC14511B/D 369


▲Up To Search▲   

 
Price & Availability of MC14511B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X