Part Number Hot Search : 
SOD1E4 VN0645N2 B43704 VN0645N2 MMBT2222 SE556 SE556 P06LG
Product Description
Full Text Search
 

To Download MC14106BDTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC14106B Hex Schmitt Trigger
The MC14106B hex Schmitt Trigger is constructed with MOS P-channel and N-channel enhancement mode devices in a single monolithic structure. These devices find primary use where low power dissipation and/or high noise immunity is desired. The MC14106B may be used in place of the MC14069UB hex inverter for enhanced noise immunity or to "square up" slowly changing waveforms. This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range VSS v (Vin or Vout) v VDD. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must be left open.
Features
http://onsemi.com MARKING DIAGRAMS
14 MC14106BCP AWLYYWWG PDIP-14 P SUFFIX CASE 646 1
14 14106BG AWLYWW SOIC-14 D SUFFIX CASE 751A 1
* Increased Hysteresis Voltage Over the MC14584B * Supply Voltage Range = 3.0 Vdc to 18 Vdc * Capable of Driving Two Low-power TTL Loads or One Low-power * * *
Schottky TTL Load Over the Rated Temperature Range Pin-for-Pin Replacement for CD40106B and MM74C14 Can Be Used to Replace the MC14584B or MC14069UB Pb-Free Packages are Available
14 14 1 14 106B ALYWG G 1
MAXIMUM RATINGS (Voltages Referenced to VSS)
Symbol VDD Vin, Vout Iin, Iout PD TA Tstg TL Parameter DC Supply Voltage Range Input or Output Voltage Range (DC or Transient) Input or Output Current (DC or Transient) per Pin Power Dissipation, per Package (Note 1) Ambient Temperature Range Storage Temperature Range Lead Temperature (8-Second Soldering) Value -0.5 to +18.0 -0.5 to VDD + 0.5 10 500 -55 to +125 -65 to +150 260 Unit V V mA mW C C C
TSSOP-14 DT SUFFIX CASE 948G
A = Assembly Location WL, L = Wafer Lot YY, Y = Year WW, W = Work Week G or G = Pb-Free Package (Note: Microdot may be in either location)
ORDERING INFORMATION
See detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Temperature Derating: Plastic "P and D/DW" Packages: - 7.0 mW/C From 65C To 125C
(c) Semiconductor Components Industries, LLC, 2006
October, 2006 - Rev. 7
1
Publication Order Number: MC14106B/D
MC14106B
1 3 5 9 11 13 VDD = PIN 14 VSS = PIN 7 2 4 6 8 10 12
Figure 1. Logic Diagram
Figure 2. Equivalent Circuit Schematic (1/6 of Circuit Shown)
ORDERING INFORMATION
Device MC14106BCP MC14106BCPG MC14106BD MC14106BDG MC14106BDR2 MC14106BDR2G MC14106BDTR2 MC14106BDTR2G Package PDIP-14 PDIP-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) SOIC-14 SOIC-14 (Pb-Free) TSSOP-14* TSSOP-14* 2500 / Tape & Reel 55 Units / Rail 25 Units / Rail Shipping
For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *This package is inherently Pb-Free.
http://onsemi.com
2
II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I II I I II III I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I III I I II I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I III II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII II IIII I III II IIII I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I IIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII III I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I III II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I IIII II IIII I III II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II II IIII I I IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II IIII I I II IIII III I I I I I I I I I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIII III IIIII I I II IIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIII I I I I I I III II III II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II IIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
ELECTRICAL CHARACTERISTICS (Voltages Referenced to VSS)
Total Supply Current (Note 3, 4) (Dynamic plus Quiescent, Per Package) (CL = 50 pF on all outputs, all buffers switching) Quiescent Current (Per Package) Input Capacitance (Vin = 0) Input Current Output Drive Current (VOH = 2.5 Vdc) (VOH = 4.6 Vdc) (VOH = 9.5 Vdc) (VOH = 13.5 Vdc) Threshold Voltage Positive-Going Hysteresis Voltage Output Voltage Vin = VDD (VOL = 0.4 Vdc) (VOL = 0.5 Vdc) (VOL = 1.5 Vdc) Negative-Going Vin = 0 Characteristic "0" Level "1" Level Source Sink Symbol VH (5) VOH VOL VT+ VT- IOH IDD IOL Cin Iin IT VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 5.0 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 5.0 10 15 15 - - 3.0 - 0.64 - 1.6 - 4.2 4.95 9.95 14.95 0.64 1.6 4.2 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6
2. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. 3. The formulas given are for the typical characteristics only at 25C. 4. To calculate total supply current at loads other than 50 pF: IT(CL) = IT(50 pF) + (CL - 50) Vfk where IT is in mA (per package), CL in pF, V = (VDD - VSS) in volts, f in kHz is input frequency, and k = 0.001. 5. VH = VT+ - VT- (But maximum variation of VH is specified as less that VT+ max - VT- min).
http://onsemi.com
MC14106B
- - -
-
-
- - -
- 55C
3 0.25 0.5 1.0 0.1 3.6 7.1 10.8 0.05 0.05 0.05 Max 2.8 5.2 7.4 2.0 3.4 5.0 - - - - - - - - - - - - 2.4 - 0.51 - 1.3 - 3.4 4.95 9.95 14.95 0.51 1.3 3.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 IT = (1.8 mA/kHz) f + IDD IT = (3.6 mA/kHz) f + IDD IT = (5.4 mA/kHz) f + IDD - - - - - - - - 0.00001 0.0005 0.0010 0.0015 Typ (2) - 4.2 - 0.88 - 2.25 - 8.8 25C 0.88 2.25 8.8 5.0 1.9 3.9 5.8 2.9 5.9 8.8 1.1 1.7 2.1 5.0 10 15 0 0 0 - - - - - - - - - - 3.6 7.1 10.8 0.25 0.5 1.0 0.1 0.05 0.05 0.05 Max 7.5 2.8 5.2 7.4 2.0 3.4 5.0 - 1.7 - 0.36 - 0.9 - 2.4 4.95 9.95 14.95 0.36 0.9 2.4 Min 0.9 2.5 4.0 2.2 4.6 6.8 0.3 1.2 1.6 - - - - - - - - 125C 3.6 7.1 10.8 1.0 0.05 0.05 0.05 Max 7.5 15 30 2.8 5.2 7.4 2.0 3.4 5.0 - - - - - - - - - - - mAdc mAdc mAdc mAdc mAdc Unit Vdc Vdc Vdc Vdc Vdc pF
MC14106B
Vout , OUTPUT VOLTAGE (Vdc)
III I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I IIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIII I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIII I I I I IIIII I IIIII I III IIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII II I II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIII I I IIIIII IIII IIIIIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIII IIII I II I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIII
SWITCHING CHARACTERISTICS (CL = 50 pF, TA = 25C)
Characteristic Symbol tTLH VDD Vdc 5.0 10 15 5.0 10 15 5.0 10 15 Min - - - - - - - - - Typ (6) 100 50 40 100 50 40 125 50 40 Max 200 100 80 200 100 80 250 100 80 Unit ns Output Rise Time Output Fall Time tTHL ns Propagation Delay Time tPLH, tPHL ns 6. Data labelled "Typ" is not to be used for design purposes but is intended as an indication of the IC's potential performance. PULSE GENERATOR VDD 14 OUTPUT INPUT 7 VSS CL tPHL OUTPUT tf 90% 50% 10% tr 20 ns INPUT 90% 50% 10% tPLH 20 ns VDD VSS VOH VOL
Figure 1. Switching Time Test Circuit and Waveforms
VDD
0 0 VT- VH Vin, INPUT VOLTAGE (Vdc) VT+ VDD
Figure 2. Typical Transfer Characteristics
http://onsemi.com
4
MC14106B
APPLICATIONS
Vin VH VDD VH Vout VDD
Vin VSS VDD
Vin VSS VDD
Vout VSS
Vout VSS
(a) Schmitt Triggers will square up inputs with slow rise and fall times. Figure 3.
VDD
(b) A Schmitt trigger offers maximum noise immunity in gate applications.
VDD
R tw Rs Vout C R tw = RC IN Rs Vout VDD VT+ C tw
Useful as Pushbutton/Keyboard Debounce Circuit.
Figure 4. Monostable Multivibrator
http://onsemi.com
5
MC14106B
t1+t2 R t2 t1 Vin R A C VDD Vin VT+ VSS VDD VT+ VSS VT) VT- VDD Vout VT+ VSS Useful in discriminating against short pulse durations. Vout
C * t1 [ RC ln
VT ) VT -
VDD - VT - * t2 [ RC ln VDD - VT) 1 [ RC ln f VDD - VT - VDD - VT)
A
*t1 + t2 & tPHL + tPLH
Figure 5. Astable Multivibrator
Figure 6. Integrator
Vin
C Vin R +EDGE
-EDGE -EDGE +EDGE VDD tw VDD tw = RC ln VT+ Useful as an edge detector circuit. Vin
C
C
C
R
R
R
Figure 7. Differentiator
Figure 8. Positive Edge Time Delay Circuit
http://onsemi.com
6
MC14106B
PACKAGE DIMENSIONS
PDIP-14 CASE 646-06 ISSUE P
14
8
B
1 7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEADS WHEN FORMED PARALLEL. 4. DIMENSION B DOES NOT INCLUDE MOLD FLASH. 5. ROUNDED CORNERS OPTIONAL. INCHES MIN MAX 0.715 0.770 0.240 0.260 0.145 0.185 0.015 0.021 0.040 0.070 0.100 BSC 0.052 0.095 0.008 0.015 0.115 0.135 0.290 0.310 --- 10 _ 0.015 0.039 MILLIMETERS MIN MAX 18.16 19.56 6.10 6.60 3.69 4.69 0.38 0.53 1.02 1.78 2.54 BSC 1.32 2.41 0.20 0.38 2.92 3.43 7.37 7.87 --- 10 _ 0.38 1.01
A F N -T-
SEATING PLANE
L C
H
G
D 14 PL
K
M
J M
DIM A B C D F G H J K L M N
0.13 (0.005)
http://onsemi.com
7
MC14106B
PACKAGE DIMENSIONS
SOIC-14 CASE 751A-03 ISSUE H
-A-
14 8
-B-
P 7 PL 0.25 (0.010)
M
B
M
1
7
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION.
G C -T-
SEATING PLANE
R X 45 _
F
D 14 PL 0.25 (0.010)
K
M
M
S
J
TB
A
S
DIM A B C D F G J K M P R
MILLIMETERS MIN MAX 8.55 8.75 3.80 4.00 1.35 1.75 0.35 0.49 0.40 1.25 1.27 BSC 0.19 0.25 0.10 0.25 0_ 7_ 5.80 6.20 0.25 0.50
INCHES MIN MAX 0.337 0.344 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0_ 7_ 0.228 0.244 0.010 0.019
SOLDERING FOOTPRINT*
7X
7.04 1 0.58
14X
14X
1.52
1.27 PITCH
DIMENSIONS: MILLIMETERS
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
8
MC14106B
PACKAGE DIMENSIONS
TSSOP-14 CASE 948G-01 ISSUE B
14X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V N
S
2X
L/2
14
8
0.25 (0.010) M
L
PIN 1 IDENT. 1 7
B -U-
N F DETAIL E K
0.15 (0.006) T U
S
J J1
SECTION N-N -W-
C 0.10 (0.004) -T- SEATING
PLANE
D
G
H
DETAIL E
SOLDERING FOOTPRINT*
7.06 1
0.36
14X
14X
1.26
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
9
CCC EEE CCC EEE CCC
A -V-
K1
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS INCHES DIM MIN MAX MIN MAX A 4.90 5.10 0.193 0.200 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.50 0.60 0.020 0.024 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0_ 8_ 0_ 8_
0.65 PITCH
DIMENSIONS: MILLIMETERS
MC14106B
ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative
http://onsemi.com
10
MC14106B/D


▲Up To Search▲   

 
Price & Availability of MC14106BDTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X