Part Number Hot Search : 
2SB858 EPR1201 C0959A AOZ8102 IRS2302S DD90F160 TFS1575G 426205
Product Description
Full Text Search
 

To Download MC100ELT22DR2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MC10ELT22, MC100ELT22 5V Dual TTL to Differential PECL Translator
The MC10ELT/100ELT22 is a dual TTL to differential PECL translator. Because PECL (Positive ECL) levels are used only +5 V and ground are required. The small outline 8-lead package and the low skew, dual gate design of the ELT22 makes it ideal for applications which require the translation of a clock and a data signal.
http://onsemi.com MARKING DIAGRAMS*
8 1 SO-8 D SUFFIX CASE 751 8 HLT22 ALYW 1 1 8 KLT22 ALYW
* * * * * * * * * * *
1.2 ns Typical Propagation Delay <300 ps Typical Output to Output Skew PNP TTL Inputs for Minimal Loading Flow Through Pinouts ESD Protection: >2 KV HBM, >200 V MM Operating Range: VCC= 4.75 V to 5.25 V with GND= 0 V No Internal Input Pulldown Resistors Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test Moisture Sensitivity Level 1 For Additional Information, see Application Note AND8003/D Flammability Rating: UL-94 code V-0 @ 1/8", Oxygen Index 28 to 34 Transistor Count = 51 devices LOGIC DIAGRAM AND PINOUT ASSIGNMENT Q0 1 8 VCC
8 8 1 TSSOP-8 DT SUFFIX CASE 948R
8 HT22 ALYW KT22 ALYW 1
1
H = MC10 K = MC100 A = Assembly Location
L = Wafer Lot Y = Year W = Work Week
*For additional information, see Application Note AND8002/D
Q0
2 PECL TTL
7
D0
ORDERING INFORMATION
Q1
3
6
D1
Device MC10ELT22D MC10ELT22DR2
Package SO-8 SO-8 SO-8 SO-8 TSSOP-8 TSSOP-8 TSSOP-8
Shipping 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel 98 Units/Rail 2500 Tape & Reel
Q1
4
5
MC100ELT22D GND MC100ELT22DR2 MC10ELT22DT
PIN DESCRIPTION
PIN Qn, Qn Dn VCC GND FUNCTION PECL Differential Outputs* TTL Inputs Positive Supply Ground
MC10ELT22DTR2 MC100ELT22DT
MC100ELT22DTR2 TSSOP-8
* Output state undetermined when inputs are open.
(c) Semiconductor Components Industries, LLC, 2000
1
October, 2000 - Rev. 4
Publication Order Number: MC10ELT22/D
MC10ELT22, MC100ELT22
MAXIMUM RATINGS (Note 1.)
Symbol VCC VIN Iout TA Tstg JA JC JA JC Tsol Parameter Positive Power Supply Input Voltage Output Current Operating Temperature Range Storage Temperature Range Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Wave Solder 0 LFPM 500 LFPM std bd 0 LFPM 500 LFPM std bd <2 to 3 sec @ 248C 8 SOIC 8 SOIC 8 SOIC 8 TSSOP 8 TSSOP 8 TSSOP Condition 1 GND = 0 V GND = 0 V Continuous Surge VI VCC Condition 2 Rating 7 7 50 100 -40 to +85 -65 to +150 190 130 41 to 44 185 140 41 to 44 5% 265 Units V V mA mA C C C/W C/W C/W C/W C/W C/W C
1. Maximum Ratings are those values beyond which device damage may occur.
10ELT SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; GND = 0.0 V (Note 1.)
-40C Symbol ICC VOH VOL Characteristic Power Supply Current Output HIGH Voltage (Note 2.) Output LOW Voltage (Note 2.) 3920 3050 4010 3200 Min Typ Max 22 4110 3350 4020 3050 4105 3210 Min 25C Typ Max 22 4190 3370 4090 3050 4185 3227 Min 85C Typ Max 22 4280 3405 Unit mA mV mV
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 1. Output parameters vary 1:1 with VCC. VCC can vary 0.25 V. 2. Outputs are terminated through a 50 ohm resistor to VCC-2 volts.
100ELT SERIES PECL DC CHARACTERISTICS VCC = 5.0 V; GND = 0.0 V (Note 1.)
-40C Symbol ICC VOH VOL Characteristic Power Supply Current Output HIGH Voltage (Note 2.) Output LOW Voltage (Note 2.) 3915 3170 3995 3305 Min Typ Max 22 4120 3445 3975 3190 4045 3295 Min 25C Typ Max 22 4120 3380 3975 3190 4050 3295 Min 85C Typ Max 22 4120 3380 Unit mA mV mV
NOTE: Devices are designed to meet the DC specifications shown in the above table, after thermal equilibrium has been established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 lfpm is maintained. 1. Output parameters vary 1:1 with VCC. VCC can vary 0.25 V. 2. Outputs are terminated through a 50 ohm resistor to VCC-2 volts.
http://onsemi.com
2
MC10ELT22, MC100ELT22
TTL INPUT DC CHARACTERISTICS VCC = 4.75 V to 5.25 V; TA = -40C to 85C
Symbol IIH IIHH IIL VIK VIH VIL Characteristic Input HIGH Current Input HIGH Current Input LOW Current Input Clamp Diode Voltage Input HIGH Voltage Input LOW Voltage Condition VIN = 2.7 V VIN = 7.0 V VIN = 0.5 V IIN = -18 mA 2.0 0.8 Min Typ Max 20 100 -0.6 -1.2 Unit A A mA V V V
AC CHARACTERISTICS VCC= 4.75 V to 5.25 V; GND= 0.0 V
-40C Symbol fMAX tPLH tPHL tJITTER tr/tf Characteristic Maximum Input Frequency Propagation Delay (Note 1.) 1.5 V to 50% Propagation Delay (Note 1.) 1.5 V to 50% Cycle-to-Cycle Jitter Output Rise/Fall Time (20-80%) 0.4 Min 100 0.6 0.4 1.2 1.0 TBD 1.6 Typ Max Min 100 0.9 0.5 TBD 0.4 1.6 1.2 0.8 1.5 1.1 25C Typ Max Min 100 0.6 0.7 TBD 0.4 1.6 1.35 1.30 85C Typ Max Unit MHz ns ns ps ns
1. Specifications for standard TTL input signal.
Q Driver Device Qb 50 W 50 W
D Receiver Device Db
V TT V TT = V CC - 2.0 V
Figure 1. Typical Termination for Output Driver and Device Evaluation (See Application Note AND8020 - Termination of ECL Logic Devices.)
http://onsemi.com
3
MC10ELT22, MC100ELT22
Resource Reference of Application Notes AN1400 - MC10/100H640 Clock Driver Family I/O SPICE Modeling Kit
AN1404 AN1405 AN1406 AN1503 AN1504 AN1560 AN1568 AN1596 AN1650 AN1672 AND8001 AND8002 AND8020
- - - - - - - - - - - - -
ECLinPS Circuit Performance at Non-Standard VIH Levels ECL Clock Distribution Techniques Designing with PECL (ECL at +5.0 V) ECLinPS I/O SPICE Modeling Kit Metastability and the ECLinPS Family Low Voltage ECLinPS SPICE Modeling Kit Interfacing Between LVDS and ECL ECLinPS Lite Translator ELT Family SPICE I/O Model Kit Using Wire-OR Ties in ECLinPS Designs The ECL Translator Guide Odd Number Counters Design Marking and Date Codes Termination of ECL Logic Devices
http://onsemi.com
4
MC10ELT22, MC100ELT22
PACKAGE DIMENSIONS
-X- A
8 5
SO-8 D SUFFIX PLASTIC SOIC PACKAGE CASE 751-07 ISSUE V
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D G H J K M N S MILLIMETERS MIN MAX 4.80 5.00 3.80 4.00 1.35 1.75 0.33 0.51 1.27 BSC 0.10 0.25 0.19 0.25 0.40 1.27 0_ 8_ 0.25 0.50 5.80 6.20 INCHES MIN MAX 0.189 0.197 0.150 0.157 0.053 0.069 0.013 0.020 0.050 BSC 0.004 0.010 0.007 0.010 0.016 0.050 0_ 8_ 0.010 0.020 0.228 0.244
B
1 4
S
0.25 (0.010)
M
Y
M
-Y- G C -Z- H D 0.25 (0.010)
M SEATING PLANE
K
N
X 45 _
0.10 (0.004)
M
J
ZY
S
X
S
http://onsemi.com
5
MC10ELT22, MC100ELT22
PACKAGE DIMENSIONS
TSSOP-8 DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948R-02 ISSUE A
8x
K REF 0.10 (0.004)
M
0.15 (0.006) T U
S 2X
TU
S
V
S
L/2
8
5
L
1 PIN 1 IDENT 4
B -U-
0.25 (0.010) M
0.15 (0.006) T U
S
A -V-
F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 6. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 2.90 3.10 2.90 3.10 0.80 1.10 0.05 0.15 0.40 0.70 0.65 BSC 0.25 0.40 4.90 BSC 0_ 6_ INCHES MIN MAX 0.114 0.122 0.114 0.122 0.031 0.043 0.002 0.006 0.016 0.028 0.026 BSC 0.010 0.016 0.193 BSC 0_ 6_
C 0.10 (0.004) -T- SEATING
PLANE
D
-W- G DETAIL E
DIM A B C D F G K L M
http://onsemi.com
6
MC10ELT22, MC100ELT22
Notes
http://onsemi.com
7
MC10ELT22, MC100ELT22
ON Semiconductor and are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
NORTH AMERICA Literature Fulfillment: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: ONlit@hibbertco.com Fax Response Line: 303-675-2167 or 800-344-3810 Toll Free USA/Canada N. American Technical Support: 800-282-9855 Toll Free USA/Canada EUROPE: LDC for ON Semiconductor - European Support German Phone: (+1) 303-308-7140 (Mon-Fri 2:30pm to 7:00pm CET) Email: ONlit-german@hibbertco.com French Phone: (+1) 303-308-7141 (Mon-Fri 2:00pm to 7:00pm CET) Email: ONlit-french@hibbertco.com English Phone: (+1) 303-308-7142 (Mon-Fri 12:00pm to 5:00pm GMT) Email: ONlit@hibbertco.com EUROPEAN TOLL-FREE ACCESS*: 00-800-4422-3781 *Available from Germany, France, Italy, UK, Ireland CENTRAL/SOUTH AMERICA: Spanish Phone: 303-308-7143 (Mon-Fri 8:00am to 5:00pm MST) Email: ONlit-spanish@hibbertco.com Toll-Free from Mexico: Dial 01-800-288-2872 for Access - then Dial 866-297-9322 ASIA/PACIFIC: LDC for ON Semiconductor - Asia Support Phone: 303-675-2121 (Tue-Fri 9:00am to 1:00pm, Hong Kong Time) Toll Free from Hong Kong & Singapore: 001-800-4422-3781 Email: ONlit-asia@hibbertco.com JAPAN: ON Semiconductor, Japan Customer Focus Center 4-32-1 Nishi-Gotanda, Shinagawa-ku, Tokyo, Japan 141-0031 Phone: 81-3-5740-2700 Email: r14525@onsemi.com ON Semiconductor Website: http://onsemi.com For additional information, please contact your local Sales Representative.
http://onsemi.com
8
MC10ELT22/D


▲Up To Search▲   

 
Price & Availability of MC100ELT22DR2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X