Part Number Hot Search : 
3843AM FST6380M UHBM45 RL1605CS UPD43 24C12 2SC44 AOT11N60
Product Description
Full Text Search
 

To Download LH168K Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LH168K
LH168K
DESCRIPTION
The LH168K is a 324-output TFT-LCD source driver IC which can simultaneously display 262 144 colors in 64 gray scales.
324-output TFT-LCD Source Driver IC
PIN CONNECTIONS
395-PIN TCP
XO1 1 YO1 2 ZO1 3
TOP VIEW
FEATURES
* Selectable number of LCD drive outputs : 324/321/312/309 * Built-in 6-bit digital input DAC * Dot-inversion drive : Outputs the inverted gray scale voltages between LCD drive pins next to each other * 2-port input for each circuit of data inputs R, G and B, and it is possible to sample and hold display data of two pixels at the same time at 324-output and 312-output modes. 1-port input for each circuit of data inputs R, G and B at 321output and 309-output modes. * Possible to display 262 144 colors in 64 gray scales with reference voltage input of 18 gray scales : This reference voltage input corresponds to correction and intermediate reference voltage input can be abbreviated * Cascade connection * Sampling sequence : Output shift direction can be selected XO1, YO1, ZO1/XO108, YO108, ZO108 or ZO108, YO108, XO108/ZO1, YO1, XO1 * Shift clock frequency : 55 MHz (MAX.) * Supply voltages - VCC (for logic system) : +2.7 to +3.6 V - VLS (for LCD drive system) : +12 V (MAX.) * Package : 395-pin TCP (Tape Carrier Package)
395 394 393 392 391 390 GND VLS GND MODE PBS XB5
385 XB0 384 XA5 379 XA0 378 YA5 373 372 371 370 369 368 367 366 365 364 363 362 361 360 359 358 357 356 355 354 353 352 351 350 349 348 347 346 YA0 SPOI VH0 VH8 VH16 VH24 VH32 VH40 VH48 VH56 VH63 VL63 VL56 VL48 VL40 VL32 VL24 VL16 VL8 VL0 POLB POLA CK SPIO LS REV2 REV YB5
CHIP SURFACE
341 YB0 340 ZB5 335 ZB0 334 ZA5 329 328 327 326 325 ZA0 LBR VCC VLS GND
XO108 322 YO108 323 ZO108 324
NOTE :
Doesn't prescribe TCP outline.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
1
LH168K
PIN DESCRIPTION
PIN NO. 1 to 324 325, 393, 395 326, 394 327 328 329 to 334 335 to 340 341 to 346 347, 348 349 350 351 352, 353 354 to 362 363 to 371 372 373 to 378 379 to 384 385 to 390 391 392 SYMBOL XO1-ZO108 GND VLS VCC LBR ZA0-ZA5 ZB0-ZB5 YB0-YB5 REV, REV2 LS SPIO CK POLA, POLB VL0-VL63 VH63-VH0 SPOI YA0-YA5 XA0-XA5 XB0-XB5 PBS MODE I/O O - - - I I I I I I I/O I I I I I/O I I I I I DESCRIPTION LCD drive output pins Ground pins Power supply pins for analog circuit Power supply pin for digital circuit Shift direction selection input pin Data input pins Data input pins Data input pins LCD drive output polarity exchange input pins Latch input pin Start pulse input/cascade output pin Shift clock input pin Input data polarity exchange input pins Reference voltage input pins Reference voltage input pins Start pulse input/cascade output pin Data input pins Data input pins Data input pins 2-port/1-port selection input pin Input pin for selecting the number of LCD drive outputs
2
LH168K
BLOCK DIAGRAM
VCC GND 327 MODE 392 LBR 328 SPOI 372 PBS 391 CK 351 POLA 352 PLOB 353 XA0 379 385 XA5 384 390 YA0 373 341 YA5 378 346 ZA0 329 335 ZA5 334 340 XB0 XB5 YB0 YB5 ZB0 6x2 ZB5 6 LS 349 6 6 LEVEL SHIFTER 6 VH0 371 VH63 363 VL63 362 VL0 354 REV 347 OUTPUT CIRCUIT REV2 348 REFERENCE VOLTAGE GENERATION CIRCUIT 6 6 6 HOLD MEMORY 6 326 VLS 394 VLS 6 DATA LATCH 6x2 6x2 12 108 SHIFT REGISTER 350 SPIO 393 GND GND 325 395
SAMPLING MEMORY
18
64 x 2
DA CONVERTER
1
2
3
322 323 324 XO108 YO108 ZO108
XO1 YO1 ZO1
3
LH168K
FUNCTIONAL OPERATIONS OF EACH BLOCK
BLOCK Shift Register Data Latch Sampling Memory Hold memory Level Shifter Reference Voltage Generation Circuit DA Converter Output Circuit FUNCTION Used as a bi-directional shift register which performs the shifting operation by CK and selects bits for data sampling. Used to temporary latch the input data which is sent to the sampling memory. Used to sample the data to be entered by time sharing. Used for latch processing of data in the sampling memory by LS input. Used to shift the data in the hold memory to the power supply level of the analog circuit unit and sends the shifted data to DA converter. Used to generate a gamma-corrected 64 x 2-level voltage by the resistor dividing circuit. Used to generate an analog signal according to the display data and sends the signal to the output circuit. Used as a voltage follower, configured with an operational amplifier and an output buffer, which outputs analog signals of 64 x 2 gray scales to LCD drive output pin.
INPUT/OUTPUT CIRCUITS
VCC
I
GND
Applicable pins CK, LS, REV, LBR, To Internal Circuit MODE, PBS, XA0-XA5, XB0-XB5, YA0-YA5, YB0-YB5, ZA0-ZA5, ZB0-ZB5
Fig. 1 Input Circuit (1)
VCC
I
To Internal Circuit
GND
GND
Applicable pins POLA, POLB, REV2
Fig. 2 Input Circuit (2)
4
LH168K
Pch Tr
VCC
I
O
Output Signal
Output Control Signal Nch Tr GND
VCC
To Internal Circuit
GND
Applicable pins SPIO, SPOI
Fig. 3 Input/Output Circuit
VLS
Operational Amplifier O
+ -
From Internal Circuit
GND
Applicable pins XO1-XO108, YO1-YO108, ZO1-ZO108
Fig. 4 Output Circuit
5
LH168K
FUNCTIONAL DESCRIPTION Pin Functions
SYMBOL VCC VLS GND SPIO SPOI FUNCTION Used as power supply pin for digital circuit, connected to +2.7 to +3.6 V. Used as power supply pin for analog circuit, connected to +8.0 to +12.0 V. Used as ground pin, connected to 0 V. Used as input pins of start pulse and also used as output pins for cascade connection. When "H" is input into start pulse input pin, data sampling is started. On completion of sampling, "H" pulse is output to output pin for cascade connection. Pin functions are selected by LBR. For selecting, refer to "Functional Operations". Used as input pin for selecting the shift register direction. For selecting, refer to "Functional Operations". Used as input pin for parallel transfer from sampling memory to hold memory. Data is transferred at the rising edge and output from LCD drive output pin. Used as shift clock input pin. Data is latched into sampling memory from data input pin at the rising edge. Used as reference voltage input pins. Hold the reference voltage fixed during the period of LCD drive output. For relation between input data and output voltage values, refer to "Output Voltage Value". For internal gamma correction, refer to "Gamma Correction Value". Observe the following relation for input voltage. VLS > VH0 VH8 VH63 VL63 VL56 VL0 > GND. Used as data input pins of R, G, and B colors. 6-bit data are input from data pins at the rising edge of CK. When PBS is "L", 2-pixel data are input from XA0 to XA5, YA0 to YA5, ZA0 to ZA5 and XB0 to XB5, YB0 to YB5, ZB0 to ZB5 at the same time. When PBS is "H", 1-pixel data is input from XA0 to XA5, YA0 to YA5 and ZA0 to ZA5, and fixed XB0 to XB5, YB0 to YB5 and ZB0 to ZB5 to "L" or "H". For relation between input data and output voltage values, refer to "Functional Operations" and "Output Voltage Value". Select the data to be entered into X, Y, and Z according to picture element arrays of the panel. Used as input pin for selecting the number of LCD drive outputs, which sets up operation mode with PBS pin. When "L" is entered, it becomes 324-output/2-port input mode at PBS MODE pin "L" or 321-output/1-port input mode at PBS pin "H". When "H" is entered, it becomes 312-output/2-port input mode at PBS pin "L" or 309-output/1-port mode at PBS pin "H". For selecting the number of LCD drive outputs, refer to "Output Characteristics". Used as 2-port/1-port exchange input pin to take in data. When "L" is entered, it becomes PBS 2-port input mode and 2-pixel data are input at the same time. When "H" is entered, it becomes 1-port input mode.
LBR LS CK
VH0-VH63 VL0-VL63
XA0-XA5 YA0-YA5 ZA0-ZA5 XB0-XB5 YB0-YB5 ZB0-ZB5
6
LH168K
SYMBOL FUNCTIONS Used as LCD drive output pins which output the voltage corresponding to the input of data input pins. When 321-output mode, 3 outputs (XO54 to ZO54) are invalid. When 312-output XO1-XO108 YO1-YO108 ZO1-ZO108 mode, 12 outputs (XO55 to XO58, YO55 to YO58, ZO55 to ZO58) are invalid. When 309outputs mode, 15 outputs (XO54 to XO58, YO54 to YO58, ZO54 to ZO58) are invalid. Invalid output pins must be opened. Data of XO1 to XO108 correspond to XA0 to XA5 and XB0 to XB5. Data of YO1 to YO108 correspond to YA0 to YA5 and YB0 to YB5, and data of ZO0 to ZO108 correspond to ZA0 to ZA5 and ZB0 to ZB5. For relation between input data and output voltage values, refer to "Functional Operations" and "Output Voltage Value". Used as input pins for input data polarity exchange, POLA corresponds to XA0 to XA5, YA0 POLA POLB to YA5 and ZA0 to ZA5, and POLB corresponds to XB0 to XB5, YB0 to YB5 and ZB0 to ZB5. When "L" is entered, display data becomes normal mode. When "H" is entered, input data becomes polarity exchange mode. For relation between input data and output voltage values, refer to "Output Voltage Value". These pins are pulled down at the inside. Used as polarity exchange pins of LCD drive output. Data is taken at the term when LS is "H" and the output polarity of the LCD drive output pin is determined. Function of REV is the same as function of REV2. Input polarity exchange signal to REV, and REV2 is fixed to "L" or opened in general. When 321-output/309-output mode, it is possible to exchange output polarity between LCD driver next to each other by fixing REV2 to "L" or "H" according to position on panel. For exchanging, refer to "Output Characteristics". REV2 pin is pulled down at the inside.
REV REV2
7
LH168K
Functional Operations
The following describes the relation between data input pin and output direction. (1) PBS = "L"
Data input pin XA0-XA5 YA0-YA5 ZA0-ZA5 XB0-XB5 YB0-YB5 ZB0-ZB5 Output direction XO1 YO1 ZO1 XO2 YO2 ZO2 XB0-XB5 YB0-YB5 ZB0-ZB5 XO108 YO108 ZO108
(2) PBS = "H"
Data input pin XA0-XA5 YA0-YA5 ZA0-ZA5 XA0-XA5 YA0-YA5 ZA0-ZA5 Output direction XO1 YO1 ZO1 XO2 YO2 ZO2 XA0-XA5 YA0-YA5 ZA0-ZA5 XO108 YO108 ZO108
The following describes the relation between LBR pin, SPOI pin, SPIO pin and output direction.
OUTPUT DIRECTION RIGHT SHIFT (XO1, YO1, ZO1/XO108, YO108, ZO108) H Input Output LEFT SHIFT (ZO108, YO108, XO108/ZO1, YO1, XO1) L Output Input
PIN LBR SPOI SPIO
NOTE :
Color data corresponding to X, Y, and Z vary depending on the output direction.
8
LH168K
Output Characteristics
The following describes the relation between operation mode, REV pin, REV2 pin and output polarity of LCD drive pin.
WHEN REV = "L", REV2 = "L" or REV = "H", REV2 = "H" L L H H L H L H - + - + - + - + - + - + - + - + - + - + - + - + - + - - + - + - + WHEN REV = "H", REV2 = "L" or REV = "L", REV2 = "H" L L H H L H L H + - + - + - + - + NA NA NA NA NA NA NA NA NA NA NA NA NA NA NA - + - - + - + - +
MODE PBS Operation XO1 YO1 ZO1 XO2 YO2 ZO2 XO53 YO53 ZO53 XO54 YO54 ZO54 XO55 YO55 ZO55 XO56 YO56 ZO56 XO57 YO57 ZO57 XO58 YO58 ZO58 XO59 YO59 ZO59 XO107 YO107 ZO107 XO108 YO108 ZO108
324-output mode 321-output mode 312-output mode 309-output mode 324-output mode 321-output mode 312-output mode 309-output mode
- - - + + + + + + - - - - - - + + + + + + - - - - - - + + + + + + - - - --------------------------------------------------------------------------------------- - - + + + + + + - - - - - - + + + NA + NA - NA - NA - NA + NA + NA + NA - NA - + NA NA + - NA - NA NA - + NA + NA NA + - NA - NA NA - + NA + NA NA + - NA - NA NA - + NA + NA NA + - NA - NA NA - + NA + NA NA + - NA - NA NA - + NA + NA NA + - NA - NA NA - + NA + - + + - + - + - - + - + - + + - + --------------------------------------------------------------------------------------+ - + + - + - + - - + - + - + + - + - + - - + - + - + + - + - + - - + -
NOTES :
+ : The gray scale voltages corresponding to reference voltage VH0 to VH63 are output. - : The gray scale voltages corresponding to reference voltage VL0 to VL63 are output. NA : Non active. Must be opened.
9
LH168K
Output Voltage Value
Two voltages are selected from all of the reference voltages (V0-V63) by the upper 3-bit data (D5, D4 and D3) of the 6-bit input data (D5, D4, D3, D2, D1 and D0) taken by time sharing, and intermediate value is determined by the lower 3-bit data (D2, D1 and D0). The Vi is a reference voltage (VHi or VLi) that is determined by the polarity exchange input (REV and REV2). Relation between input data and output voltage values is shown below. (i = 0, 8, 16, 24, 32, 40, 48, 56, 63)
INPUT DATA 0 1 2 3 4 5 6 7 8 9 A B C D E F 10 11 12 13 14 15 16 17 18 19 1A 1B 1C 1D 1E 1F
OUTPUT VOLTAGE POLA (POLB) = "L" V0 V8 + (V0 - V8) x 7/8 V8 + (V0 - V8) x 6/8 V8 + (V0 - V8) x 5/8 V8 + (V0 - V8) x 4/8 V8 + (V0 - V8) x 3/8 V8 + (V0 - V8) x 2/8 V8 + (V0 - V8) x 1/8 V8
INPUT
OUTPUT VOLTAGE
POLA (POLB) = "H" DATA POLA (POLB) = "L" POLA (POLB) = "H" V63 20 V32 V32 + (V24 - V32) x 1/8 V63 + (V56 - V63) x 1/7 21 V40 + (V32 - V40) x 7/8 V32 + (V24 - V32) x 2/8 V63 + (V56 - V63) x 2/7 V63 + (V56 - V63) x 3/7 V63 + (V56 - V63) x 4/7 V63 + (V56 - V63) x 5/7 V63 + (V56 - V63) x 6/7 V56 V56 + (V48 - V56) x 1/8 22 23 24 25 26 27 28 29 2A 2B 2C 2D 2E 2F 30 31 32 33 34 35 36 37 38 39 3A 3B 3C 3D 3E 3F V40 + (V32 - V40) x 6/8 V32 + (V24 - V32) x 3/8 V40 + (V32 - V40) x 5/8 V32 + (V24 - V32) x 4/8 V40 + (V32 - V40) x 4/8 V32 + (V24 - V32) x 5/8 V40 + (V32 - V40) x 3/8 V32 + (V24 - V32) x 6/8 V40 + (V32 - V40) x 2/8 V32 + (V24 - V32) x 7/8 V40 + (V32 - V40) x 1/8 V40 V24 V24 + (V16 - V24) x 1/8
V16 + (V8 - V16) x 7/8 V56 + (V48 - V56) x 2/8 V16 + (V8 - V16) x 6/8 V56 + (V48 - V56) x 3/8 V16 + (V8 - V16) x 5/8 V56 + (V48 - V56) x 4/8 V16 + (V8 - V16) x 4/8 V56 + (V48 - V56) x 5/8 V16 + (V8 - V16) x 3/8 V56 + (V48 - V56) x 6/8 V16 + (V8 - V16) x 2/8 V56 + (V48 - V56) x 7/8 V16 + (V8 - V16) x 1/8 V48 V16 V48 + (V40 - V48) x 1/8 V24 + (V16 - V24) x 7/8 V48 + (V40 - V48) x 2/8 V24 + (V16 - V24) x 6/8 V48 + (V40 - V48) x 3/8 V24 + (V16 - V24) x 5/8 V48 + (V40 - V48) x 4/8 V24 + (V16 - V24) x 4/8 V48 + (V40 - V48) x 5/8 V24 + (V16 - V24) x 3/8 V48 + (V40 - V48) x 6/8 V24 + (V16 - V24) x 2/8 V48 + (V40 - V48) x 7/8 V24 + (V16 - V24) x 1/8 V40 V24 V40 + (V32 - V40) x 1/8 V32 + (V24 - V32) x 7/8 V40 + (V32 - V40) x 2/8 V32 + (V24 - V32) x 6/8 V40 + (V32 - V40) x 3/8 V32 + (V24 - V32) x 5/8 V40 + (V32 - V40) x 4/8 V32 + (V24 - V32) x 4/8 V40 + (V32 - V40) x 5/8 V32 + (V24 - V32) x 3/8 V40 + (V32 - V40) x 6/8 V32 + (V24 - V32) x 2/8 V40 + (V32 - V40) x 7/8 V32 + (V24 - V32) x 1/8 V32
V48 + (V40 - V48) x 7/8 V24 + (V16 - V24) x 2/8 V48 + (V40 - V48) x 6/8 V24 + (V16 - V24) x 3/8 V48 + (V40 - V48) x 5/8 V24 + (V16 - V24) x 4/8 V48 + (V40 - V48) x 4/8 V24 + (V16 - V24) x 5/8 V48 + (V40 - V48) x 3/8 V24 + (V16 - V24) x 6/8 V48 + (V40 - V48) x 2/8 V24 + (V16 - V24) x 7/8 V48 + (V40 - V48) x 1/8 V16 V48 V16 + (V8 - V16) x 1/8 V56 + (V48 - V56) x 7/8 V16 + (V8 - V16) x 2/8 V56 + (V48 - V56) x 6/8 V16 + (V8 - V16) x 3/8 V56 + (V48 - V56) x 5/8 V16 + (V8 - V16) x 4/8 V56 + (V48 - V56) x 4/8 V16 + (V8 - V16) x 5/8 V56 + (V48 - V56) x 3/8 V16 + (V8 - V16) x 6/8 V56 + (V48 - V56) x 2/8 V16 + (V8 - V16) x 7/8 V56 + (V48 - V56) x 1/8 V56 V63 + (V56 - V63) x 6/7 V63 + (V56 - V63) x 5/7 V63 + (V56 - V63) x 4/7 V63 + (V56 - V63) x 3/7 V63 + (V56 - V63) x 2/7 V63 + (V56 - V63) x 1/7 V63 V8 V8 + (V0 - V8) x 1/8 V8 + (V0 - V8) x 2/8 V8 + (V0 - V8) x 3/8 V8 + (V0 - V8) x 4/8 V8 + (V0 - V8) x 5/8 V8 + (V0 - V8) x 6/8 V8 + (V0 - V8) x 7/8 V0
10
LH168K
(Gamma) Correction Value
Between reference voltage input pins VH0 and VH63, 63 resistors are connected in series. And between reference voltage input pins VL0 and VL63, 63 resistors are connected in series. No resistor is connected between reference voltage input pins VH63 and VL63. The correction curve is a broken line connected between intermediate voltage inputs (VH8, VH16, VH24, VH32, VH40, VH48, VH56, VL8, VL16, VL24, VL32, VL40, VL48 and VL56). Each correction value between the intermediate voltage inputs is divided into 7 or 8 parts by the same resistor.
LH168K VH0 VH8 VH16 VH24 VH32 VH40 R0 R1 R2 R3 R4 R5 R6 R7 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 7 equal parts
External Reference Voltage
VH48 VH56 VH63 VL63 VL56 VL48 VL40 VL32 VL24 VL16 VL8 VL0
R8 R9 R10 R11 R12 R13 R14 R15
7 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts 8 equal parts
The following shows the ratio of correction resistance, when R0 equals 1.
R0 R1 R2 R3 R4 R5 R6 R7 1.00 0.20 0.10 0.10 0.10 0.10 0.10 0.20 R8 R9 R10 R11 R12 R13 R14 R15 0.20 0.10 0.10 0.10 0.10 0.10 0.20 1.00
11
LH168K
PRECAUTIONS
Precautions when connecting or disconnecting the power supply This IC has some power supply pins, so it may be permanently damaged by a high current which may flow if voltage is supplied to the LCD drive power supply while the logic system power supply is floating. Therefore, when connecting the power supply, observe the following sequence. VCC / logic input / VLS, VH0-VH63, VL0-VL63 When disconnecting the power supply, follow the reverse sequence. Reference voltage input The relation of the reference voltage input is shown here. VLS > VH0 VH8 VH56 VH63 0.5VLS VL63 VL56 VL8 VL0 > GND Maximum ratings When connecting or disconnecting the power supply, this IC must be used within the range of the absolute maximum ratings. Target output load This IC is designed for a 150 pF output load capacity. When using this IC for other than 150 pF panels, confirm the device is having no problem before using it.
ABSOLUTE MAXIMUM RATINGS
PARAMETER Supply voltage SYMBOL VCC VLS VI VI VO VO TSTG APPLICABLE PINS VCC VLS VH0-VL0 SPIO, SPOI, CK, LS, REV, REV2, LBR, POLA, POLB, MODE, PBS, XA0-XA5, XB0-XB5, YA0-YA5, YB0-YB5, ZA0-ZA5, ZB0-ZB5 SPIO, SPOI XO1-ZO108 RATING -0.3 to +6.0 -0.3 to +13.0 -0.3 to VLS + 0.3 -0.3 to VCC + 0.3 -0.3 to VCC + 0.3 -0.3 to VLS + 0.3 -45 to +125 UNIT V V V V V V C NOTE
Input voltage
1, 2
Output voltage Storage temperature
NOTES :
1. TA = +25 C 2. The maximum applicable voltage on any pin with respect to GND (0 V).
RECOMMENDED OPERATING CONDITIONS
SYMBOL MIN. VCC +2.7 Supply voltage +8.0 VLS VH0-VH63 0.5VLS Reference voltage input VL0-VL63 +0.1 Clock frequency fCK LCD drive output load capacity CL TOPR -20 Operating temperature PARAMETER TYP. MAX. UNIT +3.6 V +12.0 V VLS - 0.1 V 0.5VLS V 55 MHz 150 pF +75 C NOTE 1
NOTE :
1. The applicable voltage on any pin with respect to GND (0 V).
12
LH168K
ELECTRICAL CHARACTERISTICS DC Characteristics
PARAMETER Input "Low" voltage VIL
(VCC = +2.7 to +3.6 V, VLS = +8.0 to +12.0 V, TOPR = -20 to +75 C)
APPLICABLE PINS XA0-XA5, YA0-YA5, ZA0-ZA5, XB0-XB5, YB0-YB5, ZB0-ZB5, SPIO, SPOI, CK, LS, LBR, REV, REV2, POLA, POLB, MODE, PBS IOL = 0.3 mA IOH = -0.3 mA MIN. GND TYP. MAX. 0.3VCC UNIT V NOTE
SYMBOL CONDITIONS
Input "High" voltage Output "Low" voltage Output "High" voltage
VIH VOL VOH
0.7VCC GND VCC - 0.4
VCC GND + 0.4 VCC
V V V
SPIO, SPOI XA0-XA5, YA0-YA5, ZA0-ZA5, XB0-XB5, YB0-YB5, ZB0-ZB5,
Input "Low" current
IILL1
SPIO, SPOI, CK, LS, LBR, REV, REV2, POLA, POLB, MODE, PBS XA0-XA5, YA0-YA5, ZA0-ZA5, XB0-XB5, YB0-YB5, ZB0-ZB5, SPIO, SPOI, CK, LS, LBR, REV, MODE, PBS POLA, POLB, REV2 fCK = 55 MHz fLS = 50 kHz (Data sampling state) fCK = 55 MHz VCC-GND fLS = 50 kHz SPI = GND is fixed. (Standby state) fCK = 55 MHz
10
A
Input "High" current
IILH1
10
A
IILH2 Supply current (In operation mode) ICC1
400 12
A mA
Supply current (In standby mode)
ICC2
1.5
mA
Supply current (In operation mode)
ILS1
fLS = 50 kHz (Data sampling state) fCK = 55 MHz VLS-GND fLS = 50 kHz SPI = GND is fixed. (Standby state) GND + 0.2 XO1-ZO108 -20 200 VH0-VH63 VL0-VL63 20 20
4.5
mA
Supply current (In standby mode) Output voltage range Deviations between output voltage pins Output current Resistance between reference voltage input pins
ILS2
3.5
mA
VOUT VOD IO1-IO4 RGMAH RGMAL
VLS - 0.2 +20
V mV A k$ k$ 1 2
13
LH168K
NOTES :
1. Criterion of evaluating voltage deviations. (a) Between output voltage pins Measuring values : Output voltage value at the time after 10 s at the rising edge of LS. (Average of several times) (Conditions) Output load capacity is 150 pF. In a state when the reference voltage is fixed. Expecting values : Calculated following these specifications. (Conditions) In a state when the reference voltage is fixed. (b) Between LCD drivers Measuring values : Applicable to (a). (Conditions) Applicable to (a). Expecting values : Applicable to (a). (Conditions) Applicable to (a). Each input voltage between the LCD drivers must be made perfectly equal by connecting corresponding reference voltage input pins. 2. IO1 : Applied voltage = 8.0 V for output pins XO1 to ZO108. Output voltage = 7.5 V for output pins XO1 to ZO108. VLS = 10.0 V IO2 : Applied voltage = 7.0 V for output pins XO1 to ZO108. Output voltage = 7.5 V for output pins XO1 to ZO108. VLS = 10.0 V IO3 : Applied voltage = 3.0 V for output pins XO1 to ZO108. Output voltage = 2.5 V for output pins XO1 to ZO108. VLS = 10.0 V IO4 : Applied voltage = 2.0 V for output pins XO1 to ZO108. Output voltage = 2.5 V for output pins XO1 to ZO108. VLS = 10.0 V
14
LH168K
AC Characteristics
PARAMETER Clock frequency "H" level pulse width "L" level pulse width Input rise time Input fall time Data setup time Data hold time Start pulse setup time Start pulse hold time Start pulse width Start pulse output delay time LCD drive output delay time 1 LCD drive output delay time 2 LS signal-SPI signal setup time LS signal-CK signal hold time LS signal "H" level width REV signal-LS signal setup time REV signal-LS signal hold time
(VCC = +2.7 to +3.6 V, VLS = +8.0 to +12.0 V, TOPR = -20 to +75 C)
APPLICABLE PINS MIN. 4 CK 4 10 10 XA0-XA5, YA0-YA5, ZA0-ZA5, XB0-XB5, YB0-YB5, ZB0-ZB5, POLA, POLB 4 0 4 0 SPIO, SPOI CL = 15 pF CL = 150 pF XO1-ZO108 CL = 150 pF 1 -------fCK LS 7 1 -------fCK 14 REV, REV2 10 1 -------fCK 12 3 10 TYP. MAX. 55 UNIT MHz ns ns ns ns ns ns ns ns ns ns s s ns ns ns ns ns
SYMBOL CONDITIONS fCK tCWH tCWL tCR tCF tSUD tHD tSUSP tHSP tWSP tDSP tDO1 tDO2 tLSSP tHLS tWLS tSURV tHRV
15
LH168K
Timing Chart
1 fCK CK tSUSP SPIO Input (SPOI) XA0-XA5 YA0-YA5 ZA0-ZA5 XB0-XB5 YB0-YB5 ZB0-ZB5 POLA POLB tWSP tSUD tHD tHSP tCR tcWH 1 tCF tcWL 2
1
2
CK
LAST - 1 tDSP
LAST
SPIO Output (SPOI) tHLS LS tLSSP SPIO Input (SPOI) tSURV REV REV2 tDO1 Target voltage (VLS x 0.1) XO1-ZO108 tDO2 Target voltage (6-bit accuracy) tHRV tWLS
16


▲Up To Search▲   

 
Price & Availability of LH168K

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X