|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SEMICONDUCTOR TECHNICAL DATA SWITCHING APPLICATION. INTERFACE CIRCUIT AND DRIVER CIRCUIT APPLICATION. FEATURES With Built-in Bias Resistors. Simplify Circuit Design. KRA301E~KRA306E EPITAXIAL PLANAR PNP TRANSISTOR E B 2 D 3 DIM A B C D E G H J H Reduce a Quantity of Parts and Manufacturing Process. High Packing Density. MILLIMETERS _ 1.60 + 0.10 _ 0.85 + 0.10 _ 0.70 + 0.10 0.27+0.10/-0.05 _ 1.60 + 0.10 _ 1.00 + 0.10 0.50 _ 0.13 + 0.05 A G 1 EQUIVALENT CIRCUIT OUT R1 R2 BIAS RESISTOR VALUES TYPE NO. KRA301E R1(k 4.7 10 22 47 2.2 4.7 ) R2(k 4.7 10 22 47 47 47 ) J C 1. COMMON (EMITTER) 2. IN (BASE) 3. OUT (COLLECTOR) IN KRA302E KRA303E KRA304E COMMON(+) KRA305E KRA306E ESM MAXIMUM RATING (Ta=25 Output Voltage ) SYMBOL KRA301E 306E VO RATING -50 -20, 10 -30, 10 VI -40, 10 -40, 10 -12, 5 -20, 5 IO KRA301E 306E PD Tj Tstg -100 100 150 -55 150 mA mW V UNIT V CHARACTERISTIC KRA301E KRA302E Input Voltage KRA303E KRA304E KRA305E KRA306E Output Current Power Dissipation Junction Temperature Storage Temperature Range MARK SPEC TYPE MARK KRA301E PA KRA302E PB KRA303E PC KRA304E PD KRA305E PE KRA306E PF Marking Type Name 1999. 6. 8 Revision No : 0 1/6 KRA301E~KRA306E ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC Output Cut-off Current KRA301E 306E SYMBOL IO(OFF) TEST CONDITION VO=-50V, VI=0 MIN. 30 50 70 GI VO=-5V, IO=-10mA 80 80 80 VO(ON) IO=-10mA, II=-0.5mA VI(ON) VO=-0.2V, IO=-5mA VI(OFF) fT * VO=-5V, IO=-0.1mA VO=-10V, IO=-5mA -1.0 -0.5 II VI=-5V TYP. 55 80 120 200 200 200 -0.1 -1.5 -1.8 -2.1 -2.8 -0.8 -0.9 -1.2 -0.65 200 MAX. -500 -0.3 -2.0 -2.4 -3.0 -5.0 -1.1 -1.3 -1.8 -0.88 -0.36 -0.18 -3.6 -1.8 mA V MHz V V UNIT nA KRA301E KRA302E KRA303E DC Current Gain KRA304E KRA305E KRA306E Output Voltage KRA301E 306E KRA301E KRA302E Input Voltage (ON) KRA303E KRA304E KRA305E KRA306E Input Voltage (OFF) Transition Frequency KRA301E KRA305E KRA301E 304E 306E 306E KRA301E KRA302E Input Current KRA303E KRA304E KRA305E KRA306E Note : * Characteristic of Transistor Only. 1999. 6. 8 Revision No : 0 2/6 KRA301E~KRA306E ELECTRICAL CHARACTERISTICS (Ta=25 ) CHARACTERISTIC KRA301E KRA302E KRA303E Rise Time KRA304E KRA305E KRA306E KRA301E KRA302E Switching Time Storage Time KRA303E KRA304E KRA305E KRA306E KRA301E KRA302E Fall Time KRA303E KRA304E KRA305E KRA306E tf tstg VO=-5V VIN=-5V RL=1k tr SYMBOL TEST CONDITION MIN. TYP. 0.07 0.06 0.2 0.24 0.02 0.07 1.1 1.1 1.1 1.1 1.1 1.1 0.15 0.24 0.38 0.63 0.1 0.2 MAX. S UNIT 1999. 6. 8 Revision No : 0 3/6 KRA301E~KRA306E I O - V I(ON) -100 OUTPUT CURRENT I O (mA) -50 -30 -10 Ta=1 00 KRA301E OUTPUT CURRENT I O (mA) VO =-0.2V 25 -25 100 -100 -50 -30 -10 -5 -3 -1 -0.5 -0.3 -0.1 KRA302E VO =-0.2V I O - V I(ON) -1 -0.5 -0.3 -0.1 -0.3 -1 -3 -10 -30 -100 -0.3 Ta=1 -5 -3 00 C Ta=25 C Ta=-25 C C Ta=25 C Ta=-25 C -1 -3 -10 -30 -100 INPUT ON VOLTAGE VI(ON) (V) INPUT ON VOLTAGE V I(ON) (V) I O - V I(ON) -100 OUTPUT CURRENT I O (mA) -50 -30 -10 100 C I O - V I(ON) -100 OUTPUT CURRENT I O (mA) -50 -30 -10 -5 -3 -1 -0.5 -0.3 -0.1 C Ta=25 C Ta=-25 C KRA303E VO =-0.2V KRA304E VO =-0.2V Ta= -1 -0.5 -0.3 -0.1 -0.3 -1 -3 -10 -30 -100 -0.3 -1 Ta -5 -3 Ta=25 C Ta=-25 C =1 00 -3 -10 -30 -100 INPUT ON VOLTAGE VI(ON) (V) INPUT ON VOLTAGE V I(ON) (V) -100 OUTPUT CURRENT I O (mA) -50 -30 -10 KRA305E VO =-0.2V I O - V I(ON) -100 OUTPUT CURRENT I O (mA) -50 -30 -10 -5 -3 -1 -0.5 -0.3 KRA306E VO =-0.2V I O - V I(ON) 00 C -1 -0.5 -0.3 -0.1 -0.3 Ta=1 -5 -3 Ta=25 C Ta=-25 C Ta=1 00 C Ta=25 C Ta=-25 C -1 -3 -10 -30 -100 -0.1 -0.3 -1 -3 -10 -30 -100 INPUT ON VOLTAGE VI(ON) (V) INPUT ON VOLTAGE V I(ON) (V) 1999. 6. 8 Revision No : 0 4/6 KRA301E~KRA306E -10k OUTPUT CURRENT I O (A) -5k -3k -1k KRA301E I O - V I(OFF) VO =-5V -10k OUTPUT CURRENT I O (A) -5k -3k -1k KRA302E I O - V I(OFF) VO =-5V C Ta= 100 C Ta= 25 C 0C Ta= 10 Ta= -100 -50 -30 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 INPUT OFF VOLTAGE V I(OFF) (V) T a= -100 -50 -30 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 INPUT OFF VOLTAGE V I(OFF) (V) I O - V I(OFF) -10k OUTPUT CURRENT I O (A) -5k -3k -1k Ta= 25 C I O - V I(OFF) VO =-5V KRA303E OUTPUT CURRENT I O (A) -10k -5k -3k -1k KRA304E VO =-5V Ta =1 0 Ta= Ta= -100 -50 -30 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 -100 -50 -30 -0.8 -1.0 -1.2 -1.4 -1.6 -1.8 -2.0 INPUT OFF VOLTAGE V I(OFF) (V) INPUT OFF VOLTAGE V I(OFF) (V) I O - V I(OFF) -10k OUTPUT CURRENT I O (A) -5k -3k -1k Ta=25 C Ta=-2 5C 0C Ta=1 0 I O - V I(OFF) VO =-5V KRA305E OUTPUT CURRENT I O (A) -10k -5k -3k -1k KRA306E VO =-5V -100 -50 -30 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -100 -50 -30 0 -0.2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 INPUT OFF VOLTAGE V I(OFF) (V) INPUT OFF VOLTAGE V I(OFF) (V) 1999. 6. 8 Revision No : 0 Ta=1 -500 -300 -500 -300 Ta=25 C Ta=-2 5C 00 C Ta -500 -300 C C C C T a= =25 C -500 -300 C -500 -300 25 -25 -500 -300 -25 0 Ta =2 100 5 -25 C 5/6 KRA301E~KRA306E GI - IO 300 KRA301E VO =-5V Ta=100 C GI - IO 300 KRA302E VO =-5V Ta=100 C DC CURRENT GAIN G I 100 50 30 DC CURRENT GAIN G I 100 50 30 Ta=25 C Ta=-25 C Ta=25 C Ta=-25 C 10 5 -0.5 -1 -3 -10 -30 -100 10 5 -0.5 -1 -3 -10 -30 -100 OUTPUT CURRENT I O (mA) OUTPUT CURRENT I O (mA) 300 DC CURRENT GAIN G I KRA303E GI - IO 300 Ta=100 C KRA304E GI - IO 100 50 30 Ta=25 C Ta=-25 C DC CURRENT GAIN G I Ta=100 C 100 50 30 Ta=25 C Ta=-25 C 10 VO =-5V 10 -1 -3 -10 -30 -100 5 -0.5 VO =-5V 5 -0.5 -1 -3 -10 -30 -100 OUTPUT CURRENT I O (mA) OUTPUT CURRENT I O (mA) 300 DC CURRENT GAIN G I KRA305E GI - IO Ta=100 C K 300 DC CURRENT GAIN G I RA306E Ta=100 C GI - IO 100 50 30 Ta=25 C Ta=-25 C 100 50 30 Ta=25 C Ta=-25 C 10 5 -0.5 VO =-5V 10 5 -0.5 VO =-5V -1 -3 -10 -30 -100 -1 -3 -10 -30 -100 OUTPUT CURRENT I O (mA) OUTPUT CURRENT I O (mA) 1999. 6. 8 Revision No : 0 6/6 |
Price & Availability of KRA301E |