Part Number Hot Search : 
SK1303DT XMG16 81A55 SRUDH D660N H490210 ALN2040 03002
Product Description
Full Text Search
 

To Download KM641001A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
KM641001A
Document Title
256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out. Operated at Commercial Temperature Range.
CMOS SRAM
Revision History
Rev. No. Rev. 0.0 Rev. 1.0 History Initial release with Design Target. Release to Preliminary Data Sheet. 1.1. Replace Design Target to Preliminary Release to final Data Sheet. 2.1. Delete Preliminary Update D.C and A.C parameters. 3.1. Update D.C parameters Previous spec. Items (15/17/20ns part) Icc 190/180/170mA Isb 30mA Isb1 10mA 3.2. Update A.C parameters Previous spec. Items (15/17/20ns part) tCW 12/12/13ns tAW 12/12/13ns tWP1(OE=H) 12/12/13ns tDW 8/9/10ns Draft Data Jan. 18th, 1995 Apr. 22th, 1995 Remark Design Target Preliminary
Rev. 2.0
Feb. 29th, 1996
Final
Rev. 3.0
Jul. 16th, 1996 Updated spec. (15/17/20ns part) 145/145/140mA 25mA 8mA Updated spec. (15/17/20ns part) 10/11/12ns 10/11/12ns 10/11/12ns 7/8/9ns Jun. 2nd, 1997
Final
Rev. 4.0
Update D.C and A.C parameters 4.1. Update D.C and A.C parameters. Previous spec. Updated spec. Items (15/17/20ns part) (15/17/20ns part) Icc 145/145/140mA 125/125/120mA tOW 3/4/5ns 3/3/3ns 4.2. Add the test condition for VOH1 with VCC=5V5% at 25C 4.3. Add timing diagram to define tWP as (Timing Wave Form of Write Cycle(CS=Controlled) 5.1. Delete 17ns Part
Final
Rev. 5.0
Feb. 25th, 1998
Final
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
-1-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
256K x 4 Bit (with OE)High-Speed CMOS Static RAM
FEATURES
* Fast Access Time 15, 20ns(Max.) * Low Power Dissipation Standby (TTL) : 25mA(Max.) (CMOS) : 8mA(Max.) Operating KM641001A - 15 : 125mA(Max.) KM641001A - 20 : 120mA(Max.) * Single 5.0V10% Power Supply * TTL Compatible Inputs and Outputs * I/O Compatible with 3.3V Device * Fully Static Operation - No Clock or Refresh required * Three State Outputs * Standard Pin Configuration KM641001AJ : 28-SOJ-400A
CMOS SRAM
GENERAL DESCRIPTION
The KM641001A is a 1,048,576-bit high-speed Static Random Access Memory organized as 262,144 words by 4 bits. The KM641001A uses 4 common input and output lines and has an output enable pin which operates faster than address access time at read cycle. The device is fabricated using SAMSUNGs advanced CMOS process and designed for high-speed circuit technology. It is particularly well suited for use in high-density high-speed system applications. The KM641001A is packaged in a 400 mil 28-pin plastic SOJ.
PIN CONFIGURATION(Top View)
A0
1 2 3 4 5 6 7 8 9 10 11 12 13 14
28 Vcc 27 A17 26 A16 25 A15 24 A14 23 A13
FUNCTIONAL BLOCK DIAGRAM
A1 A2 A3 A4
Clk Gen.
A2 A3 A4 A5 A6 A7 A8 A9 A10
Pre-Charge Circuit
A5 A6 A7 A8
SOJ
22 A12 21 A11 20 N.C 19 I/O4 18 I/O3 17 I/O2 16 I/O1 15 WE
Row Select
Memory Array 512 Rows 512x4 Columns
A9 A10 CS OE Vss
I/O1 ~ I/O4
Data Cont. CLK Gen.
A1 A0
I/O Circuit & Column Select
PIN FUNCTION
A12 A11 A14 A16 A13 A15 A17
Pin Name A0 - A17
Pin Function Address Inputs Write Enable Chip Select Output Enable Data Inputs/Outputs Power(+5.0V) Ground No Connection
CS WE OE
WE CS OE I/O1 ~ I/O4 VCC VSS N.C
-2-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
ABSOLUTE MAXIMUM RATINGS*
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Power Dissipation Storage Temperature Operating Temperature Symbol VIN, VOUT VCC PD TSTG TA Rating -0.5 to 7.0 -0.5 to 7.0 1.0 -65 to 150 0 to 70 Unit V V W C C
CMOS SRAM
* Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operating sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS(TA=0 to 70C)
Parameter Supply Voltage Ground Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min 4.5 0 2.2 -0.5* Typ 5.0 0 Max 5.5 0 VCC + 0.5** 0.8 Unit V V V V
* VIL(Min)=-2.0V a.c(Pulse Width 10ns) for I 20mA ** VIH(Max)=VCC + 2.0V a.c (Pulse Width 10ns) for I 20mA
DC AND OPERATING CHARACTERISTICS(TA=0 to 70C, Vcc=5.0V10%, unless otherwise specified)
Parameter Input Leakage Current Output Leakage Current Operating Current Symbol ILI ILO ICC Test Conditions VIN = VSS to VCC CS=VIH or OE=VIH or WE=VIL VOUT=VSS to VCC Min. Cycle, 100% Duty CS=VIL, VIN = VIH or VIL, IOUT=0mA Min. Cycle, CS=VIH f=0MHz, CSVCC-0.2V, VINVCC-0.2V or VIN 0.2V IOL=8mA IOH=-4mA IOH1=-0.1mA 15ns 20ns Min -2 -2 2.4 Max 2 2 125 120 25 8 0.4 3.95 mA mA V V V Unit A A mA
Standby Current
ISB ISB1
Output Low Voltage Level Output High Voltage Level
VOL VOH VOH1*
* VCC=5.0V, Temp =25C
CAPACITANCE*(TA=25C, f=1.0MHz)
Item Input/Output Capacitance Input Capacitance Symbol CI/O CIN Test Conditions VI/O=0V VIN=0V MIN Max 8 6 Unit pF pF
* NOTE : Capacitance is sampled and not 100% tested.
-3-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
AC CHARACTERISTICS(TA=0 to 70C, VCC=5.0V10%, unless otherwise noted.)
TEST CONDITIONS
Parameter Input Pulse Levels Input Rise and Fall Times Input and Output timing Reference Levels Output Loads Value 0V to 3V 3ns 1.5V See below
CMOS SRAM
Output Loads(A) +5.0V 480 DOUT 255 30pF*
Output Loads(B) for tHZ, tLZ, tWHZ, tOW, tOLZ & tOHZ +5.0V 480 DOUT 255 5pF*
* Including Scope and Jig Capacitance
READ CYCLE
Parameter Read Cycle Time Address Access Time Chip Select to Output Output Enable to Valid Output Chip Enable to Low-Z Output Output Enable to Low-Z Output Chip Disable to High-Z Output Output Disable to High-Z Output Output Hold from Address Change Chip Selection to Power Up Time Chip Selection to Power DownTime Symbol tRC tAA tCO tOE tLZ tOLZ tHZ tOHZ tOH tPU tPD KM641001A-15 Min 15 3 0 0 0 3 0 Max 15 15 8 6 6 15 KM641001A-20 Min 20 3 0 0 0 3 0 Max 20 20 10 8 8 20 Unit ns ns ns ns ns ns ns ns ns ns ns
-4-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
WRITE CYCLE
Parameter Write Cycle Time Chip Select to End of Write Address Set-up Time Address Valid to End of Write Write Pulse Width(OE High) Write Pulse Width(OE Low) Write Recovery Time Write to Output High-Z Data to Write Time Overlap Data Hold from Write Time End Write to Output Low-Z Symbol tWC tCW tAS tAW tWP tWP1 tWR tWHZ tDW tDH tOW KM641001A-15 Min 15 10 0 10 10 15 0 0 7 0 3 Max 8 KM641001A-20 Min 20 12 0 12 12 20 0 0 9 0 3 Max 10 Unit ns ns ns ns ns ns ns ns ns ns ns
CMOS SRAM
TIMMING DIAGRAMS
TIMING WAVEFORM OF READ CYCLE(1) (Address Controlled, CS=OE=VIL, WE=VIH)
tRC Address tOH Data Out Previous Valid Data tAA Valid Data
TIMING WAVEFORM OF READ CYCLE(2) (WE=VIH)
tRC Address tAA tCO tOE OE tOLZ tLZ(4,5) Valid Data ICC ISB tPU 50% tPD 50% tOH tHZ(3,4,5)
CS
tOHZ
Data out VCC Current
-5-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
NOTES(READ CYCLE) 1. WE is high for read cycle. 2. All read cycle timing is referenced from the last valid address to the first transition address. 3. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit condition and are not referenced to VOH or VOL levels. 4. At any given temperature and voltage condition, tHZ(Max.) is less than tLZ(Min.) both for a given device and from device to device. 5. Transition is measured 200mV from steady state voltage with Load(B). This parameter is sampled and not 100% tested. 6. Device is continuously selected with CS=VIL. 7. Address valid prior to coincident with CS transition low. 8. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle.
CMOS SRAM
TIMING WAVEFORM OF WRITE CYCLE(1) (OE= Clock)
tWC Address tAW OE tCW(3) CS tAS(4) WE tDW Data in High-Z tOHZ(6) Data out High-Z(8) Valid Data tDH tWP(2) tWR(5)
TIMING WAVEFORM OF WRITE CYCLE(2)
(OE=Low Fixed)
tWC Address tAW tCW(3) CS tAS(4) WE tDW Data in High-Z tWHZ(6) Data out High-Z(8) Valid Data tOW
(10) (9)
tWR(5)
tWP1(2)
tDH
-6-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
TIMING WAVEFORM OF WRITE CYCLE(3) (CS=Controlled)
tWC Address tAW tCW(3) CS tAS(4) WE tDW Data in tDH tWP(2) tWR(5)
CMOS SRAM
High-Z
tLZ tWHZ(6)
Valid Data
High-Z
Data out
High-Z
High-Z(8)
NOTES(WRITE CYCLE) 1. All write cycle timing is referenced from the last valid address to the first transition address. 2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ; A write ends at the earliest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write. 3. tCW is measured from the later of CS going low to end of write. 4. tAS is measured from the address valid to the beginning of write. 5. tWR is measured from the end of write to the address change. tWR applied in case a write ends as CS or WE going high. 6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output must not be applied because bus contention can occur. 7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycle. 8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state. 9. Dout is the read data of the new address. 10.When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
FUNCTIONAL DESCRIPTION
CS H L L L WE X H H L OE X* H L X Mode Not Select Output Disable Read Write I/O Pin High-Z High-Z DOUT DIN Supply Current ISB, ISB1 ICC ICC ICC
* NOTE : X means Dont Care.
-7-
Rev 5.0 February 1998
PRELIMINARY
KM641001A
PACKAGE DIMENSIONS
28-SOJ-400A
#28 #15
CMOS SRAM
Units:millimeters/Inches
10.16 0.400
11.18 0.12 0.440 0.005
9.40 0.25 0.370 0.010
0.20 #1 18.82 MAX 0.741 18.41 0.12 0.725 0.005 #14 0.69 MIN 0.027
+0.10 -0.05
0.008 +0.10 -0.002
( 1.27 ) 0.050 3.76 MAX 1.32 ( ) 0.148 0.052 0.43 ( 0.95 ) 0.0375
+0.10 -0.05
0.10 0.004 MAX
0.017 +0.004 -0.002
1.27 0.050
0.71
+0.10 -0.05
0.028+0.004 -0.002
-8-
Rev 5.0 February 1998


▲Up To Search▲   

 
Price & Availability of KM641001A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X