Part Number Hot Search : 
X1232CP 01502 49H3150 TKD29A AM7381P 28F00 E000811 NTE573
Product Description
Full Text Search
 

To Download KD30GB80 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DIODE MODULE
DD(KD)30GB40/80
UL;E76102 M Power Diode Module DD30GB series are designed for various rectifier circuits. DD30GB has two diode chips connected in series and the mounting base is elctrically isolated from elements for simple heatsink construction. Wide voltage rating up to, 800V is avaiable for various input voltage. Isolated mounting base Two elements in a package for simple (single and three phase) bridge connections Highly reliable glass passivated chips High surge current capability Applications Various rectifiers, Battery chargers, DC motor drives
26MAX
3
93.5MAX 80
2 + - 1
2- 6.5
13
~
16.5
23
23
3M5
30MAX
21
Unit a
Maximum Ratings
Symbol VRRM VRSM Symbol IF IF
AV RMS
Tj 25 Item Ratings DD30GB40 400 480 Conditions Single phase, half wave, 180 conduction, Tc 118 Single phase, half wave, 180 conduction, Tc 118
1 2 cycle, 50/60HZ, peak value, non-repetitive
unless otherwise specified Unit V V Ratings 30 47 550/600 1500 40 to 40 to 150 125 V Nm fB g Unit A A A A2S
DD30GB80 800 960
Repetitive Peak Reverse Voltage Non-Repetitive Peak Reverse Voltage Item Average Forward Current R.M.S. Forward Current Surge Forward Current It
2
IFSM It
2
Value for one cycle of surge current
Tj Tstg VISO
Junction Temperature Storage Temperature Isolation Breakdown Voltage R.M.S. Mounting Torque Mass Mounting M6 Terminal M5 A.C.1minute Recommended Value 2.5-3.9 25-40 Recommended Value 1.5-2.5 15-25
2500 4.7 48 2.7 28 170
Electrical Characteristics
Symbol IRRM VFM Rth j-c Item Repetitive Peak Reverse Current, max. Forward Voltage Drop, max. Thermal Impedance, max. Conditions at VDRM, single phase, half wave. Tj 150 Foward current 90A Tj 25 Junction to case Inst. measurement Ratings 10 1.40 0.80 Unit mA V /W
SanRex(R)
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
DD(KD)30GB40/80
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com


▲Up To Search▲   

 
Price & Availability of KD30GB80

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X