Part Number Hot Search : 
DS24B33 ZN525 1N4807 1N4795 1010C Z5238B SGM8042 1120D
Product Description
Full Text Search
 

To Download KBPC808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC 800 ... KBPC 810 Silicon-Bridge Rectifiers Silizium-Bruckengleichrichter
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung Plastic case Kunststoffgehause Weight approx. Gewicht ca. Plastic material has UL classification 94V-0 Gehausematerial UL94V-0 klassifiziert
Dimensions / Mae in mm
8A 35...700 V 19 x 19 x 6.8 [mm] 5.5 g
Standard packaging: bulk Standard Lieferform: lose im Karton
see page 22 siehe Seite 22
Recognized Product - Underwriters Laboratories Inc.(R) File E175067 Anerkanntes Produkt - Underwriters Laboratories Inc.(R) Nr. E175067
Maximum ratings Type Typ KBPC 800 KBPC 801 KBPC 802 KBPC 804 KBPC 806 KBPC 808 KBPC 810 max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 35 70 140 280 420 560 700
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 50 100 200 400 600 800 1000
Repetitive peak forward current Periodischer Spitzenstrom Peak forward surge current, 60 Hz half sine-wave Stostrom fur eine 60 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
f > 15 Hz TA = 25/C TA = 25/C
IFRM IFSM i2t Tj TS
40 A 2) 150 A 93 A2s - 50...+150/C - 50...+150/C
) Valid for one branch - Gultig fur einen Bruckenzweig ) Valid, if leads are kept at ambient temperature at a distance of 10 mm from case Gultig, wenn die Anschludrahte in 10 mm Abstand vom Gehause auf Umgebungstemperatur gehalten werden 18.02.2003
1
KBPC 800 ... KBPC 810 Characteristics Max. fwd. current without cooling fin Dauergrenzstrom ohne Kuhlblech Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment M4 TA = 50/C TA = 50/C Tj = 25/C Tj = 25/C R-load C-load R-load C-load IF = 4 A VR = VRRM IFAV IFAV IFAV IFAV VF IR RthC Kennwerte 5.0 A 4.0 A 8.0 A 6.4 A < 1.2 V 1) < 10 :A < 3.3 K/W 9 10% lb.in. 1 10% Nm
1
) Valid for one branch - Gultig fur einen Bruckenzweig F:\Data\WP\DatBlatt\Einzelblatter\kbpc800-810ul.wpd
2


▲Up To Search▲   

 
Price & Availability of KBPC808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X