Part Number Hot Search : 
2SD17 SNC68805 AH844 R3475 10D471 PUSB2X4Y ADCMP561 HC5555
Product Description
Full Text Search
 

To Download IXTA36N30P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Technical Information
PolarHTTM Power MOSFET
N-Channel Enhancement Mode
IXTQ 36N30P IXTA 36N30P IXTP 36N30P
VDSS ID25
RDS(on)
= = =
300 V 36 A 110 m
TO-3P (IXTQ)
Symbol VDSS VDGR VGSM ID25 IDM IAR EAR EAS dv/dt PD TJ TJM Tstg TL
Test Conditions TJ = 25C to 150C TJ = 25C to 150C; RGS = 1 M
Maximum Ratings 300 300 20 V V V A A A mJ J V/ns W C C C C C
G = Gate S = Source G S (TAB) D = Drain TAB = Drain G DS (TAB) G
D
S
(TAB)
TC = 25C TC = 25C, pulse width limited by TJM TC = 25C TC = 25C TC = 25C IS IDM, di/dt 100 A/s, VDD VDSS, TJ 150C, RG = 10 TC = 25C
36 90 36 30 1.0 10 300 -55 ... +150 150 -55 ... +150
TO-220 (IXTP)
TO-263 (IXTA)
1.6 mm (0.062 in.) from case for 10 s Maximum tab temperature for soldering TO-263 package for 10s Mounting torque TO-3P TO-220 TO-263 (TO-3P / TO-220)
300 260
Features 1.13/10 Nm/lb.in. 5.5 4 3 g g g International standard packages Unclamped Inductive Switching (UIS) rated Low package inductance - easy to drive and to protect Advantages Easy to mount Space savings High power density
Md Weight
Symbol Test Conditions (TJ = 25C, unless otherwise specified) VDSS VGS(th) IGSS IDSS RDS(on) VGS = 0 V, ID = 250 A VDS = VGS, ID = 250A VGS = 20 VDC, VDS = 0 VDS = VDSS VGS = 0 V TJ = 125C
Characteristic Values Min. Typ. Max. 300 2.5 5.0 100 25 250 92 110 V V nA A A m
PolarHTTM DMOS transistors utilize proprietary designs and process. US patent is pending.
VGS = 10 V, ID = 0.5 ID25 Pulse test, t 300 s, duty cycle d 2 %
(c) 2004 IXYS All rights reserved
DS99155(03/04)
IXTA 36N30P IXTP 36N30P IXTQ 36N30P
Symbol Test Conditions Characteristic Values (TJ = 25C, unless otherwise specified) Min. Typ. Max. 12 22 2250 VGS = 0 V, VDS = 25 V, f = 1 MHz 370 90 VGS = 10 V, VDS = 0.5 VDSS, ID = ID25 RG = 10 (External) 24 30 97 28 70 VGS= 10 V, VDS = 0.5 VDSS, ID = 0.5 ID25 17 35 S pF pF pF ns ns ns ns nC nC nC 0.42 K/W (TO-3P) (TO-220) 0.21 0.25 K/W K/W TO-3P (IXTQ) Outline
gfs Ciss Coss C rss td(on) tr td(off) tf Qg(on) Qgs Qgd RthJC RthCK
VDS= 10 V; ID = 0.5 ID25, pulse test
Source-Drain Diode Symbol IS ISM VSD t rr QRM Test Conditions VGS = 0 V Repetitive
Characteristic Values (TJ = 25C, unless otherwise specified) Min. typ. Max. 36 90 1.5 250 2.0 A A V ns C TO-220 (IXTA) Outline
IF = IS, VGS = 0 V, Pulse test, t 300 s, duty cycle d 2 % IF = 25 A -di/dt = 100 A/s VR = 100 V
TO-263 (IXTP) Outline
Dim. A A1 b b2 c c2 D D1 E E1 e L L1 L2 L3 L4 R Millimeter Min. Max. 4.06 2.03 0.51 1.14 0.46 1.14 8.64 7.11 9.65 6.86 2.54 14.61 2.29 1.02 1.27 0 0.46 4.83 2.79 0.99 1.40 0.74 1.40 9.65 8.13 10.29 8.13 BSC 15.88 2.79 1.40 1.78 0.38 0.74 Inches Min. Max. .160 .080 .020 .045 .018 .045 .340 .280 .380 .270 .100 .575 .090 .040 .050 0 .018 .190 .110 .039 .055 .029 .055 .380 .320 .405 .320 BSC .625 .110 .055 .070 .015 .029
Pins:
1 - Gate
2 - Drain
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,850,072 4,835,592 4,931,844 4,881,106 5,034,796 5,017,508 5,063,307 5,049,961 5,237,481 5,187,117 5,381,025 5,486,715 6,404,065B1 6,306,728B1 6,162,665 6,534,343 6,583,505 6,259,123B1 6,306,728B1 6,683,344
IXTA 36N30P IXTP 36N30P IXTQ 36N30P
Fig. 1. Output Characteristics @ 25C
36 33 30 27 VGS = 10V 9V 8V 90 80 70 VGS = 10V 9V
Fig. 2. Extended Output Characteristics @ 25C
I D - Amperes
I D - Amperes
24 21 18 15 12 9 6 3 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5 6V 7V
60 8V 50 40 30 20 10 0 0 3 6 9 12 15 18 21 24 27 30 6V 7V
V D S - Volts Fig. 3. Output Characteristics @ 125C
36 33 30 27 VGS = 10V 9V 8V 3.1 2.8 VGS = 10V
V D S - Volts Fig. 4. RDS(on) Norm alized to 0.5 ID25 Value vs. Junction Tem perature
R D S ( o n ) - Normalized
2.5 2.2 1.9 1.6 1.3 1 0.7 0.4 I D = 18A I D = 36A
I D - Amperes
24 21 18 15 12 9 6 3 0 0 1 2 3 4 5 6 7 8 9 10 5V 6V 7V
-50
-25
0
25
50
75
100
125
150
V D S - Volts Fig. 5. RDS(on) Norm alized to
4.2 3.8
TJ - Degrees Centigrade Fig. 6. Drain Current vs. Case Tem perature
0.5 ID25 Value vs. ID
VGS = 10V
40 35 30
R D S ( o n ) - Normalized
3.4
I D - Amperes
TJ = 25C
3 2.6 2.2 1.8 1.4 1 0.6 0 10 20
TJ = 125C
25 20 15 10 5 0
30
I D - Amperes
40
50
60
70
80
90
-50
-25
TC - Degrees Centigrade
0
25
50
75
100
125
150
(c) 2004 IXYS All rights reserved
IXTA 36N30P IXTP 36N30P IXTQ 36N30P
Fig. 7. Input Adm ittance
70 60 50 35 30 25 TJ = -40C 25C 125C
Fig. 8. Transconductance
g f s - Siemens
I D - Amperes
40 30 20 10 0 4.5 5 5.5 6 6.5 7 7.5 8 8.5 TJ = 125C 25C -40C
20 15 10 5 0 0 10 20 30 40 50 60 70
80
90
V G S - Volts Fig. 9. Source Current vs. Source-To-Drain Voltage
100 90 80 10 9 8 7 VDS = 150V I D = 18A I G = 10mA
I D - Amperes Fig. 10. Gate Charge
I S - Amperes
70
VG S - Volts
TJ = 25C 0.9 1 1.1 1.2 1.3
60 50 40 30 20 10 0 0.4 0.5 0.6 0.7 TJ = 125C
6 5 4 3 2 1 0
V S D - Volts
0.8
0
10
20
30
40
50
60
70
Q G - nanoCoulombs Fig. 12. Forw ard-Bias Safe Operating Area
1000 TJ = 150C R DS(on) Limit TC = 25C
Fig. 11. Capacitance
10000 f = 1MHz C iss
Capacitance - picoFarads
I D - Amperes
1000 C oss
100
25s 100s 10 1ms 10ms DC 1
100 C rss
10 0 5 10 15
V D S - Volts
20
25
30
35
40
10
100
1000
V D S - Volts
5,063,307 5,049,961 5,237,481 5,187,117 5,381,025 5,486,715 6,404,065B1 6,306,728B1 6,162,665 6,534,343 6,583,505 6,259,123B1 6,306,728B1 6,683,344
IXYS reserves the right to change limits, test conditions, and dimensions.
IXYS MOSFETs and IGBTs are covered by one or more of the following U.S. patents: 4,850,072 4,835,592 4,931,844 4,881,106 5,034,796 5,017,508
IXTA 36N30P IXTP 36N30P IXTQ 36N30P
Fig . 1 3 . M a x im u m T r a n s ie n t T h e r m a l R e s is t a n c e
0.45 0.40 0.35
R ( t h ) J C - C / W
0.30 0.25 0.20 0.15 0.10 0.05 1 10 100 1000
Pu ls e W id th - m illis e c o n d s
(c) 2004 IXYS All rights reserved


▲Up To Search▲   

 
Price & Availability of IXTA36N30P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X