Part Number Hot Search : 
B7663 2N5007 HCTS74D 2SD14 21200 CBT6832E BCM9432 8353D
Product Description
Full Text Search
 

To Download IS82C54-10Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
82C54
Data Sheet July 11, 2005 FN2970.4
CMOS Programmable Intervel Timer
The Intersil 82C54 is a high performance CMOS Programmable Interval Timer manufactured using an advanced 2 micron CMOS process. The 82C54 has three independently programmable and functional 16-bit counters, each capable of handling clock input frequencies of up to 8MHz (82C54) or 10MHz (82C54-10) or 12MHz (82C54-12). The high speed and industry standard configuration of the 82C54 make it compatible with the Intersil 80C86, 80C88, and 80C286 CMOS microprocessors along with many other industry standard processors. Six programmable timer modes allow the 82C54 to be used as an event counter, elapsed time indicator, programmable one-shot, and many other applications. Static CMOS circuit design insures low power operation. The Intersil advanced CMOS process results in a significant reduction in power with performance equal to or greater than existing equivalent products.
Features
* 8MHz to 12MHz Clock Input Frequency * Compatible with NMOS 8254 - Enhanced Version of NMOS 8253 * Three Independent 16-Bit Counters * Six Programmable Counter Modes * Status Read Back Command * Binary or BCD Counting * Fully TTL Compatible * Single 5V Power Supply * Low Power - ICCSB. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10A - ICCOP . . . . . . . . . . . . . . . . . . . . . . . . . . 10mA at 8MHz * Operating Temperature Ranges - CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC - IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC - MD82C54 . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC * Pb-Free Plus Anneal Available (RoHS Compliant)
Pinouts
82C54 (PDIP, CERDIP) TOP VIEW
D7 1 D6 2 D5 3 D4 4 D3 5 D2 6 D1 7 D0 8 CLK 0 9 OUT 0 10 GATE 0 11 GND 12 24 VCC 23 WR 22 RD 21 CS 20 A1 19 A0 18 CLK 2 17 OUT 2 16 GATE 2 15 CLK 1 14 GATE 1 13 OUT 1
D4 5 D3 6 D2 7 D1 8 D0 9 CLK 0 10 NC 11
82C54 (PLCC/CLCC) TOP VIEW
VCC NC WR D5 D6 D7 RD 25 NC 24 CS 23 A1 22 A0 21 CLK2 20 OUT 2 19 GATE 2 CLK 1
4
3
2
1
28 27 26
12 OUT 0
13 14 15 16 17 18 GND NC OUT 1 GATE 0 GATE 1
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright (c) Intersil Americas Inc. 2003, 2005. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
82C54 Ordering Information
PART NUMBERS 8MHz CP82C54 CP82C54Z (See Note) CS82C54* CS82C54Z* (See Note) ID82C54 IP82C54 IP82C54Z (See Note) IS82C54* IS82C54Z (See Note) MD82C54/B SMD # 8406501JA SMD# 84065013A Contact factory for availability. *Add "96" suffix for tape and reel. **Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. IP82C54-10 IP82C54-10Z (See Note) IS82C54-10* IS82C54-10Z (See Note) 84065023A 10MHz CP82C54-10 12MHz CP82C54-12 TEMPERATURE RANGE 0oC to +70oC 0oC to +70oC 0oC to +70oC 0oC to +70oC -40oC to +85oC -40oC to +85oC -40oC to +85oC -40oC to +85oC -40oC to +85oC -55oC to +125oC -55oC to +125oC -55oC to +125oC PACKAGE 24 Lead PDIP PKG. DWG. # E24.6
CP82C54-10Z (See Note) CP82C54-12Z (See Note) CS82C54-10* CS82C54-12
24 Lead PDIP** (Pb-free) E24.6 28 Lead PLCC N28.45
CS82C54-10Z* (See Note) CS82C54-12Z* (See Note) -
28 Lead PLCC (Pb-free) N28.45 24 Lead CERDIP 24 Lead PDIP F24.6 E24.6
24 Lead PDIP** (Pb-free) E24.6 28 Lead PLCC N28.45
28 Lead PLCC (Pb-free) N28.45 24 Lead CERDIP 24 Lead CERDIP 28 Lead CLCC F24.6 F24.6 J28.A
2
82C54
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC +0.5V ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Thermal Information
Thermal Resistance (Typical)
JA (oC/W) JC (oC/W)
Operating Conditions
Operating Voltage Range. . . . . . . . . . . . . . . . . . . . . . +4.5V to +5.5V Operating Temperature Range CX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to +70oC IX82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to +85oC MD82C54 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to +125oC
CERDIP Package. . . . . . . . . . . . . . . . . 55 12 CLCC Package. . . . . . . . . . . . . . . . . . . 65 14 PDIP Package*. . . . . . . . . . . . . . . . . . . 55 N/A PLCC Package. . . . . . . . . . . . . . . . . . . 60 N/A Storage Temperature Range . . . . . . . . . . . . . . . . . -65oC to +150oC Maximum Junction Temperature Ceramic Package. . . . . . . .+175oC Maximum Junction Temperature Plastic Package . . . . . . . . .+150oC Maximum Lead Temperature Package (Soldering 10s). . . . .+300oC (PLCC - Lead Tips Only) *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2250 Gates
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
DC Electrical Specifications
SYMBOL VIH
VCC = +5.0V 10%, Includes all Temperature Ranges MIN 2.0 2.2 MAX 0.8 0.4 +1 +10 10 UNITS V V V V V V A A A TEST CONDITIONS CX82C54, IX82C54 MD82C54 IOH = -2.5mA IOH = -100A IOL = +2.5mA VIN = GND or VCC DIP Pins 9,11,14-16,18-23 VOUT = GND or VCC DIP Pins 1-8 VCC = 5.5V, VIN = GND or VCC, Outputs Open, Counters Programmed VCC = 5.5V, CLK0 = CLK1 = CLK2 = 8MHz, VIN = GND or VCC, Outputs Open
PARAMETER Logical One Input Voltage
VIL VOH
Logical Zero Input Voltage Output HIGH Voltage
3.0 VCC -0.4
VOL II IO ICCSB
Output LOW Voltage Input Leakage Current Output Leakage Current Standby Power Supply Current
-1 -10 -
ICCOP
Operating Power Supply Current
-
10
mA
Capacitance
SYMBOL CIN COUT CI/O NOTE:
TA = +25oC; All Measurements Referenced to Device GND, Note 1 PARAMETER Input Capacitance Output Capacitance I/O Capacitance TYP 20 20 20 UNITS pF pF pF TEST CONDITIONS FREQ = 1MHz FREQ = 1MHz FREQ = 1MHz
1. Not tested, but characterized at initial design and at major process/design changes.
3
82C54
AC Electrical SpecificationsVCC = +5.0V 10%, Includes all Temperature Ranges
82C54 SYMBOL READ CYCLE (1) (2) (3) (4) (5) (6) (7) (8) TAR TSR TRA TRR TRD TAD TDF TRV Address Stable Before RD CS Stable Before RD Address Hold Time After RD RD Pulse Width Data Delay from RD Data Delay from Address RD to Data Floating Command Recovery Time 30 0 0 150 5 200 120 210 85 25 0 0 95 5 165 85 185 65 25 0 0 95 5 165 85 185 65 ns ns ns ns ns ns ns ns 1 1 1 1 1 1 2, Note 1 PARAMETER MIN MAX 82C54-10 MIN MAX 82C54-12 MIN MAX UNITS TEST CONDITIONS
WRITE CYCLE (9) (10) (11) (12) (13) (14) (15) TAW TSW TWA TWW TDW TWD TRV Address Stable Before WR CS Stable Before WR Address Hold Time After WR WR Pulse Width Data Setup Time Before WR Data Hold Time After WR Command Recovery Time 0 0 0 95 140 25 200 0 0 0 95 95 0 165 0 0 0 95 95 0 165 ns ns ns ns ns ns ns
CLOCK AND GATE (16) (17) (18) (19) (20) (21) (22) (23) (24) (25) (26) (27) (28) (29) (30) NOTE: 1. Not tested, but characterized at initial design and at major process/design changes. TCLK TPWH TPWL TR TF TGW TGL TGS TGH TOD TODG TWO TWC TWG TCL Clock Period High Pulse Width Low Pulse Width Clock Rise Time Clock Fall Time Gate Width High Gate Width Low Gate Setup Time to CLK Gate Hold Time After CLK Output Delay from CLK Output Delay from Gate OUT Delay from Mode Write CLK Delay for Loading Gate Delay for Sampling CLK Setup for Count Latch 125 60 60 50 50 50 50 0 -5 -40 DC 25 25 150 120 260 55 40 40 100 30 40 50 50 40 50 0 -5 -40 DC 25 25 100 100 240 55 40 40 80 30 30 50 50 40 50 0 -5 -40 DC 25 25 100 100 240 55 40 40 ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 1 1 1 1 1 1 1 1 1 1 1 1 1
4
82C54 Functional Diagram
DATA/ BUS BUFFER CLK 0 COUNTER 0 GATE 0 OUT 0 CONTROL WORD REGISTER RD WR A0 A1 CS READ/ WRITE LOGIC INTERNAL BUS COUNTER 1 CLK 1 GATE 1 OUT 1 CONTROL LOGIC CE STATUS LATCH CRM STATUS REGISTER CRL INTERNAL BUS
D7 - D 0
8
CLK 2 CONTROL WORD REGISTER COUNTER 2 GATE 2 OUT 2 GATE n CLK n OUT n
OLM
OLL
COUNTER INTERNAL BLOCK DIAGRAM
Pin Description
SYMBOL D7 - D0 CLK 0 OUT 0 GATE 0 GND OUT 1 GATE 1 CLK 1 GATE 2 OUT 2 CLK 2 A0, A1 DIP PIN NUMBER 1-8 9 10 11 12 13 14 15 16 17 18 19 - 20 O I I I O I I TYPE I/O I O I DEFINITION DATA: Bi-directional three-state data bus lines, connected to system data bus. CLOCK 0: Clock input of Counter 0. OUT 0: Output of Counter 0. GATE 0: Gate input of Counter 0. GROUND: Power supply connection. OUT 1: Output of Counter 1. GATE 1: Gate input of Counter 1. CLOCK 1: Clock input of Counter 1. GATE 2: Gate input of Counter 2. OUT 2: Output of Counter 2. CLOCK 2: Clock input of Counter 2. ADDRESS: Select inputs for one of the three counters or Control Word Register for read/write operations. Normally connected to the system address bus. A1 0 0 1 1 CS RD WR VCC 21 22 23 24 I I I A0 0 1 0 1 SELECTS Counter 0 Counter 1 Counter 2 Control Word Register
CHIP SELECT: A low on this input enables the 82C54 to respond to RD and WR signals. RD and WR are ignored otherwise. READ: This input is low during CPU read operations. WRITE: This input is low during CPU write operations. VCC: The +5V power supply pin. A 0.1F capacitor between pins VCC and GND is recommended for decoupling.
5
82C54 Functional Description
General
The 82C54 is a programmable interval timer/counter designed for use with microcomputer systems. It is a general purpose, multi-timing element that can be treated as an array of I/O ports in the system software. The 82C54 solves one of the most common problems in any microcomputer system, the generation of accurate time delays under software control. Instead of setting up timing loops in software, the programmer configures the 82C54 to match his requirements and programs one of the counters for the desired delay. After the desired delay, the 82C54 will interrupt the CPU. Software overhead is minimal and variable length delays can easily be accommodated. Some of the other computer/timer functions common to microcomputers which can be implemented with the 82C54 are: * Real time clock * Event counter * Digital one-shot * Programmable rate generator * Square wave generator * Binary rate multiplier * Complex waveform generator * Complex motor controller
RD WR A0 A1 CS CLK 0 COUNTER 0 GATE 0 OUT 0 CONTROL WORD REGISTER COUNTER 2 CLK 2 GATE 2 OUT 2 READ/ WRITE LOGIC INTERNAL BUS COUNTER 1 CLK 1 GATE 1 OUT 1 D7 - D 0 8 DATA/ BUS BUFFER CLK 0 COUNTER 0 GATE 0 OUT 0
Read/Write Logic
The Read/Write Logic accepts inputs from the system bus and generates control signals for the other functional blocks of the 82C54. A1 and A0 select one of the three counters or the Control Word Register to be read from/written into. A "low" on the RD input tells the 82C54 that the CPU is reading one of the counters. A "low" on the WR input tells the 82C54 that the CPU is writing either a Control Word or an initial count. Both RD and WR are qualified by CS; RD and WR are ignored unless the 82C54 has been selected by holding CS low.
Control Word Register
The Control Word Register (Figure 2) is selected by the Read/Write Logic when A1, A0 = 11. If the CPU then does a write operation to the 82C54, the data is stored in the Control Word Register and is interpreted as a Control Word used to define the Counter operation. The Control Word Register can only be written to; status information is available with the Read-Back Command.
Data Bus Buffer
This three-state, bi-directional, 8-bit buffer is used to interface the 82C54 to the system bus (see Figure 1).
D7 - D0
8
DATA/ BUS BUFFER
RD INTERNAL BUS WR A0 A1 CS READ/ WRITE LOGIC COUNTER 1
CLK 1 GATE 1 OUT 1
FIGURE 2. CONTROL WORD REGISTER AND COUNTER FUNCTIONS
Counter 0, Counter 1, Counter 2
These three functional blocks are identical in operation, so only a single Counter will be described. The internal block diagram of a signal counter is shown in Figure 3. The counters are fully independent. Each Counter may operate in a different Mode. The Control Word Register is shown in the figure; it is not part of the Counter itself, but its contents determine how the Counter operates.
CLK 2 CONTROL WORD REGISTER COUNTER 2 GATE 2 OUT 2
FIGURE 1. DATA BUS BUFFER AND READ/WRITE LOGIC FUNCTIONS
6
82C54
The status register, shown in the figure, when latched, contains the current contents of the Control Word Register and status of the output and null count flag. (See detailed explanation of the Read-Back command.) The actual counter is labeled CE (for Counting Element). It is a 16-bit presettable synchronous down counter.
INTERNAL BUS
82C54 System Interface
The 82C54 is treated by the system software as an array of peripheral I/O ports; three are counters and the fourth is a control register for MODE programming. Basically, the select inputs A0, A1 connect to the A0, A1 address bus signals of the CPU. The CS can be derived directly from the address bus using a linear select method or it can be connected to the output of a decoder.
CONTROL WORD REGISTER
STATUS LATCH CRM STATUS REGISTER CRL
Operational Description
General
After power-up, the state of the 82C54 is undefined. The Mode, count value, and output of all Counters are undefined. How each Counter operates is determined when it is programmed. Each Counter must be programmed before it can be used. Unused counters need not be programmed.
CONTROL LOGIC
CE
Programming the 82C54
OLM OLL
Counters are programmed by writing a Control Word and then an initial count. All Control Words are written into the Control Word Register, which is selected when A1, A0 = 11. The Control Word specifies which Counter is being programmed. By contrast, initial counts are written into the Counters, not the Control Word Register. The A1, A0 inputs are used to select the Counter to be written into. The format of the initial count is determined by the Control Word used.
ADDRESS BUS (16) A1 A0 CONTROL BUS I/OR I/OW DATA BUS (8) 8 A1 A0 CS D0 - D7 82C54 COUNTER 1 OUT GATE CLK RD WR
GATE n CLK n OUT n
FIGURE 3. COUNTER INTERNAL BLOCK DIAGRAM
OLM and OLL are two 8-bit latches. OL stands for "Output Latch"; the subscripts M and L for "Most significant byte" and "Least significant byte", respectively. Both are normally referred to as one unit and called just OL. These latches normally "follow" the CE, but if a suitable Counter Latch Command is sent to the 82C54, the latches "latch" the present count until read by the CPU and then return to "following" the CE. One latch at a time is enabled by the counter's Control Logic to drive the internal bus. This is how the 16-bit Counter communicates over the 8-bit internal bus. Note that the CE itself cannot be read; whenever you read the count, it is the OL that is being read. Similarly, there are two 8-bit registers called CRM and CRL (for "Count Register"). Both are normally referred to as one unit and called just CR. When a new count is written to the Counter, the count is stored in the CR and later transferred to the CE. The Control Logic allows one register at a time to be loaded from the internal bus. Both bytes are transferred to the CE simultaneously. CRM and CRL are cleared when the Counter is programmed for one byte counts (either most significant byte only or least significant byte only) the other byte will be zero. Note that the CE cannot be written into; whenever a count is written, it is written into the CR. The Control Logic is also shown in the diagram. CLK n, GATE n, and OUT n are all connected to the outside world through the Control Logic.
COUNTER 0 OUT GATE CLK
COUNTER 2 OUT GATE CLK
FIGURE 4. COUNTER INTERNAL BLOCK DIAGRAM
Write Operations
The programming procedure for the 82C54 is very flexible. Only two conventions need to be remembered: 1. For Each Counter, the Control Word must be written before the initial count is written. 2. The initial count must follow the count format specified in the Control Word (least significant byte only, most significant byte only, or least significant byte and then most significant byte).
7
82C54
Since the Control Word Register and the three Counters have separate addresses (selected by the A1, A0 inputs), and each Control Word specifies the Counter it applies to (SC0, SC1 bits), no special instruction sequence is required. Any programming sequence that follows the conventions above is acceptable. CONTROL WORD FORMAT A1, A0 = 11; CS = 0; RD = 1; WR = 0
D7 SC1 D6 SC0 D5 RW1 D4 RW0 D3 M2 D2 M1 D1 M0 D0 BCD POSSIBLE PROGRAMMING SEQUENCE A1 Control Word - Counter 0 LSB of Count - Counter 0 MSB of Count - Counter 0 Control Word - Counter 1 LSB of Count - Counter 1 MSB of Count - Counter 1 Control Word - Counter 2 LSB of Count - Counter 2 MSB of Count - Counter 2 Select Counter 0 Select Counter 1 Select Counter 2 Read-Back Command (See Read Operations) RW - READ/WRITE RW1 RW0 0 0 1 1 0 1 0 1 Counter Latch Command (See Read Operations) Read/Write least significant byte only. Read/Write most significant byte only. Read/Write least significant byte first, then most significant byte. M - MODE M2 0 0 X X 1 1 M1 0 0 1 1 0 0 M0 0 1 0 1 0 1 Mode 0 Mode 1 Mode 2 Mode 3 Mode 4 Mode 5 Control Word - Counter 2 Control Word - Counter 1 Control Word - Counter 0 LSB of Count - Counter 2 MSB of Count - Counter 2 LSB of Count - Counter 1 MSB of Count - Counter 1 LSB of Count - Counter 0 MSB of Count - Counter 0 Control Word - Counter 0 Control Word - Counter 1 Control Word - Counter 2 LSB of Count - Counter 2 LSB of Count - Counter 1 LSB of Count - Counter 0 MSB of Count - Counter 0 MSB of Count - Counter 1 MSB of Count - Counter 2 1 0 0 1 0 0 1 1 1 A0 1 0 0 1 1 1 1 0 0
SC - SELECT COUNTER SC1 0 0 1 1 SC0 0 1 0 1
POSSIBLE PROGRAMMING SEQUENCE A1 1 1 1 1 0 0 0 0 1 A0 1 1 1 0 1 0 0 1 0
POSSIBLE PROGRAMMING SEQUENCE A1 1 1 1 1 1 0 0 0 0 A0 1 1 1 0 0 1 1 0 0
BCD - BINARY CODED DECIMAL 0 1 Binary Counter 16-bit Binary Coded Decimal (BCD) Counter (4 Decades)
NOTE: Don't Care bits (X) should be 0 to insure compatibility with future products.
8
82C54
POSSIBLE PROGRAMMING SEQUENCE A1 Control Word - Counter 1 Control Word - Counter 0 LSB of Count - Counter 1 Control Word - Counter 2 LSB of Count - Counter 0 MSB of Count - Counter 1 LSB of Count - Counter 2 MSB of Count - Counter 0 MSB of Count - Counter 2 1 1 0 1 0 0 1 0 1 A0 1 1 1 1 0 1 0 0 0
SC1, SC0 - specify counter to be latched
SC1 0 0 1 1 SC0 0 1 0 1 COUNTER 0 1 2 Read-Back Command
D5, D4 - 00 designates Counter Latch Command, X - Don't Care. NOTE: Don't Care bits (X) should be 0 to insure compatibility with future products.
NOTE: In all four examples, all counters are programmed to Read/Write two-byte counts. These are only four of many programming sequences.
A new initial count may be written to a Counter at any time without affecting the Counter's programmed Mode in any way. Counting will be affected as described in the Mode definitions. The new count must follow the programmed count format. If a Counter is programmed to read/write two-byte counts, the following precaution applies. A program must not transfer control between writing the first and second byte to another routine which also writes into that same Counter. Otherwise, the Counter will be loaded with an incorrect count. READ OPERATIONS It is often desirable to read the value of a Counter without disturbing the count in progress. This is easily done in the 82C54. There are three possible methods for reading the Counters. The first is through the Read-Back command, which is explained later. The second is a simple read operation of the Counter, which is selected with the A1, A0 inputs. The only requirement is that the CLK input of the selected Counter must be inhibited by using either the GATE input or external logic. Otherwise, the count may be in process of changing when it is read, giving an undefined result. COUNTER LATCH COMMAND The other method for reading the Counters involves a special software command called the "Counter Latch Command". Like a Control Word, this command is written to the Control Word Register, which is selected when A1, A0 = 11. Also, like a Control Word, the SC0, SC1 bits select one of the three Counters, but two other bits, D5 and D4, distinguish this command from a Control Word.
.
The selected Counter's output latch (OL) latches the count when the Counter Latch Command is received. This count is held in the latch until it is read by the CPU (or until the Counter is reprogrammed). The count is then unlatched automatically and the OL returns to "following" the counting element (CE). This allows reading the contents of the Counters "on the fly" without affecting counting in progress. Multiple Counter Latch Commands may be used to latch more than one Counter. Each latched Counter's OL holds its count until read. Counter Latch Commands do not affect the programmed Mode of the Counter in any way. If a Counter is latched and then, some time later, latched again before the count is read, the second Counter Latch Command is ignored. The count read will be the count at the time the first Counter Latch Command was issued. With either method, the count must be read according to the programmed format; specifically, if the Counter is programmed for two byte counts, two bytes must be read. The two bytes do not have to be read one right after the other; read or write or programming operations of other Counters may be inserted between them. Another feature of the 82C54 is that reads and writes of the same Counter may be interleaved; for example, if the Counter is programmed for two byte counts, the following sequence is valid. 1. Read least significant byte. 2. Write new least significant byte. 3. Read most significant byte. 4. Write new most significant byte. If a counter is programmed to read or write two-byte counts, the following precaution applies: A program MUST NOT transfer control between reading the first and second byte to another routine which also reads from that same Counter. Otherwise, an incorrect count will be read. READ-BACK COMMAND The read-back command allows the user to check the count value, programmed Mode, and current state of the OUT pin and Null Count flag of the selected counter(s). The command is written into the Control Word Register and has the format shown in Figure 5. The command applies to
A1, A0 = 11; CS = 0; RD = 1; WR = 0
D7 SC1 D6 SC0 D5 0 D4 0 D3 X D2 X D1 X D0 X
9
82C54
the counters selected by setting their corresponding bits D3, D2, D1 = 1. A0, A1 = 11; CS = 0; RD = 1; WR = 0
D7 1 D6 1 D5 COUNT D4 STATUS D3 D2 D1 D0 0
CNT 2 CNT 1 CNT 0
D5:0=Latch count of selected Counter (s) D4:0=Latch status of selected Counter(s) D3:1=Select Counter 2 D2:1=Select Counter 1 D1:1=Select Counter 0 D0:Reserved for future expansion; Must be 0 FIGURE 5. READ-BACK COMMAND FORMAT
NULL COUNT bit D6 indicates when the last count written to the counter register (CR) has been loaded into the counting element (CE). The exact time this happens depends on the Mode of the counter and is described in the Mode Definitions, but until the counter is loaded into the counting element (CE), it can't be read from the counter. If the count is latched or read before this time, the count value will not reflect the new count just written. The operation of Null Count is shown below. THIS ACTION: CAUSES: A. Write to the control word register:(1) . . . . Null Count = 1 B. Write to the count register (CR):(2) . . . . . Null Count = 1 C. New count is loaded into CE (CR - CE) . . Null Count = 0 1. Only the counter specified by the control word will have its null count set to 1. Null count bits of other counters are unaffected. 2. If the counter is programmed for two-byte counts (least significant byte then most significant byte) null count goes to 1 when the second byte is written. If multiple status latch operations of the counter(s) are performed without reading the status, all but the first are ignored; i.e., the status that will be read is the status of the counter at the time the first status read-back command was issued. Both count and status of the selected counter(s) may be latched simultaneously by setting both COUNT and STATUS bits D5, D4 = 0. This is functionally the same as issuing two separate read-back commands at once, and the above discussions apply here also. Specifically, if multiple count and/or status read-back commands are issued to the same counter(s) without any intervening reads, all but the first are ignored. This is illustrated in Figure 7. If both count and status of a counter are latched, the first read operation of that counter will return latched status, regardless of which was latched first. The next one or two reads (depending on whether the counter is programmed for one or two type counts) return latched count. Subsequent reads return unlatched count.
The read-back command may be used to latch multiple counter output latches (OL) by setting the COUNT bit D5 = 0 and selecting the desired counter(s). This signal command is functionally equivalent to several counter latch commands, one for each counter latched. Each counter's latched count is held until it is read (or the counter is reprogrammed). That counter is automatically unlatched when read, but other counters remain latched until they are read. If multiple count read-back commands are issued to the same counter without reading the count, all but the first are ignored; i.e., the count which will be read is the count at the time the first read-back command was issued. The read-back command may also be used to latch status information of selected counter(s) by setting STATUS bit D4 = 0. Status must be latched to be read; status of a counter is accessed by a read from that counter. The counter status format is shown in Figure 6. Bits D5 through D0 contain the counter's programmed Mode exactly as written in the last Mode Control Word. OUTPUT bit D7 contains the current state of the OUT pin. This allows the user to monitor the counter's output via software, possibly eliminating some hardware from a system.
D7 OUTPUT D6 NULL COUNT D5 D4 D3 M2 D2 M1 D1 M0 D0 BCD
RW1 RW0
D7:1=Out pin is 1 0=Out pin is 0 D6:1=Null count 0=Count available for reading D5-D0=Counter programmed mode (See Control Word Formats) FIGURE 6. STATUS BYTE
10
82C54
COMMANDS D7 1 1 1 1 1 1 D6 1 1 1 1 1 1 D5 0 1 1 0 0 1 D4 0 0 0 1 0 0 D3 0 0 1 1 0 0 D2 0 1 1 0 1 0 D1 1 0 0 0 0 1 D0 0 0 0 0 0 0 DESCRIPTION Read-Back Count and Status of Counter 0 Read-Back Status of Counter 1 Read-Back Status of Counters 2, 1 Read-Back Count of Counter 2 Read-Back Count and Status of Counter 1 Read-Back Status of Counter 1 RESULT Count and Status Latched for Counter 0 Status Latched for Counter 1 Status Latched for Counter 2, But Not Counter 1 Count Latched for Counter 2 Count Latched for Counter 1, But Not Status Command Ignored, Status Already Latched for Counter 1
FIGURE 7. READ-BACK COMMAND EXAMPLE
CS 0 0 0 0 0 0 0 0 1 0
RD 1 1 1 1 0 0 0 0 X 1
WR 0 0 0 0 1 1 1 1 X 1
A1 0 0 1 1 0 0 1 1 X X
A0 0 1 0 1 0 1 0 1 X X Write into Counter 0 Write into Counter 1 Write into Counter 2 Write Control Word Read from Counter 0 Read from Counter 1 Read from Counter 2 No-Operation (Three-State) No-Operation (Three-State) No-Operation (Three-State)
MODE 0: INTERRUPT ON TERMINAL COUNT Mode 0 is typically used for event counting. After the Control Word is written, OUT is initially low, and will remain low until the Counter reaches zero. OUT then goes high and remains high until a new count or a new Mode 0 Control Word is written to the Counter. GATE = 1 enables counting; GATE = 0 disables counting. GATE has no effect on OUT. After the Control Word and initial count are written to a Counter, the initial count will be loaded on the next CLK pulse. This CLK pulse does not decrement the count, so for an initial count of N, OUT does not go high until N + 1 CLK pulses after the initial count is written. If a new count is written to the Counter it will be loaded on the next CLK pulse and counting will continue from the new count. If a two-byte count is written, the following happens: 1. Writing the first byte disables counting. Out is set low immediately (no clock pulse required). 2. Writing the second byte allows the new count to be loaded on the next CLK pulse. This allows the counting sequence to be synchronized by software. Again OUT does not go high until N + 1 CLK pulses after the new count of N is written.
FIGURE 8. READ/WRITE OPERATIONS SUMMARY
MODE DEFINITIONS The following are defined for use in describing the operation of the 82C54. CLK PULSE - A rising edge, then a falling edge, in that order, of a Counter's CLK input. TRIGGER - A rising edge of a Counter's Gate input. COUNTER LOADING - The transfer of a count from the CR to the CE (See "Functional Description")
11
82C54
If an initial count is written while GATE = 0, it will still be loaded on the next CLK pulse. When GATE goes high, OUT will go high N CLK pulses later; no CLK pulse is needed to load the counter as this has already been done.
CW = 10 WR CLK GATE OUT N N N N 0 4 0 3 0 2 0 1 0 0 FF FF FF FE LSB = 4
MODE 1: HARDWARE RETRIGGERABLE ONE-SHOT OUT will be initially high. OUT will go low on the CLK pulse following a trigger to begin the one-shot pulse, and will remain low until the Counter reaches zero. OUT will then go high and remain high until the CLK pulse after the next trigger. After writing the Control Word and initial count, the Counter is armed. A trigger results in loading the Counter and setting OUT low on the next CLK pulse, thus starting the one-shot pulse N CLK cycles in duration. The one-shot is retriggerable, hence OUT will remain low for N CLK pulses after any trigger. The one-shot pulse can be repeated without rewriting the same count into the counter. GATE has no effect on OUT. If a new count is written to the Counter during a one-shot pulse, the current one-shot is not affected unless the Counter is retriggerable. In that case, the Counter is loaded with the new count and the one-shot pulse continues until the new count expires.
CW = 12 WR LSB = 3
CW = 10 WR CLK GATE OUT N N
LSB = 3
N
N
0 3
0 2
0 2
0 2
0 1
0 0
FF FF
CLK
CW = 10 WR CLK GATE OUT N N
LSB = 3
LSB = 2 GATE
OUT N N N N N 0 3 0 2 0 1 0 0 FF FF 0 3 0 2
N
N
0 3
0 2
0 1
0 2
0 1
0 0
FF FF WR
CW = 12
LSB = 3
FIGURE 9. MODE 0 NOTES: The following conventions apply to all mode timing diagrams. 1. Counters are programmed for binary (not BCD) counting and for reading/writing least significant byte (LSB) only. 2. The counter is always selected (CS always low). 3. CW stands for "Control Word"; CW = 10 means a control word of 10, Hex is written to the counter. 4. LSB stands for Least significant "byte" of count. 5. Numbers below diagrams are count values. The lower number is the least significant byte. The upper number is the most significant byte. Since the counter is programmed to read/write LSB only, the most significant byte cannot be read. 6. N stands for an undefined count. 7. Vertical lines show transitions between count values.
CLK OUT N N N N N 0 3 0 2 0 1 0 3 0 2 0 1 0 0 CLK
GATE
CW = 12 WR
LSB = 2
LSB = 4
GATE
OUT N N N N N 0 2 0 1 0 0 FF FF FF FE 0 4 0 3
FIGURE 10. MODE 1
12
82C54
MODE 2: RATE GENERATOR This Mode functions like a divide-by-N counter. It is typically used to generate a Real Time Clock Interrupt. OUT will initially be high. When the initial count has decremented to 1, OUT goes low for one CLK pulse. OUT then goes high again, the Counter reloads the initial count and the process is repeated. Mode 2 is periodic; the same sequence is repeated indefinitely. For an initial count of N, the sequence repeats every N CLK cycles. GATE = 1 enables counting; GATE = 0 disables counting. If GATE goes low during an output pulse, OUT is set high immediately. A trigger reloads the Counter with the initial count on the next CLK pulse; OUT goes low N CLK pulses after the trigger. Thus the GATE input can be used to synchronize the Counter. After writing a Control Word and initial count, the Counter will be loaded on the next CLK pulse. OUT goes low N CLK pulses after the initial count is written. This allows the Counter to be synchronized by software also. Writing a new count while counting does not affect the current counting sequence. If a trigger is received after writing a new count but before the end of the current period, the Counter will be loaded with the new count on the next CLK pulse and counting will continue from the end of the current counting cycle.
CW = 14 WR CLK CLK GATE GATE OUT OUT N N N N 0 3 0 2 0 1 0 3 0 2 0 1 0 3 WR N N N N 0 4 0 2 0 4 0 2 0 4 0 2 0 4 0 2 0 4 0 2 LSB = 3
MODE 3: SQUARE WAVE MODE Mode 3 is typically used for Baud rate generation. Mode 3 is similar to Mode 2 except for the duty cycle of OUT. OUT will initially be high. When half the initial count has expired, OUT goes low for the remainder of the count. Mode 3 is periodic; the sequence above is repeated indefinitely. An initial count of N results in a square wave with a period of N CLK cycles. GATE = 1 enables counting; GATE = 0 disables counting. If GATE goes low while OUT is low, OUT is set high immediately; no CLK pulse is required. A trigger reloads the Counter with the initial count on the next CLK pulse. Thus the GATE input can be used to synchronize the Counter. After writing a Control Word and initial count, the Counter will be loaded on the next CLK pulse. This allows the Counter to be synchronized by software also. Writing a new count while counting does not affect the current counting sequence. If a trigger is received after writing a new count but before the end of the current halfcycle of the square wave, the Counter will be loaded with the new count on the next CLK pulse and counting will continue from the new count. Otherwise, the new count will be loaded at the end of the current half-cycle.
CW = 16 LSB = 4 WR
CW = 16 LSB = 5 CW = 14 WR CLK CLK GATE GATE OUT N N N N N 0 3 0 2 LSB = 5 0 2 0 3 0 2 0 1 0 3 WR N N N 0 5 0 4 0 2 0 5 0 2 0 5 0 4 0 2 0 5 0 2 LSB = 3
OUT
CW = 16 LSB = 4
CW = 14 WR
LSB = 4
CLK CLK GATE GATE OUT N N N N 0 4 0 3 0 2 0 1 0 5 0 4 0 3 OUT N N N N 0 4 0 2 0 4 0 2 0 2 0 2 0 4 0 2 0 4 0 2
FIGURE 11. MODE 2
FIGURE 12. MODE 3
13
82C54
Mode 3 Is Implemented As Follows EVEN COUNTS - OUT is initially high. The initial count is loaded on one CLK pulse and then is decremented by two on succeeding CLK pulses. When the count expires, OUT changes value and the Counter is reloaded with the initial count. The above process is repeated indefinitely. ODD COUNTS - OUT is initially high. The initial count is loaded on one CLK pulse, decremented by one on the next CLK pulse, and then decremented by two on succeeding CLK pulses. When the count expires, OUT goes low and the Counter is reloaded with the initial count. The count is decremented by three on the next CLK pulse, and then by two on succeeding CLK pulses. When the count expires, OUT goes high again and the Counter is reloaded with the initial count. The above process is repeated indefinitely. So for odd counts, OUT will be high for (N + 1)/2 counts and low for (N - 1)/2 counts. MODE 4: SOFTWARE TRIGGERED MODE OUT will be initially high. When the initial count expires, OUT will go low for one CLK pulse then go high again. The counting sequence is "Triggered" by writing the initial count. GATE = 1 enables counting; GATE = 0 disables counting. GATE has no effect on OUT. After writing a Control Word and initial count, the Counter will be loaded on the next CLK pulse. This CLK pulse does not decrement the count, so for an initial count of N, OUT does not strobe low until N + 1 CLK pulses after the initial count is written. If a new count is written during counting, it will be loaded on the next CLK pulse and counting will continue from the new count. If a two-byte count is written, the following happens: 1. Writing the first byte has no effect on counting. 2. Writing the second byte allows the new count to be loaded on the next CLK pulse. This allows the sequence to be "retriggered" by software. OUT strobes low N + 1 CLK pulses after the new count of N is written.
WR CLK GATE OUT N N N N 0 3 0 2 0 1 0 2 0 1 0 0 FF FF WR CW = 18 LSB = 3
CLK GATE OUT N N N N 0 3 0 2 0 1 0 0 FF FF FF FE FF FD
CW = 18 WR
LSB = 3
CLK
GATE OUT N N N N 0 3 0 3 0 3 0 2 0 1 0 0 FF FF
CW = 18
LSB = 3
LSB = 2
FIGURE 13. MODE 4
MODE 5: HARDWARE TRIGGERED STROBE (RETRIGGERABLE) OUT will initially be high. Counting is triggered by a rising edge of GATE. When the initial count has expired, OUT will go low for one CLK pulse and then go high again. After writing the Control Word and initial count, the counter will not be loaded until the CLK pulse after a trigger. This CLK pulse does not decrement the count, so for an initial count of N, OUT does not strobe low until N + 1 CLK pulses after trigger. A trigger results in the Counter being loaded with the initial count on the next CLK pulse. The counting sequence is triggerable. OUT will not strobe low for N + 1 CLK pulses after any trigger GATE has no effect on OUT. If a new count is written during counting, the current counting sequence will not be affected. If a trigger occurs after the new count is written but before the current count expires, the
14
82C54
Counter will be loaded with new count on the next CLK pulse and counting will continue from there.
CW = 1A LSB = 3 WR
Counter
New counts are loaded and Counters are decremented on the falling edge of CLK. The largest possible initial count is 0; this is equivalent to 216 for binary counting and 104 for BCD counting. The counter does not stop when it reaches zero. In Modes 0, 1, 4, and 5 the Counter "wraps around" to the highest count, either FFFF hex for binary counting or 9999 for BCD counting, and continues counting. Modes 2 and 3 are periodic; the Counter reloads itself with the initial count and continues counting from there.
SIGNAL STATUS MODES 0 1 LOW OR GOING LOW Disables Counting -
CLK
GATE
OUT N N N N N 0 3 0 2 0 1 0 0 FF FF 0 3
CW = 1A LSB = 3 WR
RISING 1) Initiates Counting 2) Resets output after next clock
HIGH Enables Counting -
CLK
GATE
OUT N N N N N N 0 3 0 2 0 3 0 2 0 1 0 0 FF FF
2
CW = 1A LSB = 3 WR
LSB = 5
Initiates Counting Enables Counting 1) Disables counting 2) Sets output immediately high Initiates Counting Enables Counting 1) Disables counting 2) Sets output immediately high 1) Disables Counting Initiates Counting Enables Counting -
3
CLK
GATE
4 5
N N N N N 0 3 0 2 0 1 0 0 FF FF FF FE 0 5 0 4
OUT
FIGURE 15. GATE PIN OPERATIONS SUMMARY MODE 0 1 2 3 4 5 MIN COUNT 1 1 2 2 1 1 MAX COUNT 0 0 0 0 0 0
FIGURE 14. MODE 5
Operation Common To All Modes
Programming
When a Control Word is written to a Counter, all Control Logic, is immediately reset and OUT goes to a known initial state; no CLK pulses are required for this.
Gate
The GATE input is always sampled on the rising edge of CLK. In Modes 0, 2, 3 and 4 the GATE input is level sensitive, and logic level is sampled on the rising edge of CLK. In modes 1, 2, 3 and 5 the GATE input is rising-edge sensitive. In these Modes, a rising edge of Gate (trigger) sets an edge-sensitive flip-flop in the Counter. This flip-flop is then sampled on the next rising edge of CLK. The flip-flop is reset immediately after it is sampled. In this way, a trigger will be detected no matter when it occurs - a high logic level does not have to be maintained until the next rising edge of CLK. Note that in Modes 2 and 3, the GATE input is both edge-and level-sensitive.
NOTE: 0 is equivalent to 216 for binary counting and 104 for BCD counting. FIGURE 16. MINIMUM AND MAXIMUM INITIAL COUNTS
15
82C54 Timing Waveforms
A0 - A1 (9) tAW CS (10) tSW DATA BUS VALID (13) tDW WR (12) tWW tWD (14) tWA (11)
FIGURE 17. WRITE
A0 - A1 tAR (1) CS (2) tSR RD (6) tAD (5) tRD VALID (4) tRR (7) tDF tRA (3)
DATA BUS
FIGURE 18. READ
(8) (15) tRV RD, WR
FIGURE 19. RECOVERY
16
82C54 Timing Waveforms (Continued)
MODE WR (17) tPWH CLK (19) tR GATE COUNT (SEE NOTE) tWC (28) (18) tPWL tGS (23) (24) tGH OUT (27) tWO tODG (26) (22) tGL tF (20) (21) tGW tOD (25) (23) tGS tCL (30)
(16) tCLK
tGH (24)
NOTE: LAST BYTE OF COUNT BEING WRITTEN FIGURE 20. CLOCK AND GATE
Burn-In Circuits
MD82C54 (CERDIP)
VCC Q1 Q2 VCC GND F9 F10 F11 F12 F0 A Q6 GND R1 R1 R1 R1 R1 R1 R1 R1 R2 1 2 3 4 5 6 7 8 9 R1 10 11 12 24 23 22 21 20 19 18 17 16 15 14 13 R1 R2 R1 R1 R1 R1 R1 R1 R2 Q3 VCC GND Q5 Q4 F2 A Q8 F1 Q7 A F0 OPEN R4 A R3 VCC GND F9 F10 F11 F12 R1 R1 R1 R2 R1 R1 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 3 2 1 28 27 26 25 24 23 22 21 20 19 R1 GND R1 R1 R2 R5 R1 Q5 Q4 F2 VCC/2 Q8 OPEN C1 VCC Q2 Q1 OPEN R1 R1 R1
MR82C54 (CLCC)
VCC C1 Q3 VCC R1 R1
R5 R1
R5
R1 R2
VCC/2 Q6 GND VCC/2 Q7 F1 OPEN
NOTES: 1. VCC = 5.5V 0.5V 2. GND = 0V 3. VIH = 4.5V 10% 4. VIL = -0.2V to 0.4V 5. R1 = 47k 5% 6. R2 = 1.0k 5% 7. R3 = 2.7k 5% 8. R4 = 1.8k 5% 9. R5 = 1.2k 5% 10. C1 = 0.01F Min 11. F0 = 100kHz 10% 12. F1 = F0/2, F2 = F1/2, ...F12 = F11/2
17
82C54 Die Characteristics
DIE DIMENSIONS: 129mils x 155mils x 19mils (3270m x 3940m x 483m) METALLIZATION: Type: Si-Al-Cu Thickness: Metal 1: 8kA 0.75kA Metal 2: 12kA 1.0kA GLASSIVATION: Type: Nitrox Thickness: 10kA 3.0kA
Metallization Mask Layout
82C54
D5 D6 D7 VCC WR RD
D4
CS
D3
A1
D2
A0
D1
CLK2
D0
OUT2
CLK0
GATE2
OUT0
GATE0
GND
OUT1
GATE1
CLK1
18
82C54 Dual-In-Line Plastic Packages (PDIP)
N E1 INDEX AREA 12 3 N/2 -B-AD BASE PLANE SEATING PLANE D1 B1 B 0.010 (0.25) M D1 A1 A2 L A C L E
E24.6 (JEDEC MS-011-AA ISSUE B)
24 LEAD DUAL-IN-LINE PLASTIC PACKAGE INCHES SYMBOL A A1 A2 B B1 C D D1 E eA eC
C A BS C
MILLIMETERS MIN 0.39 3.18 0.356 0.77 0.204 29.3 0.13 15.24 12.32 MAX 6.35 4.95 0.558 1.77 0.381 32.7 15.87 14.73 NOTES 4 4 8 5 5 6 5 6 7 4 9 Rev. 0 12/93
MIN 0.015 0.125 0.014 0.030 0.008 1.150 0.005 0.600 0.485
MAX 0.250 0.195 0.022 0.070 0.015 1.290 0.625 0.580
-C-
e
eB
NOTES: 1. Controlling Dimensions: INCH. In case of conflict between English and Metric dimensions, the inch dimensions control. 2. Dimensioning and tolerancing per ANSI Y14.5M-1982. 3. Symbols are defined in the "MO Series Symbol List" in Section 2.2 of Publication No. 95. 4. Dimensions A, A1 and L are measured with the package seated in JEDEC seating plane gauge GS-3. 5. D, D1, and E1 dimensions do not include mold flash or protrusions. Mold flash or protrusions shall not exceed 0.010 inch (0.25mm). 6. E and eA are measured with the leads constrained to be perpendicular to datum -C- . 7. eB and eC are measured at the lead tips with the leads unconstrained. eC must be zero or greater. 8. B1 maximum dimensions do not include dambar protrusions. Dambar protrusions shall not exceed 0.010 inch (0.25mm). 9. N is the maximum number of terminal positions. 10. Corner leads (1, N, N/2 and N/2 + 1) for E8.3, E16.3, E18.3, E28.3, E42.6 will have a B1 dimension of 0.030 - 0.045 inch (0.76 - 1.14mm).
E1 e eA eB L N
0.100 BSC 0.600 BSC 0.115 24 0.700 0.200
2.54 BSC 15.24 BSC 2.93 24 17.78 5.08
19
82C54 Plastic Leaded Chip Carrier Packages (PLCC)
0.042 (1.07) 0.048 (1.22) PIN (1) IDENTIFIER C L 0.042 (1.07) 0.056 (1.42) 0.050 (1.27) TP
N28.45 (JEDEC MS-018AB ISSUE A)
0.004 (0.10) C
28 LEAD PLASTIC LEADED CHIP CARRIER PACKAGE INCHES SYMBOL A A1 MIN 0.165 0.090 0.485 0.450 0.191 0.485 0.450 0.191 28 MAX 0.180 0.120 0.495 0.456 0.219 0.495 0.456 0.219 MILLIMETERS MIN 4.20 2.29 12.32 11.43 4.86 12.32 11.43 4.86 28 MAX 4.57 3.04 12.57 11.58 5.56 12.57 11.58 5.56 NOTES 3 4, 5 3 4, 5 6 Rev. 2 11/97
0.025 (0.64) R 0.045 (1.14)
D2/E2 C L E1 E D2/E2 VIEW "A"
D D1 D2 E E1 E2 N
D1 D 0.020 (0.51) MAX 3 PLCS
A1 A
0.020 (0.51) MIN
SEATING -C- PLANE 0.026 (0.66) 0.032 (0.81) 0.013 (0.33) 0.021 (0.53)
0.045 (1.14) MIN VIEW "A" TYP.
0.025 (0.64) MIN
NOTES: 1. Controlling dimension: INCH. Converted millimeter dimensions are not necessarily exact. 2. Dimensions and tolerancing per ANSI Y14.5M-1982. 3. Dimensions D1 and E1 do not include mold protrusions. Allowable mold protrusion is 0.010 inch (0.25mm) per side. Dimensions D1 and E1 include mold mismatch and are measured at the extreme material condition at the body parting line. 4. To be measured at seating plane -C- contact point. 5. Centerline to be determined where center leads exit plastic body. 6. "N" is the number of terminal positions.
20
82C54 Ceramic Leadless Chip Carrier Packages (CLCC)
0.010 S E H S D D3
J28.A
MIL-STD-1835 CQCC1-N28 (C-4) 28 PAD CERAMIC LEADLESS CHIP CARRIER PACKAGE INCHES SYMBOL A A1 B B1 MIN 0.060 0.050 0.022 MAX 0.100 0.088 0.028 MILLIMETERS MIN 1.52 1.27 0.56 MAX 2.54 2.23 0.71 NOTES 6, 7 2, 4 2 2 2 5 5 3 3 3 Rev. 0 5/18/94
j x 45o
B
E3
E
B2 B3 D D1 D2
0.072 REF 0.006 0.442 0.022 0.460
1.83 REF 0.15 11.23 0.56 11.68
0.300 BSC 0.150 BSC 0.442 0.460 0.460 -
7.62 BSC 3.81 BSC 11.68 11.68
h x 45o 0.010 S E F S A A1 PLANE 2 PLANE 1
D3 E E1 E2 E3 e e1 h j
0.007 M E F S H S B1
11.23
0.300 BSC 0.150 BSC 0.460 -
7.62 BSC 3.81 BSC 11.68 1.27 BSC 0.38 1.02 REF 0.51 REF 1.14 1.14 1.90 0.08 7 7 28 1.40 1.40 2.41 0.038
0.050 BSC 0.015 -
-E-
0.040 REF 0.020 REF 0.045 0.045 0.075 0.003 7 7 28 0.055 0.055 0.095 0.015
L L1
L3
e
L -H-
L2 L3 ND NE N
-FE1 B3
NOTES: 1. Metallized castellations shall be connected to plane 1 terminals and extend toward plane 2 across at least two layers of ceramic or completely across all of the ceramic layers to make electrical connection with the optional plane 2 terminals. 2. Unless otherwise specified, a minimum clearance of 0.015 inch (0.38mm) shall be maintained between all metallized features (e.g., lid, castellations, terminals, thermal pads, etc.) 3. Symbol "N" is the maximum number of terminals. Symbols "ND" and "NE" are the number of terminals along the sides of length "D" and "E", respectively. 4. The required plane 1 terminals and optional plane 2 terminals (if used) shall be electrically connected. 5. The corner shape (square, notch, radius, etc.) may vary at the manufacturer's option, from that shown on the drawing. 6. Chip carriers shall be constructed of a minimum of two ceramic layers. 7. Dimension "A" controls the overall package thickness. The maximum "A" dimension is package height before being solder dipped. 8. Dimensioning and tolerancing per ANSI Y14.5M-1982. 9. Controlling dimension: INCH.
E2
L2 B2
L1
e1
D1
D2
21
82C54 Ceramic Dual-In-Line Frit Seal Packages (CERDIP)
c1 -A-DBASE METAL E b1 M -Bbbb S BASE PLANE SEATING PLANE S1 b2 b ccc M C A-B S AA C A-B S D Q -CA L DS M (b) SECTION A-A (c) LEAD FINISH
F24.6 MIL-STD-1835 GDIP1-T24 (D-3, CONFIGURATION A) 24 LEAD CERAMIC DUAL-IN-LINE FRIT SEAL PACKAGE
INCHES SYMBOL A b b1 b2 b3 c MIN 0.014 0.014 0.045 0.023 0.008 0.008 0.500 MAX 0.225 0.026 0.023 0.065 0.045 0.018 0.015 1.290 0.610 MILLIMETERS MIN 0.36 0.36 1.14 0.58 0.20 0.20 12.70 MAX 5.72 0.66 0.58 1.65 1.14 0.46 0.38 32.77 15.49 NOTES 2 3 4 2 3 5 5 6 7 2, 3 8 Rev. 0 4/94
eA
c1 D E e eA eA/2 L Q S1
e
DS
eA/2
c
0.100 BSC 0.600 BSC 0.300 BSC 0.120 0.015 0.005 90o 24 0.200 0.075 105o 0.015 0.030 0.010 0.0015
2.54 BSC 15.24 BSC 7.62 BSC 3.05 0.38 0.13 90o 24 5.08 1.91 105o 0.38 0.76 0.25 0.038
aaa M C A - B S D S
NOTES: 1. Index area: A notch or a pin one identification mark shall be located adjacent to pin one and shall be located within the shaded area shown. The manufacturer's identification shall not be used as a pin one identification mark. 2. The maximum limits of lead dimensions b and c or M shall be measured at the centroid of the finished lead surfaces, when solder dip or tin plate lead finish is applied. 3. Dimensions b1 and c1 apply to lead base metal only. Dimension M applies to lead plating and finish thickness. 4. Corner leads (1, N, N/2, and N/2+1) may be configured with a partial lead paddle. For this configuration dimension b3 replaces dimension b2. 5. This dimension allows for off-center lid, meniscus, and glass overrun. 6. Dimension Q shall be measured from the seating plane to the base plane. 7. Measure dimension S1 at all four corners. 8. N is the maximum number of terminal positions. 9. Dimensioning and tolerancing per ANSI Y14.5M - 1982. 10. Controlling dimension: INCH.
aaa bbb ccc M N
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems. Intersil Corporation's quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 22


▲Up To Search▲   

 
Price & Availability of IS82C54-10Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X