Part Number Hot Search : 
M3494EZ EM55002 VS6524 E9225M HPLW16 BC63916 81622 TLC331B
Product Description
Full Text Search
 

To Download ICS950818 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Integrated Circuit Systems, Inc.
ICS950818
Frequency Generator with 200MHz Differential CPU Clocks
Recommended Application: CK-408 clock for Brookdale/Odem/Montara-GM for P4/Banias processor. Output Features: * 2 - Differential CPU Clock Pairs @ 3.3V * 8 - PCI (3.3V) @ 33.3MHz including 2 1x/2x selectable PCI clocks * 3 - PCI_F/PCI selectable (3.3V) @ 33.3MHz * 1 - USB (3.3V) @ 48MHz, 1 DOT (3.3V) @ 48MHz * 1 - REF (3.3V) @ 14.318MHz * 4 - 3V66 (3.3V) @ 66.6MHz * 1 - VCH/3V66 (3.3V) @ 48MHz or 66.6MHz Features: * Selectable 1X or 2X strength for REF and PCI via SMBus interface * Programmable group to group skew * Linear programmable frequency and spreading % * Efficient power management scheme through PD#, CPU_STOP# and PCI_STOP#. * Uses external 14.318MHz crystal * Stop clocks and functional control available through SMBus interface. Key Specifications: * CPU Output Jitter <150ps * 3V66 Output Jitter <250ps * CPU Output Skew <100ps
Pin Configuration
X1 X2 GND PCICLK_F0/PCICLK6 PCICLK_F1/PCICLK7 PCICLK_F2/PCICLK8 GND PCICLK0 PCICLK1 *PCICLK2 VDDPCI *PCICLK3 PCICLK4 PCICLK5 VDD3V66 GND 3V66_2 3V66_3 3V66_4 PCICLK9 PD# VDDA GND Vtt_PWRGD# 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 VDDREF REF FS1 CPU_STOP# VDDCPU CPUCLKT0 CPUCLKC0 GND VDDCPU CPUCLKT1 CPUCLKC1 IREF FS0 48MHz_USB 48MHz_DOT VDD48 GND 3V66_1/VCH_CLK PCI_STOP# PCICLK10 VDD3V66 GND SCLK SDATA
48-Pin 6.10 mm. Body, 0.50 mm. pitch TSSOP
*These outputs have selectable 1X/2X strength via SMBus
Block Diagram
PLL2 48MHz_USB 48MHz_DOT X1 X2 XTAL OSC 3V66 (4:2)
Frequency Select Table 1
Freq Sel FS FS 1 0 0 0 1 1 0 1 0 1 CPU MHz 3V66(4:1) MHz 66.66 66.66 66.66 66.66 PCI MHz REF MHz USB/DOT MHz 48.008 48.008 48.008 48.008
PLL1 Spread Spectrum
REF
CPU DIVDER Stop
3 3
100.00 166.67 133.33 200.00
33.33 33.33 33.33 33.33
ICS950818
14.318 14.318 14.318 14.318
CPUCLKT (1:0) CPUCLKC (1:0) PCICLK (10:0)
Vtt_PWRGD# PD# CPU_STOP# PCI_STOP# FS (1:0) SDATA SCLK
Control Logic
PCI DIVDER 3V66 DIVDER
Stop
7
PCICLK_F (2:0)
3
Config. Reg.
3V66_1/VCH_CLK I REF
0825F--11/19/03
ICS950818
Pin Description
PIN # 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 PIN NAME X1 X2 GND PCICLK_F0/PCICLK6 PCICLK_F1/PCICLK7 PCICLK_F2/PCICLK8 GND PCICLK0 PCICLK1 *PCICLK2 VDDPCI *PCICLK3 PCICLK4 PCICLK5 VDD3V66 GND 3V66_2 3V66_3 3V66_4 PCICLK9 PD# VDDA GND Vtt_PWRGD# PIN TYPE IN OUT PWR OUT OUT OUT PWR OUT OUT OUT PWR I/O OUT OUT PWR PWR OUT OUT OUT OUT IN PWR PWR IN DESCRIPTION Crystal input, Nominally 14.318MHz. Crystal output, Nominally 14.318MHz Ground pin. Free running/Non-Free running PCI clock selected by SMBus. Free running/Non-Free running PCI clock selected by SMBus. Free running/Non-Free running PCI clock selected by SMBus. Ground pin. PCI clock output. PCI clock output. PCI clock output. Power supply for PCI clocks, nominal 3.3V PCI clock output. PCI clock output. PCI clock output. Power pin for the 3V66 clocks. Ground pin. 3.3V 66.66MHz clock output 3.3V 66.66MHz clock output 3.3V 66.66MHz clock output PCI clock output. Asynchronous active low input pin used to power down the device into a low power state. The internal clocks are disabled and the VCO and the crystal are stopped. 3.3V power for the PLL core. Ground pin. This 3.3V LVTTL input is a level sensitive strobe used to determine when latch inputs are valid and are ready to be sampled. This is an active low input.
0825F--11/19/03
2
ICS950818
Pin Description (Continued)
PIN # 25 26 27 28 29 30 31 32 33 34 35 36 37 PIN NAME SDATA SCLK GND VDD3V66 PCICLK10 PCI_STOP# 3V66_1/VCH_CLK GND VDD48 48MHz_DOT 48MHz_USB FS0 IREF PIN TYPE I/O IN PWR PWR OUT IN OUT PWR PWR OUT OUT IN OUT DESCRIPTION Data pin for I2C circuitry 5V tolerant Clock pin of I2C circuitry 5V tolerant Ground pin. Power pin for the 3V66 clocks. PCI clock output. Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when input low 3.3V 66.66MHz clock output / 48MHz VCH clock output. Ground pin. Power pin for the 48MHz output.3.3V 48MHz clock output. 48MHz clock output. Frequency select pin. This pin establishes the reference current for the differential current-mode output pairs. This pin requires a fixed precision resistor tied to ground in order to establish the appropriate current. 475 ohms is the standard value. Complimentary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal Ground pin. Complimentary clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. True clock of differential pair CPU outputs. These are current mode outputs. External resistors are required for voltage bias. Supply for CPU clocks, 3.3V nominal Stops all CPUCLK besides the free running clocks Frequency select pin. 14.318 MHz reference clock. Ref, XTAL power supply, nominal 3.3V
38 39 40 41 42 43 44 45 46 47 48
CPUCLKC1 CPUCLKT1 VDDCPU GND CPUCLKC0 CPUCLKT0 VDDCPU CPU_STOP# FS1 REF VDDREF
OUT OUT PWR PWR OUT OUT PWR IN IN OUT PWR
Power Supply
Pin Number VDD 48 11 15, 28 22 33 40, 44 GND 3 7 16, 27 23 32 41 41 Description Xtal, Ref PCICLK outputs 3V66 Master clock, CPU Analog 48MHz, Fix Digital, Fix Analog Inputs CPUCLK clocks
0825F--11/19/03
3
ICS950818
Default Setup of Byte 11-17
CPU (MHz) 100.00 100.00 100.00 100.00 100.00 100.00 SS% 0 0 to -0.5% 0 to -1% +/- 0.25% +/- 0.50% +/- 1.0% 11 8E 8D 90 8E 8E 8E 12 B7 9A ED B7 B7 B7 13 F8 F2 EE 0A 06 15 Bytes 14 17 17 17 18 18 18 Bytes 14 27 27 27 28 28 28 Bytes 14 1F 1F 1F 20 20 20 Bytes 14 2F 2F 2F 30 30 30 15 94 94 94 94 94 94 16 95 95 95 95 95 95 17 0F 0F 0F 0F 0F 0F
CPU (MHz) 166.66 166.66 166.66 166.66 166.66 166.66
SS% 0 0 to -0.5% 0 to -1% +/- 0.25% +/- 0.50% +/- 1.0%
11 87 87 86 87 87 87
12 9B 9A 6B 9B 9B 9B
13 F8 EE E5 15 10 28
15 A4 A4 A4 A4 A4 A4
16 A6 A6 A6 A6 A6 A6
17 0F 0F 0F 0F 0F 0F
CPU (MHz) 133.33 133.33 133.33 133.33 133.33 133.33
SS% 0 0 to -0.5% 0 to -1% +/- 0.25% +/- 0.50% +/- 1.0%
11 86 8B 87 86 86 86
12 22 DB 46 22 22 22
13 F9 F0 EB 10 0C 1F
15 C4 C4 C4 C4 C4 C4
16 C8 C8 C8 C8 C8 C8
17 0F 0F 0F 0F 0F 0F
CPU (MHz) 200.00 200.00 200.00 200.00 200.00 200.00
SS% 0 0 to -0.5% 0 to -1% +/- 0.25% +/- 0.50% +/- 1.0%
11 86 86 84 86 86 86
12 B7 B6 46 B7 B7 B7
13 FB F0 E4 1D 17 34
15 D4 D4 D4 D4 D4 D4
16 D9 D9 D9 D9 D9 D9
17 0F 0F 0F 0F 0F 0F
0825F--11/19/03
4
ICS950818
BYTE 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3
Pin # 31 44 30
Affected Pin Name Spread Enabled CPUCLKT(1:0) 3V66_1/VCH_CLK CPU_STOP# PCI_STOP#
Control Function Spread Spectrum Control Power down mode output level 0= CPU driven in power down 1= undriven VCH/66.66 Select Reflects value of pin Reflects value of pin at power up. Also can be set. (Reserved) Frequency Selection Frequency Selection
Type RW RW RW R RW R R R
Bit Control 0 1 OFF ON x2 IREF 66.66 Stop Stop Hi-Z 48.00 Active Active -
PWD 0 0 0 X X X X X
Bit 2 Bit 1 46 FS1 Bit 0 36 FS0 Note: For PCI_STOP# function, refer to table 2. BYTE 1 Bit 7 Affected Pin Name -
(Reserved) CPU_Stop mode output level Bit 6 CPUCLKT(1:0) 0= CPU driven when stopped 1 = undriven CPUCLKT1, CPUCLKC1 Allow control of output with Bit 5 39, 38 (see note) assertion of CPU_STOP#. CPUCLKT0, CPUCLKC0 Allow control of output with Bit 4 43, 42 (see note) assertion of CPU_STOP#. Bit 3 (Reserved) Bit 2 39, 38 CPUCLKT1, CPUCLKC1 Output control Bit 1 43, 42 CPUCLKT0, CPUCLKC0 Output control Bit 0 (Reserved) Note: CPUCLK(1:0) can be turned on/off by CPU_STOP#. Refer to table 3.
Pin # -
Control Function
Type R RW RW RW R RW RW R
Bit Control 0 1 x2 IREF Not Freerun Not Freerun Disable Disable Hi-Z Freerun Freerun Enable Enable -
PWD X 0 0 0 X 1 1 X
Affected Pin BYTE Control Function 2 Pin # Name Bit 7 47 REF 1X or 0.5X Strength control Bit 6 14 PCICLK5 Output control Bit 5 13 PCICLK4 Output control Bit 4 12 *PCICLK3 Output control Bit 3 Reserved Bit 2 10 *PCICLK2 Output control Bit 1 9 PCICLK1 Output control Bit 0 8 PCICLK0 Output control Note: PCICLK(5:0) can be turned on/off by PCI_STOP#. Refer to table 2.
Type RW RW RW RW X RW RW RW
Bit Control 0 1 1X 0.5X Disable Enable Disable Enable Disable Enable Disable Enable Disable Enable Disable Enable
PWD 0 1 1 1 1 1 1 1
0825F--11/19/03
5
ICS950818
BYTE 3
Control Function Name Bit 7 48MHz_DOT Output control Bit 6 48MHz_USB Output control PCICLK_F2/PCICLK8 (see Allow control of output with Bit 5 6 note) assertion of PCI_STOP#. PCICLK_F1/PCICLK7 (see Allow control of output with Bit 4 5 note) assertion of PCI_STOP#. PCICLK_F0/PCICLK6 (see Allow control of output with Bit 3 4 note) assertion of PCI_STOP#. Bit 2 6 PCICLK_F2/PCICLK8 Output control Bit 1 5 PCICLK_F1/PCICLK7 Output control Bit 0 4 PCICLK_F0/PCICLK6 Output control Note: PCICLK_F(2:0) can be turned on/off by PCI_STOP#. Refer to table 4. Pin # 34 35 Affected Pin Name *PCICLK2 *PCICLK3 PCICLK10 3V66_1/VCH_CLK PCICLK9 3V66_4 3V66_3 3V66_2 Affected Pin Name PD Mode Iref Mirror Enable Reserved 3V66(4:2) (See table 6) 3V66(1) (See table 7) 48MHz_DOT Slew Control 48MHz_USB Slew Control Control Function Output strength (1X/2X) Output strength (1X/2X) Output control Output control Output control Output control Output control Output control Control Function Allow Iref Mirror to be ON during Power Down Mode Reserved Allow control of output with assertion of CPU_STOP#. Allow control of output with assertion of CPU_STOP#. 00 = Medium (default), 01 = Low, 11,10 =High 00 = Medium (default), 01 = Low, 11,10 =High
Affected Pin
Type RW RW RW RW RW RW RW RW
Bit Control 0 Disable Disable Freerun Freerun Freerun Disable Disable Disable 1 Enable Enable Not Freerun Not Freerun Not Freerun Enable Enable Enable PWD 1 1 0 0 0 1 1 1
BYTE 4 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 BYTE 5 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # 10 12 29 31 20 19 18 17
Type R/W R/W RW RW RW RW RW RW Type RW X X X RW RW RW RW
Bit Control 0 1 2X 1X 2X 1X Disable Enable Disable Enable Disable Enable Disable Enable Disable Enable Disable Enable Bit Control 0 1 OFF Freerun Freerun ON Not Freerun Not Freerun -
PWD 1 1 1 1 1 1 1 1
Pin # X X X X 34 35
PWD 0 0 0 0 0 0 0 0
Note: Functions in Byte 5 of CK408 were intended as a test and debug byte only.
0825F--11/19/03
6
ICS950818
BYTE 6 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name Revision ID Bit 3 Revision ID Bit 2 Revision ID Bit 1 Revision ID Bit 0 Vendor ID Bit 3 Vendor ID Bit 2 Vendor ID Bit 1 Vendor ID Bit 0
Control Function Revision ID Value Based on Device Revision (Reserved) (Reserved) (Reserved) (Reserved)
Type R R R R R R R R
Bit Control 0 1 -
PWD 0 0 0 0 0 0 0 1
BYTE 7 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name -
Control Function (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved)
Type X X X X X X X X
Bit Control 0 1 -
PWD 0 0 0 0 1 1 1 0
BYTE 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1
Pin # X X X X X X X
Affected Pin Name -
Control Function (Reserved) (Reserved) (Reserved) (Reserved)
Type X X X X R R R
Readback Byte Count
Bit Control 0 1 -
PWD 0 0 0 0 1 1 1
Bit 0 X R 1 Note: Byte 8 is for ICS test only. Do not write as system damage may occur. Bit(3:0) contain the readback Byte count. BYTE 9 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Affected Pin Name Bit Control 0 1 -
Pin # X X X X X X X X
Control Function (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved)
Type X X X X X X X X
PWD 0 0 0 0 0 0 0 0
0825F--11/19/03
7
ICS950818
BYTE 10 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name -
Control Function M/N Enable (Enable access to Byte 11 - 14) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved) (Reserved)
Type RW X X X X X X X
Bit Control 0 1 Byte HW/B0 (11-14) -
PWD 0 0 1 1 1 1 1 0
BYTE Affected Pin Bit Control Control Function Type 11 Pin # Name 0 1 Bit 7 X VCO Divider Bit8 RW Bit 6 X REF Divider Bit6 RW Bit 5 X REF Divider Bit5 RW Bit 4 X REF Divider Bit4 RW Bit 3 X REF Divider Bit3 RW Bit 2 X REF Divider Bit2 RW Bit 1 X REF Divider Bit1 RW Bit 0 X REF Divider Bit0 RW Note: The decimal representation of these 7 bits (Byte 11 bit[6:0]) + 2 is equal to the REF divider value.
PWD X X X X X X X X
BYTE 12 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name -
Control Function VCO VCO VCO VCO VCO VCO VCO VCO Divider Bit7 Divider Bit6 Divider Bit5 Divider Bit4 Divider Bit3 Divider Bit2 Divider Bit1 Divider Bit0
Type RW RW RW RW RW RW RW RW
Bit Control 0 1 -
PWD X X X X X X X X
Note: The decimal representation of these 9 bits (Byte 12 bit[7:0]) and Byte 11 bit [7]) + 8 is equal to the VCO divider value.
BYTE 13 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name -
Control Function Spread Spectrum Bit7 Spread Spectrum Bit6 Spread Spectrum Bit5 Spread Spectrum Bit4 Spread Spectrum Bit3 Spread Spectrum Bit2 Spread Spectrum Bit1 Spread Spectrum Bit0
Type RW RW RW RW RW RW RW RW
Bit Control 0 1 -
PWD X X X X X X X X
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread percentage may cause system failure.
0825F--11/19/03
8
ICS950818
BYTE 14 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Pin # X X X X X X X X
Affected Pin Name -
Control Function (Reserved) (Reserved) Spread Spectrum Bit13 Spread Spectrum Bit12 Spread Spectrum Bit11 Spread Spectrum Bit10 Spread Spectrum Bit9 Spread Spectrum Bit8
Type RW RW RW RW RW RW RW RW
Bit Control 0 1 -
PWD X X X X X X X X
Note: Please utilize software utility provided by ICS Application Engineering to configure spread spectrum. Incorrect spread percentage may cause system failure.
0825F--11/19/03
9
ICS950818
Table 2 PCI_STOP# SMBus Control Table-Byte 0, Bit 3
PCI_STOP# (Pin 30) Byte 0 Bit 3 Write Bit Byte 0, Bit 3 Read Bit (Internal Status) 0 0 0 1 are stopped.
0 0 0 1 1 0 1 1 Note: When this Byte 0, Bit 3 is low (0), all PCI clocks
Table 3 CPUCLKT/C (1:0) Outputs SMBus Control Table
CPU_STOP# Byte 1 CPUCLKT/C (1:0) Outputs Bit 4, 5 (Pin 45) 0 0 Stop 0 1 Running 1 0 Running 1 1 Running Note: Individual CPUCLK outputs are controlled by Byte 1, Bit 4, and 5.
Table 4 PCICLK_F (2:0) Outputs SMBus Control Table
Byte 3 PCI_STOP# PCICLK (2:0) Outputs Bit 3, 4, 5 (Pin 30) 0 0 Stop 0 1 Running 1 0 Running 1 1 Running Note: Individual PCICLK outputs are controlled by Byte 3, Bit 3, 4, and 5.
Table 5 3V66 (4:2) SMBus Control Table
CPU_STOP# (Pin 45) Byte 5 Bit 5 3V66 (4:2)
0 0 Running 0 1 Stopped 1 0 Running 1 1 Running Note: Activating Byte 5, Bit 5 will allow CPU_STOP# to control stop of pins 17, 18, and 19
Table 6 3V66 (1) SMBus Control Table
CPU_STOP# Byte 5 3V66 (1) (Pin 45) Bit 4 0 0 Running 0 1 Stopped 1 0 Running 1 1 Running Note: Activating Byte 5, Bit 4 will allow CPU_STOP# to control stop of pins 31.
0825F--11/19/03
10
ICS950818
Absolute Maximum Ratings
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V Logic Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5 V to VDD + 0.5 V Ambient Operating Temperature . . . . . . . . . . 0C to +90C Case Temperature . . . . . . . . . . . . . . . . . . . . . . 115C Storage Temperature . . . . . . . . . . . . . . . . . . . . -65C to +150C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. These ratings are stress specifications only and functional operation of the device at these or any other conditions above those listed in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect product reliability.
Electrical Characteristics - Input/Supply/Common Output Parameters
TA = 0 - 90C; Supply Voltage VDD = 3.3 V +/-5% PARAMETER Input High Voltage Input Low Voltage SYMBOL VIH VIL IIH Input High Current IIH I IL1 Input Low Current I IL2 IDD3.3OP Operating Supply Current IDD3.3OP Powerdown Current Input Frequency Pin Inductance Input Capacitance1
1,2
CONDITIONS
MIN 2 VSS-0.3
TYP
MAX VDD+0.3 0.8 5.75 200
UNITS V V mA A mA A
VIN = VDD; Inputs with no pull-down resistors VIN = VDD; Inputs with pull-down resistors VIN = 0 V; Inputs with no pull-up resistors VIN = 0 V; Inputs with pull-up resistors CL = Full load; Select @ 100 MHz CL =Full load; Select @ 133 MHz IREF=5 mA VDD = 3.3 V Logic Inputs Output pin capacitance X1 & X2 pins From PowerUp or deassertion of PowerDown to 1st clock. Output enable delay (all outputs) Output disable delay (all outputs)
-5.75 -200 182 189 14 9 14.32 280 280 52 0.5 7 5 6 45 2.1 1 1 12 12
mA mA mA mA MHz nH pF pF pF ms ns ns
IDD3.3PD IDD3.3PDHIz Fi Lpin CIN COUT CINX TSTAB t PZH,tPZL t PHZ,tPLZ
27
Clk Stabilization Delay 1
1 2
Guaranteed by design, not 100% tested in production. See timing diagrams for buffered and un-buffered timing requirements.
0825F--11/19/03
11
ICS950818
Electrical Characteristics - CPU (0.7V Select) 100MHz
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER Current Source Output Impedance Average Period Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle Skew Jitter, Cycle to cycle
1
SYMBOL Zo
1
CONDITIONS VO = V x Fig. 1 Statistical measurement on single ended signal using oscilloscope math function. Measurement on single ended signal using absolute value. Fig. 3 Variation of crossing over all edges (Fig. 4) VOL = 0.175V, VOH = 0.525V (Fig. 3) VOH = 0.525V VOL = 0.175V (Fig. 3)
MIN 3000 10.00 660 -150 -450 250 175 175
TYP 10.02 757.1 9.067 774.7 3 386.1 41.57 552.8 558.7 34.25 45.5 50.58 60.5 65.25
MAX UNITS 10.20 850 150 1150 550 140 810 810 125 125 55 100 175 ns mV mV mV mV ps ps ps ps % ps ps
TPERIOD VHigh VLow Vovs Vuds Vcross(abs) d-Vcross tr tf d-tr d-tf dt3 t sk3 t jcyc-cyc 1
Measurement from differential wavefrom (Fig 1) VT = 50% VT = 50% (Fig. 1)
45
Guaranteed by design, not 100% tested in production.
Electrical Characteristics - CPU (0.7V Select) 133.33MHz
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER Current Source Output Impedance Average Period Voltage High Voltage Low Max Voltage Min Voltage Crossing Voltage (abs) Crossing Voltage (var) Rise Time Fall Time Rise Time Variation Fall Time Variation Duty Cycle Skew Jitter, Cycle to cycle
1
SYMBOL Zo1 TPERIOD VHigh VLow Vovs Vuds Vcross(abs) d-Vcross tr tf d-tr d-tf dt3 tsk3 tjcyc-cyc
1
CONDITIONS VO = Vx Fig. 1 Statistical measurement on single ended signal using oscilloscope math function. Measurement on single ended signal using absolute value. Fig. 3 Variation of crossing over all edges (Fig. 4) VOL = 0.175V, VOH = 0.525V (Fig. 3) VOH = 0.525V VOL = 0.175V (Fig. 3)
MIN 3000 7.50 660 -150 -450 250 175 175
TYP 7.58 757 9 775 3 386 42 553 559 34 46
MAX UNITS 7.65 850 150 1150 550 140 810 810 125 125 55 100 175 ns mV mV mV mV ps ps ps ps % ps ps
Measurement from differential wavefrom (Fig 1) VT = 50% VT = 50% (Fig. 1)
45
51 61 65
Guaranteed by design, not 100% tested in production.
0825F--11/19/03
12
ICS950818
Electrical Characteristics - 3V66
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified) PARAMETER Output Impedance Average Period Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle Skew
1
SYMBOL 1 RDSP1 TPERIOD VOH 1 VOL IOH IOL
1 1
1
1 tr1 1 tf1 1 dt1 1 tsk1 1 tjcyc-cyc
CONDITIONS VO = VDD*(0.5) Fig. 8 IOH = -1 mA IOL = 1 mA V OH = 1.0 V V OH = 3.135 V VOL = 1.95 V VOL = 0.4 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VT = 1.5 V (Fig. 8) VT = 1.5 V
MIN 12 15.00 2.05
-33 26 0.5 0.5 45
TYP 64.50 15.01 3.24 0.06 -90 -14 35 103 1.74 1.45 52.05 13.50 158.75
MAX 65 15.30 0.65 -33
UNITS ns V V
mA 38 2.3 2.3 55 250 290
ns ns % ps ps
VT = 1.5 V (Fig. 8) Jitter Guaranteed by design, not 100% tested in production.
Electrical Characteristics - VCH, 48MHz DOT, 48MHz, USB
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER SYMBOL CONDITIONS FO1 Output Frequency Fig. 8 VO = VDD*(0.5) Output Impedance RDSP11 1 IOH = -1 mA Output High Voltage VOH 1 IOL = 1 mA Output Low Voltage VOL V OH = 1.0 V 1 Output High Current IOH V OH = 3.135 V VOL = 0.4 V Output Low Current IOL1 VOL 1.95 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) 48DOT Rise Time tr11 1 VOH = 2.4 V, VOL = 0.4 V (Fig. 7) 48DOT Fall Time tf1 1 VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VCH 48 USB Rise Time tr1 1 VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VCH 48 USB Fall Time tf1 1 VT = 1.5 V (Fig. 8) 48 DOT Duty Cycle dt1 VCH 48 USB Duty Cycle 48 DOT Jitter USB to DOT Skew VCH Jitter
1
MIN 20 2.05
-20 25 0.5 0.5 1 1 45 45
dt11 tjcyc-cyc 1 tsk1 tjcyc-cyc1
1
VT = 1.5 V (Fig. 8) VT = 1.5 V (Fig. 8) VT = 1.5 V (0 OR 180 degrees) VT = 1.5 V (Fig. 8)
TYP 48.008 52.50 3.24 0.06 -53 -7 21 60 0.86 0.86 1.37 1.37 51.10 52.80 182.63 0.13 153.25
MAX 70 0.5 -29 27 1.15 1.15 2.3 2.3 55 55 410 1 410
UNITS MHz V V mA mA ns ns ns ns % % ps ns ps
Guaranteed by design, not 100% tested in production.
0825F--11/19/03
13
ICS950818
Electrical Characteristics - PCICLK_F, PCICLK 1X
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified) PARAMETER Output Impedance Average Period Output High Voltage Output Low Voltage Output High Current Output Low Current SYMBOL 1 RDSP1 TPERIOD VOH 1 VOL IOH IOL
1 1
1
1 Rise Time tr1 1 Fall Time tf1 1 Duty Cycle dt1 1 Skew tsk1 1 Jitter,cycle to cyc tjcyc-cyc 1 Guaranteed by design, not 100% tested in production.
CONDITIONS VO = VDD*(0.5) Fig. 8 IOH = -1 mA IOL = 1 mA V OH = 1.0 V V OH = 3.135 V VOL = 1.95 V VOL = 0.4 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VT = 1.5 V (Fig. 8) VT = 1.5 V VT = 1.5 V (Fig. 8)
MIN 12 30.00 2.05
-33 26 0.5 0.5 45
TYP 52.50 30.03 3.24 0.06 -90 -14 35 103 1.79 1.82 51.57 136.00 151.5
MAX 65
0.65 -33
UNITS ns V V
mA 38 2.3 2.3 55 500 290
ns ns % ps ps
Electrical Characteristics - PCICLK (3:2) 2X
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-30 pF (unless otherwise specified) PARAMETER Output Impedance Average Period Output High Voltage Output Low Voltage Output High Current Output Low Current SYMBOL 1 RDSP1 TPERIOD VOH1 VOL1 IOH1 IOL
1
Rise Time tr11 Fall Time tf11 1 Duty Cycle dt1 Skew tsk11 Jitter,cycle to cyc tjcyc-cyc1 1 Guaranteed by design, not 100% tested in production.
CONDITIONS VO = VDD*(0.5) Fig. 8 IOH = -1 mA IOL = 1 mA V OH = 1.0 V V OH = 3.135 V VOL = 1.95 V VOL = 0.4 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VT = 1.5 V (Fig. 8) VT = 1.5 V VT = 1.5 V (Fig. 8)
MIN
0.4 -28 26 0.5 0.5 45
TYP 52.5 30.03 3.24 0.06 -100 -17 44 100 1.75 1.80 51.95 136 151.5
MAX
2.7 -60 60 2.3 2.3 55 500 290
UNITS ns V V
mA
ns ns % ps ps
0825F--11/19/03
14
ICS950818
Electrical Characteristics - REF (1X select)
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 10-20 pF (unless otherwise specified) PARAMETER Output Frequency Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle SYMBOL FO1 RDSP1 1 VOH 1 VOL IOH IOL
1 1
1
tr1 1 tf1 1 dt1
1 tjcyc-cyc
1
CONDITIONS Fig. 8 VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA V OH = 1.0 V V OH = 3.135 V VOL = 0.4 V VOL 1.95 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VT = 1.5 V
MIN 20 2.05
-25 26 1 1 45
TYP 14.318 52.50 3.24 0.06 -70 -12 30 60 1.98 54.50 242
MAX 70 0.45 -29 38 2.3 2.3 55 1200
UNITS MHz V V
mA
ns ns % ps
VT = 1.5 V (Fig. 8) Jitter 1 Guaranteed by design, not 100% tested in production.
Electrical Characteristics - REF (2X select)
TA = 0 - 90C; VDD=3.3V +/-5%; CL = 20-40 pF (unless otherwise specified) PARAMETER Output Frequency Output Impedance Output High Voltage Output Low Voltage Output High Current Output Low Current Rise Time Fall Time Duty Cycle
1
SYMBOL FO1 RDSP11 VOH1 1 VOL IOH1 IOL
1
tr1 1 tf1 dt11
1
CONDITIONS Fig. 8 VO = VDD*(0.5) IOH = -1 mA IOL = 1 mA V OH = 1.0 V V OH = 3.135 V VOL = 0.4 V VOL 1.95 V VOL = 0.4 V, VOH = 2.4 V (Fig. 7) VOH = 2.4 V, VOL = 0.4 V (Fig. 7) VT = 1.5 V
MIN
2.7
-28 26 1 1 45
TYP 14.318 52.5 3.24 0.06 -100 -17 44 100 1.98 54.70 242
MAX
0.4 -60 60 2.3 2.3 55 1200
UNITS MHz V V
mA
ns ns % ps
1 VT = 1.5 V (Fig. 8) Jitter tjcyc-cyc Guaranteed by design, not 100% tested in production.
0825F--11/19/03
15
ICS950818
PCI_STOP# - Assertion (transition from logic "1" to logic "0") The impact of asserting the PCI_STOP# signal will be the following. All PCI[10:0] and stoppable PCI_F clocks will latch low in their next high to low transition. The PCI_STOP# setup time tsu is 10 ns, for transitions to be recognized by the next rising edge. Assertion of PCI_STOP# Waveforms
PCI_STOP# PCI_F 33MHz PCI 33MHz
tsu
CPU_STOP# - Assertion (transition from logic "1" to logic "0") The impact of asserting the CPU_STOP# pin is all CPU outputs that are set in the SMBus configuration to be stoppable via assertion of CPU_STOP# are to be stopped after their next transition. When the SMBus Bit 6 of Byte 1 is programmed to '0' the final state of the stopped CPU signals is CPU = High and CPU# = Low. There is to be no change to the output drive current values. The CPU will be driven high with a current value equal to (Mult 0 'select') x (Iref), the CPU# signal will not be driven . When the SMBus Bit 6 of Byte 1 is programmed to '1' then final state of the stopped CPU signals is Low, both CPU and CPU# outputs will not be driven. Assertion of CPU_STOP# Waveforms
CPU_STOP# CPUCLKT CPUCLKC
CPU_STOP# Functionality
CPU_STOP# 1 0
CPUT Normal iref * Mult
CPUC Normal Float
Group to Group Skews at Common Transition Edges: Unbuffered Mode
GROUP 3V66 to PCI1,2
1 2
SYMBOL S3V66-PCI
CONDITIONS 3V66 (4:1) leads 33MHz PCI
MIN 1.5
TYP 2.765
MAX 3.5
UNITS ns
Guaranteed by design, not 100% tested in production. 500ps Tolerance
0825F--11/19/03
16
ICS950818
CPU_STOP# - De-assertion (transition from logic "0" to logic "1") All CPU outputs that were stopped are to resume normal operation in a glitch free manner. The maximum latency from the de-assertion to active outputs is to be defined to be between 2 - 6 CPU clock periods (2 clocks are shown). If the SMBus Bit 6 of Byte 1 is programmed to "1" then the stopped CPU outputs will be driven High within 10 nS of CPU_Stop# de-assertion.
De-assertion of CPU_STOP# Waveforms
CPU_STOP# CPUCLKT(2:0) Tdrive_CPU_STOP# <10ns @ 200mV *CPUCLKT(2:0)TS CPUCLKC(2:0) *Signal TS is CPUCLKT in Tri-State mode
PD# - Assertion (transition from logic "1" to logic "0") When PWRDWN# is sampled low by two consecutive rising edges of CPU clock, then all clock outputs except CPU clocks must be held low on their next high to low transitions. When the SMBUS Bit 6 of Byte 0 is programmed to '0' CPU clocks must be held with the CPU clock pin driven high with a value of 2 x Iref, and CPU# undriven. If Bit 6 of Byte 0 is '1' then both CPU and CPU# are undriven. Note the example below shows CPU = 133 MHz and Bit 6 of Byte 0 = '0', this diagram and description is applicable for all valid CPU frequencies 66, 100, 133, 200 MHz. Due to the state if the internal logic, stopping and holding the REF clock outputs in the LOW state may require more than one clock cycle to complete. Power Down Assertion of Waveforms
0ns PD# CPUCLKT 100MHz CPUCLKC 100MHz 3V66MHz PCICLK 33MHz USB 48MHz REF 14.318MHz 25ns 50ns
PD# Functionality
PD# 1 0
0825F--11/19/03
CPUCLKT Normal iref * Mult
CPUCLKC Normal Float
3V66 66MHz Low
PCICLK_F PCICLK
33MHz
USB/DOT 48MHz 48MHz Low
Low
17
ICS950818
Power Down De-Assertion Mode The power-up latency needs to be less than 1.8mS. this is the time from the de-asseration of the powerdown of the ramping of the power supply until the time that stable clocks are output from the clock chip. If the SMBus Bit 6 of Byte 0 is programmed to "1" then the stopped CPU outputs will be driven high within 3 nS of PD# de-asseration.
Test Configuration Diagram
Rs=33 Ohms 5% TLA
CLK408
Rs=33 Ohms 5% TLB
CPUCLKT test point
Rp=49.9 Ohms 1% Rset=475 Ohms 1%
Rp=49.9 Ohms 1% 2pF 5% 2pF 5%
CPUCLKC test point
MULTSEL Pin must be High
CPU 0.7V Configuration test load board termination
0825F--11/19/03
18
ICS950818
Shared Pin Operation Input/Output Pins
The I/O pins designated by (input/output) serve as dual signal functions to the device. During initial power-up, they act as input pins. The logic level (voltage) that is present on these pins at this time is read and stored into a 5-bit internal data latch. At the end of Power-On reset, (see AC characteristics for timing values), the device changes the mode of operations for these pins to an output function. In this mode the pins produce the specified buffered clocks to external loads. To program (load) the internal configuration register for these pins, a resistor is connected to either the VDD (logic 1) power supply or the GND (logic 0) voltage potential. A 10 Kilohm (10K) resistor is used to provide both the solid CMOS programming voltage needed during the power-up programming period and to provide an insignificant load on the output clock during the subsequent operating period. Figure 1 shows a means of implementing this function when a switch or 2 pin header is used. With no jumper is installed the pin will be pulled high. With the jumper in place the pin will be pulled low. If programmability is not necessary, than only a single resistor is necessary. The programming resistors should be located close to the series termination resistor to minimize the current loop area. It is more important to locate the series termination resistor close to the driver than the programming resistor.
Programming Header Via to Gnd Device Pad 2K W
Via to VDD
8.2K W Clock trace to load Series Term. Res.
Fig. 1
0825F--11/19/03
19
ICS950818
N
c
L
INDEX AREA
E1
E
12 D
a
A2 A1
A
6.10 mm. Body, 0.50 mm. Pitch TSSOP (240 mil) (20 mil) In Millimeters In Inches SYMBOL COMMON DIMENSIONS COMMON DIMENSIONS MIN MAX MIN MAX A -1.20 -.047 A1 0.05 0.15 .002 .006 A2 0.80 1.05 .032 .041 b 0.17 0.27 .007 .011 c 0.09 0.20 .0035 .008 SEE VARIATIONS SEE VARIATIONS D 8.10 BASIC 0.319 BASIC E E1 6.00 6.20 .236 .244 0.50 BASIC 0.020 BASIC e L 0.45 0.75 .018 .030 SEE VARIATIONS SEE VARIATIONS N a 0 8 0 8 aaa -0.10 -.004 VARIATIONS
-Ce
b SEATING PLANE
N 48
10-0039
D mm. MIN 12.40 MAX 12.60 MIN .488
D (inch) MAX .496
Reference Doc.: JEDEC Publication 95, MO-153
aaa C
(240 mil) 6.10 mm. Body, 0.50 mm. pitch TSSOP (20 mil)
Ordering Information
ICS950818yGT
Example:
ICS95 XXXX y G - T
Designation for tape and reel packaging Package Type G=TSSOP Revision Designator (will not correlate with datasheet revision) Device Type Prefix ICS, AV = Standard Device
0825F--11/19/03
20


▲Up To Search▲   

 
Price & Availability of ICS950818

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X