Part Number Hot Search : 
SE97TK GZ223 TS240S AD8691 MJTP1194 BL8548 AME8841 RCWE2010
Product Description
Full Text Search
 

To Download IAS010ZG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IAS SERIES - 12 WATT
DESCRIPTION IAS DC/DC converters provide up to 12 watts of output power in an industry-standard package and footprint. With a maximum case temperature of 100C, the IAS is well suited for the most demanding applications. The IAS features 1500 VDC isolation, short circuit, and overtemperature protection, as well as six-sided shielding. The IAS is available with optional enable and voltage trim pins. Please see the IAD series for dual output applications. FEATURES * Industry Standard Package * Industry Standard Footprint * Up to 12W Output * 100C Case Operation
18 - 36 VDC 34 - 75 VDC 25 mA Shunt Diode
TECHNICAL SPECIFICATIONS
Input Voltage Range 24 VDC Nominal 48 VDC Nominal Reflected Ripple Input Reverse Input Current
* Optional Trim and Enable * Wide Range Input * 1500V Isolation * Short Circuit Protection
General Turn-On Time Remote Shutdown Switching Frequency Isolation Input - Output Input - Case (24 Vin) Output - Case (48 Vin) Temperature Coefficient Case Temperature Operating Range Storage Range Humidity Max., Non-Condensing Vibration, 3 Axes, 5 Min Each MTBF (Bellcore Tr-nwt-000332) Safety Weight (Approx.) 10 mS Positive Logic 375 kHz 1500 VDC 1050 VDC 500 VDC 0.03%/C -40 To +100C -55 To +115C 95% 5 g, 10 - 55 Hz 2.1 X 106 hrs UL, cUL, VDE 1.0 oz
Output Setpoint Accuracy Line Regulation Vin Min. - Vin Max., Iout Rated Load Regulation Iout Min. - Iout Max., Vin Nom. Minimum Output Current Dynamic Regulation, Loadstep Pk Deviation Settling Time Voltage Trim Range Short Circuit / Overcurrent Protection Current Limit Threshold Range, % of Iout Rated 1% 0.2% Vout 0.5% Vout 10 % Iout Rated 25% Iout 4% Vout 500 mS 10% Shutdown / Hiccup 110 - 140%
Efficiency vs. Load (24V Input)
85 80 75
EFFICIENCY%
Notes MTBF predictions may vary slightly from model to model. Specifications typically at 25C, normal line, and full load, unless otherwise stated. Soldering Conditions: I/O pins, 260C, ten seconds; fully compatible with commercial wave-soldering equipment. Safety: Agency approvals may vary from model to model. Please consult factory for specific model information. Units are water-washable and fully compatible with commercial spray or immersion post wave-solder washing equipment.
70 65
IAS010YG EFF. (18v)
60 55 50 45 40 10 20 30 40 50 60 70 80 90 100
LOAD %
EFF. (24v) EFF. (36v)
REV. 08/30/01
3
IAS SERIES - 12 WATT
MODELS - (See the last page of Section for options.)
MODEL INPUT VOLTAGE (VOLTS) INPUT VOLTAGE RANGE (VOLTS) MAXIMUM INPUT CURRENT (AMPS)* OUTPUT VOLTAGE (VOLTS) RATED OUTPUT CURRENT (AMPS) RIPPLE & NOISE pk-pk (mV) TYPICAL EFFICIENCY**
IAS012YG IAS012YH IAS012YJ IAS006ZE IAS010ZG IAS012ZH IAS012ZJ
NOTES:
24 24 24 48 48 48 48
18-36 18-36 18-36 34-75 34-75 34-75 34-75
0.81 0.81 0.79 0.26 0.36 0.43 0.43
12 12 15 3.3 5 12 15
1.0 1.0 0.8 2.0 2.0 1.0 0.8
120 120 150 75 75 120 150
85% 85% 86% 75% 81% 85% 86%
* Maximum input current at minimum input voltage, maximum rated output power. ** At nominal Vin, rated output.
MECHANICAL DRAWING
1.00" (25.4mm) 0.18" MIN. (4.6mm)
4 0
5
6
2.00" (50.8mm) 1 0.800"(20.3mm) 2 3
DIA 0.040" (1.0mm)
1.40"(35.6mm) 0 0.900" (22.9mm) 0.800" (20.3mm) 0.42" (10.7mm)
0.300" (7.6mm) 0.400" (10.2mm)
BOTTOM VIEW
0.500" (12.7mm)
Thermal Impedance Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 15.4 C/W 12.2 C/W 9.3 C/W 7.4 C/W 6.4 C/W
Pin 1 2 3 4 5
Function +Vin -Vin No Pin (Shutdown) +Vout No Pin (Trim) -Vout Inches: .XX 0.020 .XXX 0.010 Pin: 0.002
Tolerances (Millimeters) .X 0.5 .XX 0.25
0.05
Note: Thermal impedance data is dependent on many environmental factors. The exact thermal performance should be validated for specific application.
6
Case: + 0.04, - 0.00
+ 1.0, - 0.00
(Dimensions as listed unless otherwise specified.)
4
OPTIONS
When ordering equipment options, use the following suffix information. Select the option(s) that you prefer and add them to the model number. Example ordering options are located below the options table.
Negative Logic
OPTION SUFFIX
N T
Lucent-Compatible Trim Terminal Strip Trim Enable Trim and Enable Current Share Headerless
PIN LENGTH AND HEATSINK OPTIONS
TS 1 2 3 4 Y 8 9 1H 1V 2H 2V 3H 3V
HAS, HBD, HBS, HES, HLS, LES, QBS, QES, QLS, TES, TQD HAS, HBD, HBS, HES, HLS, QBS, QES, QLS XWS, XWD, XWT IAS, LES IAD, IAS, LES, SMS IAS, LES SMS Encapsulated EWS, IWS, OWS All Units (Except SMS) All Units (Except SMS) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages) All Units (Except DIP, HLS, HLD, QLS, SIP, SM, TLD, and TKD Packages)
APPLICABLE SERIES
TTL Low Turns Module ON TTL High Turns Module OFF
REMARKS
0.110 (2.8mm) Pin Length 0.150 (3.8mm) Pin Length 0.24 (6.1mm) Horizontal Heatsink 0.24 (6.1mm) Vertical Heatsink 0.45 (11.4mm) Horizontal Heatsink 0.45 (11.4mm) Vertical Heatsink 0.95 (24.1mm) Horizontal Heatsink 0.95 (24.1mm) Vertical Heatsink
Standard Pin Length is 0.180 (4.6mm) Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad Includes Thermal Pad
Example Options: HBS050ZG-ANT3V = HBS050ZG-A with negative logic, Lucent-compatible trim, and 0.95 vertical heatsink. LES015YJ-3N = LES015YJ with optional trim and enable, negative logic. QBS066ZG-AT8 = QBS066ZG-A with Lucent compatible trim and 0.110 pin length.
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc. TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are subject to change without notice.
5


▲Up To Search▲   

 
Price & Availability of IAS010ZG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X